Part Number Hot Search : 
GFC210 16M44VLA CXA2559 100IND SP8503 MA3J745 P1000 SMAJ18CA
Product Description
Full Text Search
 

To Download MCR03EZPFX1002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev 16.0 1 pd-97509 ir3843ampbf features ? wide input voltage range 1.5v to 21v ? wide output voltage range 0.7v to 0.9*vin ? continuous 3a load capability ? integrated bootstrap-diode ? high bandwidth e/a for excellent transient performance ? programmable switching frequency up to 1.2mhz ? programmable over current protection ? pgood output ? hiccup current limit ? precision reference voltage (0.7v, +/-1%) ? programmable soft-start ? enable input with voltage monitoring capability ? enhanced pre-bias start-up ? seq input for tracking applications ? -40 o c to 125 o c operating junction temperature ? thermal protection ? multiple current ratings in pin compatible footprint ? 5mm x 6mm power qfn package, 0.9 mm height ? lead-free, halogen-free and rohs compliant applications ? server applications ? storage applications ? embedded telecom systems ? distributed point of load power architectures fig. 1. typical application diagram description the ir3843a supirbuck tm is an easy-to-use, fully integrated and highly efficient dc/dc synchronous buck regulator. the mosfets co- packaged with the on-chip pwm controller make ir3843a a space-efficient solution, providing accurate power delivery for low output voltage applications. ir3843a is a versatile regulator which offers programmability of start up time, switching frequency and current limit while operating in wide input and output voltage range. the switching frequency is programmable from 250khz to 1.2mhz for an optimum solution. it also features important protection functions, such as pre-bias startup, hiccup current limit and thermal shutdown to give required system level security in the event of fault conditions. highly efficient integrated 3a synchro nous buck regulator sup ir buck tm boot vcc fb comp gnd pgnd sw ocset ss/ sd 4.5v rev 16.0 2 pd-97509 ir3843ampbf 14 13 absolute maximum ratings (voltages referenced to gnd unless otherwise specified) ? vin ????????????????????. -0.3v to 25v ? vcc ??????.?.?????.??..???.?? -0.3v to 8v (note2) ? boot ??????????????..???.?. -0.3v to 33v ? sw ???????????? ????..??? -0.3v to 25v(dc), -4v to 25v(ac, 100ns) ? boot to sw ??..???????????.?..?.. -0.3v to vcc+0.3v (note1) ? ocset ????????????????.??. -0.3v to 30v, 30ma ? input / output pins ????????????.. ... -0.3v to vcc+0.3v (note1) ? pgnd to gnd ?????...??????????.. -0.3v to +0.3v ? storage temperature range ................. .................. -55c to 150c ? junction temperature range .......... ......................... -40c to 150c (note2) ? esd classification ??????????? ??? jedec class 1c ? moisture sensitivity level??????...??????jedec level 2@260 c (note5) stresses beyond those listed under ?absolute maxi mum ratings? may cause pe rmanent damage to the device. these are stress ratings only and functiona l operation of the device at these or any other conditions beyond those indicated in the operationa l sections of the specifications are not implied. note1: must not exceed 8v note2: vcc must not exceed 7.5v for junction temperature between -10 o c and -40 o c w / c 2 w / c 35 o pcb j o ja = = - package information 5mm x 6mm power qfn 4000 15 ir3843amtrpbf m 750 parts per reel 15 pin count ir3843amtr1pbf package description m package designator ordering information 12 11 10 pgnd 15 gnd 1 23 4 5 6 7 8 9 seq fb comp gnd rt ss ocset pgood v cc enable boot v in sw
rev 16.0 3 pd-97509 ir3843ampbf block diagram fig. 2. simplified block diagram of the ir3843a
rev 16.0 4 pd-97509 ir3843ampbf pin description pin name description 1 seq sequence pin. use two external resistors to set simultaneous power up sequencing. if this pin is not used connect to vcc. 2 fb inverting input to the error amplifier. this pin is connected directly to the output of the regulator via resistor divider to set the output voltage and provide feedback to the error amplifier. 3 comp output of error amplifier. an external resistor and capacitor network is typically connected from this pin to fb pin to provide loop compensation. 4 gnd signal ground for internal reference and control circuitry. 5 rt set the switching frequency. connect an external resistor from this pin to gnd to set the switching frequency. 6 ss/sd soft start / shutdown. this pin provides user programmable soft-start function. connect an external capacitor from this pin to gnd to set the start up time of the output voltage. the converter can be shutdown by pulling this pin below 0.3v. 7 ocset current limit set point. a resistor from this pin to sw pin will set the current limit threshold. 8 pgood power good status pin. output is open drain. connect a pull up resistor from this pin to vcc. if unused, it can be left open. 9 v cc this pin powers the internal ic and the drivers. a minimum of 1uf high frequency capacitor must be connected from this pin to the power ground (pgnd). 10 pgnd power ground. this pin serves as a separated ground for the mosfet drivers and should be connected to the system?s power ground plane. 11 sw switch node. this pin is connected to the output inductor. 12 v in input voltage connection pin. 13 boot supply voltage for high side driver. a 0.1uf capacitor must be connected from this pin to sw. 14 enable enable pin to turn on and off the device. use two external resistors to set the turn on threshold (see enable section). connect this pin to vcc if it is not used. 15 gnd signal ground for internal reference and control circuitry.
rev 16.0 5 pd-97509 ir3843ampbf recommended operating conditions parameter symbol test condition min typ max units power loss power loss p loss vcc=5v, v in =12v, v o =1.8v, i o =3a, fs=600khz, l=2.2uh, note4 0.682 w mosfet r ds(on) top switch r ds(on)_top v boo t -v sw =5 v, i d =3a, tj= 25 o c 24.5 32 bottom switch r ds(on) _ bot v cc =5 v, i d =3a , tj= 25 o c 24.5 32 m reference voltage feedback voltage v fb 0. 7 v 0 o c rev 16.0 6 pd-97509 ir3843ampbf electrical specifications (continued) unless otherwise specified, these specifications apply over 4.5v< v cc <5.5v, v in =12v, 0 o c rev 16.0 7 pd-97509 ir3843ampbf note3: cold temperature performance is guaranteed via correlation using statistical quality control. not tested in production. note4: guaranteed by design but not tested in production. note5: upgrade to industrial/msl2 level applies from date codes 1227 (marking explained on application note an1132 page 2). products with prior date code of 1227 are qualified with msl3 for consumer market. electrical specifications (continued) unless otherwise specified, these specification apply over 4.5v< v cc <5.5v, v in =12v, 0 o c rev 16.0 8 pd-97509 ir3843ampbf icc(dyn) 8.5 8.6 8.7 8.8 8.9 9.0 9.1 9.2 9.3 9.4 9.5 -40 -20 0 20 40 60 80 100 120 temp[ o c] [ma] iss 14.0 16.0 18.0 20.0 22.0 24.0 26.0 -40-20 0 20406080100120 temp[ o c] [ua] enable(uvlo) stop 0.90 0.92 0.94 0.96 0.98 1.00 1.02 1.04 1.06 -40 -20 0 20 40 60 80 100 120 temp[ c] [v] enable(uvlo) start 1.14 1.16 1.18 1.20 1.22 1.24 1.26 1.28 1.30 1.32 1.34 1.36 -40 -20 0 20 40 60 80 100 120 temp[ o c] [v] vcc(uvlo) stop 3.76 3.81 3.86 3.91 3.96 4.01 4.06 4.11 4.16 -40-20 0 20406080100120 temp[ o c] [v] vcc(uvlo) start 4.06 4.11 4.16 4.21 4.26 4.31 4.36 4.41 4.46 -40-20 0 20406080100120 temp[ o c] [v] iocset(500khz) 43.0 44.0 45.0 46.0 47.0 48.0 49.0 50.0 51.0 52.0 53.0 54.0 -40-20 0 20406080100120 temp[ o c] [ua] frequency 450 460 470 480 490 500 510 520 530 540 550 -40 -20 0 20 40 60 80 100 120 temp[ o c] [khz] icc(standby) 150 170 190 210 230 250 270 290 -40 -20 0 20 40 60 80 100 120 temp[ o c] [ua] typical operating characteristics (-40 o c - 125 o c) f s =500 khz vfb 686 691 696 701 706 711 -40-20 0 20406080100120 temp[ o c] [mv]
rev 16.0 9 pd-97509 ir3843ampbf rdson of mosfets over temperature at vcc=5v note: ctrl-fet and sync-fet are identical. 20 22 24 26 28 30 32 34 36 -40 -20 0 20 40 60 80 100 120 140 temperature [c] resistance [m ] ctrl-fet/sync-fet
rev 16.0 10 pd-97509 ir3843ampbf typical efficiency and power loss curves vin=12v, vcc=5v, io=0.3a-3a, f s =600khz, room temperature, no air flow the table below shows the inductors used for each of the output voltages in the efficiency measurement. 19.9 ihlp2525ez-01 3.3uh 3.3 3.3 19.9 ihlp2525ez-01 3.3uh 3.3 2.5 13 ihlp2525ez-01 2.2uh 2.2 1.8 6.7 pcmb065t-1r5ms 1.5 1.2 13 ihlp2525ez-01 2.2uh 2.2 1.5 28.9 ihlp2525ez-01 4.7uh 4.7 5 6.7 pcmb065t-1r5ms 1.5 1.1 6.7 pcmb065t-1r5ms 1.5 1 6.7 pcmb065t-1r5ms 1.5 0.9 dcr (m ? ) p/n l (uh) vout (v) 19.9 ihlp2525ez-01 3.3uh 3.3 3.3 19.9 ihlp2525ez-01 3.3uh 3.3 2.5 13 ihlp2525ez-01 2.2uh 2.2 1.8 6.7 pcmb065t-1r5ms 1.5 1.2 13 ihlp2525ez-01 2.2uh 2.2 1.5 28.9 ihlp2525ez-01 4.7uh 4.7 5 6.7 pcmb065t-1r5ms 1.5 1.1 6.7 pcmb065t-1r5ms 1.5 1 6.7 pcmb065t-1r5ms 1.5 0.9 dcr (m ? ) p/n l (uh) vout (v) 74 76 78 80 82 84 86 88 90 92 94 96 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3 iout (a) efficiency (%) 0.9v 1v 1.1v 1.2v 1.5v 1.8v 2.5v 3.3v 5v 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3 iout (a) power loss (w) 0.9v 1v 1.1v 1.2v 1.5v 1.8v 2.5v 3.3v 5v
rev 16.0 11 pd-97509 ir3843ampbf typical efficiency and power loss curves vin=5v, vcc=5v, io=0.3a-3a, f s =600khz, room temperature, no air flow the table below shows the inductors used for each of the output voltages in the efficiency measurement. 70 72 74 76 78 80 82 84 86 88 90 92 94 96 98 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3 iout (a) efficiency (%) 0.7v 0.75v 0.9v 1v 1.1v 1.2v 1.5v 1.8v 2.5v 3.3v 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 0.30.60.91.21.51.82.12.42.7 3 iout (a) power loss (w) 0.7v 0.75v 0.9v 1v 1.1v 1.2v 1.5v 1.8v 2.5v 3.3v 6.7 pcmb065t-1r5ms 1.5 3.3 6.7 pcmb065t-1r5ms 1.5 2.5 6.7 pcmb065t-1r5ms 1.5 1.8 6.7 pcmb065t-1r5ms 1.5 1.2 6.7 pcmb065t-1r5ms 1.5 1.5 6.7 pcmb065t-1r5ms 1.5 1.1 6.7 pcmb065t-1r5ms 1.5 1 5.6 pcmb065t-1r0ms 1 0.9 4.6 ihlp2525ez-01 2.2uh 0.82 0.75 4.6 ihlp2525ez-01 2.2uh 0.82 0.7 dcr (m ? ) p/n l (uh) vout (v) 6.7 pcmb065t-1r5ms 1.5 3.3 6.7 pcmb065t-1r5ms 1.5 2.5 6.7 pcmb065t-1r5ms 1.5 1.8 6.7 pcmb065t-1r5ms 1.5 1.2 6.7 pcmb065t-1r5ms 1.5 1.5 6.7 pcmb065t-1r5ms 1.5 1.1 6.7 pcmb065t-1r5ms 1.5 1 5.6 pcmb065t-1r0ms 1 0.9 4.6 ihlp2525ez-01 2.2uh 0.82 0.75 4.6 ihlp2525ez-01 2.2uh 0.82 0.7 dcr (m ? ) p/n l (uh) vout (v)
rev 16.0 12 pd-97509 ir3843ampbf circuit description theory of operation introduction the ir3843a uses a pwm voltage mode control scheme with external compensation to provide good noise immunity and maximum flexibility in selecting inductor values and capacitor types. the switching frequency is programmable from 250khz to 1.2mhz and provides the capability of optimizing the design in terms of size and performance. ir3843a provides precisely regulated output voltage programmed via two external resistors from 0.7v to 0.9*vin. the ir3843a operates with an external bias supply from 4.5v to 5.5v, allowing an extended operating input voltage range from 1.5v to 21v. the device utilizes the on-resistance of the low side mosfet as current sense element, this method enhances the converter?s efficiency and reduces cost by eliminating the need for external current sense resistor . ir3843a includes two low r ds(on) mosfets using ir?s hexfet technology. these are specifically designed for high efficiency applications. under-voltage lockout and por the under-voltage lockout circuit monitors the input supply vcc and the enable input. it assures that the mosfet driver outputs remain in the off state whenever either of these two signals drop below the set thresholds. normal operation resumes once vcc and enable rise above their thresholds. the por (power on ready) signal is generated when all these signals reach the valid logic level (see system block diagram). when the por is asserted the soft start sequence starts (see soft start section). enable the enable features another level of flexibility for start up. the enable has precise threshold which is internally monitored by under-voltage lockout (uvlo) circuit. therefore, the ir3843a will turn on only when the voltage at the enable pin exceeds this threshold, typically, 1.2v. if the input to the enable pin is derived from the bus voltage by a suitably programmed resistive divider, it can be ensured that the ir3843a does not turn on until the bus voltage reaches the desired level. only after the bus voltage reaches or exceeds this level will the voltage at enable pin exceed its threshold, thus enabling the ir3843a. therefore, in addition to being a logic input pin to enable the ir3843a, the enable feature, with its precise threshold, also allows the user to implement an under-voltage lockout for the bus voltage v in . this is desirable particularly for high output voltage applications, where we might want the ir3843a to be disabled at least until v in exceeds the desired output voltage level. figure 3b. shows the recommended start-up sequence for the non-sequenced operation of ir3843a. figure 3c. shows the recommended startup sequence for sequenced operation of ir3843a fig. 3a. normal start up, device turns on when the bus voltage reaches 10.2v fig. 3b. recommended startup sequence, non-sequenced operation
rev 16.0 13 pd-97509 ir3843ampbf soft-start the ir3843a has a programmable soft-start to control the output voltage rise and to limit the current surge at the start-up. to ensure correct start-up, the soft-start sequence initiates when the enable and vcc rise above their uvlo thresholds and generate the power on ready (por) signal. the internal current source (typically 20ua) charges the external capacitor c ss linearly from 0v to 3v. figure 6 shows the waveforms during the soft start. the start up time can be estimated by: during the soft start the ocp is enabled to protect the device for any short circuit and over current condition. pre-bias startup ir3843a is able to start up into pre-charged output, which prevents oscillation and disturbances of the output voltage. the output starts in asynchronous fashion and keeps the synchronous mosfet off until the first gate signal for control mosfet is generated. figure 4 shows a typical pre-bias condition at start up. the synchronous mosfet always starts with a narrow pulse width and gradually increases its duty cycle with a step of 25%, 50%, 75% and 100% until it reaches the steady state value. the number of these startup pulses for the synchronous mosfet is internally programmed. figure 5 shows a series of 32, 16, 8 startup pulses. fig. 5. pre-bias startup pulses fig. 6. theoretical operation waveforms during soft-start ( ) (1) - - - - - - - - - - - - - - - - - - - - a 20 * 0.7 - 1.4 ss start c t = fig. 4. pre-bias startup fig. 3c. recommended startup sequence, sequenced operation
rev 16.0 14 pd-97509 ir3843ampbf an internal current source sources current ( i ocset ) out of the ocset pin. this current is a function of the switching frequency and hence, of r t . shutdown the ir3843a can be shutdown by pulling the enable pin below its 1 v threshold. this will tri- state both, the high side driver as well as the low side driver. alternatively, the output can be shutdown by pulling the soft-start pin below 0.3v. normal operation is resumed by cycling the voltage at the soft start pin. over-current protection the over current protection is performed by sensing current through the r ds(on) of low side mosfet. this method enhances the converter?s efficiency and reduces cost by eliminating a current sense resistor. as shown in figure 7, an external resistor (r ocset ) is connected between ocset pin and the switch node (sw) which sets the current limit set point. table 1. shows i ocset at different switching frequencies. the internal current source develops a voltage across r ocset . when the low side mosfet is turned on, the inductor current flows through the q2 and results in a voltage at ocset which is given by: an over current is detected if the ocset pin goes below ground. hence, at the current limit threshold, v ocset =0. then, for a current limit setting i limit ,r ocset is calculated as follows: operating frequency the switching frequency can be programmed between 250khz ? 1200khz by connecting an external resistor from r t pin to gnd. table 1 tabulates the oscillator frequency versus r t . fig. 7. connection of over current sensing resistor an overcurrent detection trips the ocp comparator, latches ocp signal and cycles the soft start function in hiccup mode. the hiccup is performed by shorting the soft-start capacitor to ground and counting the number of switching cycles. the soft start pin is held low until 4096 cycles have been completed. the ocp signal resets and the converter recovers. after every soft start cycle, the converter stays in this mode until the overload or short circuit is removed. i ) r r i v l (on ds ocset ocset ocset .(3) .......... ) ( ) ( ? ? ? = i i r r ocset limit on ds ocset (4) .... .......... .......... ) ( * = ) 2 .....( .......... .......... .......... ) (k ) a ( = t ocset r i 1400 table 1. switching frequency and i ocset vs. external resistor ( r t ) the ocp circuit starts sampling current typically 160 ns after the low gate drive rises to about 3v. this delay functions to filter out switching noise. 110.2 1100 12.7 97.9 1000 14.3 121.7 1200 11.5 88.6 900 15.8 78.6 800 17.8 68.2 700 20.5 59.07 600 23.7 48.7 500 28.7 39.2 400 35.7 29.4 300 47.5 i ocset ( a) f s (khz) r t (k ? ) 110.2 1100 12.7 97.9 1000 14.3 121.7 1200 11.5 88.6 900 15.8 78.6 800 17.8 68.2 700 20.5 59.07 600 23.7 48.7 500 28.7 39.2 400 35.7 29.4 300 47.5 i ocset ( a) f s (khz) r t (k ? )
rev 16.0 15 pd-97509 ir3843ampbf thermal shutdown temperature sensing is provided inside ir3843a. the trip threshold is typically set to 140 o c. when trip threshold is exceeded, thermal shutdown turns off both mosfets and discharges the soft start capacitor. automatic restart is initiated when the sensed temperature drops within the operating range. there is a 20 o c hysteresis in the thermal shutdown threshold. fig. 8b. application circuit for simultaneous sequencing simultaneous powerup vo1 vo2 output voltage sequencing the ir3843a can accommodate user programmable sequencing using seq, enable and power good pins. boot vcc fb comp gnd pgnd sw ocset ss/ sd 4.5v rev 16.0 16 pd-97509 ir3843ampbf timing diagram of pgood function fig.9a ir3843a non-tracking operation (seq=vcc) fig.9b ir3843a tracking operation
rev 16.0 17 pd-97509 ir3843ampbf 70 75 80 85 90 95 300 400 500 600 700 800 900 1000 1100 1200 switching frequency (khz) max duty cycle (%) minimum on time considerations the minimum on time is the shortest amount of time for which the control fet may be reliably turned on, and this depends on the internal timing delays. for the ir3843a, the typical minimum on-time is specified as 100 ns. any design or application using the ir3843a must ensure operation with a pulse width that is higher than this minimum on-time and preferably higher than 150 ns. this is necessary for the circuit to operate without jitter and pulse- skipping, which can cause high inductor current ripple and high output voltage ripple. in any application that uses the ir3843a, the following condition must be satisfied: the minimum output voltage is limited by the reference voltage and hence v out(min) = 0.7 v. therefore, for v out(min) = 0.7 v, therefore, even at the minimum switching frequency 250 khz, no input voltage higher than 18.5v may be reliably converted down to 0.7v without excessive jitter or pulse skipping over the complete load range. in general, practical considerations dictate that any application that demands a pulse width smaller than 175ns may not exhibit jitter free operation over the entire load range. v/s . ns 150 v 0.7 v v in (min) (min) in 6 10 67 4 = s on out s f t v f maximum duty ratio considerations a fixed off-time of 200 ns maximum is specified for the ir3843a. this provides an upper limit on the operating duty ratio at any given switching frequency. it is clear t hat, higher the switching frequency, the lower is the maximum duty ratio at which the ir3843a can operate. to allow a margin of 50ns, the maximum operating duty ratio in any application using the ir3843a should still accommodate about 250 ns off-time. fig 10. shows a plot of the maximum duty ratio v/s the switching frequency, with 250 ns off-time. s out s on f v f d t v in = = (min) (min) (min) on out s in s in out on on on t v f v f v v t t t fig. 10. maximum duty cycle v/s switching frequency.
rev 16.0 18 pd-97509 ir3843ampbf when an external resistor divider is connected to the output as shown in figure 11. equation (7) can be rewritten as: for the calculated values of r8 and r9 see feedback compensation section. soft-start programming the soft-start timing can be programmed by selecting the soft-start capacitance value. from (1), for a desired start-up time of the converter, the soft start capacitor can be calculated by using: where t start is the desired start-up time (ms). for a start-up time of 3.5ms, the soft-start capacitor will be 0.099 f. choose a 0.1 f ceramic capacitor. bootstrap capacitor selection to drive the control fet, it is necessary to supply a gate voltage at least 4v greater than the voltage at the sw pin, which is connected the source of the control fet . this is achieved by using a bootstrap configuration, which comprises the internal bootstrap diode and an external bootstrap capacitor (c6), as shown in fig .12. the operation of the circuit is as follows: when the lower mosfet is turned on, the capacitor node connected to sw is pulled down to ground. the capacitor charges towards v cc through the internal bootstrap diode, which has a forward voltage drop v d . the voltage v c across the bootstrap capacitor c6 is approximately given as when the upper mosfet turns on in the next cycle, the capacitor node connected to sw rises to the bus voltage v in . however, if the value of c6 is appropriately chosen, application information design example: the following example is a typical application for ir3843a. the application circuit is shown on page 23. enabling the ir3843a as explained earlier, the precise threshold of the enable lends itself well to implementation of a uvlo for the bus voltage. for a typical enable threshold of v en = 1.2 v for a v in (min) =10.2v, r 1 =49.9k and r 2 =7.5k is a good choice. programming the frequency for f s = 600 khz, select r t = 23.7 k ? , using table. 1. output voltage programming output voltage is programmed by reference voltage and external voltage divider. the fb pin is the inverting input of the error amplifier, which is internally referenced to 0.7v. the divider is ratioed to provide 0.7v at the fb pin when the output is at its desired value. the output voltage is defined by using the following equation: khz 600 = 54mv a 3 = v 1.8 = max) 13.2v ( v 12 = s o o o in f v i v v .....(7) .......... .......... .......... ? ? ? ? ? ? ? ? + ? = 9 8 1 r r v v ref o fig. 11. typical application of the ir3843a for programming the output voltage (8) .... .......... .......... .......... v v v r r ref o ref ? ? ? ? ? ? ? ? ? ? = 8 9 v v v d cc c (10) ...... .......... .......... ? ? t c start ss (9) .......... 0.02857 ) ms ( ) f ( = ir3843a enable v in r 2 r 1 v r r r v en in (5) .......... 1.2 * (min) = = + 2 1 2 v v v r r en ) in( en (6) .......... min ? = 1 2
rev 16.0 19 pd-97509 ir3843ampbf the voltage vc across c6 remain s approximately unchanged and the voltage at the boot pin becomes a bootstrap capacitor of value 0.1uf is suitable for most applications. for applications with 21v input voltage, the switch node may ring above the 25v absolute maximum voltage rating. to prevent this, in addition to using best layout practices, it may be necessary to provide a 10 ohm resistor in series with the boot capacitor. input capacitor selection the ripple current generated during the on time of the upper mosfet should be provided by the input capacitor. the rms value of this ripple is expressed by: where: d is the duty cycle i rms is the rms value of the input capacitor current. io is the output current. for i o =3a and d = 0.15, the i rms = 1.07a. ceramic capacitors are recommended due to their peak current capabilities. they also feature low esr and esl at higher frequency which enables better efficiency. for this application, it is advisable to have 1x10uf 25v ceramic capacitors c3216x5r1e106m from tdk. in addition to these, although not mandatory, a 1x330uf, 25v smd capacitor eev-fk1e331p may also be used as a bulk capacitor and is recommended if the input power supply is not located close to the converter. inductor selection the inductor is selected based on output power, operating frequency and efficiency requirements. a low inductor value causes large ripple current, resulting in the smaller size, faster response to a load transient but poor efficiency and high output noise. generally, the selection of the inductor value can be reduced to the desired maximum ripple current in the inductor . the optimum point is usually found between 20% and 50% ripple of the output current. for the buck converter, the inductor value for the desired operating ripple current can be determined using the following relation: where: if i 40%( i o ), then the output inductor is calculated to be 2.13 h. select l =2.2 h. the pcmb065t-2r2ms from vishay provides a compact, low profile inductor suitable for this application ....(12) .......... .......... ) ( d d i i o rms ? ? ? = 1 (13) .. .......... .......... .......... in o v v d = ) ( i cycle duty time on turn frequency switching current ripple inductor voltage output voltag e input maximum = = = = = = d t f i v v s o in () (14) . .......... .......... .......... * ; s in o o in s o in f i v v v v l f d t t i l v v ? ? ? = ? = ? = ? 1 fig. 12. bootstrap circuit to generate vc voltage (11) .......... .......... .......... .......... d cc in boot v v v v ? + ?
rev 16.0 20 pd-97509 ir3843ampbf phase 0 0 f lc -180 0 frequency gain f lc 0 db frequency -40db/decade (15) ..... .......... .......... current ripple inductor ripple voltage output * * * * ) ( ) ( ) ( ) ( ) ( ) ( = = = ? ? ? ? ? ? ? ? ? = = + + = l o s o l c o o in esl o l esr o c o esl o esr o o i v f c i v esl l v v v esr i v v v v v 8 since the output capacitor has a major role in the overall performance of the converter and determines the result of transient response, selection of the capacitor is critical. the ir3843a can perform well with all types of capacitors. as a rule, the capacitor must have low enough esr to meet output ripple and load transient requirements. the goal for this design is to meet the voltage ripple requirement in the smallest possible capacitor size. therefore it is advisable to select ceramic capacitors due to their low esr and esl and small size. three of the panasonic ecj- 2fb0j226ml (22uf, 6.3v, 3mohm) capacitors is a good choice. feedback compensation the ir3843a is a voltage mode controller. the control loop is a single voltage feedback path including error amplifier and error comparator. to achieve fast transient response and accurate output regulation, a compensation circuit is necessary. the goal of the compensation network is to provide a closed-loop transfer function with the highest 0 db crossing frequency and adequate phase margin (greater than 45 o ). the output lc filter introduces a double pole, ?40db/decade gain slope above its corner resonant frequency, and a total phase lag of 180 o (see figure 13). the resonant frequency of the lc filter is expressed as follows: figure 13 shows gain and phase of the lc filter. since we already have 180 o phase shift from the output filter alone, the system runs the risk of being unstable. the ir3843a uses a voltage-type error amplifier with high-gain (110db) and wide-bandwidth. the output of the amplifier is available for dc gain control and ac phase compensation. the error amplifier can be compensated either in type ii or type iii compensation. local feedback with type ii compensation is shown in fig. 14. this method requires that the output capacitor should have enough esr to satisfy stability requirements. in general the output capacitor?s esr generates a zero typically at 5khz to 50khz which is essential for an acceptable phase margin. the esr zero of the output capacitor is expressed as follows: (16) .. .......... .......... .......... o o lc c l f ? ? = 2 1 fig. 13. gain and phase of lc filter (17) ....... .......... .......... o esr *esr*c f ? = 2 1 output capacitor selection the voltage ripple and transient requirements determine the output capacitors type and values. the criteria is normally based on the value of the effective series resistance (esr). however the actual capacitance value and the equivalent series inductance (esl) are other contributing components. these components can be described as
rev 16.0 21 pd-97509 ir3843ampbf the transfer function ( v e /v o ) is given by: the (s) indicates that the transfer function varies as a function of frequency. this configuration introduces a gain and zero, expressed by: first select the desired zero-crossover frequency ( f o ): use the following equation to calculate r3: v out v ref r 9 r 8 c pole c 4 r 3 ve f z f pole e/a z f frequency gain(db) h(s) db fb comp z in fig. 14. type ii compensation network and its asymptotic gain plot (18) ..... ) ( 4 8 4 3 1 c sr c sr z z s h v v in f o e + ? = ? = = () (20) ........ .......... .......... * * (19) ......... .......... .......... ......... 4 3 8 3 2 1 c r f r r s h z = = () s esr o f f f * 1/10 ~ 1/5 f and o > (21) ....... .......... .......... * * * * 2 8 3 lc in esr o osc f v r f f v r = where: v in = maximum input voltage v osc = oscillator ramp voltage f o = crossover frequency f esr = zero frequency of the output capacitor f lc = resonant frequency of the output filter r 8 = feedback resistor to cancel one of the lc filter poles, place the zero before the lc filter resonant frequency pole: use equations (20), (21) and (22) to calculate c4. one more capacitor is sometimes added in parallel with c4 and r3. this introduces one more pole which is mainly used to suppress the switching noise. the additional pole is given by: the pole sets to one half of the switching frequency which results in the capacitor c pole : for a general solution for unconditional stability for any type of output capacitors, and a wide range of esr values, we should implement local feedback with a type iii compensation network. the typically used compensation network for voltage-mode controller is shown in figure 15. again, the transfer function is given by: by replacing z in and z f according to figure 15, the transfer function can be expressed as: (22) ....... .......... .......... .......... * * . % o o z lc z c l f f f 2 1 75 0 75 = = ...(23) .......... .......... .......... * * * pole pole p c c c c r f + = 4 4 3 2 1 (24) .. .......... .......... s s pole *f *r c *f *r c 3 4 3 1 1 1 ? ? = in f o e z z s h v v ? = = ) ( () [ ] (25) .... ) ( * ) ( ) ( ) ( 7 10 3 4 3 4 3 3 4 8 10 8 7 4 3 1 1 1 1 c sr c c c c sr c c sr r r sc c sr s h + ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? + + + + + + ? =
rev 16.0 22 pd-97509 ir3843ampbf tantalum ceramic f lc rev 16.0 23 pd-97509 ir3843ampbf detailed calculation of compensation typeiii = = = = = = = = = = = = = = = = = = = = = = = = ? + = = + ? = = k 3.16 : select k 3.18 ; * k 4.99 : select , k 5 ; * * 158 : select , 160 ; * * : and , calculate pf 180 : select , pf 193.62 ; * * nf 2 . 8 : select nf, 24 . 8 ; * * 2 1 k 74 . 2 : select k 2.71 ; * * * * * : and , calculate nf 2.2 c : select khz 300 * 0.5 and khz 7.05 * . : select khz 453.7 sin sin khz 14.11 sin sin 70 margin phase desired 3 7 o 9 9 8 9 8 8 10 2 7 8 10 10 2 7 10 9 8 10 3 3 3 3 3 4 4 1 4 3 3 7 3 4 3 3 3 2 1 2 2 - - 2 1 2 1 2 1 2 5 0 1 1 1 1 r r r v v v r r r r f c r r r f c r r r r c c r f c c c r f c r r v c v c l f r c c r f f f f f f f f ref o ref z p p z in osc o o o s p z z o p o z programming the current-limit the current-limit threshold can be set by connecting a resistor (r ocset ) from the sw pin to the ocset pin. the resistor can be calculated by using equation (4). this resistor r ocset must be placed close to the ic. the r ds(on) has a positive temperature coefficient and it should be considered for the worst case operation. setting the power good threshold a window comparator internally sets a lower power good threshold at 0.6v and an upper power good threshold at 0.8v. when the voltage at the fb pin is within the window set by these thresholds, pgood is asserted. the pgood is an open drain output. hence, it is necessary to use a pull up resistor r pg from pgood pin to vcc. the value of the pull-up resistor must be chosen such as to limit the current flowing into the pgood pin, when the output voltage is not in regulation, to less than 5 ma. a typical value used is 10k ? . = = = = = = ? = = k 2.26 select k 2.33 r khz) 600 (at a 59.07 i ) current output nominal over (50% a 5 . 4 1.5 3a m 30.625 1.25 m 24.5 ocset ocset ) ( ) ( 7 * * r f i i r s lim o set on ds (32) ... .......... .......... ) ( ) ( r i r i i on ds ocset ocset critical l set ? = =
rev 16.0 24 pd-97509 ir3843ampbf application diagram: fig. 16. application circuit diagram for a 12v to 1.8 v, 3 a point of load converter suggested bill of materials for the application circuit: part reference quantity value description manufacturer part number 1 330uf smd elecrolytic, fsize, 25v, 20% panasonic eev-fk1e331p 1 10uf 1206, 16v, x5r, 20% tdk c3216x5r1e106m 1 0.1uf 0603, 25v, x7r, 10% panasonic ecj-1vb1e104k lo 1 2.2uh 7x6.5x5mm, 20%, 8a cyntec pcmb065t-2r2ms co 3 22uf 0805, 6.3v, x5r, 20% panasonic ecj-2fb0j226ml r1 1 49.9k thick film, 0603,1/10 w,1% rohm mcr03ezpfx4992 r2 1 7.5k thick film, 0603,1/10w,1% rohm mcr03ezpfx7501 r t 1 23.7k thick film, 0603,1/10w,1% rohm mcr03ezpfx2372 r ocset 1 2.26k thick film, 0603,1/10w,1% rohm mcr03ezpfx2261 r pg 1 10k thick film, 0603,1/10w,1% rohm MCR03EZPFX1002 c ss c6 2 0.1uf 0603, 25v, x7r, 10% panasonic ecj-1vb1e104k r3 1 2.74k thick film, 0603,1/10w,1% rohm mcr03ezpfx2741 c3 1 180pf 50v, 0603, npo, 5% panasonic ecj-1vc1h181j c4 1 8.2nf 0603, 50v, x7r, 10% panasonic ecj-1vb1h822k r8 1 4.99k thick film, 0603,1/10w,1% rohm mcr03ezpfx4991 r9 1 3.16k thick film, 0603,1/10w,1% rohm mcr03ezpfx3161 r10 1 158 thick film, 0603,1/10w,1% rohm erj-3ekf1580v c7 1 2200pf 0603, 50v, x7r, 10% panasonic ecj-1vb1h222k c vcc 1 1.0uf 0603, 16v, x5r, 20% panasonic ecj-bvb1c105m u1 1 ir3843a supirbuck, 3a, pqfn 5x6mm international rectifier ir3843ampbf cin
rev 16.0 25 pd-97509 ir3843ampbf typical operating waveforms vin=12.0v, vcc=5v, vo=1.8v, io=0-3a, room temperature, no air flow fig. 20. output voltage ripple, 3a load ch 2 : v o fig. 21. inductor node at 3a load ch 1 :lx fig. 18. start up at 3a load, ch 1 :v in , ch 2 :v o , ch 3 :v ss , ch 4 :v pgood fig. 17. start up at 3a load ch 1 :v in , ch 2 :v o , ch 3 :v ss , ch 4 :enable fig. 19. start up with 1.62v pre bias, 0a load, ch 2 :v o , ch 3 :v ss fig. 22. short (hiccup) recovery ch 2 :v o , ch 3 :v ss
rev 16.0 26 pd-97509 ir3843ampbf typical operating waveforms vin=12v, vcc=5v, vo=1.8v, io=1.5a-3a, room temperature, no air flow fig. 23. transient response, 1.5a to 3a step 2.5a/ s ch 2 :v o , ch 4 :i o
rev 16.0 27 pd-97509 ir3843ampbf typical operating waveforms vin=12v, vcc=5v, vo=1.8v, io=3a, room temperature, no air flow fig. 24. bode plot at 3a load shows a bandwidth of 82khz and phase margin of 56 degrees
rev 16.0 28 pd-97509 ir3843ampbf simultaneous tracking at power up and power down vin=12v, vo=1.8v, io=3a, room temperature, no air flow fig. 25: simultaneous tracking a 3.3v input at power-up and shut-down ch2: vout ch3:ss ch4: seq fb ir3624 v out r 9 r 8 ir3843a 3.3v r s2 r s1 seq 4.99k 4.99k 3.16k 3.16k
rev 16.0 29 pd-97509 ir3843ampbf pgnd vin agnd power ground plane analog ground plane single point connection between agnd & pgnd, should be close to the supirbuck, kept away from noise sources. use separate traces for connecting boot cap and rocset to the switch node and with the minimum length traces. avoid big loops. fig. 26c. irdc3843a demoboard layout considerations ? mid layer 1 fig. 26d. irdc3843a demoboard layout considerations ? mid layer 2 feedback trace should be kept away form noise sources fig. 26b. irdc3843a demoboard layout considerations ? bottom layer
rev 16.0 30 pd-97509 ir3843ampbf pcb metal and components placement lead lands (the 11 ic pins) width should be equal to nominal part lead width. the minimum lead to lead spacing should be 0.2mm to minimize shorting. lead land length should be equal to maximum part lead length + 0.3 mm outboard extension. the outboard extension ensures a large and inspectable toe fillet. pad lands (the 4 big pads other than the 11 ic pins) length and width should be equal to maximum part pad length and width. however, the minimum metal to metal spacing should be no less than 0.17mm for 2 oz. copper; no less than 0.1mm for 1 oz. copper and no less than 0.23mm for 3 oz. copper.
rev 16.0 31 pd-97509 ir3843ampbf solder resist it is recommended that the lead lands are non solder mask defined (nsmd). the solder resist should be pulled away from the metal lead lands by a minimum of 0.025mm to ensure nsmd pads. the land pad should be solder mask defined (smd), with a minimum overlap of the solder resist onto the copper of 0.05mm to accommodate solder resist mis-alignment. ensure that the solder resist in-between the lead lands and the pad land is 0.15mm due to the high aspect ratio of the solder resist strip separating the lead lands from the pad land.
rev 16.0 32 pd-97509 ir3843ampbf stencil design ? the stencil apertures for the lead lands should be approximately 80% of the area of the lead lads. reducing the amount of solder deposited will minimize the occurrences of lead shorts. if too much solder is deposited on the center pad the part will float and the lead lands will be open. ? the maximum length and width of the land pad stencil aperture should be equal to the solder resist opening minus an annular 0.2mm pull back to decrease the incidence of shorting the center land to the lead lands when the part is pushed into the solder paste.
rev 16.0 33 pd-97509 ir3843ampbf ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 this product has been designed and qualified for the industrial market (note5) visit us at www.irf.com for sales contact information data and specifications subject to change without notice. 08/12 bottom view


▲Up To Search▲   

 
Price & Availability of MCR03EZPFX1002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X