Part Number Hot Search : 
FARM2TS3 SM3100B XXXXZ ISL782 471M1 AMC431 04HP5 C1000
Product Description
Full Text Search
 

To Download LT1S104A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bothhand usa. e-mail: sales@bothhandusa.com http://www.bothhandusa.com single rj45 connector module with integrated 10 base-t magnetics p/n : LT1S104A page : 1/1 462 boston st - topsfield, ma 01983 - phone: 978-887-8050 - fax: 978-887-5434 feature rj-45 connector integrated with x?fmr. size same as rj-45 connector to save pcb board space. reduce emi radiation, improve emi performance. complies with ieee 802.3 standards. operating temperature range: 0 to +70 . storage temperature range: -25 to +125 . electrical specifications @ 25c turns ratio (5%) part number tx rx ocl (uh min) @ 100khz/0.2v l.l (uh max) c w/w (pf max) LT1S104A 1ct:1 1ct:1 140 0.4 12 schematic
bothhand usa. e-mail: sales@bothhandusa.com http://www.bothhandusa.com single rj45 connector module with integrated 10 base-t magnetics p/n : LT1S104A page : 2/2 462 boston st - topsfield, ma 01983 - phone: 978-887-8050 - fax: 978-887-5434 mechanical 1. plastic material : pbt 15% glass filled(ul 94v-0), black housing. 2. metal shield : brass c2680-h, 20u nickel plated, t=0.25mm. 3. spring wire : 0.45mm dia. phosphor bronze with 6u gold plated. 4. solder pin : 0.4x0.4mm, phosphor bronze with solder plated. 5. durability : 300 mating cycles min. pcb layout mounting hole(top view)


▲Up To Search▲   

 
Price & Availability of LT1S104A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X