Part Number Hot Search : 
M1101 MPY43C49 ES5603 SSF6808A DTC144WE FP5109 AC126 7130A
Product Description
Full Text Search
 

To Download LT1S104A-43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bothhand usa. e-mail: sales@bothhandusa.com http://www.bothhandusa.com single rj45 connector module with integrated 10 base-t magnetics and leds p/n : LT1S104A-43 page : 1/1 462 boston st - topsfield, ma 01983 - phone: 978-887-8050 - fax: 978-887-5434 feature rj-45 connector integrated with x?fmr. size same as rj-45 connector to save pcb board space. reduce emi radiation, improve emi performance. complies with ieee 802.3 standards. operating temperature range: 0 to +70 . storage temperature range: -25 to +85 . recommended panel part number standard led forward*v(max) (typ) 3 yellow 2.6v 2.1v 4 green 2.6v 2.2v *with a forward current 20ma electrical specifications @ 25c turns ratio (5%) part number tx rx ocl (uh min) @ 100khz/0.2v l.l (uh max) c w/w (pf max) LT1S104A-43 1ct:1 1ct:1 140 0.4 12 schematic
bothhand usa. e-mail: sales@bothhandusa.com http://www.bothhandusa.com single rj45 connector module with integrated 10 base-t magnetics and leds p/n : LT1S104A-43 page : 2/2 462 boston st - topsfield, ma 01983 - phone: 978-887-8050 - fax: 978-887-543 mechanical 1. plastic material : pbt 15% glass filled(ul 94v-0), black housing. 2. metal shield : brass c2680-h, 20u nickel plated, t=0.25mm. 3. spring wire : 0.45mm dia. phosphor bronze with 6u gold plated. 4. solder pin : 0.4x0.4mm, phosphor bronze with solder plated. 5. durability : 300 mating cycles min. pcb layout mounting hole(top view)


▲Up To Search▲   

 
Price & Availability of LT1S104A-43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X