Part Number Hot Search : 
TQP4M40 TRPAFESM 74ABT32D MAX2032 MS1004 5KBETG ADP3630 1N5565B
Product Description
Full Text Search
 

To Download LT1S103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?lan-mate? series single rj45 connector module with integrated 10 base t magnetics p/n:LT1S103 page : 1/2 prepared :luo ming li checked by: xu wenbing approved : alexander wu drawing no.: pulse transformer rev.:a1 date : 2001/08/07 a. general specifications: 1. rj-45 connector integrated with x?fmer /impedance resistor/high voltage capacitor. 2. size same as rj-45 connector to save pcb board space. 3. reduce emi radiation, improve emi performance. 4. design for 10 base transmission over utp-5 cable. 5. operating temperature range: 0c to +70c. b. electrical specifications@25c: 1.turns ratio( 5%):1ct:1 2.sine wave inductance : 200 h min. 3. interwinding capacitance cw/w : 10 pf max. 4. leakage inductance : 0.2 h max. 5. dcr : 0.3 ? max. 6. hi-pot : 2000vrms. c. schematic:
?lan-mate? series single rj45 connector module with integrated 10 base t magnetics p/n:LT1S103 page : 2/2 prepared :luo ming li checked by: xu wenbing approved : alexander wu drawing no.: pulse transformer rev.:a1 date : 2001/08/07 d. mechanical: 1. plastic material : pbt 15% glass filled (ul 94v-0) , black housing 2. metal shield : brass c2680-h, 20u nickle plated, t=0.25mm 3. spring wire : 0.45mm dia. phosphor bronze with 6u gold plated . 4. solder pin : 0.4x0.4mm ,phosphor bronze with solder plated 5. durability : 300 mating cycles min . e. pcb layout mounting hole (top view)


▲Up To Search▲   

 
Price & Availability of LT1S103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X