Part Number Hot Search : 
24LC00 N60B3 QPH9132 CXA18 33817 NSVS1106 FAN7005 563U063D
Product Description
Full Text Search
 

To Download LM2576HVT-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lm2576 series description the lm2576 series of regulators are monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving 3a load w ith excellent line and load regulation. these devices are available in fixed output voltages of 3.3v, 5v, 12v, 15v, and an adjustable output versions. requiring a minimum number of external components, these regulators are simpl e to use and include internal frequenc y compensation and a fi x ed - frequency oscillator. the lm 2576 series o ffers a high - efficiency replacement for popular three - terminal linear regulators. it substantiall y reduces the size of the heat sink, and in some cases no heat sink is required. a standard series of inductors optimized for use w ith the lm 2576 are available from several different manufacturers. this feature greatl y simplifies the design of s w itc h - mode po w er supplies. other features include a guaranteed 4% tolerance on output voltage w ithin specified input voltages and output load conditions, and 10% on the oscillator frequenc y . e x ternal shutdo w n is included, featuring 50 a (t y pical) standb y current. the output s w itch includes c y cle - b y - c y cle current limiting, as w ell as thermal shutdo w n for full protection under fault conditions. note: features ? 3.3v, 5v, 12v, 15v, and adjustable output versions ? adjustable version output voltage range ? 1.23v to 37v (57v for hv version) 4% max over line and load conditions ? guaranteed 3a output current ? wide input voltage range, 40v up to 60v for hv version ? requires onl y 4 external components ? 52 khz fi x ed frequenc y oscillator ? ttl shutdo w n capabilit y , lo w po w er standb y mode ? high efficiency ? uses readil y available standard inductors ? thermal shutdo w n and current limit protection applications ? simple high - efficienc y step - do w n (buck) regulator ? efficient pre - regulator for linear regulators ? on - card s w itching regulators ? positive to negative converter (buck - boost) t y pical application f igure 1.( f ixed output voltage versions) 7v - 40v (60v for hv) unregulated + v in 1 lm2576/ lm2576hv- 5.0 feedback 4 output 2 l1 +5v regulated dc input + 3 gnd c in 5 on/off 10 0 h d1 1n5822 + c out 1 0 0 0 f out p ut 3a load 1 tiger ele ctr o n i c s c o ., l t d tiger electronic co.,ltd
lm2576 series block diagram u n re g u l a t e d d c i n put + v i n 1 4 i n t e r n al r e g ul a to r o n /o f f 5 on / of f c i n f e e d - b a ck r2 f i x e d g a i n e r ror a m p d r iver 3 a m p r1 1 . 0k 1.2 3 v + - co m p a r a t o r + - s w i t c h 2 3 ou tp ut d1 l1 + v o u t c o u t l o a b a n d - g ap 5 2 k hz t h e r m a l c u r r e n t d r e f e r e n c e o s c il l a t o r r e s e t s h u t d o w n l i m i t g n d 3.3v, r2 =1.7k 5v, r2 = 3.1k 12v, r2 = 8.84k 15v, r2 =11.3k for adj, version r1 = open, r2 = 0 ? ordering information temperature range output voltage, v package t y pe - 25 c t a 7 5c 3.3 5.0 12 15 a d j lm2576sx-3.3 lm2576sx-5.0 lm2576sx-12 lm2576sx-15 lm2576sx-adj lm2576hvs -3.3 lm2576 hvs -5.0 lm2576hvs -12 lm2576hvs -15 lm2576hvs -adj lm 2576t-3.3 lm2576t-5.0 lm2576t-12 lm2576t-15 lm2576t-adj lm2576hvt-3. 3 lm2576hvt-5.0 LM2576HVT-12 lm2576hvt-15 lm2576hvt-adj to-263 to-220 2 ele ctr o n i c s c o ., l t d tiger
lm2576 series absolute maximum ratings (note 1) paramete r maximu m units maximum suppl y voltage lm 2576 lm 2576hv 45 63 v on/off pin input voltage - 0.3v v +v in output voltage to ground (stead y state) - 1 v po w er dissipation internall y limited w storage temperature range - 65 to +150 c maximum junction temperature 150 c minimum esd rating (c= 100pf, r = 1.5 k ? ) 2 kv lead temperature (soldering, 10 seconds) 260 c operating ratings temperature range lm 2576/lm 2576hv suppl y voltage parameter value units - 4 0 t j +125 c lm 2576 lm 2576hv 40 60 v electrical characteristics lm 2576 - 3.3, lm 2576hv -3.3 3.3 specifications w ith standard t y pe face are for t j = 25 c, and those w ith boldface t y p e appl y over full operating temperature range. s y mbo l paramete r conditions system p a r a meters (note 3 ) test circui t figure 2 v out output voltage v i n =12v, i l o a d =0.5a circuit of figure 2 lm 2576-3.3 -3.3 lm 2576hv-3.3 t y p limi t (note 2) 3.3 3.234 3.366 units (limits) v v(min) v(ma x ) v out output voltage l m2576 v out output voltage l m2576hv 6v v i n 40v, 0.5a i l o a d 3a circuit of figure 2 6v v i n 60v, 0.5a i l o a d 3a circuit of figure 2 3.3 3.3 3.168/ 3.135 3.432/ 3.465 3.168/ 3.135 3.450/ 3.482 v v(min) v(ma x ) v v(min) v(ma x ) efficiency v i n =12v, i l o a d =3a 75 % electrical characteristics lm 2576 - 5.0, lm 2576hv -5.0 5.0 specifications w ith standard t y pe face are for t j = 25 c, and those w ith boldface t y p e appl y over full operating temperature range. s y mbo l paramete r conditions system p a r a meters (note 3 ) test circui t figure 2 v out output voltage v i n =12v, i l o a d =0.5a circuit of figure 2 lm 2576 -5.0 5.0 lm 2576hv-5.0 t y p limi t (note 2) 5.0 4.900 5.100 units (limits) v v(min) v(ma x ) v out output voltage l m2576 v out output voltage lm 2576hv 0.5a i l o a d 3a, 8v v i n 40v circuit of figure 2 0.5a i l o a d 3a, 8v v i n 60v circuit of figure 2 5.0 5.0 4.800/ 4.750 5.200/ 5.250 4.800/ 4.750 5.225/ 5.275 v v(min) v(ma x ) v v(min) v(ma x ) efficiency v i n =12v, i l o a d =3a 77 % 3 ele ctr o n i c s c o ., l t d tiger
lm2576 series electrical characteristics lm 2576 - 12, lm 2576hv -12 12 specifications w ith standard t y pe face are for t j = 25 c, and those w ith boldface t y p e appl y over full operating temperature range. s y mbo l paramete r conditions system p a r a meters (note 3 ) test circui t figure 2 v out output voltage v i n =25v, i l o a d =0.5a circuit of figure 2 lm 2576 -12 1212 lm 2576hv-12 t y p limit (note 2) 12 11.76 12.24 units (limits) v v(min) v(ma x ) v out output voltage lm 2576 v out output voltage l m2576hv 0.5a i l o a d 3a, 15v v i n 40v circuit of figure 2 0.5a i l o a d 3a, 15v v i n 60v circuit of figure 2 12 12 11.52/ 11.40 12.48/ 12.60 11.52/ 11.40 12.54/ 12.66 v v(min) v(ma x ) v v(min) v(ma x ) efficiency v i n =15v, i l o a d =3a 88 % electrical characteristics lm 2576 - 15, lm 2576hv -15 -15 specifications w ith standard t y pe face are for t j = 25 c, and those w ith boldface t y p e appl y over full operating temperature range. s y mbo l paramete r conditions system p a r a meters (note 3 ) test circui t figure 2 v out output voltage v i n =25, i l o a d =0.5a circuit of figure 2 lm 2576 -15 15lm lm 2576hv-15 t y p limi t (note 2) 15 14.70 15.30 units (limits) v v(min) v(ma x ) v out output voltage lm 2576 v out output voltage lm 2576hv 0.5a i l o a d 3a, 18 v i n 40v circuit of figure 2 0.5a i l o a d 3a, 18 v i n 60v circuit of figure 2 15 15 14.40/ 14.25 15.60/ 15.75 14.40/ 14.25 15.68/ 15.83 v v(min) v(ma x ) v v(min) v(ma x ) efficiency v i n =18v, i l o a d =3a 88 % electrical characteristics lm 2576 - adj, lm 2576hv -adj adj specifications w ith standard t y pe face are for t j = 25 c, and those w ith boldface t y p e appl y over full operating temperature range. s y mbo l paramete r conditions system p a r a meters (note 3 ) test circui t figure 2 v out feedback voltage v i n =12v, i l o a d =0.5a, v out =5v circuit of figure 2 lm 2576 -adj a d lm 2576hv-adj t y p limit (note 2) 1.230 1.217 1.243 units (limits) v v(min) v(ma x ) v out feedback voltage lm 2576 v out feedback voltage lm 2576hv 0.5a i l o a d 3a , 8v v i n 40v v out =5v circuit of figure 2 0.5a i l o a d 3a, 8v v i n 60v, v out =5v circuit of figure 2 1.230 1.230 1.193/1 .180 1.267/1 .280 1.193/1 .180 1.273/1 .286 v v(min) v(ma x ) v v(min) v(ma x ) efficiency v i n =12v, i l o a d =3a, v out =5v 77 % 4 ele ctr o n i c s c o ., l t d tiger
lm2576 series all output voltage versions electrical characteristics specifications w ith standard t y pe face are for t j = 25 c, and those w ith boldface t y p e appl y over full operating temperature range. unless other w ise specified, v i n =12v for the 3.3v, 5v, and adjustable version, v i n =25v for the 12v version, and v i n =30v for the 15v version, , i l o a d =500ma. s y mbo l paramete r conditions device p a r a meters lm 2576 -xx xx xxlm lm 2576hv-xx t y p limi t (note 2) units (limits) i b feedback bias current v out =5v (adjustable version onl y ) 50 100/ 500 na f o o scillator frequency (note 8) 52 v sa t saturation voltage i out =3a (note 4) 1.4 d c max dut y c y cle (on ) (note 5 ) 98 i c l current limit (notes 4, 8) 5.8 i l output leakage current (notes 6, 7): output = 0v 47/ 42 58/ 63 1.8/ 2.0 93 4.2/ 3.5 6.9/ 7.5 2 khz khz ( min) khz ( ma x ) v v(ma x ) % %(m i n) a a(min) a(ma x ) ma(max) output = - 1v output = - 1v 7.5 30 ma ma(max) i q quiescent current (note 6) 5 10 ma ma(max) i s t b y standb y quiescent current ___ on/off p i n = 5v (off) 50 200 a a(ma x ) ___ on/off control v ih __ on/off p i n v out = 0v 1.4 2.2 / 2.4 v(min) v il logic input level v out = nominal output voltage 1.2 1.0/ 0.8 v(ma x ) i ih i il __ on/off pin input current __ on/off p i n = 5v (off) __ on/off pin = 0v (on) 12 0 30 10 a a(ma x ) a a(ma x ) note 1 : absolute maximum ratings indicate limits be y ond w hich damage to the device ma y occur. operating ratings indicate conditions for w hich the device is intended to be functional, but do not guarantee specific performance limits. for guaranteed specifications and test conditions, see the electrical characteristics. note 2 : all limits guaranteed at room temperature (standa r d t y pe face) and at temperature extremes ( bold t y pe face ). note 3 : external components such as the catch diode, inductor, input and output capacitors can affect s w itching regulator s y stem performance. when the lm 2576/lm 2576hv is used as shown in the figure 2 test circuit, system performance will be a s sho w n in s y stem parameters section of electrical characteristics. note 4 : output pin sourcing current. no diode, inductor or capacitor connected to output. note 5 : feedback pin removed from output and connected to 0v. note 6 : feedback pin removed from output and connected to +12v for the adjustable, 3.3v, and 5v, versions, and +25v for the 12v and 15v versions, to force the output transistor off. note 7 : v i n =40v (60v for high voltage version). note 8 : the oscillator frequenc y reduces to appro x imatel y 11 khz in the event of an output short or an overload w hich causes the regulated output voltage to drop approximatel y 40% from the nominal output voltage. this self protections feature lo w ers the average po w er dissipation of the ic b y lo w ering the minimum dut y c y cle from 5% do w n to approximatel y 2%. 5 ele ctr o n i c s c o ., l t d tiger
lm2576 series t y pical performance characteristics (circuit o f f igure 2 ) n or m a l i z e d ou t pu t v o l t a g e l i n e r e g u l a t i on d r opou t v o l t a ge v i n = 20v i l oa d = 50 0 m a n o r m al i z e d a t t j = 25 c i l oa d = 50 0 m a t j = 25c i l oa d = 3 a l 1 = 150 h 3 . 3 v , 5 v & a d j 1 2v & 15v i l oa d = 20 0 m a i l oa d = 1 a r i nd = 0.1 ? j unctio n t e m p e r a t u re ( c ) in p u t v o l t ag e ( v ) j unctio n t e m p e r a t u re ( c) st a n d by qu i e s c e n t c ur r e n t qu i e s c e n t c ur r e n t c u r r e n t li m it v i n = 25v v i n = 40v v o u t = 5v m e a s u r e d at g r ound p i n v o n / o f f = 5v t j =2 5c v i n =12 v i l o a d = 200ma i l o a d = 3a ju n c t i o n t emp e r a t ure ( c) i n p ut vo l t a ge (v) ju n c t io n t emp e r a t ure ( c) s w i t c h s a t u r a t i on v o l t a g e e f f i c i e n c y osc i l a t o r f r e qu e n cy no r m al iz ed a t 25 c - 55 c i l oa d = 3 a 1 5 v o u t t j = 25 c i l oa d = 20 0 m a v i n = 40 v 2 5 c 1 5 0 c 5v i l oa d = 3 a i l oa d = 20 0 m a v i n = 12 v s wi t c h c urr e n t ( a ) i n p u t v o l t a g e (v ) j un c t i o n t e m p e r a t u r e ( c) m i ni m u m op era t in g v o l t a g e qu i e s ce n t c u rre n t vs d u t y cy cl e f ee db ack v ol t a g e vs d u t y cyc l e a dj u st a b l e v e r si o n o n l y a d j u st a b l e v e r s i on on l y v i n = 7v a d j u st a b l e v e r s i o n o n l y i loa d = 5 0 0 m a v in = 4 0 v v o u t 1.23v i lo a d = 500ma i load = 50 0 m a v i n = 40v v in = 7v j u n c t i on te mpe r a tu r e (c) d u ty c y c l e ( % ) d u ty c y c l e ( % ) 6 ele ctr o n i c s c o ., l t d tiger
lm2576 series all output voltage versions electrical characteristics specifications w ith standard t y pe face are for t j = 25 c, and those w ith boldface t y p e appl y over full operating temperature range. unless other w ise specified, v i n =12v for the 3.3v, 5v, and adjustable version, v i n =25v for the 12v version, and v i n =30v for the 15v version, , i l o a d =500ma. s y mbo l paramete r conditions device p a r a meters lm 2576 -xx xx xxlm l m 2576hv-xx t y p limi t (note 2) units (limits) i b feedback bias current v out =5v (adjustable version onl y ) 50 100/ 500 na f o o scillator frequency (note 8) 52 v sa t saturation voltage i out =3a (note 4) 1.4 d c max dut y c y cle (on ) (note 5 ) 98 i c l current limit (notes 4, 8) 5.8 i l output leakage current (notes 6, 7): output = 0v 47/ 42 58/ 63 1.8/ 2.0 93 4.2/ 3.5 6.9/ 7.5 2 khz khz ( min) khz ( ma x ) v v(ma x ) % %(m i n) a a(min) a(ma x ) ma(max) output = - 1v output = - 1v 7.5 30 ma ma(max) i q quiescent current (note 6) 5 10 ma ma(max) i s t b y standb y quiescent current ___ on/off p i n = 5v (off) 50 200 a a(ma x ) ___ on/off control v ih __ on/off p i n v out = 0v 1.4 2.2 / 2.4 v(min) v il logic input level v out = nominal output voltage 1.2 1.0/ 0.8 v(ma x ) i ih i il __ on/off pin input current __ on/off p i n = 5v (off) __ on/off pin = 0v (on) 12 0 30 10 a a(ma x ) a a(ma x ) note 1 : absolute maximum ratings indicate limits be y ond w hich damage to the device ma y occur. operating ratings indicate conditions for w hich the device is intended to be functional, but do not guarantee specific performance limits. for guaranteed specifications and test conditions, see the electrical characteristics. note 2 : all limits guaranteed at room temperature (standa r d t y pe face) and at temperature extremes ( bold t y pe face ). note 3 : external components such as the catch diode, inductor, input and output capacitors can affect s w itching regulator s y stem performance. when the lm 2576/ l m2576hv is used as shown in the figure 2 test circuit, system performance will be a s sho w n in s y stem parameters section of electrical characteristics. note 4 : output pin sourcing current. no diode, inductor or capacitor connected to output. note 5 : feedback pin removed from output and connected to 0v. note 6 : feedback pin removed from output and connected to +12v for the adjustable, 3.3v, and 5v, versions, and +25v for the 12v and 15v versions, to force the output transistor off. note 7 : v i n =40v (60v for high voltage version). note 8 : the oscillator frequenc y reduces to appro x imatel y 11 khz in the event of an output short or an overload w hich causes the regulated output voltage to drop approximatel y 40% from the nominal output voltage. this self protections feature lo w ers the average po w er dissipation of the ic b y lo w ering the minimum dut y c y cle from 5% do w n to approximatel y 2%. 5 ele ctr o n i c s c o ., l t d tiger
lm2576 series test circuit and la y out guidelines as in an y s w itching regulator, la y out is ver y important. rapidl y s w itching currents associated w ith w iring inductance generate voltage transients w hich can cause problems. for minimal inductance and ground loops, the length of the leads indicated b y heav y lines should be kept as short as possible. single - point grounding (as indicated) or ground plane construction should be used for best results. when using the adjustable version, ph y sicall y locate the programming resistors near the regulator, to keep the sensitive feedback w iring short. fixed outpu t voltage versions ( f igure 2a) unr egul a ted + + v in 1 lm 2576hv- f i x e d o u tp u t o n / o f f f ee d b ack 4 o utput 2 l 1 1 00 h d 1 v o u t l o v in d c i nput g n 100 f d 3 5 + m br 3 60 c o u t 100 0 f a d c i n ? 100 f, 75v, aluminum electrol y tic c out ? 1000 f, 25v, aluminum electrol y tic d1 ? schottk y , mbr360 l 1 ? 100 h, pulse eng. pe - 92108 r 1 ? 2k, 0.1% r 2 ? 6.12k, 0.1% adjustable output voltage version ( f igure 2b) 7 v - 6 0v + v in 1 1 0 0 f lm 2576hv- ad j f ee d ba c k 4 o u t p u t 2 l1 1 0 0 h v o u t 5 . 0 0 v l u n r e g u l a t e d d c i n p ut + c in g n d 3 o n/ o f f 5 + c o u t r2 o a m b r 3 6 0 1 0 0 0 f r1 d v out = v ref 1 ( + r 2 ) r r r ( v out ) 1 2 1 v ref ? where v re f = 1.23v, r1 between 1k and 5k r e v n o : 01 - 0 6 08 13 8 ele ctr o n i c s c o ., l t d tiger


▲Up To Search▲   

 
Price & Availability of LM2576HVT-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X