Part Number Hot Search : 
TPCC8 K1642 PS256 500000 43025 SLA70 IRS2130 5236B
Product Description
Full Text Search
 

To Download KK74LS04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data KK74LS04 hex inverters ordering information kk 74ls04n plastic kk 74ls04d soic t a = -0 to 7 0 c for all packages thi s devi ce cont ai ns si x i ndependent i nvert s. it perform s t h e b ool ean funct i on y=a. pin assignment logic diagram pin 14 =v cc pin 7 = gnd function table input s o u t put a y h l l h 1
KK74LS04 maximum ratings * s y m b o l p a r a m e t e r v a l u e u n i t v cc suppl y vol t a ge 7.0 v v in input vol t a ge 7.0 v v out out put vol t a ge 7.0 v tst g st orage tem p erat ure r a nge -65 t o +150 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. recommended operating conditions s y m b o l p a r a m e t e r m i n m a x unit v cc suppl y vol t a ge 4.75 5.25 v i oh hi gh level out put c u rrent -400 v i ol low level out put c u rrent 8.0 v t a am bi ent tem p erat ure r a nge 0 +70 c dc electrical characteristics over full operating conditions g u a r a n t e e d l i m i t s y m b o l p a r a m e t e r t e s t c o n d i t i o n s m i n m a x unit v ih hi gh level input vol t a ge 2 v v il low level input vol t a ge 0.8 v v ik input c l am p vol t a ge v cc = m i n, i i = -18 m a -1.5 v v oh hi gh level out put c u rrent v cc = m i n, v il =m ax i oh = m a x 2 . 7 v v ol low level out put vol t a ge v cc = m i n, v ih =m in, i ol = 8 m a 0 . 5 v i i input c u rrent at m a xi m u m i nput vol t a ge v cc = m a x, v i = -7v 0.1 m a i ih hi gh level input c u rrent v cc = m a x, v in = 2.7 v 20 a i il low level input c u rrent v cc = m a x, v in = 0.4 v -0.4 m a i os short - ci rcui t out put current v cc = m a x (not e) -20 -100 m a i cc suppl y c u rrent v cc = m a x to tal with out put s hi gh 2 . 4 m a to t a l with out put s l o w 6 . 6 note: not m o re than one output s hould be shorted at a tim e, and dur ation should not exceed one second. 2
KK74LS04 ac electrical characteristics (v cc = 5.0 v, c l = 15 pf, t a =25 c, r l = 2 k ? , t r =15 ns, t f = 6.0 ns) s y m b o l p a r a m e t e r m i n m a x u n i t t plh propagat i on del a y ti m e 15 ns t phl propagat i on del a y ti m e 15 ns fi gure 1. sw i t chi n g waveforms note a. c l i n cl udes probe and ji g capaci t a nce. figure 2. test circuit 3
KK74LS04 n s u f f i x p l as t i c di p (m s - 0 0 1 a a ) sy m b o l m i n m a x a 18. 67 19. 69 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a b ) sy m b o l m i n m a x a 8. 55 8. 75 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 d i me n s i o n , mm 1. 27 5. 27 2. 54 7. 62 d i me n s i o n , mm a b h c k c m j f m p g d r x 4 5 se a t i n g pl an e 0.2 5 ( 0 . 0 10 ) m t -t - 1 14 7 8 a b f g d l h se a t i n g pl a n e n k 0.25 ( 0 . 010) m t m j -t - c 1 14 7 8 4


▲Up To Search▲   

 
Price & Availability of KK74LS04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X