Part Number Hot Search : 
D1857L IL2595Q ICX207AL HVU300A FM130 SPM2001A 05D12 HCTS245T
Product Description
Full Text Search
 

To Download KA78M05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  KA78M05 / lm78m05 / mc78m05 ? 3-termina l 0.5 a positive voltage regulator ? 2001 fairchild semiconductor corporation www.fairchildsemi.com KA78M05 / lm78m05 / mc78m05 rev. 1.1.0 1 august 2013 KA78M05 / lm78m05 / mc78m05 3-terminal 0.5 a positive voltage regulator features ? output current up to 0.5 a ? output voltages of 5 v ? thermal overload protection ? short-circuit protection ? output transistor safe operating area (soa) protection ordering information (1) note: 1. refer to below figure for tm / tf suffix of dpak packing option. product number package packing me thod operating temperature KA78M05tu to-220 (dual gauge) rail 0 to +125 c KA78M05rtm d-pak tape and reel mc78m05cdtx lm78m05ct to-220 (single gauge) rail description the KA78M05 / lm78m05 / mc78m05 series of three- terminal positive regulators is available in the to-220 / d- pak packages, making it useful in a wide range of appli- cations. to-220 d-pak 1. input 2. gnd 3. output 1 1 gnd gnd
KA78M05 / lm78m05 / mc78m05 ? 3-termina l 0.5 a positive voltage regulator ? 2001 fairchild semiconductor corporation www.fairchildsemi.com KA78M05 / lm78m05 / mc78m05 rev. 1.1.0 2 block diagram figure 1. block diagram absolute maximum ratings stresses exceeding the absolute maximum ratings may damage the device. the device may not function or be opera- ble above the recommended operating conditions and stressing the parts to these levels is not recommended. in addi- tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. the absolute maximum ratings are stress ratings only. notes: 2. thermal resistance test board. size: 76.2 mm x 114.3 mm x 1.6 mm (1s0p) jedec standard: jesd51-3, jesd51-7 3. assume no ambient airflow. symbol parameter value unit v i input voltage (for v o = 5 v) 35 v r jc thermal resistance, junction-case (2) to-220 (t c = +25 c) 2.5 c/w r ja thermal resistance, junction-air (2, 3) to-220 (t a = +25 c) 66 c/w d-pak (t a = +25 c) 92 t opr operating junction temperature range 0 to +125 c t j(max) maximum junction temperature range 150 c t stg storage temperature range -65 to +150 c output 3 r1 r2 gnd 2 1 input series pass element soa protection current generator starting circuit reference voltage error amplifier thermal protection
KA78M05 / lm78m05 / mc78m05 ? 3-termina l 0.5 a positive voltage regulator ? 2001 fairchild semiconductor corporation www.fairchildsemi.com KA78M05 / lm78m05 / mc78m05 rev. 1.1.0 3 electrical characteristics refer to the test circuits, 0 < t j < +125 c, i o = 350 ma, v i = 10 v, c i = 0.33 f, c o = 0.1 f unless otherwise specified. note: 4. load and line regulation are specified at constant junction temperature. change in v o due to heating effects must be taken into account separately. pulse testing with low duty is used. symbol parameter conditions min. typ. max. unit v o output voltage t j = +25 c 4.8 5.0 5.2 v i o = 5 ma to 350 ma, v i = 7 v to 20 v 4.75 5.00 5.25 v o line regulation (4) i o = 200 ma t j = +25 c v i = 7 v to 25 v 100 mv v i = 8 v to 25 v 50 v o load regulation (4) i o = 5 ma to 0.5 a, t j = +25 c 100 mv i o = 5 ma to 200 ma, t j = +25 c50 i q quiescent current t j = +25 c4.06.0ma i q quiescent current change i o = 5 ma to 350 ma 0.5 ma i o = 200 ma, v i = 8 v to 25 v 0.8 v/ t output voltage drift i o = 5 ma t j = 0 to +125 c -0.5 mv/ c v n output noise voltage f = 10 hz to 100 khz 40 v/vo rr ripple rejection f = 120 hz, i o = 300 ma v i = 8 v to 18 v, t j = +25 c 80 db v d dropout voltage t j = +25 c, i o = 500 ma 2 v i sc short-circuit current t j = +25 c, v i = 35 v 300 ma i pk peak current t j = +25 c700ma
KA78M05 / lm78m05 / mc78m05 ? 3-termina l 0.5 a positive voltage regulator ? 2001 fairchild semiconductor corporation www.fairchildsemi.com KA78M05 / lm78m05 / mc78m05 rev. 1.1.0 4 typical applications figure 2. fixed-output regulator figure 3. constant-current regulator notes: 5. c i is required if the regulator is located an appreciable distance from the power supply filter. 6. although no output capacitor is needed for stability, it does improve transient response. 0.1 f c o c i 0.3 f v o v i 1 3 2 KA78M05 lm78m05 mc78m05 0.1 f c o c i 0.33 f i o v i 1 3 2 v xx i o r 1 i o = r 1 +i o vxx KA78M05 lm78m05 mc78m05
KA78M05 / lm78m05 / mc78m05 ? 3-termina l 0.5 a positive voltage regulator ? 2001 fairchild semiconductor corporation www.fairchildsemi.com KA78M05 / lm78m05 / mc78m05 rev. 1.1.0 5 figure 4. circuit for increasing output voltage figure 5. adjustable output regulator (7 to 30 v) figure 6. 0.5 to 10 v regulator 0.1 f c o c i 0.33 f i o v i 1 3 2 v xx v o r 1 r 2 i r1 5i o v o = v xx (1+r 2 /r 1 ) +i o r 2 KA78M05 lm78m05 mc78m05 0.1 f c o c i 0.33 f v o v i 1 3 2 10 k 3 2 4 7 6 lm741 KA78M05 lm78m05 mc78m05 0.1 f c2 c1 0.33 f v o v i 1 3 2 10 k 3 2 4 7 6 lm741 r3 r1 v xx r4 r5 910 9.1 k 13 v < v i < 25 v -7 v < -v i < 17 v _ + v o = v xx r 1 r 4 KA78M05 lm78m05 mc78m05
KA78M05 / lm78m05 / mc78m05 ? 3-termina l 0.5 a positive voltage regulator ? 2001 fairchild semiconductor corporation www.fairchildsemi.com KA78M05 / lm78m05 / mc78m05 rev. 1.1.0 6 physical dimensions figure 7. to-220, molded, 3-lead, jedec variation ab (active) package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/dwg/to/to220b03.pdf . for current tape and reel specifications, visit fairchild semiconductor?s online packaging area: http://www.fairchildsemi.com/packing_dwg/pkg-to220b03_tc.pdf . to-220 (single gauge)
KA78M05 / lm78m05 / mc78m05 ? 3-termina l 0.5 a positive voltage regulator ? 2001 fairchild semiconductor corporation www.fairchildsemi.com KA78M05 / lm78m05 / mc78m05 rev. 1.1.0 7 physical dimensions (continued) figure 8. to220, molded, 3-lead, non-jedec variation ab [dual guage] package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/dwg/to/to220y03.pdf . for current tape and reel specifications, visit fairchild semiconductor?s online packaging area: http://www.fairchildsemi.com/packing_dwg/pkg-to220y03.pdf . to-220 (dual gauge)
KA78M05 / lm78m05 / mc78m05 ? 3-termina l 0.5 a positive voltage regulator ? 2001 fairchild semiconductor corporation www.fairchildsemi.com KA78M05 / lm78m05 / mc78m05 rev. 1.1.0 8 physical dimensions (continued) figure 9. 3-lead, to-252, jedec to -252 var. ab, surface mount (dpak) package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/dwg/to/to252d03.pdf . for current tape and reel specifications, visit fairchild semiconductor?s online packaging area: http://www.fairchildsemi.com/packing_dwg/pkg-to252d03.pdf . d-pak
? fairchild semiconductor corporation www.fairchildsemi.com trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. 2cool  accupower  a x-cap ? * bitsic  build it now  core plus  core power  crossvolt  ctl  current transfer logic  deuxpeed ? dual cool? ecospark ? effic ientmax  e sbc  fairchild ? fairchild semiconductor ? fact quiet series  fact ? fast ? fastvcore  fetbench  fps  f -pfs  frfet ? global power resource sm greenbridge  green fps  green fps  e-series  g max  gto  intellimax  isoplanar  making small speakers sound louder and better? megabuck  microcoupler  microfet  micropak  micropak2  millerdrive  motionmax  mwsaver ? optohit  optologic ? optoplanar ? ? powertrench ? powerxs? programmable active droop  qfet ? qs  quiet series  rapidconfigure   saving our world, 1mw /w/kw at a time? signalwise  smartmax  smart start  solutions for your success  spm ? stealth  superfet ? supersot  -3 supersot  -6 supersot  -8 supremos ? syncfet  sync- lock? ?* tinyboost ? tinybuck ? tinycalc  tinylogic ? tinyopto  tinypower  tinypwm  tinywire  t ransic  trifault detect  t ruecurrent ? *  serdes  uhc ? ultra frfet  unifet  vcx  visualmax  voltageplus  xs? * trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchilds worldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchilds products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. anti-counterfeiting policy fairchild semiconductor corporation's anti-counterfeiting policy. fairchild's anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support. counterfeiting of semiconductor parts is a growing problem in t he industry. all manufacturers of semiconductor products are exp eriencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substa ndard performance, failed applications, and increased cost of production and manufacturing delays. fairchild is taking strong measures to protect ourselv es and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above. products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild's qu ality standards for handling and storage and provide access to fa irchild's full range of up-to-date technical and product information. fairchild and our authorized distribut ors will stand behind all warranties and will appropriately addr ess any warranty issues that may arise. fairchild will not provide any warranty coverage or other assist ance for parts bought from unauthorized sources. fairchild is c ommitted to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors . product status definitions definition of terms datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specific ations. fairchild semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. rev. i65 ?


▲Up To Search▲   

 
Price & Availability of KA78M05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X