Part Number Hot Search : 
MAX7042 4232AUA 1R5MC SD200 CRX0505N 12101 KPY56AK STA2056
Product Description
Full Text Search
 

To Download ISA1235AC1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  small-signal transistor ISA1235AC1 isa1602am1 for low frequency amplify application silicon pnp epitaxial type isahaya electronics corporation description outline drawing unitmm ISA1235AC1 isa1602am1 is super mini package resin sealed silicon pnp epitaxial type transistor. these are designed for low frequency voltage amplify application . feature ?excellent linearity of d c forward current gain. ?small collector to emitte r saturation voltage vce(sat)=-0.3vmax ISA1235AC1 isa1602am1 application for small type machine low frequency voltage amplify application. jeitasc-59 jedecto-236 resemblance jeitasc-70 jedec terminal connector ?base ?emitter ?collector terminal connector ?base ?emitter ?collector maximum ratingsta=25 electrical characteristicsta=25 symbol parameter ratings unit ISA1235AC1 isa1602am1 collector to base voltage -60 v collector to emitter voltage -6 v emitter to base voltage -50 v collector current -200 ma collector dissipation 200 mw junction temperature +150 storage temperature -55+150 symbol parameter test conditions limits unit min ave max ?? collector to emitter breakdown voltage i c =-100ar be = -50 v collector cut off current v cb =-60vi e =0 -0.1 a e emitter cut off current v eb =-6vi c =0 -0.1 a * dc forward current gain v ce =-6vi c =-1ma 150 500 dc forward current gain v ce =-6vi c =-0.1ma 90 collector to emitter saturation voltage i c =-100mai b =-10ma -0.3 v gain bandwidth product v ce =-6vi e =10ma 200 mhz cob collector output capacitance v cb =-6vi e =0,f=1mhz 4.0 pf nf noise figure v ce =-6vi e =0.3ma f=100hzrg=10k 20 db e f fe 150300 250500 marking m f . hfe item *it shows hfe classifica tion in below table. 0.13 0. 8 1.1 0.4 0.65 1.5 0.65 2.8 0.95 0.95 1.9 2.8 0.15 0.7 0. 9 0.3 1.25 0.425 2.1 0.65 0.65 1.3 2.0 0.425 0 0.1 0 0.1
small-signal transistor ISA1235AC1 isa1602am1 for low frequency amplify application silicon pnp epitaxial type isahaya electronics corporation typical characteristics 0 50 100 150 200 250 050100150 collector dissipation pc(mw) ambient temperature ta() collector dissipation vs ambient temperature -0 -10 -20 -30 -40 -50 -0 -1 -2 -3 -4 -5 collector current ic(ma) collector?emitter voltage vce(v) common emitter output ib=0ma ib=-0.02ma ib=-0.04ma ib=-0.06ma ib=-0.08ma ib=-0.10ma ib=-0.12ma ib=-0.14ma ib=-0.16ma ib=-0.18ma ib=-0.2ma -10 -100 -1000 -0.1 -1 -10 -100 -1000 collector to emitter saturation voltage vce(sat)(mv) collector current ic(ma) collector to emitter saturation voltage vs collector current ic/ib=10 ta=-40 ta=25 ta=100 -0.1 -1.0 -10.0 -0.1 -1 -10 -100 -1000 base to emitter saturation voltage vbe(sat)(v) collector current ic(ma) base to emitter saturation voltage vs collector current ic/ib=10 ta=-40 ta=25 ta=100 -0 -0.2 -0.4 -0.6 -0.8 -1 -0 -0.2 -0.4 -0.6 -0.8 -1 collector current ic(ma) base to emitter voltage vbe(v) common emitter transfer vce=-6v ta=-40 ta=25 ta=100 -0 -20 -40 -60 -80 -100 -0 -0.2 -0.4 -0.6 -0.8 -1 collector current ic(ma) base to emitter voltage vbe(v) common emitter transfer vce=-6v ta=-40 ta=25 ta=100
small-signal transistor ISA1235AC1 isa1602am1 for low frequency amplify application silicon pnp epitaxial type isahaya electronics corporation -10 -100 -1000 -10000 -0.1 -1 -10 -100 -1000 dc forward current gain hfe(-) collector current ic(ma) dc forward current gain vs collector current vce=-6v ta=-40 ta=25 ta=100 0 100 200 300 400 0.1 1 10 100 gain band width product ft[mhz] emitter current ie[ma] gain band width product vs. emitter current vce=-6v 1 10 100 0.1 1 10 100 collector output capacitance cob(pf) emitter input capacitance cib(pf) collector to base voltage vcb(v) emitter to base voltage veb(v) collector output capacitance vs collector to base voltage emitter input capacitance vs emitter to base voltage cib cob ta=25 f=1mhz
small-signal transistor ISA1235AC1 isa1602am1 for low frequency amplify application silicon pnp epitaxial type isahaya electronics corporation common emitter parameter typical value symbol parameter test conditions limits unit hie closed loop small si gnal input impedance ta=25 vce=-6v ie=1ma f=270hz 7.0 k hre open loop small signal reverse voltage amplification factor 0.1 10 -3 hfe closed loop small signal forward current amplification fact or 250 hoe open loop small signal output admitance 18 s
6 - 41 tsukuba, isahaya, nagasaki, 854 - 0065 japan keep safety first in your circuit designs! isahaya electronics corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility th at trouble may occur with them. trouble with semiconductors may lead to personal injury, fire or property damage. remember to give due consideration to safety when making your circuit designs, with appropri ate measures such as ( 1) placement of substitutive, auxiliary, ( 2) use of non - farmable material or ( 3) prevention against any malfunct ion or mishap. notes regarding these materials these materials are intended as a reference to our customers in the selection of the isah aya products best suited to the customer?s application; they don't convey any license under any intellectual prop erty rights, or any other rights, belonging isahaya or third party. isahaya electronics corporation assumes no responsibility for any damage, or infringement of any third party's rights , originating in the use of any product data, diagram s, charts or circuit application examples contained in these materials . all information contained in these materials, including product data, diagrams and charts, represent information on products at the time of publication of these materials, a nd are subject to change by isahaya electronics corporation without notice due to product improvements or other reasons. it is therefore recommended that customers contact isahaya electronics corporation or an authorized isahaya products distr ibutor for the latest product information before purchasing product listed herein. isahaya electronics corporation products are not designed or manufactured for use in a device or system that is used under circumstances in which human lif e is potentially at stake. please contact isahaya electronics corporation or an authorized isahaya products distributor when considering the use of a product contained herein for any specific purposes , such as apparatus or systems for transpor tation, vehicular, medical, aerospace, nuclear, or undersea repeater use. the prior written approval of isahaya electronics corporation is necessary to reprint or reproduce in whole or in part these materials. if these products or technolo gies are subject to the japanese export control restrictions, they must be exported under a license from the japanese government and cannot be imported into a country other than the approved destination. any diversion or re - export contrary to t he export control laws and regulations of japan and/or the country of destination is prohibited. please contact isahaya electronics corporation or authorized isahaya products distributor for further details on these materials or the product s contained therein. jul.2013


▲Up To Search▲   

 
Price & Availability of ISA1235AC1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X