Part Number Hot Search : 
3600B MAX9326 B75NF75L A844C W503GDT BC850 N2N5796U 2SB816
Product Description
Full Text Search
 

To Download IRLML0040TRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRLML0040TRPBF hexfet   power mosfet micro3 tm (sot-23) IRLML0040TRPBF d s g 3 1 2 features and benefits application(s) ? load/ system switch ? dc motor drive features benefits absolute maximum ratings symbol parameter units v ds drain-source voltage v i d @ t a = 25c continuous drain current, v gs @ 10v i d @ t a = 70c continuous drain current, v gs @ 10v i dm pulsed drain current p d @t a = 25c maximum power dissipation p d @t a = 70c maximum power dissipation linear derating factor w/c v gs gate-to-source voltage v t j, t stg junction and storage temperature range c thermal resistance symbol parameter typ. max. units r ja junction-to-ambient ??? 100 r ja junction-to-ambient (t<10s)  ??? 99 c/w max. 3.6 2.9 -55 to + 150 16 0.01 40 a 1.3 0.8 15 w v dss 40 v v gs max 16 v r ds(on) max (@v gs = 10v) 56 m r ds(on) max (@v gs = 4.5v) 78 m low r ds(on) ( 56m ) lower switching losses industry-standard pinout multi-vendor compatibility compatible with existing surface mount techniques results in easier manufacturing rohs compliant containing no lead, no bromide and no halogen ? environmentally friendly msl1, consumer qualification increased reliability product specification sales@twtysemi.com 1 of 2 http://www.twtysemi.com
d s g electric characteristics @ t j = 25c (unless otherwise specified) symbol parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage 40 ??? ??? v v (br)dss / t j breakdown voltage temp. coefficient ??? 0.04 ??? v/c ??? 44 56 ??? 62 78 v gs(th) gate threshold voltage 1.0 1.8 2.5 v i dss ??? ??? 20 ??? ??? 250 i gss gate-to-source forward leakage ??? ??? 100 gate-to-source reverse leakage ??? ??? -100 r g internal gate resistance ??? 1.1 ??? gfs forward transconductance 6.2 ??? ??? s q g total gate charge ??? 2.6 3.9 q gs gate-to-source charge ??? 0.7 ??? q gd gate-to-drain ("miller") charge ??? 1.4 ??? t d(on) turn-on delay time ??? 5.1 ??? t r rise time ??? 5.4 ??? t d(off) turn-off delay time ??? 6.4 ??? t f fall time ??? 4.3 ??? c iss input capacitance ??? 266 ??? c oss output capacitance ??? 49 ??? c rss reverse transfer capacitance ??? 29 ??? source - drain ratings and characteristics symbol parameter min. typ. max. units i s continuous source current (body diode) i sm pulsed source current (body diode)  v sd diode forward voltage ??? ??? 1.2 v t rr reverse recovery time ??? 10 ??? ns q rr reverse recovery charge ??? 9.3 ??? nc static drain-to-source on-resistance m r ds(on) v gs = 4.5v, i d = 2.9a  di/dt = 100a/ s  v gs = 16v v gs = -16v t j = 25c, v r = 32v, i f = 1.3 a mosfet symbol showing the v ds = 20v conditions v gs = 4.5v v gs = 0v v ds = 25v ? = 1.0mhz t j = 25c, i s = 1.3a, v gs = 0v  integral reverse p-n junction diode. conditions v gs = 0v, i d = 250 a reference to 25c, i d = 1ma v gs = 10v, i d = 3.6a  v ds = v gs , i d = 25 a v ds = 40v, v gs = 0v v ds = 40v, v gs = 0v, t j = 125c drain-to-source leakage current a v ds = 10v, i d = 3.6a i d = 3.6a na nc i d = 1.0a r g = 6.8 v gs = 4.5v  v dd = 20v ns pf a 1.3 15 ??? ??? ??? ??? IRLML0040TRPBF product specification sales@twtysemi.com 2 of 2 http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of IRLML0040TRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X