Part Number Hot Search : 
05N50 2N5428 6N03L 00TTS 1N4002 1N4002 AN1328 AN78N12
Product Description
Full Text Search
 

To Download IR3553 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  june ? 30 t h , ? 2011 ? | ? preliminary datasheet ? | ? v2.12 1 IR3553 40a ? integrated ? powirstage tm ? features ? ? peak ? efficiency ? up ? to ? 93.8% ? at ? 1.2v ? ? integrated ? driver, ? control ? mosfet, ? synchronous ? mosfet ? and ? schottky ? diode ? ? input ? voltage ? (vin) ? operating ? range ? up ? to ? 15v ? ? output ? voltage ? range ? from ? 0.25v ? up ? to ? 3.3v ? ? output ? current ? capability ? of ? 40a ? ? operation ? up ? to ? 1.0mhz ? ? integrated ? current ? sense ? amplifier ? ? vcc ? under ? voltage ? lockout ? ? thermal ? flag ? ? body \ braking? ? load ? transient ? support ? ? diode \ emulation ? high ? efficiency ? mode ? ? compatible ? with ? 3.3v ? pwm ? logic ? and ? vcc ? tolerant ? ? compliant ? with ? intel ? drmos ? v4.0 ? ? pcb ? footprint ? compatible ? with ? ir3550 ? ? ? ir3551 ? ? efficient ? dual ? sided ? cooling ? ? small ? 4mm ? x ? 6 ? mm ? x ? 0.9mm ? pqfn ? package ? ? lead \ free ? rohs ? compliant ? package ? applications ? ? high ? frequency, ? low ? profile ? dc \ dc ? converters ? ? voltage ? regulators ? for ? cpus, ? gpus, ? and ? ddr ? memory ? arrays ? ? basic ? application ? ? ? figure ? 1: ? IR3553 ? basic ? application ? circuit ? description ? the ? IR3553 ? integrated ? powirstage? ? is ? a ? synchronous ? buck ? gate ? driver ? ic ? with ? co \ packed ? control ? and ? synchronous ? mosfets ? and ? schottky ? diode. ? it ? is ? optimized ? internally ? for ? pcb ? layout, ? heat ? transfer ? and ? driver/mosfet ? timing. ? custom ? designed ? gate ? driver ? and ? mosfet ? combination ? enables ? higher ? efficiency ? at ? lower ? output ? voltages ? required ? by ? cutting ? edge ? cpu, ? gpu ? and ? ddr ? memory ? designs. ?? up ? to ? 1.0mhz ? switching ? frequency ? enables ? high ? performance ? transient ? response, ? allowing ? miniaturization ? of ? output ? inductors, ? as ? well ? as ? input ? and ? output ? capacitors ? while ? maintaining ? industry ? leading ? efficiency. ? the ? IR3553?s ? superior ? efficiency ? enables ? smallest ? size ? and ? lower ? solution ? cost. ? the ? IR3553 ? pcb ? footprint ? is ? compatible ? with ? ir3550 ? (60a), ? and ? the ? ir3551 ? (50a). ? integrated ? current ? sense ? amplifier ? achieves ? superior ? current ? sense ? accuracy ? vs. ? best \ in \ class ? controller ? based ? inductor ? dcr ? sense ? methods. ? the ? IR3553 ? incorporates ? the ? body \ braking? ? feature ? which ? enables ? reduction ? of ? output ? capacitors ? and ? is ? activated ? quickly. ? synchronous ? diode \ emulation ? mode ? in ? the ? IR3553 ? removes ? the ? zero \ current ? detection ? and ? control ? burden ? from ? the ? pwm ? controller ? and ? increases ? system ? efficiency. ? the ? IR3553 ? is ? optimized ? specifically ? for ? cpu ? core ? power ? delivery ? in ? server ? applications. ? the ? ability ? to ? meet ? the ? stringent ? requirements ? of ? the ? server ? market ? also ? makes ? the ? IR3553 ? ideally ? suited ? to ? powering ? gpu ? and ? ddr ? memory ? designs. ? ? 50 60 70 80 90 100 0 5 10 15 20 25 30 35 40 output ? current ? (a) efficiency ? (%) 0 4 8 12 16 20 power ? loss ? (w) ? figure ? 2: ? IR3553 ? efficiency ? and ? power ? loss ? www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of IR3553

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X