Part Number Hot Search : 
C1E15 W78E054 SMCJ1 SMCJ1 TIG056BF IDT74FCT 10D08 PC3H715
Product Description
Full Text Search
 

To Download ICVL0509XXXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  multilayer chip varistors & leaded disc varistors www.johansondielectrics.com
15191 bledsoe st., sylmar, ca 91342 tel (818) 364-9800 ? fax (818) 364-6100 varistors page 2 of 14 smd chip varistors chip varistor features ? smd type chip varistors are highly reliable in surface mount applications. ? wide operating voltage range. ? large withstanding surge current and energy at small size ? suitable for high speed signal line due to small capacitance ? excellent solderability and superior heat resistance ? ag base terminal electrodes with ni + sn-pb electroplating ? no asymmetrical degradation as with bismuth zinc oxide varistors chip varistor applications typical applications: information and communication equipment signal line of cellular phones transient voltage protection for ics and transistors esd and i/o protection overall telecommunication transient protection typical application examples
15191 bledsoe st., sylmar, ca 91342 tel (818) 364-9800 ? fax (818) 364-6100 varistors page 3 of 14 how to order chip varistors icvn 05 05 x 150 p b 1 2 3 4 5 6 7 1 series name code product name icvn normal type chip varistor icvl low capacitance type chip varistor 2 size designator code size in mm (inches) 05 1.0 x 0.5 (.040 x .020) 10 1.6 x 0.8 (.063 x .031) 21 2.0 x1.25 (.079 x .050) 31 3.2 x 1.6 (.126 x .063) 3 working voltage code voltage (vdc) code voltage (vdc) 03 3.3 18 18.0 05 5.6 26 26.0 09 9.0 30 30.0 12 12.0 48 48.0 14 14.0 60 60.0 4 energy code energy (j) code energy (j) a 0.1 h 1.2 c 0.3 j 1.5 d 0.4 p 3.0 f 0.7 v 0.02 g 0.9 x 0.05 5 clamping voltage code voltage (v) code voltage (v) 100 10.0 500 50.0 150 15.5 560 56.0 200 20.0 580 58.0 250 25.0 620 62.0 300 30.0 650 65.0 390 39.0 101 100.0 400 40.0 121 120.0 6 termination type code type s solderable (ag/pd/pt) p electroplate (ni sn) 7 packaging type code type b bulk case packaging r paper tape & reel pack e embossed plastic tape & reel pack p/n example: icvn0518x400se
15191 bledsoe st., sylmar, ca 91342 tel (818) 364-9800 ? fax (818) 364-6100 varistors page 4 of 14 chip varistor configuration and dimensions chip size code dimensions in mm (inch ) code eia metric l w t l1 05 0402 1005 1.0 0.05 .040 .002 0.5 0.05 .020 .002 0.5 0.05 .020 .002 0.2 + 0.15/-0.1 .020 + .006 - .004 10 0603 1608 1.6 0.1 .063 .004 0.8 0.1 .031 .004 0.8 0.1 .031 .004 0.3 0.2 .012 .008 21 0805 2012 2.0 0.1 .079 .004 1.25 0.1 .050 .004 1.35 max . 053 max 0.5+ 0.21-0.3 .020 + .008 - .012 31 1206 3216 3.2 0.15 .126 .006 1.6 0.15 .063 .006 1.35 max .057 max 0.5+ 0.21-0.3 .020 + .008 - .012 note: metric dimensions throughout this document govern, unless specifically indicated otherwise. high speed type chip varistors ? typical esd failure voltage for cmos and/or bi polar is 200v. ? 15kv esd pulse (air discharge) per iec 1000-4-2.level 4, generates <2omj of energy. ? low capacitance (<200pf) is required for high-speed data transmission. ? low leakage current(l l ) is necessary for battery operated equipment. jc part number working voltage clamping voltage peak current transient energy capacitance symbol v wm v c i peak e trans c units volts (max) volts (max) amp (max.) joules (max.) pf (typ.) chip size test condition <50 a 8/20 s 8/20 s 10/1000 s 0.5vrms @ 1mhz 1005 icvl0518v500 18.0 <50.0 15 0.02 40 1608 icvl1018x500 18.0 50 20 0.05 75 2012 icvl2118a500 18.0 50 30 0.1 100 3216 icvl3118a500 18.0 50 30 0.1 200 terminology ? v wm : maximum steady state dc operating voltage the varistor can maintain and not exceed 50 a leakage current. ? v b : voltage across the device measured at 1 ma dc current ? v c : maximum peak voltage across the varistor measured at a specified pulse and waveform ? i peak : maximum peak current which may be applied with the specified waveform without device failure ? c : device capacitance measured @0.5vrms and 1mhz with zero volt bias applied.
15191 bledsoe st., sylmar, ca 91342 tel (818) 364-9800 ? fax (818) 364-6100 varistors page 5 of 14 chip varistor standard specifications by size jc part number working voltage varistor voltage clamping voltage peak current transient energy capacitance symbol v wm v s v c i peak e trans c units volts (max) volts volts (max) amp (max.) joules (max.) pf (typ) chip size test condition <50 a 1 ma dc 8/20 s 8/20 s 10/1000 s 0.5vrms @ 1mhz icvn0505x150 5.6 7.6 -9.3 15.5 20 0.05 360 icvn0509x200 9.0 11.0-14.0 20.0 20 0.05 230 icvn0514x300 14.0 16.5-20.3 30.0 20 0.05 120 1005 icvn0518x400 18.0 22.9-28.0 40.0 20 0.05 90 icvn1003a100 3.3 4.1 -6.0 10 30 0.1 1230 icvn1005a150 5.6 7.6 - 9.3 15.5 30 0.1 825 icvn1 009a200 9.0 11.0-15.0 20 30 0.1 550 icvn1014a300 14.0 16.5-20.3 30 30 0.1 424 icvn1018a400 18.0 22.9-28.0 40 30 0.1 225 icvn1026a580 26.0 31.0-38.0 58 30 0.1 160 1608 icvn1030a650 30.0 37.0-46.0 65 30 0.1 150 icvn2103a100 3.3 4.1 -6.0 10 40 0.1 930 icvn2105a150 5.6 7. 6-9.3 15.5 40 0.1 860 icvn2109a200 9 11.0-14.0 20 40 0.1 585 icvn2112a250 12 14.0-18.3 25 40 0.1 400 icvn2114a300 14 16.5-20.3 30 40 0.1 280 icvn2118a400 18 22.9-28.0 40 30 0.1 275 icvn2126a580 26 31.0-38.0 58 30 0.1 110 2012 icvn2130a650 30 37.0-46.0 65 30 0.1 80 icvn3103a100 3.3 4.1-6.0 10 40 0.1 1500 icvn3105a150 5.6 7.6 -9.3 15.5 40 0.1 870 icvn3114a300 14 16.5-20.3 30 40 0.1 500 icvn3118a400 18 22.9-28.0 40 30 0.1 270 icvn3126d580 26 30.5-37.3 58 120 0.4 450 icvn31300650 30 37.0-45.0 65 120 0.4 400 3216 icvn3148d101 48 56.0-68.0 100 100 0.4 185 chip varistor packaging specification ? all smd type chip varistors are tape and reel packaged in according with the latest revision of eia 481b 0805 and 1206 chip sizes packaging tape material 0402 chip size 0603 chip size thickness 0.85mm thickness 1.0mm paper 10,000 pcs/reel 4,000 p cs/reel 4,000 pcs/reel n/a embossed plastic n/a n/a optional on request 2,000 pcs/reel all tape and reeled product is supplied on 178 2 mm diameter reels with 13 0.5 mm arbor holes. ? packaging in bulk case is optional as follows: 0805 and 1206 chip sizes size 0402 chip size 0603 chip size thickness 0.85mm thickness 1.0mm quantity/case 80,000 pcs 15, 000 pcs 10,000 pcs 5,000 pcs bulk case material is abs plastic
15191 bledsoe st., sylmar, ca 91342 tel (818) 364-9800 ? fax (818) 364-6100 varistors page 6 of 14 chip varistor performance requirements item 1005 1608 2012 3216 test condition operating temperature range -55 c to + 125 c -- storage temperature & humidity range 40 c max, 70% rh max. at packing resistance to solder heat 1. no damage such as cracks in the chip element. 2. greater than 75% of the terminal shall be covered with fresh solder preheat temperature: 100 to 150 c preheat time: 1 minute solder temperature: 260 10 c immersion time: 10 0.5 sec. solderability more than 90% of the terminal shall be covered with fresh solder preheat temperature: 100 to 150 c preheat time: 1 minute solder temperature: 230 10 c immersion time: 3 1 sec. reflow soldering 1. more than 50% of the terminal shall be covered with fresh solder. 2. varistor voltage change not to exceed 10%. preheat temperature: 150 c preheat time: 1 minute solder temperature: 230 c soldering time: 10 sec.max tensile strength (terminal strength) per jis-c-6429 appendix 1 note: force of 1.8kg for 60 seconds. board flex (bending strength) 1. the body shall not be damaged by the forces shown in the table min flex by size - 2.0 3.0 4.0 appendix 2 note: 2mm (min.) drop 1. no mechanical damage drop 10 times on a concrete floor from a height of three ft (91cm) vibration 1. no mechanical damage frequency: 10~55?10hz amplitude: 1.52mm direction and time: x,y,x directions for 2 hours temperature cycle 1. no mechanical damage 2. varistor voltage change: within 10% step 1. ?40 3 c for 30 3min. step 2. +85 3 c for 30 3min. number of cycles: 100 heat load resistance 1. no mechanical damage 2. varistor voltage change: within 10% temperature : +85 2 c applied voltage: working voltage duration: 1,000 hours measured after 24 hours at room ambient temperature low temperature resistance 1. no mechanical damage 2. varistor voltage change: within 10% temperature: -40 5 c duration: 1,000 hours measured after 24 hours at room ambient temperature humidity resistance 1. no mechanical damage 2. varistor voltage change: within 10% temperature: +40 2 c humidity: 90?95%rh duration: 500 hours measured after 24 hours at room ambient temperature
15191 bledsoe st., sylmar, ca 91342 tel (818) 364-9800 ? fax (818) 364-6100 varistors page 7 of 14 chip varistor performance (continued) item requirements all sizes test condition humidity load resistance 1. no mechanical damage 2. varistor voltage change: within 10% temperature: +40 2 c humidity: 90?95%rh applied voltage: working voltage duration: 500 hours measured after 24 hours at room ambient temperature maximum surge current 1. varistor voltage change: within 10% ieci000-4-5 standard 1.2/50 s - 8/20 s voltage-current combination pulse temperature: +40 2 c humidity: 90?95%rh polarity: +, - number of pulses one (1) surge pulse: 8/20 s applied current: maximum surge current ( is ) maximum surge energy varistor voltage change: within 10% ieci000-4-5 standard 10 /1000 s current pulse temperature: +40 2 c humidity: 90?95%rh polarity: +, - number of pulses one (1) surge pulse: 10 /1000 s applied current: maximum surge current ( ws ) esd life 1. no mechanical damage 2. varistor voltage change: within 10% esd gun (iec1000-4-2 standard) c=l50pf r=330 ? discharge: contact discharge voltage: 8,000v(level 4) polarity: +, - number of discharges: 10,000 times in 10 sec. esd test 1. no mechanical damage 2. varistor voltage change: within 10% esd gun (iec1000-4-2 standard) c=l50pf r=330 ? discharge: air discharge voltage: 25,000v(special level) polarity: +, - number of discharges: 10 times in 10 sec zinc oxide leaded varistors features applications ? voltage range from 18v up to 1800v ? fast response time ? symmetrical v-i (volt-amp) characteristics ? high surge current (2000a/cm 2 ) ? no follow on current general type: ? semiconductor surge protection (ic, diodes,triacs, thyristors) ? military and industrial telecom ? powerline noise suppression ? measurement and control instrumentation lightning arrester type: ? semiconductor protection (ic, diodes,triacs, thyristors) ? telecom base station and distribution boards ? measurement and control instrumentation
15191 bledsoe st., sylmar, ca 91342 tel (818) 364-9800 ? fax (818) 364-6100 varistors page 8 of 14 how to order zinc oxide leaded varistors fnr __ 05 k 180 b | | | | | n on linear r esistor designation type & diameter designation tolerance designation rated voltage packaging method see table a k = 10% m = 20% first 2 digits are significant; last digit is number of zeros b = bulk t = tape & reel p/n example: fnr 05k180t type & diameter designation table a type code varistor type rated voltage d max d 0.1 w 1.0 h max t max 18 ? 82 7.0 0.6 5.0 10.0 3.5 05 100 ? 470 7.5 0.6 5.0 10.0 6.0 07 18 ? 470 9.0 0.6 5.0 12.0 6.0 18 ? 330 13.5 0.8 7.5 16.5 5.4 10 360 ? 1100 14.0 0.8 7.5 17.0 8.5 18 ? 330 17.0 0.8 7.5 20.0 5.4 360 ? 1100 17.5 0.8 7.5 20.5 8.5 14 1800 25.0 0.8 15.0 30.0 12.0 18 ? 330 23.0 1.0 10.0 27.0 5.5 360 ? 1100 24.0 1.0 10.0 28.0 9.0 20 general usage 1800 25.0 1.0 10.0 30.0 12.0 25 30 1.2 15 33.0 12.0 32 38 1.5 18 41.0 13.0 40 lightning arrestor 47 - 1100 45 1.5 20 48.0 13.0 note: all dimensions in mm note: type codes 05, 07,10 and 14 available on tape and in bulk; all larger sizes in bulk only. zinc oxide leaded varistor performance item requirements test condition humidity load resistance 1. no mechanical damage 2. varistor voltage change: within 10% temperature / humidity: +40 2 c / 90?95%rh applied voltage: working voltage duration: 500 hours measured after 24 hours at room ambient temperature maximum surge current varistor voltage change: within 10% per ieci000-4-5 standard; 1.2/50 s - 8/20 s voltage-current combination pulse temperature: +40 2 c humidity: 90?95%rh number of pulses one (1) surge pulse: 8/20 s applied current: maximum surge current ( is ) maximum surge energy varistor voltage change within 10% per ieci000-4-5 standard: 10 /1000 s current pulse temperature / humidity: +40 2 c / 90?95%rh number of pulses one (1) surge pulse: 10 /1000 s applied current: maximum surge current ( is ) esd life 1. no mechanical damage 2. varistor voltage change: within 10%; esd gun (iec1000-4-2 standard) c=l50pf r=330 ? discharge: contact discharge voltage: 8,000v(level 4) number of discharges: 10,000 times in 10 sec. esd test 1. no mechanical damage 2. varistor voltage change: within 10%; use esd gun (iec1000-4-2 standard) c=l50pf r=330 ? discharge: air discharge voltage: 25,000v(special level) number of discharges: 10 times in 10 sec
15191 bledsoe st., sylmar, ca 91342 tel (818) 364-9800 ? fax (818) 364-6100 varistors page 9 of 14 note: all surge testing to be performed in both polarities. general usage zinc oxide leaded varistors 18 ? 100 vdc varistor voltage maximum operating voltage maximum clamping voltage (8 x 20 s) maximum withstanding surge current (8 x 20 s) maximum energy (j) rated watts capacitance (reference) 1khz part no. vdc (v) ac (v) dc (v) vc (v) ip (a) 2 times (a) 1 time (a) 2ms 10/1000 s (w) (pf) fnr-05k180 18 11 14 40 1 50 100 0.3 0.4 0.01 1600 fnr-07k180 18 11 14 36 2.5 125 250 0.8 0.9 0.02 3500 fnr-10k180 18 11 14 36 5 250 500 1.5 2.1 0.05 7500 fnr-14k180 18 11 14 36 10 500 1000 3.5 4.0 0.1 18000 fnr-20k180 18 11 14 36 20 1000 2000 10.0 11.0 0.2 37000 fnr-05k220 22 14 18 48 1 50 100 0.4 0.5 0.01 1300 fnr-07k220 22 14 18 43 2.5 125 250 0.9 1.1 0.02 2800 fnr-10k220 22 14 18 43 5 250 500 2.0 2.5 0.05 6000 fnr-14k220 22 14 18 43 10 500 1000 4.0 5.0 0.1 15000 fnr-20k220 22 14 18 43 20 1000 2000 13.0 14.0 0.2 30000 fnr-05k270 27 17 22 60 1 50 100 0.5 0.6 0.01 1050 fnr-07k270 27 17 22 53 2.5 125 250 1.0 1.4 0.02 2000 fnr-10k270 27 17 22 53 5 250 500 2.5 3.0 0.05 4000 fnr-14k270 27 17 22 53 10 500 1000 5.0 6.0 0.1 10000 fnr-20k270 27 17 22 53 20 1000 2000 15.0 18.0 0.2 20000 fnr-05k330 33 20 26 73 1 50 100 0.6 0.8 0.01 900 fnr-07k330 33 20 26 65 2.5 125 250 1.2 1.7 0.02 1500 fnr-10k330 33 20 26 65 5 250 500 3.0 4.0 0.05 3000 fnr-14k330 33 20 26 65 10 500 1000 6.0 7.5 0.1 7500 fnr-20k330 33 20 26 65 20 1000 2000 20.0 13.0 0.2 17000 fnr-05k390 39 25 31 86 1 50 100 0.8 0.9 0.01 500 fnr-07k390 39 25 31 77 2.5 125 250 1.5 2.1 0.02 1350 fnr-10k390 39 25 31 77 5 250 500 3.5 4.6 0.05 2600 fnr-14k390 39 25 31 77 10 500 1000 7.0 8.6 0.1 6500 fnr-20k390 39 25 31 77 20 1000 2000 54.0 26.0 0.2 15000 fnr-05k470 47 30 38 104 1 50 100 1.0 1.1 0.01 450 fnr-07k470 47 30 38 93 2.5 125 250 1.8 2.5 0.02 1150 fnr-10k470 47 30 38 93 5 250 500 4.5 5.5 0.05 2200 fnr-14k470 47 30 38 93 10 500 1000 8.5 10.0 0.1 5500 fnr-20k470 47 30 38 93 20 1000 2000 30.0 33.0 0.2 13000 fnr-05k560 56 35 45 123 1 50 100 1.0 1.3 0.01 400 fnr-07k560 56 35 45 110 2.5 125 250 2.2 3.1 0.02 950 fnr-10k560 56 35 45 110 5 250 500 5.5 7.0 0.05 1800 fnr-14k560 56 35 45 110 10 500 1000 10.0 11.0 0.1 4500 fnr-20k560 56 35 45 110 20 1000 2000 35.0 41.0 0.2 11000 fnr-05k680 68 40 56 150 1 50 100 1.2 1.6 0.01 350 fnr-07k680 68 40 56 135 2.5 125 250 2.5 3.6 0.02 700 fnr-10k680 68 40 56 135 5 250 500 6.5 8.2 0.05 1300 fnr-14k680 68 40 56 135 10 500 1000 12.0 14.0 0.1 3300 fnr-20k680 68 40 56 135 20 1000 2000 40.0 46.0 0.2 7000 fnr-05k820 82 50 65 145 5 200 400 1.7 2.5 0.1 250 fnr-07k820 82 50 65 135 10 600 1200 3.5 5.5 0.25 550 fnr-10k820 82 50 65 135 25 1250 2500 8.0 12.0 0.4 1800 fnr-14k820 82 50 65 135 50 2500 4500 14.0 22.0 0.6 2900 fnr-20k820 82 50 65 135 100 4000 6500 27.0 38.0 1.0 5500 fnr-05k101 100 60 85 175 5 200 400 2.0 3.0 0.1 200 fnr-07k101 100 60 85 165 10 600 1200 4.0 6.5 0.25 500 fnr-10k101 100 60 85 165 25 1250 2500 10.0 15.0 0.4 1400 fnr-14k101 100 60 85 165 50 2500 4500 18.0 28.0 0.6 2400 fnr-20k101 100 60 85 165 100 4000 6500 30.0 45.0 1.0 4800
15191 bledsoe st., sylmar, ca 91342 tel (818) 364-9800 ? fax (818) 364-6100 varistors page 10 of 14 general usage zinc oxide leaded varistors 120 ? 360 vdc varistor voltage maximum operating voltage maximum clamping voltage (8 x 20 s) maximum withstanding surge current (8 x 20 s) maximum energy (j) rated watts capacitance (reference) 1khz part no. vdc (v) ac (v) dc (v) vc (v) ip (a) 2 times (a) 1 time (a) 2ms 10/1000 s (w) (pf) fnr-05k121 120 75 100 210 5 200 400 2.5 0.4 0.1 170 fnr-07k121 120 75 100 200 10 600 1200 5.0 7.8 0.25 450 fnr-10k121 120 75 100 200 25 1250 2500 12.0 18.0 0.4 1100 fnr-14k121 120 75 100 200 50 2500 4500 20.0 32.0 0.6 1900 fnr-20k121 120 75 100 200 100 4000 6500 40.0 55.0 1.0 3800 fnr-05k151 150 95 125 260 5 200 400 3.0 4.8 0.1 140 fnr-07k151 150 95 125 250 10 600 1200 6.0 9.7 0.25 350 fnr-10k151 150 95 125 250 25 1250 2500 16.0 22.0 0.4 900 fnr-14k151 150 95 125 250 50 2500 4500 25.0 40.0 0.6 1500 fnr-20k151 150 95 125 250 100 4000 6500 50.0 70.0 1.0 3000 fnr-05k181 180 115 150 315 5 200 400 3.5 5.5 0.1 110 fnr-07k181 180 115 150 300 10 600 1200 8.0 1.0 0.25 300 fnr-10k181 180 115 150 300 25 1250 2500 18.0 25.0 0.4 700 fnr-14k181 180 115 150 300 50 2500 4500 30.0 50.0 0.6 1250 fnr-20k181 180 115 150 300 100 4000 6500 60.0 85.0 1.0 2500 fnr-05k201 200 130 170 355 5 200 400 4.0 6.5 0.1 80 fnr-07k201 200 130 170 340 10 600 1200 10.0 13.0 0.25 250 fnr-10k201 200 130 170 340 25 1250 2500 20.0 30.0 0.4 500 fnr-14k201 200 130 170 340 50 2500 4500 35.0 57.0 0.6 1000 fnr-20k201 200 130 170 340 100 4000 6500 70.0 95.0 1.0 2000 fnr-05k221 220 140 180 380 5 200 400 4.5 7.0 0.1 70 fnr-07k221 220 140 180 360 10 600 1200 10.0 14.0 0.25 250 fnr-10k221 220 140 180 360 25 1250 2500 23.0 32.0 0.4 450 fnr-14k221 220 140 180 360 50 2500 4500 40.0 60.0 0.6 1000 fnr-20k221 220 140 180 360 100 4000 6500 75.0 100.0 1.0 2000 fnr-05k241 240 150 200 415 5 200 400 5.0 8.0 0.1 70 fnr-07k241 240 150 200 395 10 600 1200 10.0 15.0 0.25 200 fnr-10k241 240 150 200 395 25 1250 2500 25.0 35.0 0.4 400 fnr-14k241 240 150 200 395 50 2500 4500 40.0 63.0 0.6 900 fnr-20k241 240 150 200 395 100 4000 6500 80.0 108.0 1.0 1800 fnr-05k271 270 175 225 475 5 200 400 6.0 8.5 0.1 65 fnr-07k271 270 175 225 455 10 600 1200 12.0 18.0 0.25 170 fnr-10k271 270 175 225 455 25 1250 2500 30.0 40.0 0.4 350 fnr-14k271 270 175 225 455 50 2500 4500 50.0 70.0 0.6 750 fnr-20k271 270 175 225 455 100 4000 6500 90.0 127.0 1.0 1600 fnr-05k301 300 200 250 525 5 200 400 6.0 9.0 0.1 55 fnr-07k301 300 200 250 500 10 600 1200 13.0 20.8 0.25 150 fnr-10k301 300 200 250 500 25 1250 2500 27.0 42.0 0.4 325 fnr-14k301 300 200 250 500 50 2500 4500 55.0 75.0 0.6 650 fnr-20k301 300 200 250 500 100 4000 6500 105.0 135.0 1.0 1400 fnr-05k331 330 210 275 580 5 200 400 6.5 9.0 0.1 60 fnr-07k331 330 210 275 550 10 600 1200 14.5 22.0 0.25 150 fnr-10k331 330 210 275 550 25 1250 2500 30.0 44.0 0.4 325 fnr-14k331 330 210 275 550 50 2500 4500 60.0 80.0 0.6 650 fnr-20k331 330 210 275 550 100 4000 6500 105.0 155.0 1.0 1400 fnr-05k361 360 230 300 620 5 200 400 7.5 10.0 0.1 50 fnr-07k361 360 230 300 595 10 600 1200 15.0 25.0 0.25 130 fnr-10k361 360 230 300 595 25 1250 2500 25.0 47.0 0.4 300 fnr-14k361 360 230 300 595 50 2500 4500 65.0 93.0 0.6 550 fnr-20k361 360 230 300 595 100 4000 6500 120.0 163.0 1.0 1200
15191 bledsoe st., sylmar, ca 91342 tel (818) 364-9800 ? fax (818) 364-6100 varistors page 11 of 14 general usage zinc oxide leaded varistors 390 ? 1800 vdc varistor voltage maximum operating voltage maximum clamping voltage (8 x 20 s) maximum withstanding surge current (8 x 20 s) maximum energy (j) rated watts capacitance (reference) 1khz part no. vdc (v) ac (v) dc (v) vc (v) ip (a) 2 times (a) 1 time (a) 2ms 10/1000 s (w) (pf) fnr-05k391 390 250 320 675 5 200 400 8 12 0.1 50 fnr-07k391 390 250 320 650 10 600 1200 17 25 0.25 130 fnr-10k391 390 250 320 650 25 1250 2500 40 60 0.4 270 fnr-14k391 390 250 320 650 50 2500 4500 70 100 0.6 500 fnr-20k391 390 250 320 650 100 4000 6500 130 180 1.0 1000 fnr-05k431 430 275 350 745 5 200 400 9 13 0.1 45 fnr-07k431 430 275 350 710 10 600 1200 20 28 0.25 110 fnr-10k431 430 275 350 710 25 1250 2500 45 65 0.4 250 fnr-14k431 430 275 350 710 50 2500 4500 75 115 0.6 450 fnr-20k431 430 275 350 710 100 4000 6500 140 190 1.0 900 fnr-05k471 470 300 385 810 5 200 400 10 15 0.1 40 fnr-07k471 470 300 385 775 10 600 1200 20 30 0.25 100 fnr-10k471 470 300 385 775 25 1250 2500 45 70 0.4 230 fnr-14k471 470 300 385 775 50 2500 4500 80 125 0.6 440 fnr-20k471 470 300 385 775 100 4000 6500 150 220 1.0 900 fnr-10k511 510 318 415 840 25 1250 2500 45 70 0.4 200 fnr-14k511 510 318 415 840 50 2500 4500 80 125 0.6 380 fnr-20k511 510 318 415 840 100 4000 6500 150 220 1.0 800 fnr-10k561 560 350 455 925 25 1250 2500 45 70 0.4 180 fnr-14k561 560 350 455 925 50 2500 4500 80 125 0.6 345 fnr-20k561 560 350 455 925 100 4000 6500 150 220 1.0 700 fnr-10k621 620 380 505 1025 25 1250 2500 45 70 0.4 130 fnr-14k621 620 380 505 1025 50 2500 4500 85 125 0.6 250 fnr-20k621 620 380 505 1025 100 4000 6500 150 220 1.0 500 fnr-10k681 680 420 560 1120 25 1250 2500 45 70 0.4 130 fnr-14k681 680 420 560 1120 50 2500 4500 90 130 0.6 250 fnr-20k681 680 420 560 1120 100 4000 6500 160 230 1.0 460 fnr-10k751 750 460 615 1240 25 1250 2500 50 75 0.4 120 fnr-14k751 750 460 615 1240 50 2500 4500 100 143 0.6 230 fnr-20k751 750 460 615 1240 100 4000 6500 175 255 1.0 420 fnr-10k781 780 485 640 1290 25 1250 2500 50 80 0.4 120 fnr-14k781 780 485 640 1290 50 2500 4500 105 148 0.6 230 fnr-20k781 780 485 640 1290 100 4000 6500 180 265 1.0 420 fnr-10k821 820 510 670 1355 25 1250 2500 55 85 0.4 110 fnr-14k821 820 510 670 1355 50 2500 4500 110 157 0.6 200 fnr-20k821 820 510 670 1355 100 4000 6500 190 282 1.0 400 fnr-10k911 910 550 745 1500 25 1250 2500 60 93 0.4 100 fnr-14k911 910 550 745 1500 50 2500 4500 120 175 0.6 180 fnr-20k911 910 550 745 1500 100 4000 6500 215 310 1.0 350 fnr-10k102 1000 625 825 1650 25 1250 2500 65 102 0.4 90 fnr-14k102 1000 625 825 1650 50 2500 4500 130 190 0.6 150 fnr-20k102 1000 625 825 1650 100 4000 6500 230 342 1.0 320 fnr-10k112 1100 680 895 1815 25 1250 2500 70 115 0.4 80 fnr-14k112 1100 680 895 1815 50 2500 4500 140 213 0.6 150 fnr-20k112 1100 680 895 1815 100 4000 6500 250 383 1.0 300 fnr-14k182 1800 1000 1465 2970 50 2500 4500 240 337 0.6 100 fnr-20k182 1800 1000 1465 2970 100 4000 6500 400 625 1.0 200
15191 bledsoe st., sylmar, ca 91342 tel (818) 364-9800 ? fax (818) 364-6100 varistors page 12 of 14 lightning arrestor zinc oxide leaded varistors 47 - 680 vdc varistor voltage maximum operating voltage maximum clamping voltage (8 x 20 s) maximum withstanding surge current (8 x 20 s) maximum energy (j) rated watts capacitance (reference) 1khz part no. vdc (v) ac (v) dc (v) vc (v) ip (a) 2 times (a) 2ms (w) (pf) fnr-25k470 47 30 38 89 40 1250 15 1.0 10000 fnr-32k470 47 30 38 89 40 2500 25 1.2 11000 fnr-40k470 47 30 38 89 40 5000 40 1.4 15000 fnr-25k560 56 35 45 106 40 1250 18 1.0 8000 fnr-32k560 56 35 45 106 40 2500 30 1.2 10000 fnr-40k560 56 35 45 106 40 5000 45 1.4 14000 fnr-25k680 68 40 56 129 40 1250 21 1.0 7000 fnr-32k680 68 40 56 129 40 2500 32 1.2 9000 fnr-40k680 68 40 56 129 40 5000 50 1.4 13000 fnr-25k820 82 50 65 156 200 5000 23 1.0 6000 fnr-32k820 82 50 65 156 200 10000 35 1.2 8000 fnr-40k820 82 50 65 156 200 20000 60 1.4 12000 fnr-25k101 100 60 85 190 200 5000 25 1.0 5000 fnr-32k101 100 60 85 190 200 10000 38 1.2 7000 fnr-40k101 100 60 85 190 200 20000 75 1.4 11500 fnr-25k121 120 75 100 216 200 5000 28 1.0 4000 fnr-32k121 120 75 100 216 200 10000 42 1.2 6000 fnr-40k121 120 75 100 216 200 20000 90 1.4 11000 fnr-25k151 150 95 125 270 200 5000 30 1.0 3000 fnr-32k151 150 95 125 270 200 10000 50 1.2 5000 fnr-40k151 150 95 125 270 200 20000 120 1.4 10500 fnr-25k201 200 130 270 360 200 5000 35 1.0 2400 fnr-32k201 200 130 270 360 200 10000 70 1.2 4700 fnr-40k201 200 130 270 360 200 20000 160 1.4 10000 fnr-25k221 220 140 180 385 200 5000 40 1.0 2200 fnr-32k221 220 140 180 385 200 10000 90 1.2 4300 fnr-40k221 220 140 180 385 200 20000 180 1.4 9500 fnr-25k241 240 150 200 420 200 5000 60 1.0 2000 fnr-32k241 240 150 200 420 200 10000 120 1.2 4000 fnr-40k241 240 150 200 420 200 20000 220 1.4 9000 fnr-25k271 270 175 225 473 200 5000 90 1.0 1700 fnr-32k271 270 175 225 473 200 10000 150 1.2 3500 fnr-40k271 270 175 225 473 200 20000 260 1.4 750 fnr-25k361 360 230 300 612 200 5000 120 1.0 1400 fnr-32k361 360 230 300 612 200 10000 180 1.2 3000 fnr-40k361 360 230 300 612 200 20000 300 1.4 6000 fnr-25k391 390 250 320 663 200 5000 150 1.0 1200 fnr-32k391 390 250 320 663 200 10000 220 1.2 2500 fnr-40k391 390 250 320 663 200 20000 340 1.4 5000 fnr-25k431 430 275 350 731 200 5000 180 1.0 1100 fnr-32k431 430 275 350 731 200 10000 260 1.2 2250 fnr-40k431 430 275 350 731 200 20000 380 1.4 4500 fnr-25k471 470 300 380 799 200 5000 220 1.0 1000 fnr-32k471 470 300 380 799 200 10000 300 1.2 1900 fnr-40k471 470 300 380 799 200 20000 420 1.4 3600 fnr-25k621 620 385 505 1054 200 5000 260 1.0 1500 fnr-32k621 620 385 505 1054 200 10000 340 1.2 3200 fnr-40k621 620 385 505 1054 200 20000 450 1.4 3300 fnr-25k681 680 420 560 1160 200 5000 300 1.0 1200 fnr-32k681 680 420 560 1160 200 10000 380 1.2 3000 fnr-40k681 680 420 560 1160 200 20000 500 1.4 3000
15191 bledsoe st., sylmar, ca 91342 tel (818) 364-9800 ? fax (818) 364-6100 varistors page 13 of 14 lightning arrestor zinc oxide leaded varistors 750 - 1800 vdc varistor voltage maximum operating voltage maximum clamping voltage (8 x 20 s) maximum withstanding surge current (8 x 20 s) maximum energy (j) rated watts capacitance (reference) 1khz part no. vdc (v) ac (v) dc (v) vc (v) ip (a) 2 times (a) 2ms (w) (pf) fnr-25k751 750 460 615 1275 200 5000 350 1.0 1100 fnr-32k751 750 460 615 1275 200 10000 430 1.2 2700 fnr-40k751 750 460 615 1275 200 20000 550 1.4 2500 fnr-25k781 780 485 640 1326 200 5000 370 1.0 1050 fnr-32k781 780 485 640 1326 200 10000 480 1.2 2600 fnr-40k781 780 485 640 1326 200 20000 600 1.4 2450 fnr-25k821 820 510 670 1400 200 5000 400 1.0 1000 fnr-32k821 820 510 670 1400 200 10000 530 1.2 2400 fnr-40k821 820 510 670 1400 200 20000 640 1.4 2400 fnr-25k911 910 550 745 1550 200 5000 420 1.0 900 fnr-32k911 910 550 745 1550 200 10000 580 1.2 2200 fnr-40k911 910 550 745 1550 200 20000 700 1.4 2200 fnr-25k102 1000 625 825 1700 200 5000 450 1.0 800 fnr-32k102 1000 625 825 1700 200 10000 630 1.2 1900 fnr-40k102 1000 625 825 1700 200 20000 800 1.4 2000 fnr-25k112 1100 680 895 1870 200 5000 500 1.0 700 fnr-32k112 1100 680 895 1870 200 10000 700 1.2 1700 fnr-40k112 1100 680 895 1870 200 20000 850 1.4 1800 fnr-32k182 1800 1000 1465 3060 200 10000 750 1.2 1600 fnr-40k182 1800 1000 1465 3060 200 20000 1000 1.4 1600 packaging ammo packaging per eia 468 quantity per ammo box type code 18 ? 270 vdc 300 ? 470 vdc 05 2500 2000 07 2000 1500 10 2000 1500 14 1500 1000 note: type codes 05, 07,10 and 14 available on tape per the above table.
15191 bledsoe st., sylmar, ca 91342 tel (818) 364-9800 ? fax (818) 364-6100 varistors page 14 of 14 item dimension (in mm) symbol type code in part number 05 07 10 14 d body diameter 7.5 max 9.0 max 13.5 max 16.5 max t body thickness table a table a d lead-wire diameter 0.6 0.1 0.8 0.1 p pitch between capacitor s 12.7 1.0 25.41.0 p 0 feed hole pitch 12.7 0.3 12.7 0.3 p 1 feed hole center to lead center * 3.85 0.7 7.5 0.8 p 2 feed hole center to capacitor center 6.35 1.3 12.7 1.3 f lead spacing 5.0 +0.8/-0.8 7.5 +0.8/-0.8 ? h capacitor alignment f-r 0 2.0 0 2.0 w tape width 18.0 +1.0/- 0.5 18.0 +1.0/-0.5 w 0 hold-down tape width 12 min 12 min w 1 hole position 9.0 0.5 9.0 0.5 w 2 hold-down tape position 3.0 max 3.0 max h for straight lead type 20.0 +1.5/-1.0 20.0 +1.5/-1.0 h 0 height to seating plane (see note) for kinked lead type 16.0 0.5 outside kink 16.0 0.5 inside kink h 1 capacitor height 32.25 max 40 max e lead-wire protrusion 1.0 max 1.0 max d 0 feed hole diameter 4.0 0.2 4.0 0.2 t total tape thickness 0.7 0.2 0.9 0.2 l length of snipped off leads 11.0 max 11.0 max c coating rundown on leads 2.0 max 2.5 note: outside kink and straight leads available on 05 and 07 type codes; inside kink and straight leads on 10 and 14 type codes; straight leads only on all other type codes.


▲Up To Search▲   

 
Price & Availability of ICVL0509XXXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X