Part Number Hot Search : 
SPA06AB AD7264 HE83R141 K1753 220MC TLP801A 180CA 2N2202
Product Description
Full Text Search
 

To Download HE8550-D-AB3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd he8550 pnp silicon transistor www.unisonic.com.tw 1 of 4 copyright ? 2010 unisonic technologies co., ltd qw-r206-031,f low voltage high current small signal pnp transistor ? description the utc he8550 is a low voltage high current small signal pnp transistor, designed for class b push-pull 2w audio amplifier for portable radio and general purpose applications. ? features * collector current up to 1.5a * collector-emitter voltage up to 25 v * complimentary to utc he8050 ? ordering information ordering number pin assignment normal lead free halogen free package 1 2 3 packing he8550-x-ab3-r he8550l-x-ab3-r he8550g-x-ab3-r sot-89 b c e tape reel he8550-x-ae3-r he8550l-x-ae3-r he8550g-x-ae3-r sot-23 e b c tape reel he8550-x-t92-b he8550l-x-t92-b he 8550g-x-t92-b to-92 e c b tape box he8550-x-t92-k he8550l-x-t92-k he 8550g-x-t92-k to-92 e c b bulk he8550-x-t9n-b he8550l-x-t9n-b he8550g-x-t9n-b to-92nl e c b tape box he8550-x-t9n-k he8550l-x-t9n-k he8550g-x-t9n-k to-92nl e c b bulk ? marking(for sot-23 package) ba l: lead free g: halogen free
he8550 pnp silicon transistor unisonic technologies co., ltd 2 of 4 www.unisonic.com.tw qw-r206-031,f ? absolute maximum rating (ta=25 c, unless otherwise specified) parameter symbol ratings unit collector-base voltage v cbo -40 v collector-emitter voltage v ceo -25 v emitter-base voltage v ebo -6 v sot-23 350 mw sot-89 0.5 w collector dissipation to-92/to-92nl p c 1 w collector current i c -1.5 a junction temperature t j +150 c storage temperature t stg -65 ~ +150 c note absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (ta=25 c, unless otherwise specified) parameter symbol test conditions min typ max unit collector-base breakdown voltage bv cbo i c =-100 a, i e =0 -40 v collector-emitter breakdown voltage bv ceo i c =-2ma, i b =0 -25 v emitter-base breakdown voltage bv ebo i e =-100 a, i c =0 -6 v collector cut-off current i cbo v cb =-35v, i e =0 -100 na emitter cut-off current i ebo v eb =-6v, i c =0 -100 na h fe1 v ce =-1v, i c =-5ma 45 170 h fe2 v ce =-1v, i c =-100ma 85 160 500 dc current gain h fe3 v ce =-1v, i c =-800ma 40 80 collector-emitter satu ration voltage v ce(sat) i c =-800ma, i b =-80ma -0.28 -0.5 v base-emitter satura tion voltage v be(sat )i c =-800ma, i b =-80ma -0.98 -1.2 v base-emitter voltage v be v ce =-1v,i c =-10ma -0.66 -1.0 v current gain bandwidth product f t v ce =-10v,i c =-50ma 100 190 mhz output capacitance c ob v cb =-10v, i e =0 f=1mhz 9.0 pf ? classification of h fe2 rank c d e range 120-200 160-300 250-500
he8550 pnp silicon transistor unisonic technologies co., ltd 3 of 4 www.unisonic.com.tw qw-r206-031,f ? typical characteristics static characteristics collector-emitter voltage ( v) collector current, i c (a) -0 -0.4 -0.8 -1.2 -1.6 -2.0 0 -0.1 -0.2 -0.3 -0.4 -0.5 i b =-0.5ma i b =-1.0ma i b =-1.5ma i b =-2.0ma i b =-2.5ma i b =-3.0ma dc current gain collector current, i c (ma) dc current gain, h fe v ce =-1v -10 -1 -10 0 -10 1 -10 2 -10 3 10 0 10 1 10 2 10 3 base-emitter on voltage collector current, i c (ma) base-emitter voltage (v) 0 -0.2 -0.4 -0.6 -0.8 -1.0 v ce =-1v collector current, i c (ma) saturation voltage (mv) saturation voltage v ce(sat) v be(sat) i c =10*i b -10 0 -10 1 -10 2 -10 3 -10 -1 -10 0 -10 1 -10 2 -10 3 -10 1 -10 2 -10 3 -10 4 current gain-bandwidth product collector output capacitance collector current, i c (ma) current gain-bandwidth product, f t (mhz) v ce =-10v collector-base voltage (v) capacitance, c ob (pf) f=1mhz i e =0 -10 0 -10 1 -10 2 -10 3 10 0 10 1 10 2 10 3 -10 0 -10 1 -10 2 -10 3 10 0 10 1 10 2 10 3
he8550 pnp silicon transistor unisonic technologies co., ltd 4 of 4 www.unisonic.com.tw qw-r206-031,f ? typical characteristics 10000 1000 100 10 1 10 1 100 pt=1s pt=100ms pt=1ms pt=0.1ms safe operating area collector current, i c forward voltage, v ce (v) utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of HE8550-D-AB3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X