Part Number Hot Search : 
AD9502CM VD3881FV EC3A34 471K65 M38503 A1310BS2 IPP80 NCP5050
Product Description
Full Text Search
 

To Download HC1-H-DC100V-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hc ordering information relay for control panel of 1a to 10a (1c/2c/3c/4c) hc relays vde 1c, 2c, 4c standard type amber sealed type keep relay with diode type with cr circuit type features 1. standard type, amber sealed type and keep type 2. rich lineup includes relays with operating indication, with diode and with cr circuit 3. full range of types plug-in type, pc board type and tm type 4. sockets and terminal sockets are av ailable. typical applications 1. factory automation equipment and automotive devices 2. control panels, power supply equipment, molding equipment, machine tools, welding equipment, agricultural equipment, etc. 3. of?e equipment, automatic vending machines, telecommunications equipment, disaster prevention equipment, copiers, measuring devices, medical equipment, amusement devices, etc. 4. all types of household appliance hc terminal arrangement h: hl: l: hp: pl: hpl: htm: plug-in type plug-in with led indication plug-in with led indication (amber sealed type) pc board type pc board with led indication pc board with led indication (amber sealed type) tm type nil: e: ed: k: standard type amber sealed type (only 1 form c and 2 form c) amber sealed type bifurcated contact (twin) (only 4 form c) keep type contact material contact arrangement contact material agsno 2 type agni type 1 form c 2 form c 3 form c 4 form c 4-pole bifurcated (twin) f f f nil nil nominal coil voltage ac dc surge suppression d: with diode r: with cr curcuit 6, 12, 24, 48, 100 (100/110), 120 (110/120), 200 (200/220), 240 (220/240) v 6, 12, 24, 48, 100 (100/110) v contact arrangement 1: 2: 3: 4: 4d: 1 form c 2 form c 3 form c 4 form c bifurcated contact (twin) notes: certified by ul and csa (except for keep type) please consult us about vde (1 form c, 2 form c, and 4 form c only) and tv-3 (1 form c and 2 form c only) approved products. asctb4e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e rohs compliant
hc lineup a: available notes: 1. hc relays with ground terminals also available. 2. hc relays with 0.9 mm wide pc board terminals also available. hc relay contact arrangement led indication type type contact arrangement plug-in terminal type pc board terminal type top mounting type (tm type) remarks without led with led without led with led hc relay standard type single side stable 1 fo rm c aaaa a 2 fo rm c aaaa a 3 fo rm c aaaa a 4 fo rm c aaaa a bifurcated (twin) 4 form c aaaa a hc relay amber sealed type single side stable 1 fo rm c aaaa a 2 fo rm c aaaa a 4 fo rm c aaaa a bifurcated (twin) 4 form c aaaa a hc keep (latching) relay single side stable 2 form c a (with operating indication) a (with operating indication) dc type with surge absorbing diode single side stable 1 form c a a amber sealed type also available 2 form c a a 3 form c a a 4 form c a a bifurcated (twin) 4 form c a a ac type with surge absorbing cr circuit single side stable 1 form c a a 17 mm higher than standard type 2 form c a a 3 form c a a 4 form c a a bifurcated (twin) 4 form c a a type single side stable contact 4-pole bifurcated (twin) contact pa rt number hc hc4d features suitable for high-capacity load switching standard type hc relays have high single-contact capacity; 1 form c: 10 a 2 form c and 3 form c: 7 a 4 form c: 5 a bifurcated (twin) contact ensures high contact reliability suitable for low level loads minimum switching capability: 100 a 100m v dc (reference value) type with led indication type pa rt number hc -hl features led lights up when relay is operating inspection and detection of trouble is easy. leds are green for dc types and red for ac types. all types are available with led indication. 1234 5678 9101112 13 ? 14 led led colors indicate the type of relay: red for ac type and green for dc type. protection diode (bottom view) asctb4e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
hc hc relay series product types 4-pole bifurcated (twin) type and relay with led indication are available. types 1. standard type 1) plug-in type standard packing: carton: 20 pcs.; case: 200 pcs. 2) plug-in type (with led indication) standard packing: carton: 20 pcs.; case: 200 pcs. type amber sealed type hc relay hc keep (latching) relay hc relay with diode type (for dc) pa rt number hc e hc2k hc-- v-d features relay is completely sealed with resin. provides high reliability in adverse surroundings. suitable for use in dusty conditions or where organic gases are present magnetic latching relay suitable for nominal operating power saving of operating circuits and for memory circuits has operating indication (mechanical indicator). has built-in diode to absorb surge when the coil goes to the off state (for dc type). suitable for protecting relay driver circuits and for noise suppression diode characteristics: reverse breakdown voltage 1,000 v forward current 1 a type hc relay with cr circuit (for ac) pa rt number hc -- v-r features has built-in cr circuit to absorb surge when the coil goes to the off state (for ac). relay with cr circuit is 17 mm higher than standard type relay. nominal coil voltage 1 form c 2 form c 3 form c 4 form c 4 form c (twin) part no. part no. part no. part no. part no. 6v ac hc1-h-ac6v-f hc2-h-ac6v-f hc3-h-ac6v-f hc4-h-ac6v hc4d-h-ac6v 12v ac hc1-h-ac12v-f hc2-h-ac12v-f hc3-h-ac12v-f hc4-h-ac12v hc4d-h-ac12v 24v ac hc1-h-ac24v-f hc2-h-ac24v-f hc3-h-ac24v-f hc4-h-ac24v hc4d-h-ac24v 48v ac hc1-h-ac48v-f hc2-h-ac48v-f hc3-h-ac48v-f hc4-h-ac48v hc4d-h-ac48v 100/110v ac hc1-h-ac100v-f hc2-h-ac100v-f hc3-h-ac100v-f hc4-h-ac100v hc4d-h-ac100v 110/120v ac hc1-h-ac120v-f hc2-h-ac120v-f hc3-h-ac120v-f hc4-h-ac120v hc4d-h-ac120v 200/220v ac hc1-h-ac200v-f hc2-h-ac200v-f hc3-h-ac200v-f hc4-h-ac200v hc4d-h-ac200v 220/240v ac hc1-h-ac240v-f hc2-h-ac240v-f hc3-h-ac240v-f hc4-h-ac240v hc4d-h-ac240v 6v dc hc1-h-dc6v-f hc2-h-dc6v-f hc3-h-dc6v-f hc4-h-dc6v hc4d-h-dc6v 12v dc hc1-h-dc12v-f hc2-h-dc12v-f hc3-h-dc12v-f hc4-h-dc12v hc4d-h-dc12v 24v dc hc1-h-dc24v-f hc2-h-dc24v-f hc3-h-dc24v-f hc4-h-dc24v hc4d-h-dc24v 48v dc hc1-h-dc48v-f hc2-h-dc48v-f hc3-h-dc48v-f hc4-h-dc48v hc4d-h-dc48v 100/110v dc HC1-H-DC100V-F hc2-h-dc100v-f hc3-h-dc100v-f hc4-h-dc100v hc4d-h-dc100v nominal coil voltage 1 form c 2 form c 3 form c 4 form c 4 form c (twin) part no. part no. part no. part no. part no. 6v ac hc1-hl-ac6v-f hc2-hl-ac6v-f hc3-hl-ac6v-f hc4-hl-ac6v hc4d-hl-ac6v 12v ac hc1-hl-ac12v-f hc2-hl-ac12v-f hc3-hl-ac12v-f hc4-hl-ac12v hc4d-hl-ac12v 24v ac hc1-hl-ac24v-f hc2-hl-ac24v-f hc3-hl-ac24v-f hc4-hl-ac24v hc4d-hl-ac24v 100/110v ac hc1-hl-ac100v-f hc2-hl-ac100v-f hc3-hl-ac100v-f hc4-hl-ac100v hc4d-hl-ac100v 110/120v ac hc1-hl-ac120v-f hc2-hl-ac120v-f hc3-hl-ac120v-f hc4-hl-ac120v hc4d-hl-ac120v 200/220v ac hc1-hl-ac200v-f hc2-hl-ac200v-f hc3-hl-ac200v-f hc4-hl-ac200v hc4d-hl-ac200v 220/240v ac hc1-hl-ac240v-f hc2-hl-ac240v-f hc3-hl-ac240v-f hc4-hl-ac240v hc4d-hl-ac240v 6v dc hc1-hl-dc6v-f hc2-hl-dc6v-f hc3-hl-dc6v-f hc4-hl-dc6v hc4d-hl-dc6v 12v dc hc1-hl-dc12v-f hc2-hl-dc12v-f hc3-hl-dc12v-f hc4-hl-dc12v hc4d-hl-dc12v 24v dc hc1-hl-dc24v-f hc2-hl-dc24v-f hc3-hl-dc24v-f hc4-hl-dc24v hc4d-hl-dc24v 48v dc hc1-hl-dc48v-f hc2-hl-dc48v-f hc3-hl-dc48v-f hc4-hl-dc48v hc4d-hl-dc48v 100/110v dc hc1-hl-dc100v-f hc2-hl-dc100v-f hc3-hl-dc100v-f hc4-hl-dc100v hc4d-hl-dc100v asctb4e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
hc 3) pc board type standard packing: carton: 20 pcs.; case: 200 pcs. note: please add ?31 before ?f in the part number when ordering the pc board type 0.9 mm width terminal (ex) hc1-hp-ac6v-31-f. 4) pc board type (with led indication) standard packing: carton: 20 pcs.; case: 200 pcs. note: please add ?31 before ?f in the part number when ordering the pc board type 0.9 mm width terminal (ex) hc1-hpl-ac6v-31-f. 5) tm type standard packing: carton: 20 pcs.; case: 200 pcs. nominal coil voltage 1 form c 2 form c 3 form c 4 form c 4 form c (twin) part no. part no. part no. part no. part no. 6v ac hc1-hp-ac6v-f hc2-hp-ac6v-f hc3-hp-ac6v-f hc4-hp-ac6v hc4d-hp-ac6v 12v ac hc1-hp-ac12v-f hc2-hp-ac12v-f hc3-hp-ac12v-f hc4-hp-ac12v hc4d-hp-ac12v 24v ac hc1-hp-ac24v-f hc2-hp-ac24v-f hc3-hp-ac24v-f hc4-hp-ac24v hc4d-hp-ac24v 48v ac hc1-hp-ac48v-f hc2-hp-ac48v-f hc3-hp-ac48v-f hc4-hp-ac48v hc4d-hp-ac48v 100/110v ac hc1-hp-ac100v-f hc2-hp-ac100v-f hc3-hp-ac100v-f hc4-hp-ac100v hc4d-hp-ac100v 110/120v ac hc1-hp-ac120v-f hc2-hp-ac120v-f hc3-hp-ac120v-f hc4-hp-ac120v hc4d-hp-ac120v 200/220v ac hc1-hp-ac200v-f hc2-hp-ac200v-f hc3-hp-ac200v-f hc4-hp-ac200v hc4d-hp-ac200v 220/240v ac hc1-hp-ac240v-f hc2-hp-ac240v-f hc3-hp-ac240v-f hc4-hp-ac240v hc4d-hp-ac240v 6v dc hc1-hp-dc6v-f hc2-hp-dc6v-f hc3-hp-dc6v-f hc4-hp-dc6v hc4d-hp-dc6v 12v dc hc1-hp-dc12v-f hc2-hp-dc12v-f hc3-hp-dc12v-f hc4-hp-dc12v hc4d-hp-dc12v 24v dc hc1-hp-dc24v-f hc2-hp-dc24v-f hc3-hp-dc24v-f hc4-hp-dc24v hc4d-hp-dc24v 48v dc hc1-hp-dc48v-f hc2-hp-dc48v-f hc3-hp-dc48v-f hc4-hp-dc48v hc4d-hp-dc48v 100/110v dc hc1-hp-dc100v-f hc2-hp-dc100v-f hc3-hp-dc100v-f hc4-hp-dc100v hc4d-hp-dc100v nominal coil voltage 1 form c 2 form c 3 form c 4 form c 4 form c (twin) part no. part no. part no. part no. part no. 6v ac hc1-hpl-ac6v-f hc2-hpl-ac6v-f hc3-hpl-ac6v-f hc4-hpl-ac6v hc4d-hpl-ac6v 12v ac hc1-hpl-ac12v-f hc2-hpl-ac12v-f hc3-hpl-ac12v-f hc4-hpl-ac12v hc4d-hpl-ac12v 24v ac hc1-hpl-ac24v-f hc2-hpl-ac24v-f hc3-hpl-ac24v-f hc4-hpl-ac24v hc4d-hpl-ac24v 100/110v ac hc1-hpl-ac100v-f hc2-hpl-ac100v-f hc3-hpl-ac100v-f hc4-hpl-ac100v hc4d-hpl-ac100v 110/120v ac hc1-hpl-ac120v-f hc2-hpl-ac120v-f hc3-hpl-ac120v-f hc4-hpl-ac120v hc4d-hpl-ac120v 200/220v ac hc1-hpl-ac200v-f hc2-hpl-ac200v-f hc3-hpl-ac200v-f hc4-hpl-ac200v hc4d-hpl-ac200v 6v dc hc1-hpl-dc6v-f hc2-hpl-dc6v-f hc3-hpl-dc6v-f hc4-hpl-dc6v hc4d-hpl-dc6v 12v dc hc1-hpl-dc12v-f hc2-hpl-dc12v-f hc3-hpl-dc12v-f hc4-hpl-dc12v hc4d-hpl-dc12v 24v dc hc1-hpl-dc24v-f hc2-hpl-dc24v-f hc3-hpl-dc24v-f hc4-hpl-dc24v hc4d-hpl-dc24v 48v dc hc1-hpl-dc48v-f hc2-hpl-dc48v-f hc3-hpl-dc48v-f hc4-hpl-dc48v hc4d-hpl-dc48v 100/110v dc hc1-hpl-dc100v-f hc2-hpl-dc100v-f hc3-hpl-dc100v-f hc4-hpl-dc100v hc4d-hpl-dc100v nominal coil voltage 1 form c 2 form c 3 form c 4 form c 4 form c (twin) part no. part no. part no. part no. part no. 6v ac hc1-htm-ac6v-f hc2-htm-ac6v-f hc3-htm-ac6v-f hc4-htm-ac6v hc4d-htm-ac6v 12v ac hc1-htm-ac12v-f hc2-htm-ac12v-f hc3-htm-ac12v-f hc4-htm-ac12v hc4d-htm-ac12v 24v ac hc1-htm-ac24v-f hc2-htm-ac24v-f hc3-htm-ac24v-f hc4-htm-ac24v hc4d-htm-ac24v 48v ac hc1-htm-ac48v-f hc2-htm-ac48v-f hc3-htm-ac48v-f hc4-htm-ac48v hc4d-htm-ac48v 100/110v ac hc1-htm-ac100v-f hc2-htm-ac100v-f hc3-htm-ac100v-f hc4-htm-ac100v hc4d-htm-ac100v 110/120v ac hc1-htm-ac120v-f hc2-htm-ac120v-f hc3-htm-ac120v-f hc4-htm-ac120v hc4d-htm-ac120v 200/220v ac hc1-htm-ac200v-f hc2-htm-ac200v-f hc3-htm-ac200v-f hc4-htm-ac200v hc4d-htm-ac200v 6v dc hc1-htm-dc6v-f hc2-htm-dc6v-f hc3-htm-dc6v-f hc4-htm-dc6v hc4d-htm-dc6v 12v dc hc1-htm-dc12v-f hc2-htm-dc12v-f hc3-htm-dc12v-f hc4-htm-dc12v hc4d-htm-dc12v 24v dc hc1-htm-dc24v-f hc2-htm-dc24v-f hc3-htm-dc24v-f hc4-htm-dc24v hc4d-htm-dc24v 48v dc hc1-htm-dc48v-f hc2-htm-dc48v-f hc3-htm-dc48v-f hc4-htm-dc48v hc4d-htm-dc48v 100/110v dc hc1-htm-dc100v-f hc2-htm-dc100v-f hc3-htm-dc100v-f hc4-htm-dc100v hc4d-htm-dc100v asctb4e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
hc 2. amber sealed type 1) plug-in type standard packing: carton: 20 pcs.; case: 200 pcs. 2) plug-in type (with led indication) standard packing: carton: 20 pcs.; case: 200 pcs. 3) pc board type standard packing: carton: 20 pcs.; case: 200 pcs. note: please add ?31 in the suf? of part number when ordering the pc board type 0.9 mm width terminal. (4 form c, 4 form c (twin) only) nominal coil voltage 1 form c 2 form c 4 form c 4 form c (twin) part no. part no. part no. part no. 6v ac hc1e-h-ac6v-f hc2e-h-ac6v-f hc4e-h-ac6v hc4ed-h-ac6v 12v ac hc1e-h-ac12v-f hc2e-h-ac12v-f hc4e-h-ac12v hc4ed-h-ac12v 24v ac hc1e-h-ac24v-f hc2e-h-ac24v-f hc4e-h-ac24v hc4ed-h-ac24v 48v ac hc1e-h-ac48v-f hc2e-h-ac48v-f hc4e-h-ac48v hc4ed-h-ac48v 100/110v ac hc1e-h-ac100v-f hc2e-h-ac100v-f hc4e-h-ac100v hc4ed-h-ac100v 110/120v ac hc1e-h-ac120v-f hc2e-h-ac120v-f hc4e-h-ac120v hc4ed-h-ac120v 200/220v ac hc1e-h-ac200v-f hc2e-h-ac200v-f hc4e-h-ac200v hc4ed-h-ac200v 220/240v ac hc1e-h-ac240v-f hc2e-h-ac240v-f hc4e-h-ac240v hc4ed-h-ac240v 6v dc hc1e-h-dc6v-f hc2e-h-dc6v-f hc4e-h-dc6v hc4ed-h-dc6v 12v dc hc1e-h-dc12v-f hc2e-h-dc12v-f hc4e-h-dc12v hc4ed-h-dc12v 24v dc hc1e-h-dc24v-f hc2e-h-dc24v-f hc4e-h-dc24v hc4ed-h-dc24v 48v dc hc1e-h-dc48v-f hc2e-h-dc48v-f hc4e-h-dc48v hc4ed-h-dc48v 100/110v dc hc1e-h-dc100v-f hc2e-h-dc100v-f hc4e-h-dc100v hc4ed-h-dc100v nominal coil voltage 1 form c 2 form c 4 form c 4 form c (twin) part no. part no. part no. part no. 6v ac hc1e-l-ac6v-f hc2e-l-ac6v-f hc4e-l-ac6v hc4ed-l-ac6v 12v ac hc1e-l-ac12v-f hc2e-l-ac12v-f hc4e-l-ac12v hc4ed-l-ac12v 24v ac hc1e-l-ac24v-f hc2e-l-ac24v-f hc4e-l-ac24v hc4ed-l-ac24v 48v ac hc1e-l-ac48v-f hc2e-l-ac48v-f hc4e-l-ac48v hc4ed-l-ac48v 100/110v ac hc1e-l-ac100v-f hc2e-l-ac100v-f hc4e-l-ac100v hc4ed-l-ac100v 110/120v ac hc1e-l-ac120v-f hc2e-l-ac120v-f hc4e-l-ac120v hc4ed-l-ac120v 200/220v ac hc1e-l-ac200v-f hc2e-l-ac200v-f hc4e-l-ac200v hc4ed-l-ac200v 220/240v ac hc1e-l-ac240v-f hc2e-l-ac240v-f hc4e-l-ac240v hc4ed-l-ac240v 6v dc hc1e-l-dc6v-f hc2e-l-dc6v-f hc4e-l-dc6v hc4ed-l-dc6v 12v dc hc1e-l-dc12v-f hc2e-l-dc12v-f hc4e-l-dc12v hc4ed-l-dc12v 24v dc hc1e-l-dc24v-f hc2e-l-dc24v-f hc4e-l-dc24v hc4ed-l-dc24v 48v dc hc1e-l-dc48v-f hc2e-l-dc48v-f hc4e-l-dc48v hc4ed-l-dc48v 100/110v dc hc1e-l-dc100v-f hc2e-l-dc100v-f hc4e-l-dc100v hc4ed-l-dc100v nominal coil voltage 1 form c 2 form c 4 form c 4 form c (twin) part no. part no. part no. part no. 6v ac hc1e-hp-ac6v-f hc2e-hp-ac6v-f hc4e-hp-ac6v hc4ed-hp-ac6v 12v ac hc1e-hp-ac12v-f hc2e-hp-ac12v-f hc4e-hp-ac12v hc4ed-hp-ac12v 24v ac hc1e-hp-ac24v-f hc2e-hp-ac24v-f hc4e-hp-ac24v hc4ed-hp-ac24v 48v ac hc1e-hp-ac48v-f hc2e-hp-ac48v-f hc4e-hp-ac48v hc4ed-hp-ac48v 100/110v ac hc1e-hp-ac100v-f hc2e-hp-ac100v-f hc4e-hp-ac100v hc4ed-hp-ac100v 110/120v ac hc1e-hp-ac120v-f hc2e-hp-ac120v-f hc4e-hp-ac120v hc4ed-hp-ac120v 200/220v ac hc1e-hp-ac200v-f hc2e-hp-ac200v-f hc4e-hp-ac200v hc4ed-hp-ac200v 220/240v ac hc1e-hp-ac240v-f hc2e-hp-ac240v-f hc4e-hp-ac240v hc4ed-hp-ac240v 6v dc hc1e-hp-dc6v-f hc2e-hp-dc6v-f hc4e-hp-dc6v hc4ed-hp-dc6v 12v dc hc1e-hp-dc12v-f hc2e-hp-dc12v-f hc4e-hp-dc12v hc4ed-hp-dc12v 24v dc hc1e-hp-dc24v-f hc2e-hp-dc24v-f hc4e-hp-dc24v hc4ed-hp-dc24v 48v dc hc1e-hp-dc48v-f hc2e-hp-dc48v-f hc4e-hp-dc48v hc4ed-hp-dc48v 100/110v dc hc1e-hp-dc100v-f hc2e-hp-dc100v-f hc4e-hp-dc100v hc4ed-hp-dc100v asctb4e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
hc 4) pc board type (with led indication) standard packing: carton: 20 pcs.; case: 200 pcs. note: please add ?31 in the suf? of part number when ordering the pc board type 0.9 mm width terminal. (4 form c, 4 form c (twin) only) 5) tm type standard packing: carton: 20 pcs.; case: 200 pcs. 3. keep relay standard packing: carton: 20 pcs.; case: 200 pcs. note: please refer to the ?tandards chart for product certi?ation. nominal coil voltage 1 form c 2 form c 4 form c 4 form c (twin) part no. part no. part no. part no. 6v ac hc1e-pl-ac6v-f hc2e-pl-ac6v-f hc4e-pl-ac6v hc4ed-pl-ac6v 12v ac hc1e-pl-ac12v-f hc2e-pl-ac12v-f hc4e-pl-ac12v hc4ed-pl-ac12v 24v ac hc1e-pl-ac24v-f hc2e-pl-ac24v-f hc4e-pl-ac24v hc4ed-pl-ac24v 48v ac hc1e-pl-ac48v-f hc2e-pl-ac48v-f hc4e-pl-ac48v hc4ed-pl-ac48v 100/110v ac hc1e-pl-ac100v-f hc2e-pl-ac100v-f hc4e-pl-ac100v hc4ed-pl-ac100v 110/120v ac hc1e-pl-ac120v-f hc2e-pl-ac120v-f hc4e-pl-ac120v hc4ed-pl-ac120v 200/220v ac hc1e-pl-ac200v-f hc2e-pl-ac200v-f hc4e-pl-ac200v hc4ed-pl-ac200v 220/240v ac hc1e-pl-ac240v-f hc2e-pl-ac240v-f hc4e-pl-ac240v hc4ed-pl-ac240v 6v dc hc1e-pl-dc6v-f hc2e-pl-dc6v-f hc4e-pl-dc6v hc4ed-pl-dc6v 12v dc hc1e-pl-dc12v-f hc2e-pl-dc12v-f hc4e-pl-dc12v hc4ed-pl-dc12v 24v dc hc1e-pl-dc24v-f hc2e-pl-dc24v-f hc4e-pl-dc24v hc4ed-pl-dc24v 48v dc hc1e-pl-dc48v-f hc2e-pl-dc48v-f hc4e-pl-dc48v hc4ed-pl-dc48v 100/110v dc hc1e-pl-dc100v-f hc2e-pl-dc100v-f hc4e-pl-dc100v hc4ed-pl-dc100v nominal coil voltage 1 form c 2 form c 4 form c 4 form c (twin) part no. part no. part no. part no. 6v ac hc1e-htm-ac6v-f hc2e-htm-ac6v-f hc4e-htm-ac6v hc4ed-htm-ac6v 12v ac hc1e-htm-ac12v-f hc2e-htm-ac12v-f hc4e-htm-ac12v hc4ed-htm-ac12v 24v ac hc1e-htm-ac24v-f hc2e-htm-ac24v-f hc4e-htm-ac24v hc4ed-htm-ac24v 48v ac hc1e-htm-ac48v-f hc2e-htm-ac48v-f hc4e-htm-ac48v hc4ed-htm-ac48v 100/110v ac hc1e-htm-ac100v-f hc2e-htm-ac100v-f hc4e-htm-ac100v hc4ed-htm-ac100v 110/120v ac hc1e-htm-ac120v-f hc2e-htm-ac120v-f hc4e-htm-ac120v hc4ed-htm-ac120v 200/220v ac hc1e-htm-ac200v-f hc2e-htm-ac200v-f hc4e-htm-ac200v hc4ed-htm-ac200v 220/240v ac hc1e-htm-ac240v-f hc2e-htm-ac240v-f hc4e-htm-ac240v hc4ed-htm-ac240v 6v dc hc1e-htm-dc6v-f hc2e-htm-dc6v-f hc4e-htm-dc6v hc4ed-htm-dc6v 12v dc hc1e-htm-dc12v-f hc2e-htm-dc12v-f hc4e-htm-dc12v hc4ed-htm-dc12v 24v dc hc1e-htm-dc24v-f hc2e-htm-dc24v-f hc4e-htm-dc24v hc4ed-htm-dc24v 48v dc hc1e-htm-dc48v-f hc2e-htm-dc48v-f hc4e-htm-dc48v hc4ed-htm-dc48v 100/110v dc hc1e-htm-dc100v-f hc2e-htm-dc100v-f hc4e-htm-dc100v hc4ed-htm-dc100v nominal coil voltage plug-in type (2c) pc board type (2c) part no. part no. 6v ac hc2k-ac6v-f hc2k-p-ac6v-f 12v ac hc2k-ac12v-f hc2k-p-ac12v-f 24v ac hc2k-ac24v-f hc2k-p-ac24v-f 48v ac hc2k-ac48v-f hc2k-p-ac48v-f 100v ac hc2k-ac100v-f hc2k-p-ac100v-f 6v dc hc2k-dc6v-f hc2k-p-dc6v-f 12v dc hc2k-dc12v-f hc2k-p-dc12v-f 24v dc hc2k-dc24v-f hc2k-p-dc24v-f 48v dc hc2k-dc48v-f hc2k-p-dc48v-f 100/110v dc hc2k-dc100v-f hc2k-p-dc100v-f asctb4e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
hc 4. with diode type (for dc) 1) plug-in type standard packing: carton: 20 pcs.; case: 200 pcs. 2) plug-in type (with led indication) standard packing: carton: 20 pcs.; case: 200 pcs. 5. with cr circuit type 1) plug-in type standard packing: carton: 20 pcs.; case: 200 pcs. 2) plug-in type (with led indication) standard packing: carton: 20 pcs.; case: 200 pcs. * for sockets and terminal sockets, see page 87. rating 1. standard type 1) coil data (1) ac coils (50/60hz) notes: 1. the relay operates in a range of 80% to 110% v of the voltage rating, but ideally, in consideration of temporary voltage ?ctuations, it should be operated at the r ated voltage. in particular, for ac operation, if the applied voltage drops to 80% v or more below the rated voltage, humming will occur and a large current will ?w leading possibly to coil burnout. 2. the maximum applied voltage is the maximum voltage ?ctuation value for the coil power supply. this value is not a permissible value for continuous operation. (this value differs depending on the ambient temperature. please contact us for details.) nominal coil voltage 1 form c 2 form c 3 form c 4 form c 4 form c (twin) part no. part no. part no. part no. part no. 6v dc hc1-dc6v-d-f hc2-dc6v-d-f hc3-dc6v-d-f hc4-dc6v-d hc4d-dc6v-d 12v dc hc1-dc12v-d-f hc2-dc12v-d-f hc3-dc12v-d-f hc4-dc12v-d hc4d-dc12v-d 24v dc hc1-dc24v-d-f hc2-dc24v-d-f hc3-dc24v-d-f hc4-dc24v-d hc4d-dc24v-d 48v dc hc1-dc48v-d-f hc2-dc48v-d-f hc3-dc48v-d-f hc4-dc48v-d hc4d-dc48v-d 100/110v dc hc1-dc100v-d-f hc2-dc100v-d-f hc3-dc100v-d-f hc4-dc100v-d hc4d-dc100v-d nominal coil voltage 1 form c 2 form c 3 form c 4 form c 4 form c (twin) part no. part no. part no. part no. part no. 6v dc hc1-l-dc6v-d-f hc2-l-dc6v-d-f hc3-l-dc6v-d-f hc4-l-dc6v-d hc4d-l-dc6v-d 12v dc hc1-l-dc12v-d-f hc2-l-dc12v-d-f hc3-l-dc12v-d-f hc4-l-dc12v-d hc4d-l-dc12v-d 24v dc hc1-l-dc24v-d-f hc2-l-dc24v-d-f hc3-l-dc24v-d-f hc4-l-dc24v-d hc4d-l-dc24v-d 48v dc hc1-l-dc48v-d-f hc2-l-dc48v-d-f hc3-l-dc48v-d-f hc4-l-dc48v-d hc4d-l-dc48v-d 100/110v dc hc1-l-dc100v-d-f hc2-l-dc100v-d-f hc3-l-dc100v-d-f hc4-l-dc100v-d hc4d-l-dc100v-d nominal coil voltage 1 form c 2 form c 3 form c 4 form c 4 form c (twin) part no. part no. part no. part no. part no. 100/110v ac hc1-ac100v-r-f hc2-ac100v-r-f hc3-ac100v-r-f hc4-ac100v-r hc4d-ac100v-r 110/120v ac hc1-ac120v-r-f hc2-ac120v-r-f hc3-ac120v-r-f hc4-ac120v-r hc4d-ac120v-r 200/220v ac hc1-ac200v-r-f hc2-ac200v-r-f hc3-ac200v-r-f hc4-ac200v-r hc4d-ac200v-r 220/240v ac hc1-ac240v-r-f hc2-ac240v-r-f hc3-ac240v-r-f hc4-ac240v-r hc4d-ac240v-r nominal coil voltage 1 form c 2 form c 3 form c 4 form c 4 form c (twin) part no. part no. part no. part no. part no. 100/110v ac hc1-l-ac100v-r-f hc2-l-ac100v-r-f hc3-l-ac100v-r-f hc4-l-ac100v-r hc4d-l-ac100v-r 110/120v ac hc1-l-ac120v-r-f hc2-l-ac120v-r-f hc3-l-ac120v-r-f hc4-l-ac120v-r hc4d-l-ac120v-r 200/220v ac hc1-l-ac200v-r-f hc2-l-ac200v-r-f hc3-l-ac200v-r-f hc4-l-ac200v-r hc4d-l-ac200v-r 220/240v ac hc1-l-ac240v-r-f hc2-l-ac240v-r-f hc3-l-ac240v-r-f hc4-l-ac240v-r hc4d-l-ac240v-r type nominal coil voltage pick-up voltage (at 20 c 68f) drop-out voltage (at 20 c 68f) nominal coil current [20%] (at 20 c 68f) coil inductance nominal operating power max. applied voltage (at 70 c 158 f) 50hz 60hz n.c. condition n.o. condition 50hz 60hz standard 6v ac 80%v or less of nominal voltage (initial) 30%v or more of nominal voltage (initial) 224ma 200ma 0.078h 0.074h 1.3va 1.2va 110%v of nominal voltage 12v ac 111ma 100ma 0.312h 0.295h 24v ac 56ma 50ma 1.243h 1.181h 48v ac 28ma 25ma 4.974h 4.145h 100/110v ac 13.4/14.7ma 12/13.2ma 23.75h 20.63h 110/120v ac 12.2/13.5ma 10.9/11.9ma 27.19h 25.57h 200/220v ac 6.7/7.4ma 6/6.6ma 85.98h 81.76h asctb4e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
hc (2) dc coils notes: 1. the coil resistance for dc operation is the value measured when the coil temperature is 20 c 68f . compensate 0.4% for every 1 c change in temperature. 2. the relay operates in a range of 80% to 110% v of the voltage rating, but ideally, in consideration of temporary voltage ?ctuations, it should be operated at the rated voltage. 3. for use with 200 v dc, connect a 10 k ? (5w) resistor, in series, to the 100 v dc relay. 4. the maximum applied voltage is the maximum voltage ?ctuation value for the coil power supply. this value is not a permissible value for continuous operation. (this value differs depending on the ambient temperature. please contact us for details.) 2) speci?ations notes: *1. this value can change due to the switching frequency, environmental conditions and desired reliability level, therefore it is recommended to check this with the actual load. *2. for the ac coil types, the operate/release time will differ depending on the phase. *3. the upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. refer to usage, transport and storage conditions in notes. type nominal coil voltage pick-up voltage (at 20 c 68f) drop-out voltage (at 20 c 68f) nominal coil current [10%] (at 20 c 68f) coil resistance [10%] (at 20 c 68f) nominal operating power max. applied voltage (at 70 c 158 f) standard 6v dc 80%v or less of nominal voltage (initial) 10%v or more of nominal voltage (initial) 150ma 40 ? 0.9w 110%v of nominal voltage 12v dc 75ma 160 ? 24v dc 37ma 650 ? 48v dc 18.5ma 2,600 ? 100/110v dc 10/11ma 10,000 ? 1.0w characteristics item speci?ations contact arrangement 1 form c 2 form c 3 form c 4 form c 4 form c (twin) contact resistance (initial) max. 30 m ? (by voltage drop 6 v dc 1a) contact material ag alloy (cd free) + au ?sh agni type + au clad rating nominal switching capacity (resistive load) 10a 250v ac 7a 250v ac 7a 250v ac 5a 250v ac 3a 250v ac max. switching power (resistive load) 2,500va 1,750va 1,750va 1,250va 750va max. switching voltage 250vac max. switching current 10a 7a 7a 5a 3a nominal operating power ac (50hz): 1.3va, ac (60hz): 1.2va, dc: 0.9 to 1.1w min. switching capacity (reference value)* 1 1ma 1v dc 100 a 1v dc electrical characteristics insulation resistance (initial) min. 1,000m ? (at 500v dc) measurement at same location as ?reakdown voltage section. breakdown voltage (initial) between open contacts 700 vrms for 1min. (detection current: 10ma.) between contact sets 700 vrms for 1min. (detection current: 10ma.) between contact and coil 2,000 vrms for 1min. (detection current: 10ma.) temperature rise (coil) (at 70 c 158 f) max. 80 c 176 f (by resistive method, nominal coil voltage) operate time (at 20 c 68f)* 2 max. 20ms (nominal coil voltage applied to the coil, excluding contact bounce time.) release time (at 20 c 68f)* 2 max. 20ms (nominal coil voltage applied to the coil, excluding contact bounce time.) (without diode) mechanical characteristics shock resistance functional min. 196 m/s 2 (half-wave pulse of sine wave: 11 ms; detection time: 10 s.) destructive min. 980 m/s 2 (half-wave pulse of sine wave: 6 ms.) vibration resistance functional 10 to 55 hz at double amplitude of 1 mm (detection time: 10 s.) destructive 10 to 55 hz at double amplitude of 2 mm expected life mechanical min. 5 10 7 : ac coil type (at 180 times/min.); min. 10 8 : dc coil type (at 180 times/min.) electrical min. 2 10 5 resistive load (at 20 times/min.) min. 2 10 5 resistive load (at 20 times/min.) min. 10 5 resistive load (at 20 times/min.) min. 2 10 5 resistive load (at 20 times/min.) min. 2 10 5 resistive load (at 20 times/min.) conditions conditions for operation, transport and storage* 3 ambient temperature: ?0 c to +70 c ?8 f to +158 f (without led); ?0 c to +60 c ?8 f to +140 f (with led) humidity: 5 to 85% r.h. (not freezing and condensing at low temperature) max. operating speed 20 times/min. (at max. rating) unit weight approx. 30g 1.06 oz asctb4e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
hc 3) switching capacity and expected life (1) electrical (at 20 times/min.) (2) mechanical (at 180 times/min.) ac coil type: min. 5 10 7 ; dc coil type: min. 10 8 2. amber sealed type 1) coil data same coil data as hc relay standard type. please refer to standard type information. 2) speci?ations notes: other speci?ations are same as standard types. *1. this value can change due to the switching frequency, environmental conditions and desired reliability level, therefore it is recommended to check this with the actual load. *2. the upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. refer to usage, transport and storage conditions in notes. 3) switching capacity and expected life (1) electrical (at 20 times/min.) (2) mechanical (at 180 times/min.) ac coil type: min. 5 10 7 ; dc coil type: min. 10 8 load ac dc expected life resistive (cos ? = 1) inductive (cos ? 0.4) resistive inductive voltage 125v ac 250v ac 125v ac 250v ac 30v dc 30v dc 1 form c 10a 10a 5a 3a min. 2 10 5 7a 7a 3a 2.5a 3a 1a min. 5 10 5 5a 5a 2a 1.5a min. 10 6 2 form c 7a 7a 3.5a 2a min. 2 10 5 5a 5a 2.5a 1.5a 3a 0.6a min. 5 10 5 3a 3a 1.5a 1a min. 10 6 3 form c 7a 7a min. 10 5 3.5a 2a min. 2 10 5 5a 5a 3a 0.4a min. 5 10 5 4 form c 5a 5a 2a 1a min. 2 10 5 3a 3a 1a 0.8a 3a 0.4a min. 5 10 5 2a 2a 0.5a 0.4a min. 10 6 4 form c (twin) 3a 3a 1a 0.8a 3a min. 2 10 5 characteristics item speci?ations 1 form c 2 form c 4 form c 4 form c (twin) contact arrangement 1 form c 2 form c 4 form c 4 form c rating nominal switching capacity (resistive load) 5a 250v ac 3a 250v ac 2a 250v ac 1a 250v ac max. switching power (resistive load) 1,250va 700va 500va 250va max. switching voltage 250vac 250vac 250vac 250vac max. switching current 5a 3a 2a 1a min. switching capacity (reference value)* 1 1ma 100mv dc 100 a 100mv dc electrical characteristics temperature rise (coil) (at 60 c 140 f) max. 90 c 194 f (by resistive method, nominal voltage) expected life electrical min. 2 10 5 resistive load (at 20 times/min.) conditions conditions for operation, transport and storage* 2 ambient temperature: ?0 c to +60 c ?0 f to +140 f; humidity: 5 to 85% r.h. (not freezing and condensing at low temperature) ambient air pressure 760mmhg 20% (1,013mb 20%) load ac dc expected life resistive (cos ? = 1) inductive (cos ? 0.4) resistive inductive voltage 125v ac 250v ac 125v ac 250v ac 30v dc 30v dc hc1e 5a 5a 3a 1a min. 2 10 5 hc2e 3a 3a 2a 0.7a min. 2 10 5 hc4e 2a 2a 2a 0.6a min. 2 10 5 hc4ed (4 form c twin) 1a 1a min. 2 10 5 asctb4e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
hc 3. keep relay 1) coil data (1) ac coils (50/60hz) (2) dc coils notes: 1. the allowable coil resistance range is 10% when within 1,000 ? and 15% when. 1,000 ? or higher. 2. the maximum applied voltage is the maximum voltage ?ctuation value for the coil power supply. this value is not a permissible value for continuous operation. (this value differs depending on the ambient temperature. please contact us for details.) 2) speci?ations notes: *1. this value can change due to the switching frequency, environmental conditions and desired reliability level, therefore it is recommended to check this with the actual load. *2. other speci?ations are same as standard type hc relay. please see the standard type hc relay. *3. please maintain (reset) the relay more than once a year. leaving it in the set position for long periods of time will cause the magnet to attenuate over the years. this will decrease the holding power and cause failure of the set position. 4. with diode type (for dc) 1) coil data same coil data as hc relay standard type for dc. please refer to standard type information. please connect dc coil type built-in diode correctly by verifying the coil polarity. 2) speci?ations notes: other speci?ations are same as standard type hc relay. please see the standard type hc relay. * the upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. refer to usage, transport and storage conditions in notes. 5. with cr circuit type 1) coil data same coil data as hc relay standard type for ac. please refer to standard type information. 2) speci?ations notes: other speci?ations are same as standard type hc relay. please see the standard type hc relay. * the upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. refer to usage, transport and storage conditions in notes. contact arrangement nominal coil voltage set voltage (at 20 c 68f) reset voltage (at 20 c 68f) nominal operating current [10%] (at 20 c 68f) nominal operating power max. applied voltage (at 50 c 122 f) set coil reset coil set coil reset coil 2 form c 6v ac 80%v or less of nominal voltage (initial) 80%v or less of nominal voltage (initial) 206ma 103ma 1.23va 0.62va 110%v of nominal voltage 12v ac 100ma 52ma 1.20va 0.62va 24v ac 51ma 21.4ma 1.22va 0.51va 48v ac 25.2ma 18.5ma 1.20va 0.88va 100v ac 13.3ma 7.1ma 1.33va 0.71va contact arrangement nominal coil voltage set voltage (at 20 c 68f) reset voltage (at 20 c 68f) nominal operating current [10%] (at 20 c 68f) coil resistance [10%] (at 20 c 68f) nominal operating power max. applied voltage (at 50 c 122 f) set coil reset coil set coil reset coil set coil reset coil 2 form c 6v dc 80%v or less of nominal voltage (initial) 80%v or less of nominal voltage (initial) 207ma 107ma 29 ? 56? 1.24w 0.64w 110%v of nominal voltage 12v dc 100ma 52.2ma 120 ? 230? 1.20w 0.63w 24v dc 51.1ma 25.5ma 470 ? 941? 1.23w 0.61w 48v dc 25.3ma 13.7ma 1,897 ? 3,504 ? 1.21w 0.66w 100v dc 15.6ma 5.8ma 6,410 ? 17,241 ? 1.56w 0.58w characteristics item speci?ations contact contact resistance (initial) max. 50 m ? (by voltage drop 6 v dc 1a) rating nominal switching capacity (resistive load) 3a 250v ac max. switching power (resistive load) 750va max. switching current 3a nominal operating power set coil: 1.20va to 1.33va; reset coil: 0.51va to 0.88va min. switching capacity (reference value)* 1 100a 100mv dc electrical characteristics breakdown voltage (initial) between contact and coil 1,500 vrms for 1min. temperature rise (coil) set coil: max. 80 c 176 f; reset coil: max. 50 c 122f (at nominal coil voltage) set time/reset time (at 20 c 68f) approx. 20ms/30ms (at nominal coil voltage) mechanical characteristics shock resistance functional min. 98m/s 2 (half-wave pulse of sine wave: 11 ms; detection time: 10 s.) expected life mechanical min. 10 7 (at 180 times/min.) electrical min. 2 10 5 rated load (at 20 times/min.) conditions ambient temperature ?0 c to +50 c ?0 f to +122 f (not freezing and condensing at low temperature) characteristics item speci?ations conditions conditions for operation, transport and storage* ambient temperature: ?0 c to +60 c ?8 f to +140 f humidity: 5 to 85% r.h. (not freezing and condensing at low temperature) characteristics item speci?ations electrical characteristics temperature rise (coil) max. 90 c 194f (by resistive method, nominal voltage, rated current at 60 c 140 f) conditions conditions for operation, transport and storage* ambient temperature: ?0 c to +60 c ?8 f to +140 f humidity: 5 to 85% r.h. (not freezing and condensing at low temperature) asctb4e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
hc reference data standard type 1. life curve load: 250 v ac resistive load 2.-(1) switching capacity range (single contact type) 2.-(2) switching capacity range (4-pole bifurcated (twin) contact type) 246810 100 200 300 400 500 5,000 10,000 1c 2c 3c 4c load current, a life, 10 4 times mechanical life (dc type) mechanical life (ac type) (250 v ac cos? = 1) 10ma 100 10 250 1a1ma 7a 5a 10a hc1c hc4c hc2c, 3c ac current ac voltage, v 100a 100mv 100 250 1a 3a 10a ac current ac voltage, v 3.-(1) coil temperature rise (1 form c, ac type) measured portion: inside the coil ambient temperature: 25 c 77f 3.-(2) coil temperature rise (2 form c, ac type) measured portion: inside the coil ambient temperature: 30 c 86f 3.-(3) coil temperature rise (3 form c, ac type) measured portion: inside the coil ambient temperature: 18 c 64 f (see note.) (see note.) (see note.) 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 10a 7a 0a 2a 5a coil applied voltage, %v temperature rise, c 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 10a 5a 0a coil applied voltage, %v temperature rise, c 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 5a 7a 0a coil applied voltage, %v temperature rise, c 3.-(4) coil temperature rise (4 form c, ac type) measured portion: inside the coil ambient temperature: 15 to 21 c 59 to 70 f (see note.) 3.-(5) coil temperature rise (1 form c, dc type) measured portion: inside the coil ambient temperature: 29 c 84f 3.-(6) coil temperature rise (2 form c, dc type) measured portion: inside the coil ambient temperature: 29 c 84 f 80 90 100 110 120 0 20 40 60 80 100 120 140 160 180 5a 3a 1a coil applied voltage, %v temperature rise, c 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 10a 5a 0a coil applied voltage, %v temperature rise, c 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 7a 5a 0a coil applied voltage, %v temperature rise, c 3.-(7) coil temperature rise (3 form c, dc type) measured portion: inside the coil ambient temperature: 29 c 84f 3.-(8) coil temperature rise (4 form c, dc type) measured portion: inside the coil ambient temperature: 17 to 18 c 62 to 64 f note: coil temperature rise when the nominal voltage is applied to ac 120 or 240 v coil types respectively, the ?ures of coil temperature rise increase by approx. 10 degrees to the ones shown on each graph. 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 7a 5a 0a coil applied voltage, %v temperature rise, c 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 5a 3a 1a coil applied voltage, %v temperature rise, c asctb4e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
hc amber sealed type 1.-(1) switching capacity range (single contact type) 1.-(2) switching capacity range (4-pole bifurcated (twin) contact type) 2.-(1) coil temperature rise (1 form c ac type) measured portion: inside the coil ambient temperature: 30 c 86f 10ma 250v 100v 10v 1a 3a2a 5a 10a hc1e hc4e hc2e ac current ac voltage, v 100a 100mv 100 250 1a 3a 10a ac current ac voltage, v 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 5a voltage applied to coil, %v temperature rise, c 2.-(2) coil temperature rise (2 form c ac type) measured portion: inside the coil ambient temperature: 30 c 86f 2.-(3) coil temperature rise (4 form c ac type) measured portion: inside the coil ambient temperature: 30 c 86f 2.-(4) coil temperature rise (1 form c dc type) measured portion: inside the coil ambient temperature: 30 c 86f (see note.) (see note.) 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 3a voltage applied to coil, %v temperature rise, c 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 2a voltage applied to coil, %v temperature rise, c 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 5a 0a voltage applied to coil, %v temperature rise, c 2.-(5) coil temperature rise (2 form c dc type) measured portion: inside the coil ambient temperature: 30 c 86f note: coil temperature rise when the nominal voltage is applied to ac 120 or 240 v coil types respectively, the ?ures of coil temperature rise increase by approx. 10 degrees to the ones shown on each graph. 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 5a voltage applied to coil, %v temperature rise, c keep relay coil temperature rise tested sample: hc2k-dc12v, 2 pcs measured portion: inside the coil ambient temperature: 28 c 82.4 f 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 coil applied voltage, %v te mperature rise, c 0a 3a asctb4e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
hc with diode type (for dc) with cr circuit type dimensions (mm inch ) standard and amber sealed types 1) plug-in type 1.-(1) dc coil surge voltage waveform (without diode) 1.-(2) dc coil surge voltage waveform (with diode) diode characteristics; reverse breakdown voltage: 1,000v, forward current: 1a offon 260v 12v dc + to digital memory offon 12v dc + to digital memory ( ( reverse breakdown voltage: 1,000 v forward current: 1 a 1.-(1) ac coil surge voltage waveform (with cr circuit) tested sample: hc4-ac200v-r 1.-(2) ac coil surge voltage waveform (without cr circuit) tested sample: hc4-ac200v 282v 55v 1.5ms 3.2ms 200v ac to digital memory 282v 630v 1.8ms 200v ac to digital memory 1 form c external dimensions 20.8 .819 1.7 .067 1.7 .067 35.2 1.386 6.4 .252 2.54 0.5 .100 .020 .526 13.35 .175 4.45 .174 4.41 .160 4.06 6.35 6.35 .250 .250 27.2 1.071 .039 1 .024 0.6 2 7 12 13 14 general tolerance: 0.3 .012 schematic (bottom view) standard type 2 7 12 14 13 led ac type led dc type 7 12 14 2 13 ( ) ( ) 2 7 12 14 13 ( ? ) ( + ) cad data asctb4e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e the cad data of the products with a cad data mark can be downloaded from: http://industrial.panasonic.com/ac/e
hc 2 form c external dimensions 20.8 .819 1.7 1.7 .067 .067 35.2 1.386 6.4 .252 2.54 .100 0.5 .020 27.2 1.071 .024 0.6 .039 1 .526 13.35 .174 4.41 .160 4.06 6.35 6.35 .250 .250 1 4 5 9 13 8 12 14 general tolerance: 0.3 .012 schematic (bottom view) standard type 14 8 12 14 5 9 13 led ac type led dc type 14 13 ( ) ( ) 14 8 12 5 9 14 13 (?) (+) 14 8 12 5 9 cad data 3 form c external dimensions 20.8 .819 1.7 .067 1.7 .067 35.2 1.386 6.4 .252 2.54 .100 0.5 .020 27.2 1.071 .024 0.6 .039 1 .526 13.35 .174 4.41 4.06 6.35 6.35 .160 .250 .250 1 4 7 13 89 14 56 23 general tolerance: 0.3 .012 schematic (bottom view) standard type 1 14 4 7 2 5 8 3 6 9 13 led ac type led dc type 14 13 ( ) ( ) 1 4 7 2 5 8 3 6 9 14 13 (?) (+) 1 4 7 2 5 8 3 6 9 cad data 4 form c and 4-pole bifurcated (twin) external dimensions .819 20.8 1.7 1.7 .067 .067 35.2 1.386 6.4 .252 2.54 .100 .039 1 0.5 .020 27.2 1.071 13.35 .526 .174 4.41 4.06 6.35 6.35 .160 .250 .250 .024 0.6 1 5 9 13 14 6 10 11 12 78 234 .175 4.45 general tolerance: 0.3 .012 schematic (bottom view) standard type 1 14 5 9 2 6 10 3 7 11 4 8 12 13 led ac type led dc type 14 13 ( ) ( ) 1 5 9 2 6 10 3 7 11 4 8 12 14 13 (?) (+) 1 5 9 2 6 10 3 7 11 4 8 12 cad data asctb4e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
hc 2) pc board type 3) tm type 4 form c external dimensions .819 20.8 1.7 1.7 .067 .067 35.2 1.386 1.5 .039 1 0.5 .059 .020 1.071 27.2 13.35 .526 .174 4.41 4.06 6.35 6.35 .160 .250 .250 .024 0.6 1.5 .059 3.5 .138 .175 4.45 12 34 8 67 5 910 11 13 12 14 general tolerance: 0.3 .012 pc board pattern 1 form c 2 form c 3 form c 4 form c 13.35 .526 8.9 .350 4.45 .175 .161 4.1 10.4 .409 16.8 .661 5-.079 dia. 5-2 dia. hole 13.35 .526 .161 4.1 10.4 .409 16.8 .661 8-.079 dia. 8-2 dia. hole 13.35 .526 .161 4.1 10.4 .409 16.8 .661 11-2 dia. hole 11-.079 dia. 13.35 .526 8.9 .350 4.45 .175 .161 4.1 10.4 .409 16.8 .661 14-.079 dia. 14-2 dia. hole tolerance: 0.1 .004 the diagrams show the external dimensions of the 4 form c and 4-pole bifurcated (twin) types. for 1 form c, 2 form c, and 3 form c, see diagrams at plug-in types (only the terminals are different). types with 0.9 mm terminal width are also av ailable. schematic same schematic as plug-in type hc relay cad data 4 form c external dimensions 20.6 34.2 1.346 6.4 .252 2.54 .100 .039 1 0.5 .020 43 .811 1.693 2 .079 13.35 .526 .170 4.31 .160 4.06 6.35 6.35 .250 .250 .175 4.45 .142 3.6 27 1.063 37.6 1.480 1 5 9 13 6 10 2 3 7 11 4 8 12 14 general tolerance: 0.3 .012 the diagrams show the external dimensions of the 4 form c and 4-pole bifurcated (twin) types. for 1 form c, 2 form c, and 3 form c, see diagrams at plug-in types (only the terminals are different). chassis (panel) cutout tolerance: 0.1 .004 schematic same schematic as plug-in type hc relay be aware that there is no led indicator with cr circuit and built-in diode types. 37.6 1.480 2-.142 dia. 2-3.6 dia. chassis (panel) cutout in tandem mounting notes: 1. in mounting, use m3 screws and m3 washers. 2. when mounting tm types, use washers to prevent damage or distortion to the polycarbonate cover. 3. when tightening ?ing screws, the optimum torque range should be 0.294 to 0.49 n?, (3 to 5 kgf?m). moreover, use washers to prevent loosening. 37.6 1.480 21 21 .827 .827 .906 23 2 .079 cad data asctb4e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
hc keep relay plug-in type (2 form c) pc board type (2 form c) with diode type (for dc) same dimensions as hc relay standard/plug-in type external dimensions 0.5 .020 27.4 1.079 21 .827 35.2 1.386 6.4 .252 2.54 .100 .039 1 6.9 .272 13.35 .526 .178 4.51 4.06 6.35 6.35 .160 .250 .250 .175 4.45 1 5 9 13 14 10 11 12 67 8 234 general tolerance: 0.3 .012 schematic (bottom view) dc type ac type 1 5 9 11 12 8 4 14 10 13 ?+ ?+ reset set 1 5 9 11 12 8 4 14 10 13 reset set cad data external dimensions 21 .827 35.2 1.386 1.5 .059 .039 1 0.5 .020 27.2 1.071 13.35 .526 .178 4.51 4.06 6.35 6.35 .160 .250 .250 5.0 .197 3.5 .138 .175 4.45 1 5 9 13 14 10 11 12 67 8 234 general tolerance: 0.3 .012 schematic (bottom view) dc type ac type 1 5 9 11 12 8 4 14 10 13 ?+ ?+ reset set 1 5 9 11 12 8 4 14 10 13 reset set pc board pattern (bottom view) 13.35 .526 8.9 .350 4.45 .175 4.1 .161 10.4 .409 16.8 .661 14-.079 dia. hole 14-2 dia. hole 21 .827 27.4 1.079 idle terminal (hole needed) tolerance: 0.1 .004 cad data schematic without led indicator 1234 5678 9101112 13?+ 14 protection (surge-absorbing) diode with led indicator 1234 5678 9101112 13?+ 14 protection (surge-absorbing) diode led cad data asctb4e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
hc with cr circuit type plug-in type safety standards item ul/c-ul (recognized) csa (certi?d) vde (certi?d) tv rating (ul/csa) remarks file no. contact rating file no. contact rating file no. contact rating file no. rating hc standard 1 form c e43028 10a 250v ac 1 / 3 hp 125, 250v ac 3a 30v dc lr26550 etc. 10a 250v ac 1 / 3 hp 125, 250v ac 3a 30v dc 40017406 10a 250v ac (cos =1.0) 3a 250v ac (cos =0.4) 3a 30v dc (0ms) ul e43149 csa lr26550 tv-3 2 form c e43028 7a 250v ac 1 / 6 hp 125, 250v ac 3a 30v dc lr26550 etc. 7a 250v ac 1 / 6 hp 125, 250v ac 3a 30v dc 40017406 7a 250v ac (cos =1.0) 2a 250v ac (cos =0.4) 3a 30v dc (0ms) ul e43149 csa lr26550 tv-3 3 form c e43028 7a 250v ac 1 / 6 hp 125, 250v ac 3a 30v dc lr26550 etc. 7a 250v ac 1 / 6 hp 125, 250v ac 3a 30v dc 4 form c e43028 5a 250v ac 1 / 10 hp 125, 250v ac 3a 30v dc lr26550 etc. 5a 250v ac 1 / 10 hp 125, 250v ac 3a 30v dc 40017406 5a 65v ac (cos =1.0) 3a 65v ac (cos =0.4) 3a 30v dc (0ms) 4 form c twin e43149 3a 250v ac 3a 30v dc lr26550 etc. 3a 250v ac 3a 30v dc hc amber 1 form c e43028 6a 250v ac 1 / 6 hp 125, 250v ac 3a 30v dc lr26550 etc. 6a 250v ac 1 / 6 hp 125, 250v ac 3a 30v dc 2 form c e43028 4a 250v ac 1 / 10 hp 125, 250v ac 3a 30v dc lr26550 etc. 4a 250v ac 1 / 10 hp 125, 250v ac 3a 30v dc 4 form c e43028 2a 250v ac 1 / 20 hp 125, 250v ac 2a 30v dc lr26550 etc. 2a 250v ac 1 / 20 hp 125, 250v ac 2a 30v dc 4 form c twin e43149 1a 250v ac 1a 30v dc lr26550 etc. 1a 250v ac 1a 30v dc hc keep e43149 3a 250v ac 3a 30v dc lr26550 etc. 3a 250v ac 3a 30v dc approved (dc type only) 4 form c external dimensions 1 2 3 4 5 6 7 8 9 13 10 11 12 14 4.41 6.35 4.06 6.35 .174 .250 .160 .250 .526 13.35 4.45 .175 2.54 .100 27.4 21 1.079 .827 52.3 2.059 .039 1 0.5 .020 6.4 .252 general tolerance: 0.3 .012 schematic without led indicator with led indicator 1234 5678 9101 112 13 14 1234 5678 9101 112 13 14 diagrams show the external dimensions and schematic of the 4 form c and 4-pole bifurcated (twin) types. for the 1 form c, 2 form c, and 3 form c types, only the terminals differ. the dimensions of the terminal are the same as for standard type hc relays. cad data asctb4e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
hc notes for cautions for use. item ul/c-ul (recognized) csa (certi?d) vde (certi?d) tv rating (ul/csa) remarks file no. contact rating file no. contact rating file no. contact rating file no. rating hc with diode type (for dc) 1 form c e43028 10a 250v ac 1 / 3 hp 125, 250v ac 3a 30v dc lr26550 etc. 10a 250v ac 1 / 3 hp 125, 250v ac 3a 30v dc 2 form c e43028 7a 250v ac 1 / 6 hp 125, 250v ac 3a 30v dc lr26550 etc. 7a 250v ac 1 / 6 hp 125, 250v ac 3a 30v dc 3 form c e43028 7a 250v ac 1 / 6 hp 125, 250v ac 3a 30v dc lr26550 etc. 7a 250v ac 1 / 6 hp 125, 250v ac 3a 30v dc 4 form c e43028 5a 250v ac 1 / 10 hp 125, 250v ac 3a 30v dc lr26550 etc. 5a 250v ac 1 / 10 hp 125, 250v ac 3a 30v dc 4 form c twin e43149 3a 250v ac 3a 30v dc lr26550 etc. 3a 250v ac 3a 30v dc hc with cr circuit 1 form c e43028 10a 250v ac 1 / 3 hp 125, 250v ac 3a 30v dc lr26550 etc. 10a 250v ac 1 / 3 hp 125, 250v ac 3a 30v dc 2 form c e43028 7a 250v ac 1 / 6 hp 125, 250v ac 3a 30v dc lr26550 etc. 7a 250v ac 1 / 6 hp 125, 250v ac 3a 30v dc 3 form c e43028 7a 250v ac 1 / 6 hp 125, 250v ac 3a 30v dc lr26550 etc. 7a 250v ac 1 / 6 hp 125, 250v ac 3a 30v dc 4 form c e43028 5a 250v ac 1 / 10 hp 125, 250v ac 3a 30v dc lr26550 etc. 5a 250v ac 1 / 10 hp 125, 250v ac 3a 30v dc 4 form c twin e43149 3a 250v ac 3a 30v dc lr26550 etc. 3a 250v ac 3a 30v dc 1. amber sealed type when mounting tm types, use washers to prevent damage or distortion to the polycarbonate cover. when tightening ?ing screws, the optimum torque range should be 0.294 to 0.49 n?, (3 to 5 kgf?m). if screws are over tightened, the cover may distort, resulting in poor sealing. moreover, to prevent loosening, use washers. 2. keep relay 1) the schematic differs from that in the standard type 4 form c hc relay. follow the schematic on the cover sticker. 2) conform with the schematic for the dc type, which has a polarized coil. 3) because retention characteristics vary according to the waveform of the voltage applied to the coil, do your best to avoid capacitor driving. in capacitor driving, use a capacitor of 300 f or more. 4) ensure that the minimum pulse width of voltage applied to coil is greater than 150 ms. 3. diode characteristics 1) reverse breakdown voltage: 1,000 v 2) forward current: 1 a 4. diode and cr built-in type since the diode and cr inside the relay coil are designed to absorb the counter emf, the element may be damaged if a large surge, etc., is applied to the diode and cr. if there is the possibility of a large surge voltage from the outside, please implement measures to absorb it. 5. please connect dc coil types with led and built-in diode correctly by verifying the coil polarity (? and ?. connecting with reverse polarity will cause the led not to light and damage the built-in diode due to its speci?ation. asctb4e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e


▲Up To Search▲   

 
Price & Availability of HC1-H-DC100V-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X