Part Number Hot Search : 
28451 AM29F SFF9240 EPM7064 SFF9240 72045 MAX7318 SFFD150M
Product Description
Full Text Search
 

To Download GRM1885C1H101JA01D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  16a highly integrated sup ir buck ? single-input voltage, synchronous buck regulator ir3448 1 www.irf.com ? 2013 international rectifier august 01, 2013 features ? single 5v to 21v application ? wide input voltage range from 1.5v to 21v with external vcc ? output voltage range: 0.6v to 0.86*pvin ? 0.5% accurate reference voltage ? enhanced line/load regulation with feed-forward ? programmable switching frequency up to 1.5mhz ? internal digital soft-start ? enable input with voltage monitoring capability ? remote sense amplifier with true differential voltage sensing ? thermally compensated current limit and hiccup mode over current protection ? smart ldo to enhance efficiency ? external synchronization with smooth clocking ? dedicated output voltage sensing for power good indication and overvoltage protection which remains active even when enable is low. ? enhanced pre-bias start up ? body braking to improve transient ? integrated mosfet driv ers and bootstrap diode ? thermal shut down ? post package trimmed rising edge dead-time ? programmable power good output ? small size 5mm x 6mm pqfn ? operating junction temp: -40 o c ir3448 2 www.irf.com ? 2013 international rectifier august 01, 2013 basic application figure 1: ir3448 basic application circuit figure 2: efficiency [vin=12v, fsw=600khz] pin diagram 5mm x 6mm power qfn top view cbyp rs+ rs- lgnd pgnd rso comp fb vsns
ir3448 3 www.irf.com ? 2013 international rectifier august 01, 2013 functional block diagram comp cbyp fb smart ldo vin lgnd dcm vcc uvcc enable uven control logic rt/sync pgd over current driver + body breaking control hdin ldin hdrv ldrv digital soft start ssok uven vsns oc fault intl_ss fault boot pvin sw pgnd ov thermal shutdown fault control tsd uvcc oc + + - e/a over voltage por por uvcc zero crossing comparator zc por uvcc vref pvin por ocset rso rs+ rs- vcc - + 0.6v por clk vref fb fb dcm vref figure 3: ir3448 simplified block diagram
ir3448 4 www.irf.com ? 2013 international rectifier august 01, 2013 pin descriptions pin # pin name pin description 1 pvin input voltage for power stage. by pass capacitors between pvin and pgnd should be connected very close to this pin and pgnd; also forms input to feedforward block 2 boot supply voltage for high side driver 3 enable enable pin to turning on and off the ic. 4 rt/sync use an external resistor from this pin to lgnd to set the switching frequency, very close to the pin. th is pin can also be used for external synchronization. 5 ocset current limit setpoint. this pin allows the trip point to be set to one of three possible settings by either floating this pin, tying it to vcc or tying it to pgnd. 6 vsns sense pin for ovp and pgood 7 fb inverting input to the error amplifier. this pin is connected directly to the output of the regulator or to the output of the remote sense amplifier, via resistor divider to set the output voltage and provide feedback to the error amplifier. 8 comp output of error amplifier. an exter nal resistor and capacitor network is typically connected from this pin to fb to provide loop compensation. 9 rso remote sense amplifier output 10, 26, 27, 29 pgnd power ground. this pin should be connected to the system?s power ground plane. bypass capacitors between pvin and pgnd should be connected very close to pvin pin (pin 1) and this pin. 11 lgnd signal ground for internal reference and control circuitry. 12 rs- remote sense amplifier input. connect to ground at the load. 13 rs+ remote sense amplifier input. connect to output at the load. 14 cbyp bypassing capacitor for internal reference voltage. a capacitor between 100pf and 180pf should be connected between this pin and lgnd. 15, 19, 28, 30, 31, 33 nc no connection. 16 pgd power good status pin. output is open drain. connect a pull up resistor from this pin to vcc. 17 vin input voltage for ldo. 18 vcc/ldo_out bias voltage for ic and driver section, output of ldo. add a minimum of 4.7uf bypass cap from this pin to pgnd. 20, 21, 22, 23, 24, 25, 32 sw switch node. this pin is connected to the output inductor.
ir3448 5 www.irf.com ? 2013 international rectifier august 01, 2013 absolute maximum ratings stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only and functional operation of t he device at these or any other conditions beyond those indicated in the operational sections of the specifications are not implied. pvin -0.3v to 25v vin -0.3v to 25v vcc -0.3v to 8v (note 1) sw -0.3v to 25v (dc), -4v to 25v (ac, 100ns) boot -0.3v to 33v boot to sw -0.3v to vcc + 0.3v (note 2) input/output pins -0.3v to 3.9v rs+, rs-, rso, pgd, enable, ocset -0.3v to 8v (note 1) pgnd to lgnd, rs- to lgnd -0.3v to + 0.3v junction temperature range -40c to 150c storage temperature range -55c to 150c esd machine model class a human body model class 1c charged device model class iii moisture sensitivity level jedec level 3 @ 260c rohs compliant yes note: 1. vcc must not exceed 7.5v for junc tion temperature between -10c and -40c. 2. must not exceed 8v. thermal information thermal resistance, junction to case top ( jc_top ) 32 c/w thermal resistance, junction to pcb (pin 29) ( jb ) 2.98 c/w thermal resistance, junction to ambient ( ja ) (note 3) 15.4 c/w note: 3. thermal resistance ( ja ) is measured with components mounted on a high effective thermal conductivity test board.
ir3448 6 www.irf.com ? 2013 international rectifier august 01, 2013 electrical specifications recommended operating conditions symbol definition min max units pvin input bus voltage * 1.5 21 v vin supply voltage 5.0 21 vcc supply voltage ** 4.5 7.5 boot to sw supply voltage 4.5 7.5 v o output voltage 0.6 0.86 * pvin i o output current 0 16 a fs switching frequency 300 1500 khz t j junction temperature -40 125 c * sw node must not exceed 25v ** when vcc is connected to an externally regulated supply, also connect vin. electrical characteristics unless otherwise specified, these specification apply over, 1.5v < pvin < 21v, 4.5v< vcc < 7.5v, 0 o c < t j < 125 o c. typical values are specified at t a = 25 o c. parameter symbol conditions min typ max unit power loss power loss p loss v in = pv in = 12v, v o = 1.2v, i o = 16a, fs = 600khz, l=0.400uh, t a = 25c, note 4 1.94 w mosfet r ds(on) top switch rds(on)_top v boot ? v sw = 6.8v, i d = 16a, tj = 25c 6.6 8.5 m ? bottom switch rds(on)_bot vcc =6.8v, i d = 16a, tj = 25c 2.2 2.9 reference voltage feedback voltage v fb 0.6 v accuracy 0c < tj < 105c -0.5 +0.5 % -40c < tj < 125c -1 +1 supply current v in supply current (standby) i in(standby) vin=21v, enable low, no switching 300 425 a v in supply current (dyn) i in(dyn) vin=21v, enable high, fs = 600khz 40 ma vcc supply current (standby) i cc(standby) enable low, vcc=7v, no switching 300 425 a vcc supply current (dyn) i cc(dyn) enable high, vcc=7v, fs = 600khz 40 ma under voltage lockout vcc?start?threshold vcc_uvlo_start vcc rising trip level 4.0 4.2 4.4 v vcc?stop?threshold vcc_uvlo_stop vcc falling trip level 3.8 3.9 4.2
ir3448 7 www.irf.com ? 2013 international rectifier august 01, 2013 parameter symbol conditions min typ max unit enable?start?threshold enable_uvlo_star t supply ramping up 1.14 1.2 1.36 v enable?stop?threshold enable_uvlo_stop supply ramping down 0.9 1.0 1.06 enable leakage current ien enable=3.3v 1 a oscillator rt voltage 1 v frequency range f s rt=80.6k 270 300 330 khz rt=39.2k 540 600 660 rt=15k 1350 1500 1650 ramp amplitude vramp pvin=6.8v, pvin(max) slew rate=1v/us note 4 1.02 vp-p pvin=12v, pvin(max) slew rate=1v/us note 4 1.8 pvin=16v, pvin(max) slew rate=1v/us note 4 2.4 ramp offset ramp (os) note 4 0.16 v min pulse width tmin (ctrl) note 4 50 ns fixed off time note 4 200 230 ns max duty cycle dmax fs=300khz, pvin=vin=12v 86 % sync frequency range note 4 270 1650 khz sync pulse duration 100 200 ns sync level threshold high 3 v low 0.6 error amplifier input offset voltage vos_cb yp vfb ? vref, vref = 0.6v -1.5 +1.5 % input bias current ifb(e/a) -0.5 +0.5 a sink current isink(e/a) 0.4 0.85 1.2 ma source current isource(e/a) 4 7.5 11 ma slew rate sr note 4 7 12 20 v / s gain-bandwidth product gbwp note 4 20 30 40 mhz dc gain gain note 4 100 110 120 db maximum output voltage vmax(e/a) 1.7 2 2.3 v minimum output voltage vmin(e/a) 100 mv common mode voltage vcm_vp note 4 0 1.2 v remote sense differential amplifier unity gain bandwidth bw_rs note 4 3 6.4 9 mhz dc gain gain_rs note 4 110 db offset voltage offset_rs vref=0.6v, 0c < tj < 85c -1.5 0 1.5 mv vref=0.6v, -40c < tj < 125c -2 2 mv source current isource_rs 3 13 20 ma sink current isink_rs 0.4 1 2 ma slew rate slew_rs note 4, cload = 100pf 2 4 8 v / s
ir3448 8 www.irf.com ? 2013 international rectifier august 01, 2013 parameter symbol conditions min typ max unit rs+ input impedance rin_rs+ 45 63 85 kohm rs- input impedance rin_rs- note 4 63 kohm maximum voltage vmax_rs v(vcc) ? v(rso) 0.5 1 1.5 v minimum voltage min_rs 50 mv internal digital soft start soft start clock clk_ss note 4 180 200 220 khz soft start ramp rate ra mp(ss_start) note 4 0.3 0.4 0.5 mv / s bootstrap diode forward voltage i(boot) = 30ma 360 520 960 mv switch node sw leakage current lsw sw = 0v, enable = 0v 1 a internal regulator (vcc/ldo) output voltage vcc vin(min) = 7.2v, io=0-30ma, cload = 2.2uf, dcm=0 6.3 6.8 7.1 v vin(min) = 7.2v, io=0-30ma, cload = 2.2uf, dcm=1 4 4.4 4.8 vcc dropout vcc_drop vin = 7v, io=70 ma, cload = 2.2uf 0.7 v short circuit current ishort note 4 70 ma zero-crossing comparator delay tdly_zc 256 / fs s zero-crossing comparator offset vos_zc note 4 0 mv body braking bb threshold bb_threshold fb > vref, sw duty cycle, note 3 0 % faults power good power good low upper threshold vpg_low(upper) vsns rising 115 120 125 % vref power good low upper threshold falling delay vpg_low(upper)_dly vsns > vpg_low(upper) 1.5 2.5 3.5 s power good high lower threshold vpg_high(lower) vsns rising 95 % vref power good high lower threshold rising delay vpg_high(lower)_dly vsns rising 1.28 ms power good low lower threshold vpg_low(lower) vsns falling 90 % vref power good low lower threshold falling delay vpg_low(lower)_dly vsns < vpg_low(lower) 101 150 199 s pgood voltage low pg (voltage) i pgood = -5ma 0.5 v over voltage protection (ovp) ovp trip threshold ovp (trip) vsns rising 115 120 125 % vref
ir3448 9 www.irf.com ? 2013 international rectifier august 01, 2013 parameter symbol conditions min typ max unit ovp fault prop delay ovp (delay) vsns rising 1.5 2.5 3.5 s over-current protection oc trip current i trip ocset=vcc, vcc = 6.8v, tj = 25c 18.9 21 23.1 a ocset=floating, vcc = 6.8v, tj = 25c 14.8 16.5 18.2 a ocset=pgnd, vcc =6.8v, tj = 25c 10.8 12.5 14.2 a hiccup blanking time tblk_hiccup note 4 20.48 ms thermal shutdown thermal shutdown note 4 145 c hysteresis note 4 20 c notes: 4. guaranteed by design but not tested in production.
ir3448 10 www.irf.com ? 2013 international rectifier august 01, 2013 typical efficiency and power loss curves pvin = vin = 12v, vcc = internal ldo, io=0-16a, fs= 600k hz, room temperature, no air flow. note that the losses of the inductor, input and output capacitors are also considered in the efficiency and power loss curves. the table below shows the indicator used for each of the output voltages in the efficiency measurement. vout (v) lout (uh) p/n dcr (m ? ) 1.0 0.4 59pr9875n (vitec) 0.29 1.2 0.4 59pr9875n (vitec) 0.29 1.8 0.47 7443330047 (wurth elektronik) 0.8 3.3 0.88 mpc1040lr88c (nec/tokin) 2.3 5.0 1.0 7443330100 (wurth elektronik) 1.35
ir3448 11 www.irf.com ? 2013 international rectifier august 01, 2013 typical efficiency and power loss curves pvin = 12v, vin = vcc = 5v, io=0-16a, fs= 600khz, room te mperature, no air flow. note that the losses of the inductor, input and output capacitors are also consider ed in the efficiency and power loss curves. the table below shows the indicator used for each of the output voltages in the efficiency measurement. vout (v) lout (uh) p/n dcr (m ? ) 1.0 0.4 59pr9875n (vitec) 0.29 1.2 0.4 59pr9875n (vitec) 0.29 1.8 0.47 7443330047 (wurth elektronik) 0.8 3.3 0.88 mpc1040lr88c (nec/tokin) 2.3 5.0 1.0 7443330100 (wurth elektronik) 1.35 ?
ir3448 12 www.irf.com ? 2013 international rectifier august 01, 2013 typical efficiency and power loss curves pvin = vin = vcc = 5v, io=0-16a, fs= 600khz, room temper ature, no air flow. note that the losses of the inductor, input and output capacitors are also considered in the efficiency and power loss curves. the table below shows the indicator used for each of the output voltages in the efficiency measurement. vout (v) lout (uh) p/n dcr (m ? ) 1.0 0.3 59pr9874n (vitec) 0.29 1.2 0.3 59pr9874n (vitec) 0.29 1.8 0.4 59pr9875n (vitec) 0.29 ? ?
ir3448 13 www.irf.com ? 2013 international rectifier august 01, 2013 rdson of mosfets over temperature
ir3448 14 www.irf.com ? 2013 international rectifier august 01, 2013 typical operating charact eristics (-40c to +125c)
ir3448 15 www.irf.com ? 2013 international rectifier august 01, 2013
ir3448 16 www.irf.com ? 2013 international rectifier august 01, 2013 theory of operation description the ir3448 uses a pwm voltage mode control scheme with external compensation to provide good noise immunity and maximum flexibility in selecting inductor values and capacitor types. the switching frequency is programmable from 300khz to 1.5mhz and pr ovides the capability of optimizing the design in terms of size and performance. ir3448 provides precisely regulated output voltage programmed via two external resistors from 0.6v to 0.86*pvin. the ir3448 operates with an internal bias supply (ldo) which is connected to the vcc pin. this allows operation with single supply. the bias voltage is variable according to load condition. if the output load current is less than half of the peak-to-peak inductor current, a lower bias voltage, 4.4v, is used as the internal gate drive voltage; otherwise, a higher voltage, 6.8v, is used. this feature helps the converter to reduce power losses. the device can also be operated with an external supply from 4.5v to 7.5v, allowing an extended operating input voltage (pvin) range from 1.0v to 21v. for using the internal ldo supply, the vin pin should be connected to pvin pin. if an external supply is used, it should be connected to vcc pin and the vin pin should be shorted to vcc pin. the device utilizes the on-re sistance of the low side mosfet (synchronous mosfet) as current sense element. this method enhances the converter?s efficiency and reduces cost by eliminating the need for external current sense resistor. ir3448 includes two low r ds(on) mosfets using ir?s hexfet technology. these are specifically designed for high efficiency applications. under-voltage lockout and por the under-voltage lockout circuit monitors the voltage of vcc pin and the enable input. it assures that the mosfet driver outputs remain in the off state whenever either of these two signals drops below the set thresholds. normal operation resumes once vcc and enable rise above their thresholds. the por (power on ready) signal is generated when all these signals reach the valid logic level (see system block diagram). wh en the por is asserted the soft start sequence starts (see soft start section). enable the enable features another level of flexibility for startup. the enable has precise threshold which is internally monitored by under-voltage lockout (uvlo) circuit. therefore, the ir3448 will turn on only when the voltage at the enable pin exceeds this threshold, typically, 1.2v. if the input to the enable pin is derived from the bus voltage by a suitably programmed resistive divider, it can be ensured that the ir3448 does not turn on until the bus voltage reaches the desired level figure 4. only after the bus voltage reaches or exceeds this level and voltage at the enable pin exceeds its threshold, ir3448 will be enabled. therefore, in addition to being a logic input pin to enable the ir3448, the enable feature, wi th its precise threshold, also allows the user to implement an under-voltage lockout for the bus voltage (pvin). it can help prevent the ir3448 from regulating at low pvin voltages that can cause excessive input current. figure 4: normal start up, device turns on when the bus voltage reaches 10.2v a resistor divider is used at en pin from pvin to turn on the device at 10.2v.
ir3448 17 www.irf.com ? 2013 international rectifier august 01, 2013 vcc pvin=vin intl_ss en > 1.2v vo figure 5: recommended startup for normal operation figure 5 shows the recommended startup sequence for the typical operation of ir3448 with enable used as logic input. pre-bias startup ir3448 is able to start up into pre-charged output, which prevents oscillation and disturbances of the output voltage. the output starts in asynchronous fashion and keeps the synchronous mosfet (sync fet) off until the first gate signal for cont rol mosfet (ctrl fet) is generated. figure 6 shows a typical pre-bias condition at start up. the sync fet always starts with a narrow pulse width (12.5% of a switching period) and gradually increases its duty cycle with a step of 12.5% until it reaches the steady state value. the number of these startup pulses for each step is 16 and it?s internally programmed. figure 7 shows the series of 16x8 startup pulses. vo [v] [time] pre-bias voltage figure 6: pre-bias startup ... ... ... hdrv ... ... ... 16 end of pb ldrv 12.5% 25% 87.5% 16 ... ... ... ... figure 7: pre-bias startup pulses soft-start ir3448 has an internal digital soft-start to control the output voltage rise and to limit the current surge at the start-up. to ensure correct start-up, the soft-start sequence initiates when the enable and vcc rise above their uvlo thresholds and generate the power on ready (por) signal. the internal soft-start (intl_ss) signal linearly rises with the rate of 0.4mv/s from 0v to 1.5v. figure 8 shows the waveforms during soft start. the normal vout startup time is fixed, and is equal to: ? ? ms s mv v v tstart 5 . 1 / 4 . 0 15 . 0 75 . 0 ? ? ? ? (1) during the soft start the over-current protection (ocp) and over-voltage protection (ovp) is enabled to protect the device for any short circuit or over voltage condition. por intl_ss vout 0.15v 0.75v t 1 t 2 t 3 1.5v 3.0v figure 8: theoretical operation waveforms during soft-start operating frequency the switching frequency can be programmed between 300khz ? 1500khz by connecti ng an external resistor
ir3448 18 www.irf.com ? 2013 international rectifier august 01, 2013 from r t pin to lgnd. table 1 tabulates the oscillator frequency versus r t . table 1: switching frequency(fs) vs. external resistor( rt ) rt (k ? ) freq (khz) 80.6 300 60.4 400 48.7 500 39.2 600 34 700 29.4 800 26.1 900 23.2 1000 21 1100 19.1 1200 17.4 1300 16.2 1400 15 1500 shutdown ir3448 can be shutdown by pulling the enable pin below its 1.0v threshold. during shutdown the high side and the low side drivers are turned off. over current protection the over current (oc) protection is performed by sensing the inductor current through the r ds(on) of the synchronous mosfet. this method enhances the converter?s efficiency, reduces cost by eliminating a current sense resistor and any layout related noise issues. the over current (oc) limit can be set to one of three possible settings by floating the ocset pin, by pulling up the ocset pin to vcc, or pulling down the ocset pin to pgnd. the current limit scheme in the ir3448 uses an internal temperature compensated current source to achieve an almost constant oc limit over temperature. over current protection circuit senses the inductor current flowing through the synchronous mosfet. to help minimize false tripping due to noise and transients, inductor current is sampled for about 30 ns on the downward inductor current slope approximately 12.5% of the switching period before the inductor current valley. however, if the synchronous mosfet is on for less than 12.5% of the switching period, the current is sampled approximately 40ns after the start of the downward slope of the inductor current. when the sampled current is higher than the oc limit, an oc event is detected. when an over current event is detected, the converter enters hiccup mode. hiccup mode is performed by latching the oc signal and pulling the intl_ss signal to ground for 20.48 ms (typ.). oc signal clears after the completion of hiccup mode and the converter attempts to return to the nominal output voltage using a soft start sequence. the converter will repeat hiccup mode and attempt to recover until the overload or short circuit condition is removed. because the ir3448 uses valley current sensing, the actual dc output current limit will be greater than oc limit. the dc output current is approximately half of peak to peak inductor ripple current above selected oc limit. oc limit, inductor value, input voltage, output voltage and switching frequency are used to calculate the dc output current limit for the converter. equation (2) to determine the approximate dc output current limit. 2 i i i limit ocp ? ? ? (2) i ocp = dc current limit hiccup point i limit = current limit valley point ? i = inductor ripple current figure 9: timing diagram for current limit hiccup thermal shutdown temperature sensing is provided inside ir3448. the trip threshold is typically 145 o c. when trip threshold is exceeded, thermal shutdown turns off both mosfets and resets the internal soft start.
ir3448 19 www.irf.com ? 2013 international rectifier august 01, 2013 automatic restart is in itiated when the sensed temperature drops within the operating range. there is a 20 o c hysteresis in the thermal shutdown threshold. remote voltage sensing true differential remote sensing in the feedback loop is critical to high current applications where the output voltage across the load may differ from the output voltage measured locally across an output capacitor at the output inductor, and to applications that require die voltage sensing. the rs+ and rs- pins of the ir3448 form the inputs to a remote sense differential amplifier (rsa) with high speed, low input offset and low input bias current which ensure accurate voltage sensing and fast transient response in such applications. the input range for the differential amplifier is limited to 1.5v below the vcc rail. note that ir3448 incorporates a smart ldo which switches the vcc rail voltage depending on the loading. when determining the input range assume the part is in light load and using the lower vcc rail voltage. there are two remote sense configurations that are usually implemented. figure 10 shows a general remote sense (rs) configuration. this configuration allows the rsa to monitor output voltages above vcc. a resistor divider is placed in between the output and the rsa to provide a lower input voltage to the rsa inputs. typically, the resistor divider is calculated to provide vref (0.6v) across the rsa inputs which is then outputted to rso. the input impedance of the rsa is 63 kohms typically and should be accounted for when determining values for the resistor divider. to account for the input impedance, assume a 63 kohm resistor in parallel to the lower resistor in the divider network. the compensation is then designed for 0.6v to match the rso value. low voltage applications can use the second remote sense configuration. when the output voltage range is within the rsa input specifications, no resistor divider is needed in between the converter output and rsa. the second configuration is shown in figure 11. the rsa is used as a unity gain buffer and compensation is determined normally. (< vcc-1.5v) rsa + - + - rs+ rs- rso vout fb compensation resistor divider figure 10: general remote sense configuration compensation figure 11: remote sense c onfiguration for vout less than vcc-1.5v external synchronization ir3448 incorporates an internal phase lock loop (pll) circuit which enables synchronization of the internal oscillator to an external cl ock. this function is important to avoid sub-harmonic oscillations due to beat frequency for embedded systems when multiple point-of-load (pol) regulators are used. a multi- function pin, rt/sync, is used to connect the external clock. if the external clock is present before the converter turns on, rt/sync pin can be connected to the external clock signal solely and no other resistor is needed. if the external clock is applied after the converter turns on, or the converter switching frequency needs to toggle between the external clock frequency and the internal free-running frequency, an external resistor from rt/sync pin to lgnd is required to set the free-running frequency. when an external clock is applied to rt/sync pin after the converter runs in steady state with its free-running frequency, a transition from the free-running frequency to the external clock frequency will happen. this transition is to gradually make the actual switching frequency equal to the external clock frequency, no matter which one is higher. when the external clock signal is removed from rt/sync pin, the switching frequency is also changed to free-running gradually. in order to minimize the impact from these
ir3448 20 www.irf.com ? 2013 international rectifier august 01, 2013 transitions to output voltage, a diode is recommended to add between the external clock and rt/sync pin. figure 12 shows the timing diagram of these transitions. an internal circuit is used to change the pwm ramp slope according to the clock frequency applied on rt/sync pin. even though the frequency of the external synchronization clock can vary in a wide range, the pll circuit keeps the ramp amplitude constant, requiring no adjustment of the loop compensation. pvin variation also affects the ramp amplitude, which will be discussed separately in feed- forward section. sw sync ... ... gradually change fs1 fs 2 fs1 free running frequency synchronize to the external clock return to free- running freq gradually change figure 12: timing diagram for synchronization to the external clock (fs1>fs2 or fs1 ir3448 21 www.irf.com ? 2013 international rectifier august 01, 2013 users can configure the ir 3448 to use a single supply or dual supplies. depending on the configuration used the pvin, vin and vcc pins are connected differently. below several configurations are shown. in an internally biased configurat ion, the ldo draws from the vin pin and provides a gate drive voltage, as shown in figure 15. by connecting vin and pvin together as shown in the figure 16, ir3448 is an internally biased single supply configuration that runs off a single supply. ir3448 can also use an external supply to provide gate drive voltage for the drivers instead of the internal ldo. to use an external bias, connected vin and vcc to the external bias. pvin can use a separate rail as shown in figure 17 or run off the same rail as vin and vcc. figure 15: internally biased configuration figure 16: internally biased single supply configuration figure 17: externally biased configuration when the vin voltage is below 6.8v, the internal ldo enters the dropout mode at medium and heavy load. the dropout voltage increases with the switching frequency. figure 18 shows the ldo voltage for 600khz and 1000khz switching frequency. figure 18: ldo_out voltage in dropout mode cbyp this pin reflects the internal reference voltage which is used by the error amplifier to set the output voltage. in most operating conditions this pin is only connected to an external bypass capacitor and it is left floating. a minimum 100pf ceramic capacitor is required from stability point of view power good output ir3448 continually monitors the output voltage via the sense pin (vsns) voltage. the vsns voltage is an input to the window comparator with upper and lower
ir3448 22 www.irf.com ? 2013 international rectifier august 01, 2013 threshold of ovp(trip) and vpg_high(lower) respectively. pgood signal is high whenever vsns voltage is within the pgood comparator window thresholds. hysteresis has been applied to the lower threshold, pgood signal goes low when vsns drops below vpg_low(lower) instead of vpg_high(lower). the pgood pin is open drain and it needs to be externally pulled high. high state indicates that output is in regulation. figure 19 show the timing diagram of the pgood signal. vsns signal is also used by ovp comparator for detecti ng output over voltage condition. pgood signal is low when enable is low. figure 19: pgood timing diagram over-voltage pr otection (ovp) over-voltage protection in ir3448 is achieved by comparing sense pin voltage vsns to a pre-set threshold. when vsns ex ceeds the over voltage threshold, an over voltage trip signal asserts after 2.5 us (typ.) delay. the high side drive signal hdrv is latched off immediately and pgood flags are set low. the low side drive signal is kept on until the vsns voltage drops below the threshold. hdrv remains latched off until a reset is performed by cycling vcc. ovp is active when enable is high or low. vsns voltage is set by the voltage divider connected to the output and it can be programmed externally. figure 20 shows the timing diagram for ovp. figure 20: timing diagram for ovp in non-tracking mode body braking tm the body braking feature of the ir3448 allows improved transient response for step-down load transients. a severe step -down load transient would cause an overshoot in the output voltage and drive the comp pin voltage down until control saturation occurs demanding 0% duty cycle and the pwm input to the control fet driver is kept off. when the first such skipped pulse occurs, the ir3448 enters body braking mode, wherein the sync fet also turned off. the inductor current then deca ys by freewheeling through the body diode of the sync fet. thus, with body braking, the forward voltage drop of the body diode provides and additional voltage to discharge the inductor current faster to the light load value as shown in equation (3) and equation (4) below: l v v dt di d o l ? ? ? , with body braking (3) l v dt di o l ? ? , without body braking (4) i l = inductor current v d = forward voltage drop of the body diode of the sync fet. v o = output voltage l = inductor value the body braking mechanism is kept off during pre- bias operation. also, in the event of an extremely severe load step-down transient causing ovp, the
ir3448 23 www.irf.com ? 2013 international rectifier august 01, 2013 body brake is overridden by the ovp latch, which turns on the sync fet. minimum on time considerations the minimum on time is the shortest amount of time for ctrl fet to be reliably turned on. this is very critical parameter for low duty cycle, high frequency applications. conventional approach limits the pulse width to prevent noise, jitter and pulse skipping. this results to lower closed loop bandwidth. ir has developed a proprietary scheme to improve and enhance minimum pulse width which utilizes the benefits of voltage mode control scheme with higher switching frequency, wider conversion ratio and higher closed loop bandwidth, the latter results in reduction of output capacitors. any design or application using ir3448 must ensure operation with a pulse width that is higher than the minimum on-time. this is necessary for the circuit to operate without jitter and pulse- skipping, which can cause hi gh inductor current ripple and high output voltage ripple. s in out s on f pv v f d t ? ? ? (5) in any application that uses ir3448, the following condition must be satisfied: on on t t ? (min) (6) s in out on f pv v t ? ? (min) (7) (min) on out s in t v f pv ? ? ? (8) the minimum output voltage is limited by the reference voltage and hence v out(min) = 0.6v. therefore, for v out(min) = 0.6v, (min) on out s in t v f pv ? ? ? (9) s v ns v f pv s in ? / 12 50 6 . 0 ? ? ? ? therefore, at the maximum recommended input voltage 21v and minimum output voltage, the converter should be designed at a switching frequency that does not exceed 571 khz. conversely, for operation at the maximum recommended operating frequency (1.5 mhz) and minimum output voltage (0.6v). the input voltage (pvin) should not exceed 8v, otherwise pulse skipping may happen. maximum duty ratio a certain off-time is specified for ir3448. this provides an upper limit on the operating duty ratio at any given switching frequency. the off-time remains at a relatively fixed ratio to switching period in low and mid frequency range, while in high frequency range this ratio increases, thus the lower the maximum duty ratio at which ir3448 can operate. figure 21 shows a plot of the maximum duty ratio vs. the switching frequency with built in input voltage feed forward mechanism. figure 21: maximum duty cycle vs. switching frequency
ir3448 24 www.irf.com ? 2013 international rectifier august 01, 2013 typical operating waveform design example the following example is a typical application for ir3448. the application circuit is shown in figure 28. v in = pv in = 12v f s = 600khz v o = 1.2v i o = 16a ripple voltage = 1% * v o ? v o = 4% * vo (for 30% load transient) enabling the ir3448 as explained earlier, the precise threshold of the enable lends itself well to implementation of a uvlo for the bus voltage as shown in figure 22. figure 22: using enable pin for uvlo implementation for a typical enable threshold of v en = 1.2 v 2 . 1 2 1 2 (min) ? ? ? ? en in v r r r pv (10) en in en v pv v r r ? ? (min) 1 2 (11) for pv in (min) =9.2v, r 1 =49.9k and r 2 =7.5k ohm is a good choice. programming the frequency for f s = 600 khz, select r t = 39.2 k ? , using table 1. output voltage programming output voltage is programmed by reference voltage and external voltage divider. the fb pin is the inverting input of the error amplifier, which is internally referenced to vref. the divider ratio is set to equal vref at the fb pin when t he output is at its desired value. when an external resistor divider is connected to the output as shown in figure 23, the output voltage is defined by using the following equation: ? ? ? ? ? ? ? ? ? ? ? 6 5 1 r r v v ref o (12) ? ? ? ? ? ? ? ? ? ? ? ref o ref v v v r r 5 6 (13) for the calculated values of r5 and r6, see feedback compensation section. figure 23: typical application of the ir3448 for programming the output voltage bootstrap capacitor selection to drive the control fet, it is necessary to supply a gate voltage at least 4v great er than the voltage at the sw pin, which is connected to the source of the control fet. this is achieved by using a bootstrap configuration, which comprises the internal bootstrap diode and an external bootstrap capacitor (c1). the operation of the circuit is as follows: when the sync fet is turned on, the capacitor node connected to sw is pulled down to ground. the capacitor charges towards v cc through the internal bootstrap diode (figure 24), which has a forward voltage drop v d . the voltage v c across the bootstrap capacitor c1 is approximately given as: d cc c v v v ? ? (14)
ir3448 25 www.irf.com ? 2013 international rectifier august 01, 2013 when the control fet turns on in the next cycle, the capacitor node connected to sw rises to the bus voltage v in . however, if the value of c1 is appropriately chosen, the voltage v c across c1 remains approximately unchanged and the voltage at the boot pin becomes: d cc in boot v v v v ? ? ? (15) figure 24: bootstrap circuit to generate vc voltage a bootstrap capacitor of value 0.1uf is suitable for most applications. input capacitor selection the ripple currents generated during the on time of the control fets should be provided by the input capacitor. the rms value of this ripple for each channel is expressed by: ?? d d i i o rms ? ? ? ? 1 (16) in o v v d ? (17) where: d is the duty cycle i rms is the rms value of the input capacitor current. io is the output current. i o =16a and d = 0.1, the i rms = 4.8a. ceramic capacitors are recommended due to their peak current ca pabilities. they al so feature low esr and esl at higher frequency which enables better efficiency. for this application, it is advisable to have 5x22uf, 25v ceramic capacitors, grm31cr61e226ke15l from murata. in addition to these, although not mandatory, a 1x330uf, 25v smd capacitor eev-fk1e331p from panasonic may also be used as a bulk capacitor and is recommended if the input power supply is not located close to the converter. inductor selection inductors are selected based on output power, operating frequency and effi ciency requirements. a low inductor value causes large ripple current, resulting in the smaller size, faster response to a load transient but may also result in reduced efficiency and high output noise. generally, the selection of the inductor value can be reduced to the desired maximum ripple current in the inductor ( ? i ). the optimum point is usually found between 20% and 50% ripple of the output current. for the buck converter, the inductor value for t he desired operating ripple current can be determined using the following relation: s o in f d t t i l v v 1 ; ? ? ? ? ? ? ? ? ?? s in o o in f i v v v v l ? ? ? ? ? ? (18) where: v in = maximum input voltage v 0 = output voltage ? i = inductor ripple current f s = switching frequency ? t = on time for control fet d = duty cycle if ? i 30%* i o , then the inductor is calculated to be 0.375 h. select l =0.400 h, 59pr9875n, from vitec which provides an inductor suitable for this application.
ir3448 26 www.irf.com ? 2013 international rectifier august 01, 2013 output capacitor selection the voltage ripple and transient requirements determine the output capacitors type and values. the criterion is normally based on the value of the effective series resistance (esr). however the actual capacitance value and the equivalent series inductance (esl) are other co ntributing components. these components can be described as: ?? ?? ) ( c o esl o esr o o v v v v ? ? ? ? ? ? ? esr i v l esr ? ? ? ? ) ( 0 esl l v v v o in esl ? ? ? ? ? ? ? ? ? ? ) ( 0 s o l c f c i v ? ? ? ? ? 8 ) ( 0 (19) where: ? v 0 = output voltage ripple ? i l = inductor ripple current since the output capacitor has a major role in the overall performance of the converter and determines the result of transient response, selection of the capacitor is critical. the ir3448 can perform well with all types of capacitors. as a rule, the capacitor must have low enough esr to meet output ripple and load transient requirements. the goal for this design is to meet the voltage ripple requirement in the smallest possible capacitor size. therefore it is advisable to select ceramic capacitors due to their low esr and esl and small size. six of tdk c2012x5r0j476m (47uf/0805/x5r/6.3v) capacitors is a good choice. it is also recommended to use a 0.1f ceramic capacitor at the output for high frequency filtering. feedback compensation the ir3448 is a voltage mode controller. the control loop is a single voltage feedback path including error amplifier and error compar ator. to achieve fast transient response and accurate output regulation, a compensation circuit is necessary. the goal of the compensation network is to provide a closed-loop transfer function with the highest 0 db crossing frequency and adequate phase margin (greater than 45 o ). the output lc filter introduces a double pole, - 40db/decade gain slope above its corner resonant frequency, and a total phase lag of 180 o . the resonant frequency of the lc filter is expressed as follows: o o lc c l f ? ? ? ? ? 2 1 (20) figure 25 shows gain and phase of the lc filter. since we already have 180 o phase shift from the output filter alone, the system runs the risk of being unstable. phase 0 0 f lc 0 frequency f lc frequency 0 0 -180 0 0db -40db/decade -90 gain figure 25: gain and phase of lc filter the ir3448 uses a voltage-type error amplifier with high-gain and high-bandwidth. the output of the amplifier is available for dc gain control and ac phase compensation. the error amplifier can be compensated either in type ii or type iii compensation. local feedback with type ii compensation is shown in figure 26. this method requires that the output capacitor have enough esr to satisfy stability requirements. if the output capacitor?s esr generates a zero at 5khz to 50khz, the zero generates acceptable phase margin and the type ii compensator can be used. the esr zero of the output capacitor is expressed as follows: o esr c esr f ? ? ? ? ? 2 1 (21)
ir3448 27 www.irf.com ? 2013 international rectifier august 01, 2013 v out v ref r6 r5 c pole c3 r3 ve f z f pole e/a z f frequency gain(db) h(s) db fb comp z in figure 26: type ii compensation network and its asymptotic gain plot the transfer function ( v e /v out ) is given by: 3 5 3 3 1 ) ( c sr c sr z z s h v v in f out e ? ? ? ? ? ? (22) the (s) indicates that the transfer function varies as a function of frequency. this configuration introduces a gain and zero, expressed by: 5 3 ) ( r r s h ? (23) 3 3 2 1 c r f z ? ? ? ? ? (24) first select the desired zero-crossover frequency ( f o ): esr o f f ? and s o f f ? ? ) 10 / 1 ~ 5 / 1 ( (25) use the following equation to calculate r3: 2 5 3 lc in esr o ramp f v r f f v r ? ? ? ? ? ? ? (26) where: v in = maximum input voltage v osc = amplitude of the oscillator ramp voltage f o = crossover frequency f esr = zero frequency of the output capacitor f lc = resonant frequency of the output filter = (rs+ - rs-) / vo r 5 = feedback resistor to cancel one of the lc filter poles, place the zero before the lc filter resonant frequency pole: lc z f f ? ? % 75 o o z c l f ? ? ? ? ? 2 1 75 . 0 (27) use equation (24), (25) and (26) to calculate c3. one more capacitor is sometimes added in parallel with c3 and r3. this introduces one more pole which is mainly used to suppress the switching noise. the additional pole is given by: pole pole p c c c c f ? ? ? ? ? 3 3 2 1 ? (28) the pole sets to one half of the switching frequency which results in the capacitor c pole : s s pole f r c f r c ? ? ? ? ? ? ? 3 3 3 1 1 1 ? ? (29) for a general unconditional stable solution for any type of output capacitors with a wide range of esr values, we use a local feedback with a type iii compensation network. the typically used compensation network for voltage-mode controller is shown in figure 27.
ir3448 28 www.irf.com ? 2013 international rectifier august 01, 2013 v out v ref r6 r5 r4 c4 c2 c3 r3 ve f z 1 f z 2 f p 2 f p 3 e / a z f z in frequency gain (db) |h(s)| db fb comp figure 27: type iii compensation network and its asymptotic gain plot again, the transfer function is given by: in f out e z z s h v v ? ? ? ) ( by replacing z in and z f , according to figure 27, the transfer function can be expressed as: ???? ?? ?? ?? 4 4 3 2 3 2 3 3 2 5 5 4 4 3 3 1 1 1 1 ) ( c sr c c c c sr c c sr r r sc c sr s h ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? (30) the compensation network has three poles and two zeros and they are expressed as follows: 0 1 ? p f (31) 4 4 2 2 1 c r f p ? ? ? ? (32) 2 3 3 2 3 2 3 3 2 1 2 1 c r c c c c r f p ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? (33) 3 3 1 2 1 c r f z ? ? ? ? (34) ?? 5 4 5 3 4 2 2 1 2 1 r c r r c f z ? ? ? ? ? ? ? ? ? (35) cross over frequency is expressed as: o o ramp in o c l v v c r f ? ? ? ? ? ? ? ? ? 2 1 4 3 (36) based on the frequency of the zero generated by the output capacitor and its esr, relative to the crossover frequency, the compensation type can be different. table 2 shows the compensation types for relative locations of the crossover frequency. table 2: different types of compensators compensator type f esr vs f o typical output capacitor type ii f lc < f esr < f o < f s /2 electrolytic type iii f lc < f o < f esr sp cap, ceramic the higher the crossover frequency is, the potentially faster the load transient re sponse will be. however, the crossover frequency should be low enough to allow attenuation of switching noise. typically, the control loop bandwidth or crossover frequency ( f o ) is selected such that: ? ? s o f f * 1/10 ~ 1/5 ? the dc gain should be large enough to provide high dc-regulation accuracy. the phase margin should be greater than 45 o for overall stability. the specifications for designing channel 1: v in = 12v v o = 1.2v v ramp = 1.8v (this is a function of vin, pls. see feed-forward section) v ref = 0.6v = (rs+ - rs-) / vo (this assumes the resistor divider placed between vout and the rsa scales down the output voltage to vref. if the rsa is not used or vout is connected directly
ir3448 29 www.irf.com ? 2013 international rectifier august 01, 2013 to the rsa, = 1. please refer to the remote sensing amplifier section) l o = 0.400 h c o = 6 x 47f, esr 3m ? each it must be noted here that the value of the capacitance used in the compensator design must be the small signal value. for instance, the small signal capacitance of the 47f capacitor used in this design is 25f at 1.2 v dc bias and 600 khz frequency. it is this value that must be used for all computations related to the compensation. the small signal value may be obtained from the manufacturer?s datasheets, design tools or spice models. alternatively, they may also be inferred from measuring the power stage transfer function of the converter and measuring the double pole frequency f lc and using equation (20) to compute the small signal c o . these result to: f lc = 20.55 khz f esr = 1.87 mhz f s /2 = 300 khz select crossover frequency f 0 =100 khz since f lc ir3448 30 www.irf.com ? 2013 international rectifier august 01, 2013 1 1 95 . 0 2 ) _ ( rsns vref v rsns th pgood out ? ? ? ? ? ? ? ? ? ? ? ? (37) rsns2 = 5.76 k ? , select 5.76 k ? . ovp comparator also uses vsns signal for over- voltage detection. with above values for rsns2 and rsns1, ovp trip point (vout _ovp ) is ?? 1 2 1 2 . 1 _ rsns rsns rsns vref vout ovp ? ? ? ? (38) vout_ ovp = 1.44 v selecting power good pull-up resistor the pgood is an open drain output and require pull up resistors to vcc. the va lue of the pull-up resistors should limit the current flowing into the pgood pin to less than 5ma. a typical value used is 10k ? .
ir3448 31 www.irf.com ? 2013 international rectifier august 01, 2013 typical application internally biased single supply ir3448 boot sw fb vsns vcc pgood vin pgnd agnd cbyp rt/sync comp rs+ rs- rso cpvin2 cboot lo cout cbyp cvcc rpg rt cvin 39.2 k 10 k 10uf 100pf vin 0.1uf 6 x 47uf 0.4uh 5 x 22uf cpvin3 0.1uf 1uf ren1 7.5 k ren2 49.9 k cc3 220pf cc2 10nf cc1 2200pf rbode 20 rfb2 5.76 k rfb1 5.76 k rsns2 5.76 k rsns1 5.76 k rc2 2 k rc1 88.7 vo pgood cpvin1 330uf pvin en ocselect co1 0.1 uf rboot 2 figure 28: application circuit for a 12v to 1.2v, 16a point of load converter using the internal ldo suggested bill of mate rial for application circuit 12v to 1.2v part reference qty value description manufacturer part number cpvin1 1 330uf smd, electrolytic, 25v, 20% panasonic eev-fk1e331p cpvin2 5 22uf 1206, 25v, x5r, 10% murata grm31cr61e226ke15l cref 1 100pf 0603, 50v, c0g, 5% murata GRM1885C1H101JA01D cvin 1 1.0uf 0603, 25v, x5r, 20% murata grm188r61e105ka12d cvcc 1 10uf 0603, 10v, x5r, 20% tdk c1608x5r1a106m cpvin3 cboot co1 3 0.1uf 0603, 25v, x7r, 10% murata grm188r71e104ka01d cc1 1 2200pf 0603, 50v, x7r, 10% murata grm188r71h222ka01d cc2 1 10nf 0603, 50v, x7r, 10% murata grm188r71h103ka01d cc3 1 220pf 0603, 50v, npo, 5% murata grm1885c1h221ja01d cout1 6 47uf 0805, 6.3v, x5r, 20% tdk c2012x5r0j476m l0 1 0.400uh 11 x 7.2 x 7.5mm, dcr=0.29m ? vitec 59pr9875n rbode 1 20 thick film, 0603, 1/10w, 1% panasonic erj-3ekf20r0v rboot 1 2 thick film, 0603, 1/10w, 5% panasonic erj-3geyj2r0v rc1 1 88.7 thick film, 0603, 1/10w, 1% panasonic erj-3ekf88r7v rc2 1 2k thick film, 0603, 1/10w, 1% panasonic erj-3ekf2001v ren1 1 7.5k thick film, 0603, 1/10w, 1% panasonic erj-3ekf7501v ren2 1 49.9k thick film, 0603, 1/10w, 1% panasonic erj-3ekf4992v rfb1 rfb2 rsns1rsns1 4 5.76k thick film, 0603, 1/10w, 1% panasonic erj-3ekf5761v rt 1 39.2k thick film, 0603, 1/10w, 1% panasonic erj-3ekf3922v rpg 1 10k thick film, 0603, 1/10w, 1% panasonic erj-3ekf1002v u1 1 ir3448 pqfn 5x6mm international rectifier ir3448mpbf
ir3448 32 www.irf.com ? 2013 international rectifier august 01, 2013 externally biased dual supplies figure 29: application circuit for a 12v to 1.2v, 13a point of load converter using external 5v vcc suggested bill of mate rial for application circuit 12v to 1.2v using external 5v vcc part reference qty value description manufacturer part number cpvin1 1 330uf smd, electrolytic, 25v, 20% panasonic eev-fk1e331p cpvin2 5 22uf 1206, 25v, x5r, 10% murata grm31cr61e226ke15l cref 1 100pf 0603, 50v, c0g, 5% murata GRM1885C1H101JA01D cvin 1 1.0uf 0603, 25v, x5r, 20% murata grm188r61e105ka12d cvcc 1 10uf 0603, 10v, x5r, 20% tdk c1608x5r1a106m cpvin3 cboot co1 3 0.1uf 0603, 25v, x7r, 10% murata grm188r71e104ka01d cc1 1 2200pf 0603, 50v, x7r, 10% murata grm188r71h222ka01d cc2 1 10nf 0603, 50v, x7r, 10% murata grm188r71h103ka01d cc3 1 200pf 0603, 50v, npo, 5% murata grm1885c1h201ja01d cout1 6 47uf 0805, 6.3v, x5r, 20% tdk c2012x5r0j476m l0 1 0.400uh 11 x 7.2 x 7.5mm, dcr=0.29m ? vitec 59pr9875n rbode 1 20 thick film, 0603, 1/10w, 1% panasonic erj-3ekf20r0v rboot 1 2 thick film, 0603, 1/10w, 5% panasonic erj-3geyj2r0v rc1 1 39.2 thick film, 0603, 1/10w, 1% panasonic erj-3ekf39r2v rc2 1 2.49k thick film, 0603, 1/10w, 1% panasonic erj-3ekf2491v ren1 1 7.5k thick film, 0603, 1/10w, 1% panasonic erj-3ekf7501v ren2 1 49.9k thick film, 0603, 1/10w, 1% panasonic erj-3ekf4992v rfb1 rfb2 rsns1rsns1 4 5.36k thick film, 0603, 1/10w, 1% panasonic erj-3ekf5361v rt 1 39.2k thick film, 0603, 1/10w, 1% panasonic erj-3ekf3922v rpg 1 10k thick film, 0603, 1/10w, 1% panasonic erj-3ekf1002v u1 1 ir3448 pqfn 5x6mm international rectifier ir3448mpbf
ir3448 33 www.irf.com ? 2013 international rectifier august 01, 2013 externally biased single supply ir3448 boot sw fb vsns vcc pgood vin pgnd agnd cbyp rt/sync comp rs+ rs- rso cpvin2 lo cbyp cvcc rpg rt cvin 39.2 k 10 k 10uf 100pf vin 0.3uh 7 x 22uf cpvin3 0.1uf 1uf ren1 21 k ren2 41.2 k cc3 160pf cc2 10nf cc1 2200pf rbode 20 rfb2 7.5 k rfb1 7.5 k rsns2 7.5 k rsns1 7.5 k rc2 3 k rc1 57.6 vo pgood cpvin1 330uf pvin en ocselect cout 6 x 47 uf co1 0.1 uf 0.1uf rboot 2 figure 30: application circuit for a 5v to 1.2v, 13a point of load converter suggested bill of mate rial for application circuit 5v to 1.2v part reference qty value description manufacturer part number cpvin1 1 330uf smd, electrolytic, 25v, 20% panasonic eev-fk1e331p cpvin2 7 22uf 1206, 25v, x5r, 10% murata grm31cr61e226ke15l cref 1 100pf 0603, 50v, c0g, 5% murata GRM1885C1H101JA01D cvin 1 1.0uf 0603, 25v, x5r, 20% murata grm188r61e105ka12d cvcc 1 10uf 0603, 10v, x5r, 20% tdk c1608x5r1a106m cpvin3 cboot co1 3 0.1uf 0603, 25v, x7r, 10% murata grm188r71e104ka01d cc1 1 2200pf 0603, 50v, x7r, 10% murata grm188r71h222ka01d cc2 1 10nf 0603, 50v, x7r, 10% murata grm188r71h103ka01d cc3 1 160pf 0603, 50v, npo, 5% murata grm1885c1h161ja01d cout1 6 47uf 0805, 6.3v, x5r, 20% tdk c2012x5r0j476m l0 1 0.300uh 11 x 7.2 x 7.5mm, dcr=0.29m ? vitec 59pr9874n rbode 1 20 thick film, 0603, 1/10w, 1% panasonic erj-3ekf20r0v rboot 1 2 thick film, 0603, 1/10w, 5% panasonic erj-3geyj2r0v rc1 1 57.6 thick film, 0603, 1/10w, 1% panasonic erj-3ekf57r6v rc2 1 3k thick film, 0603, 1/10w, 1% panasonic erj-3ekf3001v ren1 1 21k thick film, 0603, 1/10w, 1% panasonic erj-3ekf2102v ren2 1 41.2k thick film, 0603, 1/10w, 1% panasonic erj-3ekf4122v rfb1 rfb2 rsns1rsns1 4 7.5k thick film, 0603, 1/10w, 1% panasonic erj-3ekf7501v rt 1 39.2k thick film, 0603, 1/10w, 1% panasonic erj-3ekf3922v rpg 1 10k thick film, 0603, 1/10w, 1% panasonic erj-3ekf1002v u1 1 ir3448 pqfn 5x6mm international rectifier ir3448mpbf
ir3448 34 www.irf.com ? 2013 international rectifier august 01, 2013 typical operating waveforms vin=pvin=12v, vout=1.2v, iout=0-16a , room temperature, no air flow figure 31: startup with full load, enable signal ch1:vin, ch2:vout, ch3:pgood, ch4:enable figure 32: startup with full load, vcc signal ch1:vin, ch2:vout, ch3:pgood, ch4:vcc figure 33: vout startup with pre-bias, 1.05v ch2:vout, ch3:pgood figure 34: recovery from hiccup ch2:vout, ch3:pgood, ch4:iout figure 35: inductor switch node at full load ch2:sw figure 36: output voltage ripple at full load ch1:vout
ir3448 35 www.irf.com ? 2013 international rectifier august 01, 2013 typical operating waveforms vin=pvin=12v, vout=1.2v, iout=1.6a-6.4a, fs =600khz, room temperature, no air flow figure 37: vout transient response, 1.6a to 6.4a step at 2.5a/usec ch2:vout, ch4:iout
ir3448 36 www.irf.com ? 2013 international rectifier august 01, 2013 typical operating waveforms vin=pvin=12v, vout=1.2v, iout=11.2a-16a, fs =600khz, room temperature, no air flow figure 38: vout transient response , 11.2a to 16a step at 2.5a/usec ch2:vout, ch4:iout
ir3448 37 www.irf.com ? 2013 international rectifier august 01, 2013 typical operating waveforms vin=pvin=12v, vout=1.2v, iout=16a, fs=600 khz, room temperature, no air flow figure 39: bode plot with 16a load: fo =106 khz, phase margin=55.5 degrees
ir3448 38 www.irf.com ? 2013 international rectifier august 01, 2013 typical operating waveforms vin=pvin=12v, vout=1.2v, iout=0-16a, fs= 600khz, room temperature, no air flow figure 40: efficiency versus load current figure 41: power loss versus load current
ir3448 39 www.irf.com ? 2013 international rectifier august 01, 2013 layout recommendations the layout is very important when designing high frequency switching converters. layout will affect noise pickup and can cause a good design to perform with less than expected results. make the connections for the power components in the top layer with wide, copper filled areas or polygons. in general, it is desirable to make proper use of power planes and polygons for power distribution and heat dissipation. the inductor, input capacitors, output capacitors and the ir3448 should be as close to each other as possible. this helps to reduce the emi radiated by the power traces due to the high switching currents through them. place the input capacitor directly at the pvin pin of ir3448. the feedback part of the system should be kept away from the inductor and other noise sources. the critical bypass component s such as capacitors for pvin, vin and vcc should be close to their respective pins. it is important to place the feedback components including feedback resistors and compensation components close to fb and comp pins. in a multilayer pcb use at least one layer as a power ground plane and have a control circuit ground (analog ground), to which all signals are referenced. the goal is to localize the high current path to a separate loop that does not interfere with the more sensitive analog control function. these two grounds must be connected together on the pc board layout at a single point. it is recommended to place all the compensation parts over the analog ground plane in top layer. the power qfn is a thermally enhanced package. based on thermal performance it is recommended to use at least a 6-layers pcb. to effectively remove heat from the device the exposed pad should be connected to the ground plane using vias. figure 42a-f illustrates the implem entation of the layout guidelines outlined above, on the ir3448 6-layer demo board. - figure 42a: irdc3448 demo board lay out considerations ? top layer - compensation parts should be placed as close as possible to the comp pins - sw node copper is kept only at the top layer to minimize the switching noise - single point connection between agnd & pgnd, should be placed near the part and kept away from noise sources pgnd pvin vout a gnd - ground path between vin- and vout- should be minimized with maximum copper - bypass caps should be placed as close as possible to their connecting pins - filled vias placed under pgnd and pvin pads to help thermal performance.
ir3448 40 www.irf.com ? 2013 international rectifier august 01, 2013 figure 42b: irdc3448 demo board layout considerations ? bottom layer figure 42c: irdc3448 demo board layout considerations ? mid layer 1 figure 42d: irdc3448 demo board layout considerations ? mid layer 2 pgnd vout vout pgnd pgnd
ir3448 41 www.irf.com ? 2013 international rectifier august 01, 2013 figure 42e: irdc3448 demo board layout considerations ? mid layer 3 figure 42f: irdc3448 demo board layout considerations ? mid layer 4 -feedback and vsns traces routing should be kept away from noise sources pgnd vout pgnd remote sense traces - tap output where voltage value is critical. - avoid noisy areas and noise coupling. - rs+ and rs- lines near each other. - minimize trace resistance.
ir3448 42 www.irf.com ? 2013 international rectifier august 01, 2013 pcb metal and comp onent placement evaluations have shown that the best overall performance is achieved using the substrate/pcb layout as shown in follow ing figures. pqfn devices should be placed to an accuracy of 0.050mm on both x and y axes. self-centering behavior is highly dependent on solders and processes, and experiments should be run to confirm the limits of self- centering on specific processes. for further information, please refer to ?supirbuck ? multi-chip module (mcm) power quad flat no-lead (pqfn) board mounting application note .? (an1132) pcb pad sizes (detail 1) pcb pad sizes (detail 2)
ir3448 43 www.irf.com ? 2013 international rectifier august 01, 2013 pcb pad spacing (detail 1) pcb pad spacing (detail 2)
ir3448 44 www.irf.com ? 2013 international rectifier august 01, 2013 solder resist ? ir recommends that the larger power or land area pads are solder mask defined (smd). this allows the underlying copper traces to be as large as possible, which helps in terms of current carrying capability and device cooling capability. ? when using smd pads, the underlying copper traces should be at least 0.05mm larger (on each edge) than the solder mask window, in order to accommodate any layer to layer misalignment. (i.e. 0.1mm in x & y). ? however, for the smaller signal type leads around the edge of the device, ir recommends that these are non solder mask defined or copper defined. ? when using nsmd pads, the solder resist window should be larger than the copper pad by at least 0.025mm on each edge, (i.e. 0.05mm in x & y), in order to accommodate any layer to layer misalignment. ? ensure that the solder resist in-between the smaller signal lead areas are at least 0.15mm wide, due to the high x/y aspect ratio of the solder mask strip. solder mask design pad sizes (detail 1) solder mask design pad sizes (detail 2)
ir3448 45 www.irf.com ? 2013 international rectifier august 01, 2013 solder mask design pad spacing (detail 1) solder mask design pad spacing (detail 2)
ir3448 46 www.irf.com ? 2013 international rectifier august 01, 2013 stencil design ? stencils for pqfn can be used with thicknesses of 0.100-0.250mm (0.004-0.010?). stencils thinner than 0.100mm are unsuitable because they deposit insufficient solder paste to make good solder joints with the ground pad; high reductions sometimes create similar problems. stencils in the range of 0.125mm- 0.200mm (0.005-0.008?), with suitable reductions, give best results. ? evaluations have shown that the best overall performance is achieved using the stencil design shown in following figure. this design for a stencil thickness of 0.127mm (0.005?). the reduction should be adjusted for stencils of other thicknesses. solder paste stencil pad sizes (detail 1) solder paste stencil pad sizes (detail 2)
ir3448 47 www.irf.com ? 2013 international rectifier august 01, 2013 solder paste stencil pad spacing (detail 1) solder paste stencil pad spacing (detail 2) marking information figure 43: marking information
ir3448 48 www.irf.com ? 2013 international rectifier august 01, 2013 packaging information
ir3448 49 www.irf.com ? 2013 international rectifier august 01, 2013 environmental qualifications ? qualification level industrial moisture sensitivity level pqfn msl3 esd machine model (jesd22-a115a) class a <200v human body model (jesd22-a114f) class 1c ? 1000v to <2000v charged device model (jesd22-c101d) class iii ? 500v to 1000v rohs compliant yes data and specifications subject to change without notice. qualification standards can be found on ir?s web site. ir world headquarters: 233 kansas st., el segundo, californi a 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . www.irf.com


▲Up To Search▲   

 
Price & Availability of GRM1885C1H101JA01D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X