Part Number Hot Search : 
L7812 B2068 CM6522 P56AF AMT8100 ADE324 3110LO50 3GD17
Product Description
Full Text Search
 

To Download G6CK-2117C-UC12VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  107 text 106 text model number legend spst-no type breaks 10-a loads; spst-no + spst-nc type breaks 8-a load rohs compliant compact: 20 x 15 x 10 mm (l x w x h). low power consumption: 200 mw. flux protection or fully sealed construction available. unique moving loop armature reduces relay size, magnetic interference, and contact bounce. single- and double-winding latching types also available rated coil voltage note: when ordering, add the rated coil voltage to the model number. example: g6c-1117p-us 12 vdc g6c - - vdc 12 345 6 7 1. relay function none: single-side stable u: single-winding latching k: double-winding latching 2. contact form 11: spst-no 21: spst-no + spst-nc 3. contact type 1: standard 4. enclosure ratings 7: flux protection 4: fully sealed 5. terminals p: straight pcb c: self-clinching pcb 6. approved standards us: ul/csa certified 7. rated coil voltage 3, 5, 6, 12, 24 vdc ordering information classification contact form straight pcb self-clinching pcb flux protection fully sealed flux protection fully sealed single-side stable spst-no g6c-1117p-us g6c-1114p-us g6c-1117c-us g6c-1114c-us spst-no + spst-nc g6c-2117p-us g6c-2114p-us g6c-2117c-us g6c-2114c-us spst-no g6cu-1117p-us g6cu-1114p-us g6cu-1117c-us g6cu-1114c-us spst-no + spst-nc g6cu-2117p-us g6cu-2114p-us g6cu-2117c-us g6cu-2114c-us spst-no g6ck-1117p-us g6ck-1114p-us g6ck-1117c-us g6ck-1114c-us spst-no + spst-nc g6ck-2117p-us g6ck-2114p-us g6ck-2117c-us g6ck-2114c-us single-winding latching double-winding latching pcb power relay ?g6c pcb power relay ?g5ca power relays installation make sure that sufficient space is provided between relays when installing two or more relays side by side to facilitate heat dissipation. insufficient heat dissipation may result in the relay malfunctioning. quick-connect terminal connections do not pass current through the pcb of the load contactterminals (quick-connect terminals). ?the terminals are compatible with faston receptacle #187 and are suitable for positive-lock mounting. use only faston terminals with the specified numbers. select leads for connecting faston receptacles with wire diameters that are within the allowable range for the load current. do not apply excessive force to the terminals when mounting or dismounting the faston receptacle. insert and remove terminals carefully one at a time. do not insert terminals on an angle, or insert/remove multiple terminals at the same time. the following positive-lock connectors made by amp are recommended. contact the manufacturer directly for details on connectors including availability. charged terminals the section marked with dotted circles (indicated by arrows) in the following diagram includes the charged terminals of the relay. when the relay is mounted on a pcb, make sure that there are no metal patterns on the section of the pcb facing the portion of the relay shaded in the following diagram. other precautions ?the g5ca is a power relay designed for applications switching power loads such as heaters in electric household appliances. do not use the g5ca to switch micro loads less than 100 ma, such as in signal applications. ?use fully sealed models if the relays will require washing. fluxprotection models may malfunction or the relay's performance may be otherwise adversely affected if cleaning fluid enters the relay. precautions all dimensions shown are in millimetres. to convert millimetres into inches, multiply by 0.03937. to convert grams into ounces, multiply by 0.03527. precautions for correct use type type receptacle terminals (see note.) positive housing #187 terminals (width: 4.75 mm) amp 170330-1 (170324-1) amp 172074-1 (natural color) amp 170331-1 (170325-1) amp 172074-4 (yellow) amp 170332-1 (170326-1) amp 172074-5 (green) amp 172074-6 (blue) note: the numbers shown in parentheses are for air-feeding cat. no. j151-e2-02a-x omron 08 cat 1-302 5/10/07 15:39 page 106
109 text 108 text double-winding latching type rated voltage 3 vdc 5 vdc 6 vdc 12 vdc 24 vdc set coil rated current 93.5 ma 56.0 ma 46.7 ma 23.3 ma 11.7 ma coil resistance 32.1 89.3 129 514 2,056 coil inductance armature off 0.03 0.07 0.10 0.37 1.56 (h) (ref. value) armature off 0.02 0.06 0.08 0.32 1.18 reset coil rated current 93.5 ma 56.0 ma 46.7 ma 23.3 ma 11.7 ma coil resistance 32.1 89.3 129 514 2,056 coil inductance armature off 0.03 0.08 0.12 0.47 1.46 (h) (ref. value) armature off 0.02 0.07 0.10 0.38 1.13 must set voltage 70% max. of rated voltage must reset voltage 70% min. of rated voltage max. voltage 130% of rated voltage (at 23?) power consumption set coil: approx. 280 mw reset coil: approx. 280 mw note: 1. the rated current and coil resistance are measured at a coil temperature of 23? with a tolerance of ?0%. 2. operating characteristics are measured at a coil temperature of 23?. 3. the minimum pulse width of the set and reset voltage is 20 ms. contact ratings item spst-no spst-no+spst-nc load resistive load inductive load resistive load inductive load (cos = 1) (cos = 0.4; l/r = 7 ms) (cos = 1) cos = 0.4; l/r = 7 ms) rated load 10 a at 250 vac; 5 a at 250 vac; 8a at 250 vac; 3.5 a at 250 vac; 10a at 30 vdc 5 a at 30 vdc 8a at 30 vdc; 3.5 a at 30 vdc contact material agni (fd type = agsnin) rated carry current 10 a 8 a max. switching voltage 380 vac, 125 vdc (the case of latching 250 vac, 125 vdc) max. switching current 10 a 8 a max. switching power 2,500 va, 300 w 1,250 va, 220 w 2,000 va, 240 w 875 va, 170 w failure rate (reference value) 10 ma at 5 vdc pcb power relay ?g6c note: p level: 60 = 0.1 x 10-6/operation pcb power relay ?g6c power relays specifications coil rating single-side stable type rated voltage 3 vdc 5 vdc 6 vdc 12 vdc 24 vdc rated current 67 ma 40 ma 33.3 ma 16.7 ma 8.3 ma coil resistance 45 125 180 720 2,880 0.078 0.22 0.36 1.32 4.96 0.067 0.18 0.29 1.13 4.19 must operate voltage 70% max. of rated voltage must release voltage 10% min. of rated voltage max. voltage 160% of rated voltage (at 23?) power consumption approx. 200 mw coil inductance armature off (h) (ref. value) armature off single-side latching type rated voltage 3 vdc 5 vdc 6 vdc 12 vdc 24 vdc rated current 67 ma 40 ma 33.3 ma 16.7 ma 8.3 ma coil resistance 45 125 180 720 2,880 0.09 0.25 0.36 1.75 5.83 0.06 0.20 0.24 1.17 3.84 must operate voltage 70% max. of rated voltage must release voltage 70% min. of rated voltage max. voltage 160% of rated voltage (at 23?) power consumption approx. 200 mw coil inductance armature off (h) (ref. value) armature off accessories (order separately) back connecting sockets applicable relay back connecting socket* g6c(u)-1114p-us p6c-06p g6c(u)-1117p-us g6c(u)-2114p-us g6c(u)-2117p-us g6ck-1114p-us p6c-08p g6ck-1117p-us g6ck-2114p-us g6ck-2117p-us *not applicable to the self-clinching type. the operating current for the socket is 5 a max removal tool p6b-y1 hold-down clips p6b-c2 omron 08 cat 1-302 5/10/07 15:39 page 108
109 text 108 text double-winding latching type rated voltage 3 vdc 5 vdc 6 vdc 12 vdc 24 vdc set coil rated current 93.5 ma 56.0 ma 46.7 ma 23.3 ma 11.7 ma coil resistance 32.1 89.3 129 514 2,056 coil inductance armature off 0.03 0.07 0.10 0.37 1.56 (h) (ref. value) armature off 0.02 0.06 0.08 0.32 1.18 reset coil rated current 93.5 ma 56.0 ma 46.7 ma 23.3 ma 11.7 ma coil resistance 32.1 89.3 129 514 2,056 coil inductance armature off 0.03 0.08 0.12 0.47 1.46 (h) (ref. value) armature off 0.02 0.07 0.10 0.38 1.13 must set voltage 70% max. of rated voltage must reset voltage 70% min. of rated voltage max. voltage 130% of rated voltage (at 23?) power consumption set coil: approx. 280 mw reset coil: approx. 280 mw note: 1. the rated current and coil resistance are measured at a coil temperature of 23? with a tolerance of ?0%. 2. operating characteristics are measured at a coil temperature of 23?. 3. the minimum pulse width of the set and reset voltage is 20 ms. contact ratings item spst-no spst-no+spst-nc load resistive load inductive load resistive load inductive load (cos = 1) (cos = 0.4; l/r = 7 ms) (cos = 1) cos = 0.4; l/r = 7 ms) rated load 10 a at 250 vac; 5 a at 250 vac; 8a at 250 vac; 3.5 a at 250 vac; 10a at 30 vdc 5 a at 30 vdc 8a at 30 vdc; 3.5 a at 30 vdc contact material agni (fd type = agsnin) rated carry current 10 a 8 a max. switching voltage 380 vac, 125 vdc (the case of latching 250 vac, 125 vdc) max. switching current 10 a 8 a max. switching power 2,500 va, 300 w 1,250 va, 220 w 2,000 va, 240 w 875 va, 170 w failure rate (reference value) 10 ma at 5 vdc pcb power relay ?g6c note: p level: 60 = 0.1 x 10-6/operation pcb power relay ?g6c power relays specifications coil rating single-side stable type rated voltage 3 vdc 5 vdc 6 vdc 12 vdc 24 vdc rated current 67 ma 40 ma 33.3 ma 16.7 ma 8.3 ma coil resistance 45 125 180 720 2,880 0.078 0.22 0.36 1.32 4.96 0.067 0.18 0.29 1.13 4.19 must operate voltage 70% max. of rated voltage must release voltage 10% min. of rated voltage max. voltage 160% of rated voltage (at 23?) power consumption approx. 200 mw coil inductance armature off (h) (ref. value) armature off single-side latching type rated voltage 3 vdc 5 vdc 6 vdc 12 vdc 24 vdc rated current 67 ma 40 ma 33.3 ma 16.7 ma 8.3 ma coil resistance 45 125 180 720 2,880 0.09 0.25 0.36 1.75 5.83 0.06 0.20 0.24 1.17 3.84 must operate voltage 70% max. of rated voltage must release voltage 70% min. of rated voltage max. voltage 160% of rated voltage (at 23?) power consumption approx. 200 mw coil inductance armature off (h) (ref. value) armature off accessories (order separately) back connecting sockets applicable relay back connecting socket* g6c(u)-1114p-us p6c-06p g6c(u)-1117p-us g6c(u)-2114p-us g6c(u)-2117p-us g6ck-1114p-us p6c-08p g6ck-1117p-us g6ck-2114p-us g6ck-2117p-us *not applicable to the self-clinching type. the operating current for the socket is 5 a max removal tool p6b-y1 hold-down clips p6b-c2 omron 08 cat 1-302 5/10/07 15:39 page 108
111 text 110 text model contact form coil rating contact rating g6c-1114p-us spst-no 3 to 60 vdc 10 a, 250 vac (general use) g6c-1114c-us 10 a, 30 vdc (resistive load) g6c-1117p-us 1/6 hp, 125 vac g6c-1117c-us 1/4 hp, 125 vac 1/4 hp, 250 vac 1/3 hp, 250 vac tv-5 600 w, 120 vac (tungsten) g6c-2114p-us spst-no + spst-nc 3 to 60 vdc 8 a, 250 vac (general use) g6c-2114c-us 8 a, 30 vdc (resistive load) g6c-2117p-us 1/6 hp, 125 vac g6c-2117c-us 1/4 hp, 125 vac 1/4 hp, 250 vac tv-5 600 w, 120 vac (tungsten) maximum switching power spst-no switching voltage (v) spst-no + spst-nc endurance endurance (x10 operations) 3 switching current (a) switching current (a) switching voltage (v) switching current (a) ac resistive load ac inductive load (cos = 0.4) dc resistive load dc inductive load (l/r = 7 ms) ac resistive load ac inductive load (cos = 0.4) dc inductive load (l/r = 7 ms) g6c-2114p-us 250-vac resistive 30-vdc resistive g6c-1114p-us 250-vac resistive 30-vdc resistive g6c-2114p-us 250-vac induc tive (cos = 0.4) 30-vdc induc tive (l/r = 7 ms) g6c-1114p-us 250-vac induc tive (cos = 0.4) 30-vdc inductive (l/r = 7 ms) dc resistive load ambient temperature vs. maximum coil voltage maximum coil voltage (%) ambient temperature ( c) note: the maximum coil voltage refers to the maxi- mum value in a varying range of operating power voltage, not a continuous voltage. engineering data approved standards (continued) csa c22.2 no.14 (file no. lr31928) model contact form coil rating contact rating number of test operations g6c-1114p-us spst-no 3, 12, 24vdc 10a, 250vac (cos = 1) 100,000 g6c-1114c-us 5a, 250vac (cos = 0.4) g6c-1117p-us g6c-1117c-us g6c-2114p-us spst-no+spst-nc single-stable: 3, 5, 7a, 250vac (cos = 1) 100,000 g6c-2114c-us 12, 24vdc 3.5a, 250vac (cos = 0.4) g6c-2117p-us latching: 5vdc g6c-2117c-us g6cu-2117p-vd: 3vdc vde (approval no. 2413) en61810-1 pcb power relay ?g6c pcb power relay ?g6c power relays characteristics contact resistance 30 m max. operate (set) time 10 ms max. (mean value: approx. 5 ms) release (reset) time 10 ms max. (mean value: approx. 2 ms; latching types: mean value: approx. 5 ms) bounce time operate: 5 ms max. release: 5 ms max. min. set/reset signal width latching type: 20 ms (at 23?c) max. switching frequency mechanical: 18,000 operations/hr electrical: 1,800 operations/hr (under rated load) insulation resistance 1,000 m min. (at 500 vdc, at 250 vdc between set coil and reset coil) dielectric strength 2,000 vac, 50/60 hz for 1 min between coil and contacts 2,000 vac, 50/60 hz for 1 min between contacts of different polarity 1,000 vac, 50/60 hz for 1 min between contacts of same polarity 250 vac, 50/60 hz for 1 min between set and reset coils creepage (typ) 5.5 mm clearance (typ) 5.5 mm tracking resistance (cti) 175 v impulse withstand voltage 6.000 v (1.2 x 50 ?) between coil and contacts (latching types: 4,500 v, 1.2 50 ?) vibration resistance destruction: 10 to 55 to 10 hz, 0.75-mm single amplitude (1.5-mm double amplitude) malfunction: 10 to 55 to 10 hz, 0.75-mm single amplitude (1.5-mm double amplitude) shock resistance destruction: 1,000 m/s 2 malfunction: 100 m/s 2 ambient temperature operating: -25?c to 70?c (with no icing) ambient humidity operating: 5% to 85% endurance mechanical: 50,000,000 operations min. (at 18,000 operations/hr) electrical: 100,000 operations min. (at 1,800 operations/hr) w eight approx. 5.6 g approved standards ul508 (file no. e41643) model contact form coil rating contact rating g6c-1114p-us spst-no 3 to 60 vdc 10 a, 250 vac (general use) g6c-1114c-us 10 a, 30 vdc (resistive load) g6c-1117p-us 1/6 hp, 125 vac g6c-1117c-us 1/4 hp, 125 vac 1/4 hp, 250 vac 1/3 hp, 250 vac tv-5 600 w, 120 vac (tungsten) 530 va, 20 to 265 vac, 2 a max. (pilot duty) 43.2 va, 30 vdc (pilot duty) 12lra, 2.2fla, 30 vdc (30,000 cycle) g6c-2114p-us spst-no + spst-nc 8 a, 250 vac (general use) g6c-2114c?s 8 a, 30 vdc (resistive load) g6c-2117p-us 1/6 hp, 125 vac g6c-2117c-us 1/4 hp, 125 vac 1/4 hp, 250 vac tv-5 600 w, 120 vac (tungsten) insulation distance omron 08 cat 1-302 5/10/07 15:39 page 110
111 text 110 text model contact form coil rating contact rating g6c-1114p-us spst-no 3 to 60 vdc 10 a, 250 vac (general use) g6c-1114c-us 10 a, 30 vdc (resistive load) g6c-1117p-us 1/6 hp, 125 vac g6c-1117c-us 1/4 hp, 125 vac 1/4 hp, 250 vac 1/3 hp, 250 vac tv-5 600 w, 120 vac (tungsten) g6c-2114p-us spst-no + spst-nc 3 to 60 vdc 8 a, 250 vac (general use) g6c-2114c-us 8 a, 30 vdc (resistive load) g6c-2117p-us 1/6 hp, 125 vac g6c-2117c-us 1/4 hp, 125 vac 1/4 hp, 250 vac tv-5 600 w, 120 vac (tungsten) maximum switching power spst-no switching voltage (v) spst-no + spst-nc endurance endurance (x10 operations) 3 switching current (a) switching current (a) switching voltage (v) switching current (a) ac resistive load ac inductive load (cos = 0.4) dc resistive load dc inductive load (l/r = 7 ms) ac resistive load ac inductive load (cos = 0.4) dc inductive load (l/r = 7 ms) g6c-2114p-us 250-vac resistive 30-vdc resistive g6c-1114p-us 250-vac resistive 30-vdc resistive g6c-2114p-us 250-vac induc tive (cos = 0.4) 30-vdc induc tive (l/r = 7 ms) g6c-1114p-us 250-vac induc tive (cos = 0.4) 30-vdc inductive (l/r = 7 ms) dc resistive load ambient temperature vs. maximum coil voltage maximum coil voltage (%) ambient temperature ( c) note: the maximum coil voltage refers to the maxi- mum value in a varying range of operating power voltage, not a continuous voltage. engineering data approved standards (continued) csa c22.2 no.14 (file no. lr31928) model contact form coil rating contact rating number of test operations g6c-1114p-us spst-no 3, 12, 24vdc 10a, 250vac (cos = 1) 100,000 g6c-1114c-us 5a, 250vac (cos = 0.4) g6c-1117p-us g6c-1117c-us g6c-2114p-us spst-no+spst-nc single-stable: 3, 5, 7a, 250vac (cos = 1) 100,000 g6c-2114c-us 12, 24vdc 3.5a, 250vac (cos = 0.4) g6c-2117p-us latching: 5vdc g6c-2117c-us g6cu-2117p-vd: 3vdc vde (approval no. 2413) en61810-1 pcb power relay ?g6c pcb power relay ?g6c power relays characteristics contact resistance 30 m max. operate (set) time 10 ms max. (mean value: approx. 5 ms) release (reset) time 10 ms max. (mean value: approx. 2 ms; latching types: mean value: approx. 5 ms) bounce time operate: 5 ms max. release: 5 ms max. min. set/reset signal width latching type: 20 ms (at 23?c) max. switching frequency mechanical: 18,000 operations/hr electrical: 1,800 operations/hr (under rated load) insulation resistance 1,000 m min. (at 500 vdc, at 250 vdc between set coil and reset coil) dielectric strength 2,000 vac, 50/60 hz for 1 min between coil and contacts 2,000 vac, 50/60 hz for 1 min between contacts of different polarity 1,000 vac, 50/60 hz for 1 min between contacts of same polarity 250 vac, 50/60 hz for 1 min between set and reset coils creepage (typ) 5.5 mm clearance (typ) 5.5 mm tracking resistance (cti) 175 v impulse withstand voltage 6.000 v (1.2 x 50 ?) between coil and contacts (latching types: 4,500 v, 1.2 50 ?) vibration resistance destruction: 10 to 55 to 10 hz, 0.75-mm single amplitude (1.5-mm double amplitude) malfunction: 10 to 55 to 10 hz, 0.75-mm single amplitude (1.5-mm double amplitude) shock resistance destruction: 1,000 m/s 2 malfunction: 100 m/s 2 ambient temperature operating: -25?c to 70?c (with no icing) ambient humidity operating: 5% to 85% endurance mechanical: 50,000,000 operations min. (at 18,000 operations/hr) electrical: 100,000 operations min. (at 1,800 operations/hr) w eight approx. 5.6 g approved standards ul508 (file no. e41643) model contact form coil rating contact rating g6c-1114p-us spst-no 3 to 60 vdc 10 a, 250 vac (general use) g6c-1114c-us 10 a, 30 vdc (resistive load) g6c-1117p-us 1/6 hp, 125 vac g6c-1117c-us 1/4 hp, 125 vac 1/4 hp, 250 vac 1/3 hp, 250 vac tv-5 600 w, 120 vac (tungsten) 530 va, 20 to 265 vac, 2 a max. (pilot duty) 43.2 va, 30 vdc (pilot duty) 12lra, 2.2fla, 30 vdc (30,000 cycle) g6c-2114p-us spst-no + spst-nc 8 a, 250 vac (general use) g6c-2114c?s 8 a, 30 vdc (resistive load) g6c-2117p-us 1/6 hp, 125 vac g6c-2117c-us 1/4 hp, 125 vac 1/4 hp, 250 vac tv-5 600 w, 120 vac (tungsten) insulation distance omron 08 cat 1-302 5/10/07 15:39 page 110
113 text 112 text pcb power relay ?g6c pcb power relay ?g6c power relays dimensions note: 1. all units are in millimetres unless otherwise indicated. 2. orientation marks are indicated as follows: omron 08 cat 1-302 5/10/07 15:39 page 112
113 text 112 text pcb power relay ?g6c pcb power relay ?g6c power relays dimensions note: 1. all units are in millimetres unless otherwise indicated. 2. orientation marks are indicated as follows: omron 08 cat 1-302 5/10/07 15:39 page 112
115 text 114 text mounting holes (bottom view) mounting height of relay with connecting socket p6c-08p note: rated current of socket max. 5 a back connecting sockets p6c-06p 23.2 max. (23)* 15 max. (14.9)* 3.1 10.8 max. (10.6)* 7.5 3.5 0.8 0.4 10.16 7.62 10.16 17 mm max. 7.5 mm max. 7.62 10.16 10.16 (2.61) (2.4) (2.61) six, 1.1-dia holes 7.62 10.16 7.62 (2.61) (2.4) (2.61) eight, 1.1-dia holes 2.54 removal tool p6b-y1 hold-down clips p6b-c2 23.2 max. (23)* 15 max. (14.9)* 3.1 10.8 max. (10.6)* 7.5 3.5 2.54 0.8 0.4 7.62 7.62 10.16 *average value *average value mounting holes (bottom view) pcb power relay ?g6c cat. no. k018-e2-05a-x pcb power relay ?g6c power relays omron 08 cat 1-302 5/10/07 15:39 page 114
115 text 114 text mounting holes (bottom view) mounting height of relay with connecting socket p6c-08p note: rated current of socket max. 5 a back connecting sockets p6c-06p 23.2 max. (23)* 15 max. (14.9)* 3.1 10.8 max. (10.6)* 7.5 3.5 0.8 0.4 10.16 7.62 10.16 17 mm max. 7.5 mm max. 7.62 10.16 10.16 (2.61) (2.4) (2.61) six, 1.1-dia holes 7.62 10.16 7.62 (2.61) (2.4) (2.61) eight, 1.1-dia holes 2.54 removal tool p6b-y1 hold-down clips p6b-c2 23.2 max. (23)* 15 max. (14.9)* 3.1 10.8 max. (10.6)* 7.5 3.5 2.54 0.8 0.4 7.62 7.62 10.16 *average value *average value mounting holes (bottom view) pcb power relay ?g6c cat. no. k018-e2-05a-x pcb power relay ?g6c power relays omron 08 cat 1-302 5/10/07 15:39 page 114


▲Up To Search▲   

 
Price & Availability of G6CK-2117C-UC12VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X