Part Number Hot Search : 
AULTI SSF1030D 78E210 HV9308PJ 18629137 LMG6402 ASFLM1 AI4100
Product Description
Full Text Search
 

To Download FCH47N60FF133 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2009 fairchild semiconductor corporation 1 www.fairchildsemi.com fch47n60f _f133 rev. a. fch47n60f _f133 600v n-channel mosfet tm february superfet fch47n60f _f133 600v n-channel mosfet features ?650v @t j = 150c ?typ. r ds(on) = 0.062 ? fast recovery type ( t rr = 240ns) ? ultra low gate charge (typ. q g = 210nc) ? low effective output capacitance (typ. c oss eff. = 420pf) ? 100% avalanche tested description superfet tm is, fairchild?s proprietary, new generation of high voltage mosfet family that is utilizing an advanced charge balance mechanism for outstanding low on-resistance and lower gate charge performance. this advanced technology has been tailored to minimize conduction loss, provide superior switching performance, and withstand extreme dv/dt rate and higher avalanche energy. consequently, superfet is very suitable for various ac/dc power conversion in switching mode operation for system miniaturization and higher efficiency. absolute maximum ratings thermal characteristics g s d to-247 d g s symbol parameter fch47n60f unit v dss drain-source voltage 600 v i d drain current - continuous (t c = 25 c) - continuous (t c = 100 c) 47 29.7 a a i dm drain current - pulsed (note 1) 141 a v gss gate-source voltage 30 v e as single pulsed avalanche energy (note 2) 1800 mj i ar avalanche current (note 1) 47 a e ar repetitive avalanche energy (note 1) 41.7 mj dv/dt peak diode recovery dv/dt (note 3) 50 v/ns p d power dissipation (t c = 25 c) - derate above 25 c 417 3.33 w w/ c t j, t stg operating and storage temperature range -55 to +150 c t l maximum lead temperature for soldering purpose, 1/8? from case for 5 seconds 300 c symbol parameter typ. max. unit r jc thermal resistance, junction-to-case -- 0.3 c/w r cs thermal resistance, case-to-sink 0.24 -- c / w r ja thermal resistance, junction-to-ambient -- 41.7 c/w
2 www.fairchildsemi.com fch47n60f _f133 rev. a. fch47n60f _f133 600v n-channel mosfet package marking and ordering information electrical characteristics t c = 25c unless otherwise noted notes: 1. repetitive rating: pulse width limit ed by maximum junction temperature 2. i as = 18a, v dd = 50v, r g = 25 , starting t j = 25 c 3. i sd 47a, di/dt 1,200a/ s, v dd bv dss , starting t j = 25 c 4. pulse test: pulse width 300 s, duty cycle 2% 5. essentially independent of operating temperature typical characteristics device marking device package reel size tape width quantity fch47n60f fch47n60f_f133 to-247 - - 30 symbol parameter conditions min typ max units off characteristics bv dss drain-source breakdown voltage v gs = 0v, i d = 250 a, t j = 25 c 600 -- -- v v gs = 0v, i d = 250 a, t j = 150 c -- 650 -- v bv dss / t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25 c--0.6--v/ c bv ds drain-source avalanche breakdown voltage v gs = 0v, i d = 47a -- 700 -- v i dss zero gate voltage drain current v ds = 600v, v gs = 0v v ds = 480v, t c = 125 c -- -- -- -- 10 100 a a i gssf gate-body leakage current, forward v gs = 30v, v ds = 0v -- -- 100 na i gssr gate-body leakage current, reverse v gs = -30v, v ds = 0v -- -- -100 na on characteristics v gs(th) gate threshold voltage v ds = v gs , i d = 250 a3.0--5.0v r ds(on) static drain-source on-resistance v gs = 10v, i d = 23.5a -- 0.062 0.073 g fs forward transconductance v ds = 40v, i d = 23.5a (note 4) -- 40 -- s dynamic characteristics c iss input capacitance v ds = 25v, v gs = 0v, f = 1.0mhz -- 5900 8000 pf c oss output capacitance -- 3200 4200 pf c rss reverse transfer capacitance -- 250 -- pf c oss output capacitance v ds = 480v, v gs = 0v, f = 1.0mhz -- 160 -- pf c oss eff. effective output capacitance v ds = 0v to 400v, v gs = 0v -- 420 -- pf switching characteristics t d(on) turn-on delay time v dd = 300v, i d = 47a r g = 25 (note 4, 5) -- 185 430 ns t r turn-on rise time -- 210 450 ns t d(off) turn-off delay time -- 520 1100 ns t f turn-off fall time -- 75 160 ns q g total gate charge v ds = 480v, i d = 47a v gs = 10v (note 4, 5) -- 210 270 nc q gs gate-source charge -- 38 -- nc q gd gate-drain charge -- 110 -- nc drain-source diode characteristics and maximum ratings i s maximum continuous drain-source diode forward current -- -- 47 a i sm maximum pulsed drain-source diode forward current -- -- 141 a v sd drain-source diode forward voltage v gs = 0v, i s = 47a -- -- 1.4 v t rr reverse recovery time v gs = 0v, i s = 47a di f /dt =100a/ s (note 4) -- 240 -- ns q rr reverse recovery charge -- 2.04 -- c
3 www.fairchildsemi.com fch47n60f _f133 rev. a. fch47n60f _f133 600v n-channel mosfet typical performance characteristics figure 1. on-region characteristics f igure 2. transfer characteristics figure 3. on-resistance variation vs. figure 4. body diode forward voltage drain current and gate volt age variation vs. source current and temperatue figure 5. capacitance characteristics f igure 6. gate charge characteristics 246810 10 0 10 1 10 2 - note 1. v ds = 40v 2. 250 s pulse test -55 c 150 c 25 c i d , drain current [a] v gs , gate-source voltage [v] 10 -1 10 0 10 1 10 0 10 1 10 2 v gs top : 15.0 v 10.0 v 8.0 v 7.0 v 6.5 v 6.0 v bottom : 5.5 v * notes : 1. 250 s pulse test 2. t c = 25 o c i d , drain current [a] v ds , drain-source voltage [v] 0 20 40 60 80 100 120 140 160 180 200 0.00 0.05 0.10 0.15 0.20 0.25 v gs = 20v v gs = 10v * note : t j = 25 c r ds(on) [ ],drain-source on-resistance i d , drain current [a] 0.20.40.60.81.01.21.41.6 10 0 10 1 10 2 25 c 150 c * notes : 1. v gs = 0v 2. 250 s pulse test i dr , reverse drain current [a] v sd , source-drain voltage [v] 10 -1 10 0 10 1 0 5000 10000 15000 20000 25000 c iss = c gs + c gd (c ds = shorted) c oss = c ds + c gd c rss = c gd * notes : 1. v gs = 0 v 2. f = 1 mhz c rss c oss c iss capacitance [pf] v ds , drain-source voltage [v] 0 50 100 150 200 250 0 2 4 6 8 10 12 v ds = 250v v ds = 100v v ds = 400v * note : i d = 47a v gs , gate-source voltage [v] q g , total gate charge [nc]
4 www.fairchildsemi.com fch47n60f _f133 rev. a. fch47n60f _f133 600v n-channel mosfet typical performance characteristics (continued) figure 7. breakdown voltage variatio n figure 8. on-resistance variation vs. temperature vs. temperature figure 9. safe operating area figure 10. maximum drain current vs. case temperature figure 10. transient thermal response curve -100 -50 0 50 100 150 200 0.8 0.9 1.0 1.1 1.2 * notes : 1. v gs = 0 v 2. i d = 250 a bv dss , (normalized) drain-source breakdown voltage t j , junction temperature [ c] -100 -50 0 50 100 150 200 0.0 0.5 1.0 1.5 2.0 2.5 3.0 * notes : 1. v gs = 10 v 2. i d = 23.5 a r ds(on) , (normalized) drain-source on-resistance t j , junction temperature [ c] 10 0 10 1 10 2 10 3 10 -1 10 0 10 1 10 2 operation in this area is limited by r ds(on) dc 10 ms 1 ms 100 s * notes : 1. t c = 25 c 2. t j = 150 c 3. single pulse i d , drain current [a] v ds , drain-source voltage [v] 25 50 75 100 125 150 0 10 20 30 40 50 i d , drain current [a] t c , case temperature [ c] 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 * n otes : 1. z jc (t) = 0.3 c/w max. 2. d uty f actor, d =t 1 /t 2 3. t jm - t c = p dm * z jc (t) single pulse d=0.5 0.02 0.2 0.05 0.1 0.01 z jc (t), thermal response t 1 , square w ave pulse duration [sec] t 1 p dm t 2
5 www.fairchildsemi.com fch47n60f _f133 rev. a. fch47n60f _f133 600v n-channel mosfet gate charge test circuit & waveform resistive switching test circuit & waveforms unclamped inductive switching test circuit & waveforms
6 www.fairchildsemi.com fch47n60f _f133 rev. a. fch47n60f _f133 600v n-channel mosfet peak diode recovery dv/dt test circuit & waveforms
7 www.fairchildsemi.com fch47n60f _f133 rev. a. fch47n60f _f133 600v n-channel mosfet mechanical dimensions to-247ab (fks pkg code 001) dimensions in millimeters
fch47n60f _f133 600v n-channel mosfet 8 www.fairchildsemi.com fch47n60f _f133 rev. a. rev. i35 trademarks the following includes registered and unregistered trademarks and service marks, owned by fairch ild semiconductor and/or its gl obal subsidianries, and is not intended to be an exhaustive list of all such trademarks. * ezswitch? and flashwriter ? are trademarks of system general corporatio n, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes with out further notice to any products herein to improve reliability, function, or design. fairchild does not assume an y liability arising out of the application or use of any product or circuit described herein; neit her does it convey any license under its pat ent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fai rchild semiconductor corporation. as used herein: 1. life support devices or systems ar e devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform c an be reasonably ex pected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? ecospark ? efficentmax? ezswitch? * ? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? flashwriter ? * fps? f-pfs? frfet ? global power resource sm green fps? green fps? e-series? gto? intellimax? isoplanar? megabuck? microcoupler? microfet? micropak? millerdrive? motionmax? motion-spm? optologic ? optoplanar ? ? pdp spm? power-spm? powertrench ? programmable active droop? qfet ? qs? quiet series? rapidconfigure? saving our world, 1mw at a time? smartmax? smart start? spm ? stealth? superfet? supersot?-3 supersot?-6 supersot?-8 supermos? syncfet? ? the power franchise ? tinyboost? tinybuck? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? uhc ? ultra frfet? unifet? vcx? visualmax? ? datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fa irchild semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. anti-counterfeiting policy fairchild semiconductor corporation?s anti-counterfeiting policy. farichild?s anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in t he industry. all manufactures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts exper ience many problems such as loss of brand reputation, substa ndard performance, failed application, and increased cost of production and manufacturing de lays. fairchild is taking strong measures to protect ourselve s and our customers from the proliferation of counterfeit parts. farichild strongly encourages customers to purchase farichild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above. products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild?s quality standards for handing and storage and provide access to farichild?s full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unau thorized sources. farichild is committed to committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors.


▲Up To Search▲   

 
Price & Availability of FCH47N60FF133

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X