n features l 2 a maximum carrying current capable of 2 a maximum continuous carrying current in the contact l superior reliability gold-overlay contacts p type: gold-overlay silver-palladium contacts l international terminal pitch of one inch grid terminal layout l high sensitivity, low power dissipation types also available standard types: 0.45 w (a or b type) high sensitivity types: 0.2 w (c or e type) l conforms to fcc 68.302 (high dielectric strength type) l ul recognized (file number e63615) l csa recognized (file number lr64026) l rohs compliant since date code: 0433a please see page 5 for more information (a) series name fbr211 (b) enclosure s: flux free type n: plastic sealed type a: standard a type } (nominal power 0.45 w type) (c) coil power and schematics b: standard b type c: high sensitivity c type } (nominal power 0.2 w type) e: high sensitivity e type (d) nominal voltage (example) d003: 3 vdc d012: 12 vdc (refer to the coil data chart) (e) ul marking on cover nil : no ul marking u : ul marking (f ) contact material p : gold-overlay silver-palladium m : gold-overlay silver (g) special type nil : standard 2 : high dielectric strength type (h) csa marking nil : standard -csa : ul + csa marking (valid when (e) is u) note: the designation name is stamped on the top of the relay case as follows: (example) designation ordered: fbr211sad005-p stamp: 211sad005-p n ordering information fbr211 s a d012 u C p 2 (Ccsa) [example] (a) (b) (c) (d) (e) (f ) (g) (h) fbr211 series miniature relay 1 pole1 to 2 a (for signal switching) 1 rohs compliant
2 fbr211 series nominal voltage contact rating 1.5 to 24 vdc 1 a 28 vdc resistive 0.5 a 30 vac resistive n safety standard and file numbers ul114 (file no. e63615) c22.2 no. 14 (file no. lr40304 or lr64026) n specifications item standard (a or b type) high sensitive (c or e type) contact arrangement 1 form c (spdt) material gold-overlay silver-palladium or gold-overlay silver resistance (initial) maximum 100 m? (at 0.1 a 6 vdc) rating (resistive) 0.5 a 120 vac or 1 a 28 vdc maximum carrying current 2 a maximum switching power 60 va or 28 w max. switching voltage* 1 220 vac or 150 vdc maximum switching current 1.25 a (ac) or 2 a (dc) minimum switching load* 2 plastic sealed 1 ma 1 (reference) flux free 1 ma 5 coil nominal power (at 20c) approximately 0.45 w approximately 0.2 w operate power (at 20c) approximately 0.315 w maximum approximately 0.14 w maximum operating temperature C25c to +55c (no frost) C25c to +75c (no frost) operating humidity 45 to 85%rh time value operate (at nominal voltage) maximum 5 ms release (at nominal voltage) maximum 5 ms insulation resistance (initial) minimum 100 m? (at 500 vdc) dielectric between coil and contacts 500 vac 1 minute (standard) strength 1,000 vac 1 minute (high dielectric strength type) between open contacts 500 vac 1 minute life mechanical 5 10 6 operations minimum electrical 3 10 5 operations minimum (at 1 a/ 28 vdc resistive load) (refer to the reference data) 1 10 5 operations minimum (at 2 a/ 12 vdc resistive load) 1 10 5 operations minimum (at 0.5 a/120 vdc resistive load) other vibration resistance 10 to 55 hz (double amplitude of 1.5 mm) shock misoperation 100 m/s 2 (11 1 ms) 60 m/s 2 (11 1 ms) resistance endurance 1,000 m/s 2 (11 1 ms) weight approximately 4 g * 1 if the switching voltage exceeds the rated contact voltage, reduce the current. the current values vary according to the type of load. * 2 values when switching a resistive load at normal room temperature and humidity and in a clean environment. the minimum switching load varies with the switching frequency and operation environment.
3 fbr211 series n coil data chart model nominal nominal coil current must must maximum nominal coil a type b type resistance (at nominal operate release allowable temperature voltage (10%) voltage) voltage voltage voltage power rise flux free plastic sealed flux free plastic sealed approx. fbr211sad001- n fbr211nad001- n fbr211sbd001- n fbr211nbd001- n 1.5 vdc 5 ? 300 ma fbr211sad003- n fbr211nad003- n fbr211sbd003- n fbr211nbd003- n 3 vdc 20 ? 150 ma fbr211sad005- n fbr211nad005- n fbr211sbd005- n fbr211nbd005- n 5 vdc 56 ? 89 ma 70% max. 10% min. 150% of approx. approx. fbr211sad006- n fbr211nad006- n fbr211sbd006- n fbr211nbd006- n 6 vdc 80 ? 75 ma of nominal of nominal nominal 450 mw 45 deg voltage voltage voltage (at nominal (at nominal fbr211sad009- n fbr211nad009- n fbr211sbd009- n fbr211nbd009- n 9 vdc 180 ? 50 ma voltage) voltage) fbr211sad012- n fbr211nad012- n fbr211sbd012- n fbr211nbd012- n 12 vdc 320 ? 38 ma fbr211sad024- n fbr211nad024- n fbr211sbd024- n fbr211nbd024- n 24 vdc 1,280 ? 19 ma note: all values in the table are measured at 20c. model nominal nominal coil current must must maximum nominal coil c type e type resistance (at nominal operate release allowable temperature voltage (10%) voltage) voltage voltage voltage power rise flux free plastic sealed flux free plastic sealed approx. fbr211scd001- n fbr211ncd001- n fbr211sed001- n fbr211ned001- n 1.5 vdc 12 ? 125 ma fbr211scd003- n fbr211ncd003- n fbr211sed003- n fbr211ned003- n 3 vdc 45 ? 67 ma fbr211scd005- n fbr211ncd005- n fbr211sed005- n fbr211ned005- n 5 vdc 120 ? 42 ma 70% max. 10% min. 225% of approx. approx. fbr211scd006- n fbr211ncd006- n fbr211sed006- n fbr211ned006- n 6 vdc 180 ? 33 ma of nominal of nominal nominal 200 mw 25 deg voltage voltage voltage (at nominal (at nominal fbr211scd009- n fbr211ncd009- n fbr211sed009- n fbr211ned009- n 9 vdc 400 ? 23 ma voltage) voltage) fbr211scd012- n fbr211ncd012- n fbr211sed012- n fbr211ned012- n 12 vdc 700 ? 17 ma fbr211scd024- n fbr211ncd024- n fbr211sed024- n fbr211ned024- n 24 vdc 2,800 ? 9 ma note: all values in the table are measured at 20c. 2. high sensitivity (c or e type) n characteristic data 1. standard (a or b type) 70 80 90 100 110 120 130 140 150 160 0 10 20 30 40 50 60 70 ?10 operating voltage range must operate voltage range of operation temperature and voltage (standard 0.45 w type) operating temperature (c) 80 maximum allowable coil voltage 70 80 90 100 110 120 130 140 150 160 0 10 20 30 40 50 60 70 ?10 operating voltage range must operate voltage operating temperature (c) 80 (data) assumes that the maximum allow- able temperature of e type insula- tion coil is 115c 0 0.2 0.4 0.6 0.8 1 2 3 4 5 not including bounce time coil power (w) operate and release time data time (msec) (data) assumes that the maximum allow- able temperature of e type insula- tion coil is 115c nominal voltage multiplying factor (%) range of operation temperature and voltage (high sensitive 0.2 w type) release time operate time nominal voltage multiplying factor (%) maximum allowable coil voltage 0.1 10 20 30 50 120 0.3 0.5 1.0 ? ? maximum switching capacity contact load current (a) 12 v dc resistive load 28 v dc resistive load life curve service life (operations) 1 0.5 0 1.0 1.5 2.0 5 10 50 100 200 (x10 ) 4 contact load current (a) 120 v ac resistive load 20 30 40 50 60 70 0.4 0.6 0.8 0.2 ? ? (at 20c) ? standard (0.45 w type) ? high sensitive (0.2 w type) coil power (w) coil temperature rise data coil temperature rise (c) contact load current (a) ? ac resistive load ( ac contact rating) ? dc resistive load ( dc contact rating)
4 fbr211 series n reference data n dimensions 10.1 15.1 0.35 ? schematics (bottom view) 0.6 (1.2) 10.16 3.2 2.54 5 8 ? dimensions 6 7 1 12 (a type or c type) 5 8 6 7 1 12 7.62 (1.24) 10.5 + 0.5 0.3 + 0.5 + 0.5 (b type or e type) 11.7 16.5 ? dimensions 0.6 (1.9) 10.16 3.2 2.54 5 8 6 7 1 12 (a type or c type) 5 8 6 7 1 12 7.62 (2.04) 10.7 + 0.5 0.3 ? schematics (bottom view) + 0.5 + 0.5 (b type or e type) 7.62 6??1.0 10.16 ? pc board mounting hole layout (bottom view) 2.54 1. standard (flux free type) 2. n-type (plastic sealed type) 3. pc board mounting hole layout unit: mm fbr211 n = 100 operate release distribution of operate and release voltage nominal voltage multiplying factor (%) 60 50 40 20 30 10 0 10 20 30 40 50 60 70 80 0 distribution (%) fbr211 n = 100 operate release distribution of operate and release time time (ms) 100 80 60 20 40 0 1 2 3 4 5 6 7 8 0 contact resistance (m ? ) distribution of contact resistance fbr211 n = 100 80 60 40 20 0 10 20 30 40 50 60 70 80 0 distribution (%) distribution (%)
5 fbr211 series 1. general information l relays produced after the specifc date code that is indicated on each data sheet are lead-free now. most of our signal and power relays are lead-free. please refer to lead-free status info. (http://www.fujitsu.com/us/downloads/micro/fcai/relays/lead-free-letter.pdf) l lead free solder paste currently used in relays is sn-3.0ag-0.5cu. l all signal and most power relays also comply with rohs. please refer to individual data sheets. relays that are rohs compliant do not contain the 5 hazardous materials that are restricted by rohs directive (lead, mercury, chromium iv, pbb, pbde). l it has been verifed that using lead-free relays in leaded assembly process will not cause any problems (compatible). l lf is marked on each outer and inner carton. (no marking on individual relays). l to avoid leaded relays (for lead-free sample, etc.) please consult with area sales offce. l we will ship leaded relays as long as the leaded relay inventory exists. note: cadmium was exempted from rohs on october 21, 2005. (amendment to directive 2002/95/ec) 2. recommended lead free solder profle l recommended solder paste sn-3.0ag-0.5cu. rohs compliance and lead free relay information refow solder condtion 3. moisture sensitivity l moisture sensitivity level standard is not applicable to electromechanical realys. 4. tin whisker l dipped snagcu solder is known as low risk tin whisker. no considerable length whisker was found by our in house test. we highly recommend that you confrm your actual solder conditions flow solder condtion: pre-heating: maximum 120?c soldering: dip within 5 sec. at 260?c soler bath solder by soldering iron: soldering iron temperature: maximum 360?c duration: maximum 3 sec.
6 fbr211 series japan fujitsu component limited gotanda-chuo building 3-5, higashigotanda 2-chome, shinagawa-ku tokyo 141, japan tel: (81-3) 5449-7010 fax: (81-3) 5449-2626 email: promothq@ft.ed.fujitsu.com web: www.fcl.fujitsu.com north and south america fujitsu components america, inc. 250 e. caribbean drive sunnyvale, ca 94089 u.s.a. tel: (1-408) 745-4900 fax: (1-408) 745-4970 email: components@us.fujitsu.com web: http://www.fujitsu.com/us/services/edevices/components/ europe fujitsu components europe b.v. diamantlaan 25 2132 wv hoofddorp netherlands tel: (31-23) 5560910 fax: (31-23) 5560950 email: info@fceu.fujitsu.com web: emea.fujitsu.com/components/ asia pacifc fujitsu components asia ltd. 102e pasir panjang road #01-01 citilink warehouse complex singapore 118529 tel: (65) 6375-8560 fax: (65) 6273-3021 email: fcal@fcal.fujitsu.com web: http://www.fujitsu.com/sg/services/micro/components/ fujitsu components international headquarter offces ?2007 fujitsu components america, inc. all rights reserved. all trademarks or registered trademarks are the property of their respective owners. fujitsu components america or its affliates do not warrant that the content of datasheet is error free. in a continuing effort to improve our products fujitsu components america, inc. or its affliates reserve the right to change specifcations/datasheets without prior notice. rev. august 22, 2007.
|