Part Number Hot Search : 
TLE42 TLE42 5TRPB DA2030A C617C 5TRPB SUR2X 48S3V
Product Description
Full Text Search
 

To Download EK27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  apex microtechnology corporation ? telephone (520) 690-8600 ? fax (520) 888-3329 ? orders (520) 690-8601 ? email prodlit@apexmicrotech.com 1 introduction this easy-to-use kit provides a platform for the evaluation of linear power ampli?ers circuits using the pa50/pa52 pin out. with ample breadboarding areas it is ?exible enough to analyze a multitude of standard or proprietary circuit con?gurations. critical connections for power supply bypassing are pre-wired. components not usually readily available in engineering labs are provided. external connection to the evaluation kit can be made via the terminal block and terminal pads at the edges of the circuit board. the terminal pads are suitable for soldering standard banana jacks or direct soldering of wires. the sche - matic is shown in figure 2. before you get started * all apex ampli?ers should be handled using proper esd precautions. * do not change connections while the circuit is powered. * initially set all power supplies to the minimum operating volt - age allowed in the device data sheet. parts list apex part # description quantity hs18 heatsink 1 ms04 pc mount cage jacks 1 bag/12 each eval29 pc board 1 60spg00001 spacer grommets 4 ox7r105kwn 1f cap 1825b105k201n, 6 novacap ts02 terminal strip 1 beau interconnect 66507 two5 thermal washer 1 box/12 each ec05 2200 f cap 100v 2 united chemi-con 82da222m100kc2d ec03 680f 200v 2 united chemi-con kmh200vn681m25x40t2 assembly during assembly refer to figure 1 1. note that each circuit board side is identi?ed. from the circuit side of the circuit board (not the component side) insert and solder cage jack ms04 at pins 1-12. be sure that the cage jack sits ?ush with the surface of the circuit board. 2. solder the surface mount ceramic capacitors to the com - ponent of the circuit board at c3-c7. 3. mount the electrolytic capacitors at c1 and c2 from the component side of the circuit board and solder from the circuit side of the circuit board. note polarity and be sure to ?ll the holes with solder. use correct voltage capacitor for your application. 4. mount the terminal strip ts02 to the component side of the circuit board. make sure the terminal strip sits ?at against the circuit board and be sure to ?ll the holes with solder. 5. use #14 sleeving to insulate and align at least 2 opposite pins of the ampli?er. 6. add other components to complete your circuit design. note that the solder terminals labeled 2 and 3 are left for you to connect to the ampli?er via the components that you will add for your particular design. 7. push the four nylon spacers into the circuit board from the circuit side of the circuit board at the four corner loca - tions. 8. apply tw05 thermal washer to the bottom of the pa50. mount the ampli?er to the hs18 heat sink provided and loosely attach with #6 screw and nut. 9. place the assembled circuit board over the pins of the ampli?er making sure that the pin 1 location on the circuit board matches up with pin 1 of the ampli?er. insert the pins of the ampli?er into the circuit board mating cage jacks. 10. mount the circuit board assembly to the heat sink with #6 self tapping or sheet metal screws at the four corners of the heat sink. 11. tighten the screws that mount the ampli?er to the heat sink via the access holes in the circuit board. ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ????????????????????????????????????????????????????????? ????
apex microtechnology corporation ? 5980 north shannon road ? tucson, arizona 85741 ? usa ? applications hotline: 1 (800) 546-2739 2 evaluation kit for pa50/pa52 EK27 figure 2. pcb schematic. figure 2 shows the schematic of the pre-wired connections of the EK27. components which are supplied with the kit are marked * ????????? ???????? ????????? ????????????????????? ???????????????????????????????? ?????????????? ???????????????????? ??????????????????? ?????????????????????????? ????????? ?????????????????? figure 1.
apex microtechnology corporation ? telephone (520) 690-8600 ? fax (520) 888-3329 ? orders (520) 690-8601 ? email prodlit@apexmicrotech.com 3 this data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. all speci?cations are subject to change without notice. EK27u rev b october 2004 ? 2004 apex microtechnology corp. ????????? ? ???????????? ??? ???? ??? ??? ?? ??? ??? ??? ? ?? ?? ? ? ? ? ? ? ? ??? ??? ??? ??? ??? ?? ?? ?? ?? ?? ?? ?? ? ??? ? ?????????????? ???? ?? ??????? ??????? ??? ??? ??? ?? ? ?? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ??????? ????? ????? ???????? ??????????? evaluation kit for pa50/pa52 EK27 figure 3. pcb


▲Up To Search▲   

 
Price & Availability of EK27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X