Part Number Hot Search : 
PIC18F2 1580C CXA15 38001 18F65K90 NTE56006 HPH1BXXX 1N3214
Product Description
Full Text Search
 

To Download EEFUD0G121XE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sp-cap/ conductive polymer aluminum capacito rs (specialty polymer aluminum capacitors) design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. C eef-6 C cap. polarity bar (positive) w.v. code lot no. w2 w1 l p w2 p h + C features low esr excellent noise-ab sor bent characteristics rohs directive compliant surface mount type series: fd, cd, cx, ud, ue specifi cations series & size code fd cd cx ud ue category temp. range C40 c to +105 c rated w.v.range 2 v.dc to 12.5 v.dc 2 v.dc to 16 v.dc 2 v.dc to 6.3 v.dc 2 v.dc to 8 v.dc 2 v.dc to 8 v.dc nominal cap.range 15 f to 68 f 2.2 f to 220 f 100 f to 560 f 68 f to 470 f 100 f to 560 f capacitance tolerance 20 % dc leakage cur rent re? ow 240 c : i < 0.06 cv (a) 2minutes (2 v.dc to 4 v.dc) i < 0.04 cv or 3 (a) 2 minutes (6.3 v.dc to 16 v.dc) (whichever is greater) re? ow 260 c : i < 0.1 cv (a) 2 minutes tan d < 0.06 (120 hz/+20 c) < 0.10 (120 hz/+20 c) surge voltage rated working voltage 1.25 (15 c to 35 c) endurance after applying rated working voltage for 1000 hours at 105 c2 c, and then being stabilized at +20 c, capacitor shall meet the following limits. capacitance change 10% of initial measured value tan d < initial speci? ed value dc leakage cur rent < initial speci? ed value moisture resistance after storing for 500 hours at 60 c, 90 % capacitance change of initial measurd val ue 2, 2.5 v.dc 4 v.dc 6.3 v.dc 8 v.dc to 16 v.dc +70, C20 % +60, C20 % +50, C20 % +40, C20 % tan d < 200 % of initial speci? ed value dc leakage current < initial speci? ed value di men sions in mm(not to scale) marking series & size code l0.2 w10.2 w20.1 h p0.3 fd 7.3 4.3 2.4 1.10.1 1.3 cd 7.3 4.3 2.4 1.80.1 1.3 cx 7.3 4.3 2.4 1.90.2 1.3 ud 7.3 4.3 2.4 2.80.2 1.3 ue 7.3 4.3 2.4 4.20.1 1.3 (unit : mm) ? externals of ? gure are the reference. 00 nov. 2012
sp-cap/ conductive polymer aluminum capacito rs (specialty polymer aluminum capacitors) design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. C eef-7 C standard products ? 1: ripple current (100 khz/ +20 to +105 c ), ? 2: esr (100 khz/+20 c) ? 3: please refer to the page of mouting speci? cations. ? 4: please use high temperature lead-free re? ow (260 c) for new design. ? 5: in the case of new design please contact us. series & size code rated w.v. (v.dc) capaci- tance (20 %) (f) case size speci? cation part number re? ow condition min. packaging qty (pcs) l (mm) w (mm) h (mm) ? 1 ripple current (ar.m.s.) ? 2 esr (m max.) 240 c ? 3 260 c ? 3 fd 2 68 7.3 4.3 1.1 2.0 28 eeffd0d680r ? 5 3500 2.5 56 7.3 4.3 1.1 2.0 28 eeffd0e560r ? 5 3500 4 39 7.3 4.3 1.1 2.0 28 eeffd0g390r ? 5 3500 47 7.3 4.3 1.1 2.0 28 eeffd0g470r ? 5 3500 6.3 33 7.3 4.3 1.1 2.0 28 eeffd0j330r ? 5 3500 8 22 7.3 4.3 1.1 2.0 28 eeffd0k220r ? 5 3500 12.5 15 7.3 4.3 1.1 1.4 40 eeffd1b150r ? 5 3500 cd 2 100 7.3 4.3 1.8 2.5 18 eefcd0d101er ? 4 3500 7.3 4.3 1.8 2.7 15 eefcd0d101xe ? 4 3500 120 7.3 4.3 1.8 2.5 18 eefcd0d121er ? 4 3500 7.3 4.3 1.8 2.7 15 eefcd0d121xe ? 4 3500 150 7.3 4.3 1.8 2.5 18 eefcd0d151er ? 4 3500 180 7.3 4.3 1.8 2.5 18 eefcd0d181er ? 4 3500 220 7.3 4.3 1.8 2.5 18 eefcd0d221er ? 4 3500 2.5 82 7.3 4.3 1.8 2.5 18 eefcd0e820er ? 4 3500 7.3 4.3 1.8 2.7 15 eefcd0e820xe ? 4 3500 100 7.3 4.3 1.8 2.5 18 eefcd0e101er ? 4 3500 7.3 4.3 1.8 2.7 15 eefcd0e101xe ? 4 3500 120 7.3 4.3 1.8 2.5 18 eefcd0e121er ? 4 3500 150 7.3 4.3 1.8 2.5 18 eefcd0e151er ? 4 3500 4 56 7.3 4.3 1.8 2.5 18 eefcd0g560er ? 4 3500 7.3 4.3 1.8 2.7 15 eefcd0g560xe ? 4 3500 68 7.3 4.3 1.8 2.5 18 eefcd0g680er ? 4 3500 7.3 4.3 1.8 2.7 15 eefcd0g680xe ? 4 3500 82 7.3 4.3 1.8 2.5 18 eefcd0g820er ? 4 3500 7.3 4.3 1.8 2.7 15 eefcd0g820xe ? 4 3500 100 7.3 4.3 1.8 2.5 18 eefcd0g101er ? 4 3500 6.3 10 7.3 4.3 1.8 1.4 55 eefcd0j100er ? 4 3500 22 7.3 4.3 1.8 1.6 40 eefcd0j220er ? 4 3500 33 7.3 4.3 1.8 2.0 28 eefcd0j330er ? 4 3500 47 7.3 4.3 1.8 2.5 18 eefcd0j470er ? 4 3500 7.3 4.3 1.8 2.7 15 eefcd0j470xe ? 4 3500 68 7.3 4.3 1.8 2.5 18 eefcd0j680er ? 4 3500 7.3 4.3 1.8 2.7 15 eefcd0j680xe ? 4 3500 8 8.2 7.3 4.3 1.8 1.4 55 eefcd0k8r2er ? 4 3500 15 7.3 4.3 1.8 1.6 40 eefcd0k150er ? 4 3500 22 7.3 4.3 1.8 2.0 28 eefcd0k220er ? 4 3500 33 7.3 4.3 1.8 2.5 18 eefcd0k330er ? 4 3500 47 7.3 4.3 1.8 1.8 25 eefcd0k470er ? 4 3500 10 22 7.3 4.3 1.8 1.6 30 eefcd1a220er 3500 33 7.3 4.3 1.8 1.8 25 eefcd1a330er 3500 39 7.3 4.3 1.8 1.8 25 eefcd1a390er 3500 12.5 4.7 7.3 4.3 1.8 1.0 80 eefcd1b4r7r ? 5 3500 10 7.3 4.3 1.8 1.0 60 eefcd1b100r ? 5 3500 15 7.3 4.3 1.8 1.3 50 eefcd1b150r ? 5 3500 22 7.3 4.3 1.8 1.6 30 eefcd1b220r ? 5 3500 16 2.2 7.3 4.3 1.8 1.0 110 eefcd1c2r2r ? 5 3500 4.7 7.3 4.3 1.8 1.0 80 eefcd1c4r7r ? 5 3500 6.8 7.3 4.3 1.8 1.0 70 eefcd1c6r8r ? 5 3500 8.2 7.3 4.3 1.8 1.3 45 eefcd1c8r2r ? 5 3500 cx 2 220 7.3 4.3 1.9 2.7 15 eefcx0d221r 3500 270 7.3 4.3 1.9 3.0 12 eefcx0d271xr 3500 330 7.3 4.3 1.9 2.7 15 eefcx0d331r 3500 7.3 4.3 1.9 3.0 12 eefcx0d331xr 3500 390 7.3 4.3 1.9 2.7 15 eefcx0d391r 3500 470 7.3 4.3 1.9 2.7 15 eefcx0d471r 3500 560 7.3 4.3 1.9 2.7 15 eefcx0d561r 3500 2.5 220 7.3 4.3 1.9 2.7 15 eefcx0e221r 3500 330 7.3 4.3 1.9 2.7 15 eefcx0e331r 3500 390 7.3 4.3 1.9 2.7 15 eefcx0e391r 3500 470 7.3 4.3 1.9 2.7 15 eefcx0e471r 3500 4 150 7.3 4.3 1.9 2.7 15 eefcx0g151r 3500 180 7.3 4.3 1.9 2.7 15 eefcx0g181r 3500 7.3 4.3 1.9 3.0 12 eefcx0g181xr 3500 220 7.3 4.3 1.9 2.7 15 eefcx0g221r 3500 7.3 4.3 1.9 3.0 12 eefcx0g221xr 3500 270 7.3 4.3 1.9 2.7 15 eefcx0g271r 3500 6.3 100 7.3 4.3 1.9 2.7 15 eefcx0j101r 3500 120 7.3 4.3 1.9 2.7 15 eefcx0j121r 3500 150 7.3 4.3 1.9 2.7 15 eefcx0j151r 3500 7.3 4.3 1.9 3.0 12 eefcx0j151xr 3500 180 7.3 4.3 1.9 2.7 15 eefcx0j181r 3500 : available, : not available 00 nov. 2012
sp-cap/ conductive polymer aluminum capacito rs (specialty polymer aluminum capacitors) design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. C eef-8 C standard products series & size code rated w.v. (v.dc) capaci- tance (20 %) (f) case size speci? cation part number re? ow condition min. packaging qty (pcs) l (mm) w (mm) h (mm) ? 1 ripple current (ar.m.s.) ? 2 esr (m max.) 240 c ? 3 260 c ? 3 ud 2 330 7.3 4.3 2.8 3.0 15 eefud0d331er ? 5 ? 4 2000 7.3 4.3 2.8 3.3 12 eefud0d331xe ? 5 ? 4 2000 7.3 4.3 2.8 3.4 9 eefud0d331le ? 5 ? 4 2000 390 7.3 4.3 2.8 3.0 15 eefud0d391er ? 5 ? 4 2000 7.3 4.3 2.8 3.4 9 eefud0d391le ? 5 ? 4 2000 470 7.3 4.3 2.8 3.4 9 eefud0d471le ? 5 ? 4 2000 2.5 220 7.3 4.3 2.8 3.0 15 eefud0e221er ? 5 ? 4 2000 7.3 4.3 2.8 3.3 12 eefud0e221xe ? 5 ? 4 2000 7.3 4.3 2.8 3.4 9 eefud0e221le ? 5 ? 4 2000 270 7.3 4.3 2.8 3.0 15 eefud0e271er ? 5 ? 4 2000 7.3 4.3 2.8 3.4 9 eefud0e271le ? 5 ? 4 2000 4 120 7.3 4.3 2.8 3.0 15 eefud0g121er ? 5 ? 4 2000 7.3 4.3 2.8 3.4 12 EEFUD0G121XE ? 5 ? 4 2000 150 7.3 4.3 2.8 3.0 15 eefud0g151er ? 5 ? 4 2000 7.3 4.3 2.8 3.3 12 eefud0g151xe ? 5 ? 4 2000 7.3 4.3 2.8 3.4 9 eefud0g151le ? 5 ? 4 2000 180 7.3 4.3 2.8 2.5 18 eefud0g181er ? 5 ? 4 2000 7.3 4.3 2.8 3.4 9 eefud0g181le ? 5 ? 4 2000 6.3 100 7.3 4.3 2.8 3.0 15 eefud0j101er ? 5 ? 4 2000 7.3 4.3 2.8 3.3 12 eefud0j101xe ? 5 ? 4 2000 120 7.3 4.3 2.8 3.0 15 eefud0j121er ? 5 ? 4 2000 7.3 4.3 2.8 3.3 12 eefud0j121xe ? 5 ? 4 2000 7.3 4.3 2.8 3.4 9 eefud0j121lr ? 5 2000 150 7.3 4.3 2.8 2.5 18 eefud0j151er ? 5 ? 4 2000 7.3 4.3 2.8 3.4 9 eefud0j151lr ? 5 2000 8 68 7.3 4.3 2.8 3.0 15 eefud0k680er ? 4 2000 100 7.3 4.3 2.8 2.5 18 eefud0k101er ? 4 2000 ue 2 270 7.3 4.3 4.2 3.3 12 eefue0d271er ? 5 ? 4 2000 7.3 4.3 4.2 3.5 10 eefue0d271xe ? 5 ? 4 2000 330 7.3 4.3 4.2 3.3 12 eefue0d331er ? 5 ? 4 2000 7.3 4.3 4.2 3.5 10 eefue0d331xe ? 5 ? 4 2000 390 7.3 4.3 4.2 3.3 12 eefue0d391er ? 5 ? 4 2000 7.3 4.3 4.2 3.5 10 eefue0d391xe ? 5 ? 4 2000 7.3 4.3 4.2 3.7 7 eefue0d391le ? 5 ? 4 2000 470 7.3 4.3 4.2 3.3 12 eefue0d471er ? 5 ? 4 2000 7.3 4.3 4.2 3.5 10 eefue0d471xe ? 5 ? 4 2000 7.3 4.3 4.2 3.7 7 eefue0d471le ? 5 ? 4 2000 560 7.3 4.3 4.2 3.3 12 eefue0d561er ? 5 ? 4 2000 7.3 4.3 4.2 3.7 7 eefue0d561le ? 5 ? 4 2000 2.5 220 7.3 4.3 4.2 3.3 12 eefue0e221er ? 5 ? 4 2000 7.3 4.3 4.2 3.5 10 eefue0e221xe ? 5 ? 4 2000 270 7.3 4.3 4.2 3.3 12 eefue0e271er ? 5 ? 4 2000 7.3 4.3 4.2 3.5 10 eefue0e271xe ? 5 ? 4 2000 330 7.3 4.3 4.2 3.3 12 eefue0e331er ? 5 ? 4 2000 7.3 4.3 4.2 3.5 10 eefue0e331xe ? 5 ? 4 2000 7.3 4.3 4.2 3.7 7 eefue0e331le ? 5 ? 4 2000 390 7.3 4.3 4.2 3.3 12 eefue0e391er ? 5 ? 4 2000 7.3 4.3 4.2 3.7 7 eefue0e391le ? 5 ? 4 2000 470 7.3 4.3 4.2 3.3 12 eefue0e471er ? 5 ? 4 2000 7.3 4.3 4.2 3.7 7 eefue0e471le ? 5 ? 4 2000 4 180 7.3 4.3 4.2 3.3 12 eefue0g181er ? 5 ? 4 2000 7.3 4.3 4.2 3.5 10 eefue0g181xe ? 5 ? 4 2000 220 7.3 4.3 4.2 3.3 12 eefue0g221er ? 5 ? 4 2000 7.3 4.3 4.2 3.5 10 eefue0g221xe ? 5 ? 4 2000 7.3 4.3 4.2 3.7 7 eefue0g221le ? 5 ? 4 2000 270 7.3 4.3 4.2 3.3 12 eefue0g271er ? 5 ? 4 2000 7.3 4.3 4.2 3.7 7 eefue0g271le ? 5 ? 4 2000 330 7.3 4.3 4.2 3.3 12 eefue0g331er ? 4 2000 6.3 150 7.3 4.3 4.2 3.3 12 eefue0j151er ? 5 ? 4 2000 7.3 4.3 4.2 3.5 10 eefue0j151xe ? 5 ? 4 2000 180 7.3 4.3 4.2 3.3 12 eefue0j181er ? 5 ? 4 2000 7.3 4.3 4.2 3.5 10 eefue0j181xe ? 5 ? 4 2000 7.3 4.3 4.2 3.7 7 eefue0j181lr ? 5 2000 220 7.3 4.3 4.2 3.0 15 eefue0j221er ? 4 2000 7.3 4.3 4.2 3.7 7 eefue0j221lr ? 5 2000 8 100 7.3 4.3 4.2 3.3 12 eefue0k101er ? 5 ? 4 2000 150 7.3 4.3 4.2 3.0 15 eefue0k151er ? 4 2000 ? 1: ripple current (100 khz/ +20 to +105 c ), ? 2: esr (100 khz/+20 c) ? 3: please refer to the page of mouting speci? cations. ? 4: please use high temperature lead-free re? ow (260 c) for new design. ? 5: in the case of new design please contact us. : available, : not available 00 nov. 2012


▲Up To Search▲   

 
Price & Availability of EEFUD0G121XE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X