Part Number Hot Search : 
6PT06G AK4543 OP42EZ D4112 256ZB 3BR176 UC3844DG BUJ101AU
Product Description
Full Text Search
 

To Download ECQP1H431FZW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  panasonic plastic film capacitors design, specifications are subject to change without notice. sese ask factory for technical specifications before purchase and/or use. whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. 1 % (f), 2 % (g) , 5 % (j) 50vdc : for cap. value0.0001 to 0.0003 f, 5%(j) only 50vdc : for cap. value0.00033 to 0.00091 f, 2%(g), 5%(j) only 100vdc : for cap. value0.0001 to 0.00043 f, 5%(j) only 100vdc : for cap. value0.00047 to 0.00091 f, 2%(g), 5%(j) only crimped taping ammo 3 crimped lead style n style t w n specifications dissipation factor withstand voltage insulation resistance capacitance tolerance category temp. range rated voltage capacitance range polypropylene film capacitor with epoxy resin coating n features ? excellent temperature and frequency characteristics ? excellent long term stability n recommended applications ? dolby circuits ? oscillation circuits n c < = 0.33f : 45000m min. c > 0.33f : 15000 m . fmin. 1% 2% 5% fgj 50vdc 100vdc 1h 1 123456789101112 e c q p product code dielectric & construction rated voltage capacitance z cap. tol. suffix suffix 123456789101112 e c q p product code dielectric & construction rated voltage capacitance r z 7.5mm crimped lead cap. tol. suffix l 20?c rated volt. 60s () C 40 to + 85?c (for a higher temperature than 70?c, derating is required. see page7) 50vdc, 100vdc (derating is required according to cap. value. see page7) 0.0001 to 0.47f 0.1%max.(20?c 1khz) between terminals: rated volt.(vdc) 5 250% 1 to 5s explanation of part numbers note: straight lead not recommended explanation of part number for odd size taping non-inductive construction using polypropylene film type: ecqp(z)
style ad c e lead spacing 5.0mm 5.0mm 7.5mm panasonic plastic film capacitors design, specifications are subject to change without notice. sese ask factory for technical specifications before purchase and/or use. whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. n dimensions in mm(not to scale) marking hmax. tmax. d 0.05 copper-clad steel wire style n style t s 0.8 4.5 0.5 marking hmax. s 0.8 4.5 0.5 lmax. lmax. l packaging specifications n taping specifications for automatic insertion l taping style n packaging specifications for bulk package n packing quantity:100pcs./bag cap. tol. 1 % (f)is not available for taping see page 22 for taping dimensions 5 . . . . 5 . . . . l lead spacing see the column rating, dimensions & quantity box for packing quantity. 5 . . . . style ad p f h 1 h 0 p 0 f style c p p 0 h 1 h 0 f style e p p 0 h 1 h 0 50vdc ecqp cap. range ( f) taping style packing 100vdc ad as bcde rated volt. type 0.0001 to 0.033 k ammo 0.036 to 0.13 k ammo 0.15 to 0.33 k ammo 0.0001 to 0.018 k ammo 0.02 to 0.16 k ammo 0.22 k ammo
panasonic plastic film capacitors design, specifications are subject to change without notice. sese ask factory for technical specifications before purchase and/or use. whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. n rating, dimensions & quantity/ammo box l rated voltage : 50vdc, capacitance tolerance : 1%(f), 2 % (g), 5 % (j) l only 5 % (j) is available from 0.0001 to 0.0003 f,only 2 % (g), 5 % (j) is available from 0.00033 to 0.00091 f part no. ecqp1h101jz( ) ecqp1h111jz( ) ecqp1h121jz( ) ecqp1h131jz( ) ecqp1h151jz( ) ecqp1h161jz( ) ecqp1h181jz( ) ecqp1h201jz( ) ecqp1h221jz( ) ecqp1h241jz( ) ecqp1h271jz( ) ecqp1h301jz( ) ecqp1h331 m z( ) ecqp1h361 m z( ) ecqp1h391 m z( ) ecqp1h431 m z( ) ecqp1h471 m z( ) ecqp1h511 m z( ) ecqp1h561 m z( ) ecqp1h621 m z( ) ecqp1h681 m z( ) ecqp1h751 m z( ) ecqp1h821 m z( ) ecqp1h911 m z( ) ecqp1h102 m z( ) ecqp1h112 m z( ) ecqp1h122 m z( ) ecqp1h132 m z( ) ecqp1h152 m z( ) ecqp1h162 m z( ) ecqp1h182 m z( ) ecqp1h202 m z( ) ecqp1h222 m z( ) ecqp1h242 m z( ) ecqp1h272 m z( ) ecqp1h302 m z( ) ecqp1h332 m z( ) ecqp1h362 m z( ) ecqp1h392 m z( ) ecqp1h432 m z( ) ecqp1h472 m z( ) ecqp1h512 m z( ) ecqp1h562 m z( ) ecqp1h622 m z( ) ecqp1h682 m z( ) 0.0001 8.5 4.5 12.5 5.0 0.50 0.00011 8.5 4.5 12.5 5.0 0.50 0.00012 8.5 4.5 12.5 5.0 0.50 0.00013 8.5 4.5 12.5 5.0 0.50 0.00015 8.5 4.5 12.5 5.0 0.50 0.00016 8.5 4.5 12.5 5.0 0.50 0.00018 8.5 4.5 12.5 5.0 0.50 0.0002 8.5 4.5 12.5 5.0 0.50 0.00022 8.5 4.5 12.5 5.0 0.50 0.00024 8.5 4.5 12.5 5.0 0.50 0.00027 8.5 4.5 12.5 5.0 0.50 0.0003 8.5 4.5 12.5 5.0 0.50 0.00033 8.5 4.5 12.5 5.0 0.50 0.00036 8.5 4.5 12.5 5.0 0.50 0.00039 8.5 4.5 12.5 5.0 0.50 0.00043 8.5 4.5 12.5 5.0 0.50 0.00047 8.5 4.5 12.5 5.0 0.50 0.00051 8.5 4.5 12.5 5.0 0.50 0.00056 8.5 4.5 12.5 5.0 0.50 0.00062 8.5 4.5 12.5 5.0 0.50 0.00068 8.5 4.5 12.5 5.0 0.50 0.00075 8.5 4.5 12.5 5.0 0.50 0.00082 8.5 4.5 12.5 5.0 0.50 0.00091 8.5 4.5 12.5 5.0 0.50 0.001 8.5 4.5 12.5 5.0 0.50 0.0011 8.5 4.5 12.5 5.0 0.50 0.0012 8.5 4.5 12.5 5.0 0.50 0.0013 8.5 4.5 12.5 5.0 0.50 0.0015 8.5 4.5 12.5 5.0 0.50 0.0016 8.5 4.5 12.5 5.0 0.50 0.0018 8.5 4.5 12.5 5.0 0.50 0.002 8.5 4.5 12.5 5.0 0.50 0.0022 8.5 4.5 12.5 5.0 0.50 0.0024 8.5 4.5 12.5 5.0 0.50 0.0027 8.5 4.5 12.5 5.0 0.50 0.003 8.5 4.5 12.5 5.0 0.50 0.0033 8.5 4.5 12.5 5.0 0.50 0.0036 8.5 4.5 12.5 5.0 0.50 0.0039 8.5 4.5 12.5 5.0 0.50 0.0043 8.5 4.5 12.5 5.0 0.50 0.0047 8.5 4.5 12.5 5.0 0.50 0.0051 8.5 4.5 13.0 5.0 0.50 0.0056 8.5 4.5 13.0 5.0 0.50 0.0062 8.5 5.0 13.0 5.0 0.50 0.0068 8.5 5.0 13.0 5.0 0.50 cap. (f) quantity ammo 1000 dimensions (mm) l max. t max. h max. s ? d stylen:0.0001 to 0.0068 f suffix for lead crimped or taped type cap. tol. code ss
1000 500 400 300 0.0075 12.0 5.0 14.0 5.0 0.60 0.0082 12.0 5.5 14.0 5.0 0.60 0.0091 12.0 5.0 13.5 5.0 0.60 0.01 12.0 5.0 13.5 5.0 0.60 0.011 12.0 5.0 14.0 5.0 0.60 0.012 12.0 5.5 14.0 5.0 0.60 0.013 12.0 5.0 14.0 5.0 0.60 0.015 12.0 5.0 14.0 5.0 0.60 0.016 12.0 5.5 14.0 5.0 0.60 0.018 12.0 5.5 14.5 5.0 0.60 0.02 12.0 5.5 14.5 5.0 0.60 0.022 12.0 5.5 15.5 5.0 0.60 0.024 12.0 6.0 15.5 5.0 0.60 0.027 12.0 6.0 16.0 5.0 0.60 0.03 12.0 6.5 16.0 5.0 0.60 0.033 12.0 6.5 16.5 5.0 0.60 0.036 14.5 5.5 17.0 5.0 0.60 0.039 14.5 5.5 17.0 5.0 0.60 0.043 14.5 6.0 17.0 5.0 0.60 0.047 14.5 6.0 17.5 5.0 0.60 0.051 14.5 6.5 18.5 5.0 0.60 0.056 14.5 6.5 18.5 5.0 0.60 0.062 14.5 7.0 19.0 5.0 0.60 0.068 14.5 7.0 19.0 5.0 0.60 0.075 17.0 6.5 18.5 7.5 0.60 0.082 17.0 7.0 19.0 7.5 0.60 0.091 17.0 7.0 19.0 7.5 0.60 0.1 17.0 7.5 19.5 7.5 0.60 0.11 17.0 8.0 20.5 7.5 0.60 0.12 17.0 8.5 20.5 7.5 0.60 0.13 17.0 8.5 21.0 7.5 0.60 0.15 20.0 8.0 20.5 10.0 0.60 0.16 20.0 8.5 20.5 10.0 0.60 0.18 20.0 9.0 21.0 10.0 0.60 0.20 20.0 9.5 21.5 10.0 0.60 0.22 20.0 9.5 22.0 10.0 0.60 0.24 20.0 10.0 22.5 10.0 0.60 0.27 20.0 10.5 23.0 10.0 0.60 0.30 22.5 9.5 24.0 12.5 0.80 0.33 22.5 10.0 24.5 12.5 0.80 0.36 22.5 10.5 25.0 12.5 0.80 0.39 22.5 11.0 25.0 12.5 0.80 0.43 22.5 11.5 25.5 12.5 0.80 0.47 22.5 12.0 26.0 12.5 0.80 panasonic plastic film capacitors design, specifications are subject to change without notice. sese ask factory for technical specifications before purchase and/or use. whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. n rating, dimensions & quantity/ammo box l rated voltage : 50vdc, capacitance tolerance : 1% (f), 2 % (g), 5 % (j) part no. cap. (f) quantity ammo dimensions (mm) l max. t max. h max. s ? d ecqp1h752 m z( ) ecqp1h822 m z( ) ecqp1h912 m z( ) ecqp1h103 m z( ) ecqp1h113 m z( ) ecqp1h123 m z( ) ecqp1h133 m z( ) ecqp1h153 m z( ) ecqp1h163 m z( ) ecqp1h183 m z( ) ecqp1h203 m z( ) ecqp1h223 m z( ) ecqp1h243 m z( ) ecqp1h273 m z( ) ecqp1h303 m z( ) ecqp1h333 m z( ) ecqp1h363 m z( ) ecqp1h393 m z( ) ecqp1h433 m z( ) ecqp1h473 m z( ) ecqp1h513 m z( ) ecqp1h563 m z( ) ecqp1h623 m z( ) ecqp1h683 m z( ) ecqp1h753 m z( ) ecqp1h823 m z( ) ecqp1h913 m z( ) ecqp1h104 m z( ) ecqp1h114 m z( ) ecqp1h124 m z( ) ecqp1h134 m z( ) ecqp1h154 m z( ) ecqp1h164 m z( ) ecqp1h184 m z( ) ecqp1h204 m z( ) ecqp1h224 m z( ) ecqp1h244 m z( ) ecqp1h274 m z( ) ecqp1h304 m z( ) ecqp1h334 m z( ) ecqp1h364 m z( ) ecqp1h394 m z( ) ecqp1h434 m z( ) ecqp1h474 m z( ) stylet:0.0075 to 0.47 f suffix for lead crimped or taped type cap. tol. code ss
panasonic plastic film capacitors design, specifications are subject to change without notice. sese ask factory for technical specifications before purchase and/or use. whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. n rating, dimensions & quantity/ammo box l rated voltage : 100vdc, capacitance tolerance : 1% (f), 2 % (g), 5 % (j) only 5 % (j) is available from 0.0001 to 0.00043 f,only 2 % (g), 5 % (j) is available from 0.00047 to 0.00091 f part no. ecqp1101jz( ) ecqp1111jz( ) ecqp1121jz( ) ecqp1131jz( ) ecqp1151jz( ) ecqp1161jz( ) ecqp1181jz( ) ecqp1201jz( ) ecqp1221jz( ) ecqp1241jz( ) ecqp1271jz( ) ecqp1301jz( ) ecqp1331jz( ) ecqp1361jz( ) ecqp1391jz( ) ecqp1431jz( ) ecqp1471 m z( ) ecqp1511 m z( ) ecqp1561 m z( ) ecqp1621 m z( ) ecqp1681 m z( ) ecqp1751 m z( ) ecqp1821 m z( ) ecqp1911 m z( ) ecqp1102 m z( ) ecqp1112 m z( ) ecqp1122 m z( ) ecqp1132 m z( ) ecqp1152 m z( ) ecqp1162 m z( ) ecqp1182 m z( ) ecqp1202 m z( ) ecqp1222 m z( ) ecqp1242 m z( ) ecqp1272 m z( ) ecqp1302 m z( ) ecqp1332 m z( ) ecqp1362 m z( ) ecqp1392 m z( ) ecqp1432 m z( ) ecqp1472 m z( ) ecqp1512 m z( ) ecqp1562 m z( ) ecqp1622 m z( ) ecqp1682 m z( ) 0.0001 10.0 5.0 13.0 5.0 0.60 0.00011 10.0 5.0 13.0 5.0 0.60 0.00012 10.0 5.0 13.0 5.0 0.60 0.00013 10.0 5.0 13.0 5.0 0.60 0.00015 10.0 5.0 13.0 5.0 0.60 0.00016 10.0 5.0 13.0 5.0 0.60 0.00018 10.0 5.0 13.0 5.0 0.60 0.0002 10.0 5.0 13.0 5.0 0.60 0.00022 10.0 5.0 13.0 5.0 0.60 0.00024 10.0 5.0 13.0 5.0 0.60 0.00027 10.0 5.0 13.0 5.0 0.60 0.0003 10.0 5.0 13.0 5.0 0.60 0.00033 10.0 5.0 13.0 5.0 0.60 0.00036 10.0 5.0 13.0 5.0 0.60 0.00039 10.0 5.0 13.0 5.0 0.60 0.00043 10.0 5.0 13.0 5.0 0.60 0.00047 10.0 5.0 13.0 5.0 0.60 0.00051 10.0 5.0 13.0 5.0 0.60 0.00056 10.0 5.0 13.0 5.0 0.60 0.00062 10.0 5.0 13.0 5.0 0.60 0.00068 10.0 5.0 13.0 5.0 0.60 0.00075 10.0 5.0 13.0 5.0 0.60 0.00082 10.0 5.0 13.0 5.0 0.60 0.00091 10.0 5.0 13.0 5.0 0.60 0.001 10.0 5.0 13.0 5.0 0.60 0.0011 10.0 5.0 13.0 5.0 0.60 0.0012 10.0 5.0 13.0 5.0 0.60 0.0013 10.0 5.0 13.0 5.0 0.60 0.0015 10.0 5.0 13.0 5.0 0.60 0.0016 10.0 5.0 13.0 5.0 0.60 0.0018 10.0 5.0 13.0 5.0 0.60 0.002 10.0 5.0 13.0 5.0 0.60 0.0022 10.0 5.0 13.0 5.0 0.60 0.0024 10.0 5.0 13.0 5.0 0.60 0.0027 10.0 5.0 13.0 5.0 0.60 0.003 10.0 5.0 13.0 5.0 0.60 0.0033 10.0 5.0 13.0 5.0 0.60 0.0036 10.0 5.0 13.0 5.0 0.60 0.0039 10.0 5.0 13.0 5.0 0.60 0.0043 10.0 5.0 13.0 5.0 0.60 0.0047 10.0 5.0 13.0 5.0 0.60 0.0051 10.0 5.0 13.0 5.0 0.60 0.0056 10.0 5.0 13.0 5.0 0.60 0.0062 10.0 5.5 13.0 5.0 0.60 0.0068 10.0 5.5 13.0 5.0 0.60 cap. (f) quantity ammo 1000 dimensions (mm) l max. t max. h max. s ? d stylen:0.0001 to 0.0068 f suffix for lead crimped or taped type cap. tol. code ss
1000 500 panasonic plastic film capacitors design, specifications are subject to change without notice. sese ask factory for technical specifications before purchase and/or use. whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. n rating, dimensions & quantity/ammo box l rated voltage : 100vdc, capacitance tolerance : 1% (f), 2 % (g), 5 % (j) part no. cap. (f) quantity ammo 300 dimensions (mm) l max. t max. h max. s ? d ecqp1752 m z( ) ecqp1822 m z( ) ecqp1912 m z( ) ecqp1103 m z( ) ecqp1113 m z( ) ecqp1123 m z( ) ecqp1133 m z( ) ecqp1153 m z( ) ecqp1163 m z( ) ecqp1183 m z( ) ecqp1203 m z( ) ecqp1223 m z( ) ecqp1243 m z( ) ecqp1273 m z( ) ecqp1303 m z( ) ecqp1333 m z( ) ecqp1363 m z( ) ecqp1393 m z( ) ecqp1433 m z( ) ecqp1473 m z( ) ecqp1513 m z( ) ecqp1563 m z( ) ecqp1623 m z( ) ecqp1683 m z( ) ecqp1753 m z( ) ecqp1823 m z( ) ecqp1913 m z( ) ecqp1104 m z( ) ecqp1114 m z( ) ecqp1124 m z( ) ecqp1134 m z( ) ecqp1154 m z( ) ecqp1164 m z( ) ecqp1184 m z( ) ecqp1204 m z( ) ecqp1224 m z( ) ecqp1244 m z( ) ecqp1274 m z( ) ecqp1304 m z( ) ecqp1334 m z( ) ecqp1364 m z( ) ecqp1394 m z( ) ecqp1434 m z( ) ecqp1474 m z( ) 0.0075 13.0 5.5 14.0 5.0 0.60 0.0082 13.0 5.5 14.0 5.0 0.60 0.0091 13.0 5.0 13.0 5.0 0.60 0.01 13.0 5.0 13.5 5.0 0.60 0.011 13.0 5.0 13.5 5.0 0.60 0.012 13.0 5.0 13.5 5.0 0.60 0.013 13.0 5.0 13.5 5.0 0.60 0.015 13.0 5.5 14.0 5.0 0.60 0.016 13.0 5.5 14.0 5.0 0.60 0.018 13.0 6.0 15.0 5.0 0.60 0.02 16.0 5.5 15.0 5.0 0.60 0.022 16.0 5.5 15.0 5.0 0.60 0.024 16.0 5.5 15.0 5.0 0.60 0.027 16.0 6.0 15.0 5.0 0.60 0.03 16.0 6.0 15.5 5.0 0.60 0.033 16.0 6.5 15.5 5.0 0.60 0.036 16.0 6.5 15.5 5.0 0.60 0.039 16.0 7.0 16.0 5.0 0.60 0.043 16.0 7.5 16.0 5.0 0.60 0.047 16.0 7.5 16.5 5.0 0.60 0.051 18.0 6.5 17.0 7.5 0.60 0.056 18.0 6.5 17.0 7.5 0.60 0.062 18.0 7.0 17.5 7.5 0.60 0.068 18.0 7.0 17.5 7.5 0.60 0.075 18.0 7.0 18.0 7.5 0.60 0.082 18.0 7.0 18.5 7.5 0.60 0.091 18.0 7.5 18.5 7.5 0.60 0.1 18.5 7.5 19.0 7.5 0.60 0.11 18.5 7.5 19.0 10.0 0.60 0.12 18.5 8.5 19.5 10.0 0.60 0.13 18.5 9.0 20.0 10.0 0.60 0.15 18.5 9.5 20.5 10.0 0.60 0.16 18.5 9.5 20.5 12.5 0.60 0.18 19.0 10.0 21.0 12.5 0.60 0.20 19.0 10.5 21.5 12.5 0.60 0.22 19.0 11.0 22.0 12.5 0.60 0.24 25.0 9.0 21.5 12.5 0.80 0.27 25.0 9.5 22.0 12.5 0.80 0.30 25.0 10.0 22.5 12.5 0.80 0.33 25.0 10.0 23.0 12.5 0.80 0.36 25.0 10.5 23.5 12.5 0.80 0.39 25.0 11.0 24.0 12.5 0.80 0.43 25.0 11.5 24.5 12.5 0.80 0.47 25.0 12.0 25.0 12.5 0.80 stylet: 0.0075 to 0.15, 0.24 to 0.47 f stylen:0.16 to 0.22 f suffix for lead crimped or taped type cap. tol. code ss


▲Up To Search▲   

 
Price & Availability of ECQP1H431FZW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X