Part Number Hot Search : 
C1E15 W78E054 SMCJ1 SMCJ1 TIG056BF IDT74FCT 10D08 PC3H715
Product Description
Full Text Search
 

To Download AUIRFP064N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.irf.com 1 06/22/11 pd - 96375 hexfet ? power mosfet description AUIRFP064N s d g gds gate drain source absolute maximum ratings 

  
     
     
   functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied. 


!! 

"
  
 ""      
# 
   
 
    

 $  %&'()* 
 #"  automotive grade features to-247ac s d g d hexfet ? is a registered trademark of international rectifier. * qualification standards can be found at http://www.irf.com/ advanced planar technology low on-resistance dynamic dv/dt rating 175c operating temperature fast switching fully avalanche rated repetitive avalanche allowed up to tjmax lead-free, rohs compliant automotive qualified * specifically designed for automotive applications, this cellular design of hexfet? power mosfets utilizes the latest processing techniques to achieve low on- resistance per silicon area. this benefit combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in automotive and a wide variety of other applications. parameter units i d @ t c = 25c continuous drain current, v gs @ 10v i d @ t c = 100c continuous drain current, v gs @ 10v a i dm pulsed drain current p d @t c = 25c power dissipation w linear derating factor w/c v gs gate-to-source voltage v e as single pulse avalanche energy  mj i ar avalanche current  a e ar repetitive avalanche energy mj dv/dt peak diode recovery dv/dt  v/ns t j operating junction and t stg storage temperature range c soldering temperature, for 10 seconds mounting torque, 6-32 or m3 screw thermal resistance parameter typ. max. units r jc junction-to-case ??? 0.75 r cs case-to-sink, flat, greased surface 0.24 ??? c/w r  in (1.1n  m) 200 1.3 20 max. 110  80  390 20 480 59 5.0 v (br)dss 55v r ds(on) max. 0.008 i d 110a

2 www.irf.com s d g  repetitive rating; pulse width limited by max. junction temperature. (see fig. 11).  v dd = 25v, starting t j = 25c, l = 190 h, r g = 25 , i as = 59a.(see figure 12)  i sd  
             pulse width 300  ; duty cycle 2%  calculated continuous current based on maximum allowable junction temperature; for recommended current-handling of the package refere to desing tip # 93-4 static electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage 55 ??? ??? v v (br)dss / t j breakdown voltage temp. coefficient ??? 0.057 ??? v/c r ds(on) static drain-to-source on-resistance ??? ??? 0.008 v gs(th) gate threshold voltage 2.0 ??? 4.0 v gfs forward transconductance 42 ??? ??? s i dss drain-to-source leakage current ??? ??? 25 ??? ??? 250 i gss gate-to-source forward leakage ??? ??? 100 gate-to-source reverse leakage ??? ??? -100 dynamic electrical characteristics @ t j = 25c (unless otherwise specified) q g total gate charge ??? ??? 170 q gs gate-to-source charge ??? ??? 32 q gd gate-to-drain ("miller") charge ??? ??? 74 t d(on) turn-on delay time ??? 14 ??? t r rise time ??? 100 ??? t d(off) turn-off delay time ??? 43 ??? t f fall time ??? 70 ??? l d internal drain inductance between lead, 6mm (0.25in.) l s internal source inductance from package and center of die contact c iss input capacitance ??? 4000 ??? c oss output capacitance ??? 1300 ??? c rss reverse transfer capacitance ??? 480 ??? diode characteristics parameter min. typ. max. units i s continuous source current (body diode) i sm pulsed source current (body diode)  v sd diode forward voltage ??? ??? 1.3 v t rr reverse recovery time ??? 110 170 ns q rr reverse recovery charge ??? 450 680 nc v dd = 28v i d = 59a r g = 2.5 v gs = -20v t j = 25c, i s = 59a, v gs = 0v  t j = 25c, i f = 59a di/dt = 100a/ s  conditions v gs = 0v, i d = 250 a reference to 25c, i d = 1ma v gs = 10v, i d = 59a  v ds = v gs , i d = 250 a v ds = 55v, v gs = 0v v ds = 44v, v gs = 0v, t j = 150c mosfet symbol showing the integral reverse ??? nh pf a p-n junction diode. v ds = 25v, i d = 59a  i d = 59a v ds = 44v conditions r d = 0.39 ,see fig.10  v gs = 0v v ds = 25v ? = 1.0mhz,see fig.5 v gs = 20v v gs = 10v,see fig.6 and 13  ??? ??? 5.0 13 ??? a na nc ns ??? ??? 110  390 ??? ???

www.irf.com 3 qualification information ? 3l-to-247 n/a rohs compliant yes esd machine model class m4(+/- 800v ) ??? (per aec-q101-002) human body model class h1b(+/- 4000v ) ??? (per aec-q101-001) charged device model class c5(+/- 2000v ) ??? (per aec-q101-005) moisture sensitivity level qualification level automotive (per aec-q101) ?? comments: this part number(s) passed automotive qualification. ir?s industrial and consumer qualification level is granted by extension of the higher automotive level. ? qualification standards can be found at international rectifier?s web site: http//www.irf.com/ ?? exceptions to aec-q101 requirements are noted in the qualification report. ??? highest passing voltage

4 www.irf.com

www.irf.com 5

6 www.irf.com

www.irf.com 7

8 www.irf.com

www.irf.com 9 

 
   
 
 
         note: for the most current drawing please refer to ir website at http://www.irf.com/package/ +
)
  

 ,- .+

  ! /)
 010 2212
323 1

*+ 4

10 www.irf.com ordering information base part package type standard pack complete part number form quantity AUIRFP064N to-247 tube 25 AUIRFP064N

www.irf.com 11  
 unless specifically designated for the automotive market, international rectifier corporation and its subsidiaries (ir) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its prod- ucts and services at any time and to discontinue any product or services without notice. part numbers designated with the ?au? prefix follow automotive industry and / or customer specific requirements with regards to product discontinuance and process change notification. all products are sold subject to ir?s terms and conditions of sale supplied at the time of order acknowledgment. ir warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with ir?s standard warranty. testing and other quality control techniques are used to the extent ir deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ir components. to minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this informa- tion with alterations is an unfair and deceptive business practice. ir is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ir products or serviced with statements different from or beyond the parameters stated by ir for that product or service voids all express and any implied warranties for the associated ir product or service and is an unfair and deceptive business practice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the ir product could create a situation where personal injury or death may occur. should buyer purchase or use ir products for any such unintended or unauthorized application, buyer shall indemnify and hold international rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that ir was negligent regarding the design or manufacture of the product. only products certified as military grade by the defense logistics agency (dla) of the us department of defense, are designed and manufactured to meet dla military specifications required by certain military, aerospace or other applications. buyers acknowledge and agree that any use of ir products not certified by dla as military-grade, in applications requiring military grade products, is solely at the buyer?s own risk and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. ir products are neither designed nor intended for use in automotive applications or environments unless the specific ir products are designated by ir as compliant with iso/ts 16949 requirements and bear a part number including the designation ?au?. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ir will not be responsible for any failure to meet such requirements. for technical support, please contact ir?s technical assistance center http://www.irf.com/technical-info/ world headquarters: 101 n. sepulveda blvd., el segundo, california 90245 tel: (310) 252-7105


▲Up To Search▲   

 
Price & Availability of AUIRFP064N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X