Part Number Hot Search : 
A4336 2SC494 T2803 0ST1041 5TTP400 2SC494 ON0751 TEA5762
Product Description
Full Text Search
 

To Download AP9974GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet low gate charge bv dss 60v single drive requirement r ds(on) 12m fast switching characteristic i d 72a description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w w/ t stg t j symbol value units rthj-c thermal resistance junction-case max. 1.2 /w rthj-a thermal resistance junction-ambient max. 62 /w data and specifications subject to change without notice thermal data parameter storage temperature range total power dissipation 104 -55 to 150 operating junction temperature range -55 to 150 linear derating factor 0.8 continuous drain current, v gs @ 10v 46 pulsed drain current 1 300 gate-source voltage 20 continuous drain current, v gs @ 10v 72 parameter rating drain-source voltage 60 pb free plating product 200318051 ap9974gs/p g d s the advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the to-263 package is universally preferred for all commercial- industrial surface mount applications and suited for low voltage applications such as dc/dc converters. the through-hole version (AP9974GP) are available for low-profile applications. g d s to-263(s) g d s to-220(p)
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 60 - - v b v dss / t j breakdown voltage temperature coefficient reference to 25 , i d =1ma - 0.07 - v/ r ds(on) static drain-source on-resistance 2 v gs =10v, i d =45a - - 12 m v gs =4.5v, i d =30a - - 15 m v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 - 3 v g fs forward transconductance v ds =10v, i d =30a - 50 - s i dss drain-source leakage current (t j =25 o c) v ds =60v, v gs =0v - - 10 ua drain-source leakage current (t j =150 o c) v ds =48v ,v gs =0v - - 100 ua i gss gate-source leakage v gs =20v - - 100 na q g total gate charge 2 i d =30a - 43 69 nc q gs gate-source charge v ds =48v - 8 - nc q gd gate-drain ("miller") charge v gs =4.5v - 31 - nc t d(on) turn-on delay time 2 v ds =30v - 14 - ns t r rise time i d =30a - 48 - ns t d(off) turn-off delay time r g =3.3 , v gs =10v - 42 - ns t f fall time r d =1 -67- ns c iss input capacitance v gs =0v - 3180 5100 pf c oss output capacitance v ds =25v - 495 - pf c rss reverse transfer capacitance f=1.0mhz - 460 - pf r g gate resistance f=1.0mhz - 1 1.5 source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =45a, v gs =0v - - 1.2 v t rr reverse recovery time i s =30a, v gs =0 v , - 45 - ns q rr reverse recovery charge di/dt=100a/s - 40 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse width < 300us , duty cycle < 2%. ap9974gs/p
ap9974gs/p fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 0 25 50 75 100 125 02468 v ds , drain-to-source voltage (v) i d , drain current (a) t c = 150 o c 10v 7.0v 5.0v 4.5v v g =3.0v 8 12 16 20 246810 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =30a t c =25 o c 0.4 0.8 1.2 1.6 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =45a v g =10v 0 10 20 30 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0.0 0.6 1.2 1.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v) 0 50 100 150 200 250 02468 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 7.0v 5.0v 4.5v v g =3.0v
fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. transfer characteristics fig 12. gate charge waveform ap9974gs/p q v g 4.5v q gs q gd q g charge 100 1000 10000 1 5 9 1317212529 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0 4 8 12 16 020406080 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =48v v ds =38v v ds =30v i d =35a 0 25 50 75 100 125 02468 v gs , gate-to-source voltage (v) i d , drain current (a) t j =150 o c t j =25 o c v ds =5v 1 10 100 1000 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 100us 1ms 10ms 100ms dc 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse


▲Up To Search▲   

 
Price & Availability of AP9974GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X