Part Number Hot Search : 
E4570 1599HGY F06T4 BYG20 TIL197A 16FF4 BU4538B LT551
Product Description
Full Text Search
 

To Download AP9972AGR-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet low gate charge bv dss 60v single drive requirement r ds(on) 16m fast switching performance i d 60a rohs compliant & halogen-free description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w p d @t a =25 w t stg t j symbol value units rthj-c maximum thermal resistance, junction-case 1.4 /w rthj-a maximum thermal resistance, junction-ambient 62 /w data and specifications subject to change without notice thermal data parameter storage temperature range total power dissipation 89 -55 to 150 operating junction temperature range -55 to 150 total power dissipation 2 continuous drain current, v gs @ 10v 38 pulsed drain current 1 240 gate-source voltage + 20 continuous drain current, v gs @ 10v 60 parameter rating drain-source voltage 60 AP9972AGR-HF 201109151 halogen-free product 1 g d s advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on- resistance and cost-effectiveness. the to-262 package is widely preferred for commercial-industrial through-hole applications and suited for low voltage applications such as dc/dc converters. g d s to-262(r)
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 60 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =30a - - 16 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2 - 4 v g fs forward transconductance v ds =10v, i d =40a - 44 - s i dss drain-source leakage current v ds =60v, v gs =0v - - 25 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge i d =40a - 50 80 nc q gs gate-source charge v ds =48v - 13 - nc q gd gate-drain ("miller") charge v gs =10v - 20 - nc t d(on) turn-on delay time v ds =30v - 14 - ns t r rise time i d =40a - 80 - ns t d(off) turn-off delay time r g =3.3 -27- ns t f fall time v gs =10v - 57 - ns c iss input capacitance v gs =0v - 2410 3860 pf c oss output capacitance v ds =25v - 290 - pf c rss reverse transfer capacitance f=1.0mhz - 240 - pf r g gate resistance f=1.0mhz 1 2 4 source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =30a, v gs =0v - - 1.3 v t rr reverse recovery time i s =30a, v gs =0 v , - 48 - ns q rr reverse recovery charge di/dt=100a/s - 75 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 AP9972AGR-HF
a p9972agr-h f fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 20 40 60 80 100 0123456 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c 10v 9.0v 8.0v 7.0v v g =6.0v 10 12 14 16 18 20 5678910 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =30a t c =25 o c 0.4 0.8 1.2 1.6 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =30a v g =10v 0 10 20 30 40 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0.5 0.7 0.9 1.1 1.3 1.5 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v) 0 50 100 150 200 02468 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 9.0v 8.0v 7.0v v g =6.0v
ap9972agr-h f fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. transfer characteristics fig 12. maximum continuous drain currentv.s. case temperature 4 0 1000 2000 3000 4000 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0 2 4 6 8 10 12 0 204060 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =32v v ds =40v v ds =48v i d =40a 0 20 40 60 80 0246810 v gs , gate-to-source voltage (v) i d , drain current (a) t j =150 o c t j =25 o c v ds =5v 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 1 10 100 1000 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 100us 1ms 10ms 100ms dc operation in this area limited by r ds(on) 0 20 40 60 80 25 50 75 100 125 150 t c , case temperature ( o c ) i d , drain current (a)


▲Up To Search▲   

 
Price & Availability of AP9972AGR-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X