Part Number Hot Search : 
AN5636 K1885 APTGT D121J UFT12520 0N06L 0N06L 2SB1097
Product Description
Full Text Search
 

To Download AP9972AGP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet low gate charge bv dss 60v single drive requirement r ds(on) 16m fast switching performance i d 60a description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w w/ t stg t j symbol value units rthj-c maximum thermal resistance, junction-case 1.4 /w rthj-a maximum thermal resistance, junction-ambient 62 /w data and specifications subject to change without notice AP9972AGP 200906195 rohs-compliant product 1 parameter rating drain-source voltage 60 gate-source voltage + 25 continuous drain current, v gs @ 10v 60 continuous drain current, v gs @ 10v 38 pulsed drain current 1 240 total power dissipation 89 -55 to 150 operating junction temperature range -55 to 150 linear derating factor 0.7 thermal data parameter storage temperature range g d s advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the to-220 package is widely preferred for commercial-industrial applications and suited for low voltage applications. g d s to-220(p)
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 60 - - v ?? v dss / ? t j breakdown voltage temperature coefficient reference to 25 : , i d =1ma - 0.06 - v/ : r ds(on) static drain-source on-resistance 2 v gs =10v, i d =30a - - 16 m ? ?
ap9972ag p fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 20 40 60 80 100 0123456 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c 10v 9.0v 8.0v 7.0v v g =6.0v 10 12 14 16 18 20 5678910 v gs , gate-to-source voltage (v) r ds(on) (m  ) i d =30a t c =25 o c 0.4 0.8 1.2 1.6 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =30a v g =10v 0 10 20 30 40 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0.5 0.7 0.9 1.1 1.3 1.5 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v) 0 50 100 150 200 02468 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 9.0v 8.0v 7.0v v g =6.0v
fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. transfer characteristics fig 12. gate charge waveform 4 AP9972AGP q v g 10v q gs q gd q g charge 100 1000 10000 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0 2 4 6 8 10 12 14 0 204060 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =32v v ds =40v v ds =48v i d =40a 0 20 40 60 80 0246810 v gs , gate-to-source voltage (v) i d , drain current (a) t j =150 o c t j =25 o c v ds =5v 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 1 10 100 1000 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 100us 1ms 10ms 100ms dc


▲Up To Search▲   

 
Price & Availability of AP9972AGP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X