Part Number Hot Search : 
A5941 S595TRW ST9435A CY8C2 MUR110 16A60FC KBPC3 IDT713
Product Description
Full Text Search
 

To Download AP9970GW-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet simple drive requirement bv dss 60v lower on-resistance r ds(on) 3.2m rohs compliant & halogen-free i d 240a description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w t stg t j symbol value units rthj-c maximum thermal resistance, junction-case 0.4 /w rthj-a maixmum thermal resistance, junction-ambient 40 /w data and specifications subject to change without notice 201012281 1 AP9970GW-HF halogen-free product -55 to 175 120 parameter rating drain-source voltage 60 gate-source voltage + 20 continuous drain current (chip) 240 continuous drain current, v gs @ 10v 3 120 pulsed drain current 1 480 continuous drain current, v gs @ 10v 3 thermal data parameter storage temperature range total power dissipation 375 -55 to 175 operating junction temperature range g d s a dvanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the to-3p package is widely preferred for commercial-industrial surface mount applications and suited for higher voltage applications such as smps. g d s to-3p
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 60 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =60a - - 3.2 m v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2 - 4 v g fs forward transconductance v ds =10v, i d =60a - 105 - s i dss drain-source leakage current v ds =60v, v gs =0v - - 10 ua i gss gate-source leakage v gs = + 20v, v ds =0v - - + 100 na q g total gate charge 2 i d =40a - 125 200 nc q gs gate-source charge v ds =48v - 12 - nc q gd gate-drain ("miller") charge v gs =10v - 74 - nc t d(on) turn-on delay time 2 v ds =30v - 65 - ns t r rise time i d =40a - 240 - ns t d(off) turn-off delay time r g =25 ? - 250 - ns t f fall time v gs =10v - 350 - ns c iss input capacitance v gs =0v - 4100 6560 pf c oss output capacitance v ds =25v - 1320 - pf c rss reverse transfer capacitance f=1.0mhz - 650 - pf r g gate resistance f=1.0mhz - 2 - source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =60a, v gs =0v - - 1.3 v t rr reverse recovery time 2 i s =10a, v gs =0v - 75 - ns q rr reverse recovery charge di/dt=100a/s - 175 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.package limitation current is 120a. this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 AP9970GW-HF
a p9970gw-hf fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 80 160 240 320 0 4 8 12 16 20 24 28 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 8.0v 7.0v 6.0v v gs =5.0v 0 40 80 120 160 200 048121620 v ds , drain-to-source voltage (v) i d , drain current (a) t c = 175 o c 10v 8.0v 7.0v 6.0v v gs =5.0v 0.2 0.6 1.0 1.4 1.8 2.2 2.6 -50 0 50 100 150 200 t j , junction temperature ( o c) normalized r ds(on) i d =60a v g =10v 0 10 20 30 40 50 60 0 0.2 0.4 0.6 0.8 1 1.2 1.4 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =175 o c 0.0 0.4 0.8 1.2 1.6 -50 0 50 100 150 200 t j , junction temperature ( o c) normalized v gs(th) (v) 2 2.8 3.6 4.4 5.2 45678910 v gs ,gate-to-source voltage (v) r ds(on) (m ) i d =60a t c =25 o c i d =1ma
AP9970GW-HF fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 0 2 4 6 8 10 12 0 40 80 120 160 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =30v v ds =36v v ds =48v i d =40a q v g 10v q gs q gd q g charge 0 1000 2000 3000 4000 5000 6000 1 5 9 1317212529 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 1 10 100 1000 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) t c =25 o c s in g le puls e 100us 1ms 10ms 100ms dc t d(on) t r t d(off) t f v ds v gs 10% 90% operation in this area limited by r ds(on) 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse


▲Up To Search▲   

 
Price & Availability of AP9970GW-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X