Part Number Hot Search : 
STTH506D SZ3C130B SI7942DP PQ12SZ11 S133BCI RC30S08 SMC27 CT374P
Product Description
Full Text Search
 

To Download ALZ11B05W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ lz (alz) asctb203e 201209-t ordering information low pro?e: 15.7mm height 1a/1c 16a power relay lz relays (alz) vde rohs compliant features 1. low pro?e type with height of 15.7 mm slim, low pro?e type with dimensions of 28.8 (l) 12.5 (w) 15.7 (h) mm 1.134 (l) .492 (w) .618 (h) inch. 2. high insulation resistance superior insulation characteristics have been achieved by maintaining an insulation distance between coil and contacts of at least 10 mm for both creepage distance and clearances. furthermore, anti-surge voltage is 10 kv and higher. (supports european reinforced insulation requirement.) 3. superior heat resistance can be used in ambient temperatures up to 85 c 185 f for the class b and 105 c 221 f for the class f. 4. low operating power pow er saved with a nominal operating power of only 400 mw. 5. conforms to the various safety standards: ul/c-ul, vde approved. 6. superior heat resistance and tracking resistance en60335-1 gwt compliant (tested by vde) type available typical applications 1) household electrical appliances tv, catv, audio equipment, microwave ov ens, and heaters, etc. 2) of?e equipment copy machines, packaged air conditioners, and vending machines 3) industrial equipment machine tools, robots, and temperature controllers lz relays contact arrangement 1: 1 form c 5: 1 form a (new pc board terminal) alz protective construction 1: flux-resistant type 2: sealed type packing style w: carton packing coil insulation class b: f: nominal coil voltage (dc) 05: 5 v 18: 18 v 09: 9 v 24: 24 v 12: 12 v 48: 48 v flame resistance and tracking resistance nil: t: en60335-1 (conform) class b insulation class f insulation notes: 1. certified by ul/c-ul and vde 2. tube packing type is also available. please consult us.
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ lz (alz) asctb203e 201209-t types standard packing: carton: 100 pcs.; case: 500 pcs. notes: 1. tube packing type is also available. please consult us. 2. carton packing symbol ? is not marked on the relay. 3. en60335-1 gwt compliant types available. when ordering, please add suf? ?? ex. alz51f12t w rating 1. coil data 2. speci?ations notes: *1. this value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. *2. wave is standard shock voltage of 1.2 50 s according to jec-212-1981. *3. in order to obtain the full rated life cycles, the relay should be properly vented by removing the vent nib. more detail, please look at caution for notes. *4. class f type is ambient temperature 105 c 221 f . *5. the upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. refer to usage, transport and storage conditions in notes. *please note that some of the speci?ations listed above may not comply with overseas standards. contact arrangement coil voltage flux-resistant type sealed type class b insulation class f insulation class b insulation class f insulation part no. part no. part no. part no. 1 form c 5 v dc ALZ11B05W alz11f05w alz12b05w alz12f05w 9 v dc alz11b09w alz11f09w alz12b09w alz12f09w 12 v dc alz11b12w alz11f12w alz12b12w alz12f12w 18 v dc alz11b18w alz11f18w alz12b18w alz12f18w 24 v dc alz11b24w alz11f24w alz12b24w alz12f24w 48 v dc alz11b48w alz11f48w alz12b48w alz12f48w 1 form a (new pc board terminal) 5 v dc alz51b05w alz51f05w alz52b05w alz52f05w 9 v dc alz51b09w alz51f09w alz52b09w alz52f09w 12 v dc alz51b12w alz51f12w alz52b12w alz52f12w 18 v dc alz51b18w alz51f18w alz52b18w alz52f18w 24 v dc alz51b24w alz51f24w alz52b24w alz52f24w 48 v dc alz51b48w alz51f48w alz52b48w alz52f48w nominal coil voltage pick-up voltage (at 20 c 68 f ) drop-out voltage (at 20 c 68 f ) nominal operating current [ 10%] (at 20 c 68 f ) coil resistance [ 10%] (at 20 c 68 f ) nominal operating power (at 20 c 68 f ) max. applied voltage (at 20 c 68 f ) 5 v dc max. 70%v nominal voltage (initial) min. 10%v nominal voltage (initial) 80 ma 63 ? 400 mw 130%v of nominal voltage 9 v dc 44.4 ma 203 ? 12 v dc 33.3 ma 360 ? 18 v dc 22.2 ma 810 ? 24 v dc 16.7 ma 1,440 ? 48 v dc 8.3 ma 5,760 ? characteristics item speci?ations contact arrangement 1 form c, 1 form a contact resistance (initial) max. 100 m ? (by voltage drop 6v dc 1a) contact material agsno 2 type rating nominal switching capacity (resistive load) 16a 250v ac max. switching power (resistive load) 4,000v a max. switching voltage 440v ac max. switching current 16a nominal operating power 400mw min. switching capacity* 1 100ma 5v dc electrical characteristics insulation resistance (initial) min. 1,000 m ? (at 500v dc) measurement at same location as ?reakdown voltage section. breakdown voltage (initial) between open contacts 1,000 vrms for 1 min. (detection current: 10ma) between contacts and coil 5,000 vrms for 1 min. (detection current: 10ma) temperature rise (coil) max. 55 c 131 f [with nominal coil voltage and at 16a contact carrying current (resistance method) at 20 c 68 f ] surge breakdown voltage* 2 (between contacts and coil) (initial) 10,000 v operate time (at nominal voltage) (at 20 c 68 f ) max. 15ms (excluding contact bounce time) release time (at nominal voltage) (at 20 c 68 f ) max. 5ms (excluding contact bounce time, without diode) mechanical characteristics shock resistance functional 100 m/s 2 (half-wave pulse of sine wave: 11ms; detection time: 10 s) destructive 1,000 m/s 2 (half-wave pulse of sine wave: 6ms) vibration resistance functional 10 to 55hz at double amplitude of 1.5mm (detection time: 10 s) (only the n.c. side of 1 form c is 0.8mm) destructive 10 to 55hz at double amplitude of 1.5mm expected life mechanical (at 180 times/min.) min. 10 7 electrical (at 20 times/min.)* 3 n.o.: min. 10 5 , n.c.: min. 5 10 4 conditions conditions for operation, transport and storage* 4, * 5 ambient temperature: ?0 c to +85 c ?0 f to +185 f (class b), humidity: 5 to 85% r.h. (not freezing and condensing at low temperature) max. operating speed 20 times/min. (at nominal switching capacity) unit weight approx. 12 g .42 oz
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ lz (alz) asctb203e 201209-t reference data dimensions (mm inch ) 1. max. switching power (ac resistive load) 2. max. switching power (dc resistive load) 3. coil temperature rise sample: alz11f12, 5pcs. measured portion: coil inside contact current: 0 a, 16 a 10 130 1000 1 10 16 100 100 440 contact voltage, v contact current, a 100 1 10 100 100 contact current, a contact voltage, v 1000 120 125110 115105 130 135 30 25 35 40 50 45 55 20 normal temperature normal temperature 16a 0a 85 c 105 c 85 c 105 c temperature rise, c coil applied voltage, %v the cad data of the products with a cad data mark can be downloaded from: http://industrial.panasonic.com/ac/e/ 1. 1 form a type (new pc board terminal) external dimensions 28.8 5 0.50.5 202.5 15.7 3.5 0.5 12.5 7.5 0.8 1.134 .197 .020.020 .787.098 .618 .138 .020 .492 .295 .031 pc board pattern tolerance: 0.1 .004 schematic (bottom view) 20 7.5 5 6-1.3 dia. .787 .295 .197 6-.051 dia. coil cad data dimension: less than 1mm .039inch : min. 1mm .039inch less than 3mm .118 inch : min. 3mm .118 inch : t oler ance 0.1 .004 0.2 .008 0.3 .012 2. 1 form c type external dimensions 28.8 5 5 12.5 7.5 15.7 3.5 0.5 0.8 0.5 0.5 202.5 1.134 .197 .197 .492 .295 .618 .138 .020 .031 .020 .020 .787.098 pc board pattern tolerance: 0.1 .004 schematic (bottom view) 20 7.5 55 8-1.3 dia. .787 .295 .197 .197 8-.051 dia. coil cad data dimension: less than 1mm .039inch : min. 1mm .039inch less than 3mm .118 inch : min. 3mm .118 inch : t oler ance 0.1 .004 0.2 .008 0.3 .012
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ lz (alz) asctb203e 201209-t safety standards * csa standard: certi?d by c-ul notes for cautions f or us e . ul/c-ul (recognized) vde (certi?d) tv rating (ul/csa) file no. contact rating file no. contact rating file no. rating e43149 16a 277v ac, 34.8lra/7.2fla/120v ac, 15lra/3fla/120v ac 10lra/3fla 240v ac, 20a 240v ac (n.o. only) 16a 30v dc, 25a 240v ac, 15a 240v ac resistive load 105 c (n.o. only) 40000380 16a 250v ac (cos =1.0) c-ul e43149 tv-5 1. electrical life (sealed type) in order to obtain the full rated life cycles, the relay should be properly vented by removing the vent nib after the soldering/ washing process. vent nib


▲Up To Search▲   

 
Price & Availability of ALZ11B05W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X