Part Number Hot Search : 
MIC61150 KBPC101 KN4A4M MMBZ5235 WT5081 DB104G CX209 BD675
Product Description
Full Text Search
 

To Download 74HCT138S16-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74hct138 document number: ds35489 rev. 3 - 2 1 of 10 www.diodes.com june 2013 ? diodes incorporated 74hct138 3 to 8 line decoder demultiplexer description the 74hct138 is a high speed cmos device that is designed to be pin compatable with 74ls low power schottky types. the device accepts a three bit binar y weighted address on input pins a0, a1 and a2 and when enabled will produce one active low output with the remaing seven being high. there are two active low enable inputs e 1 and e 2, and one active high enable input e3. the disabled device state results in all outputs being high. the enable state occurs with e 1 and e 2 asserted low and e3 asserted high. the multiple enable lines allow for the parallel expansion of decoders to create 4-to-16 line versions wi th no additional parts and 5-to-32 versions with the addition of a single inverter. features ? wide supply voltage range from 4.5v to 5.5v ? sinks or sources 8ma at v cc = 4.5v ? cmos low power consumption ? schmitt trigger action at all inputs ? inputs accept up to 6.0v ? esd protection tested per jesd 22 ? exceeds 200-v machine model (a115-a) ? exceeds 2000-v human body model (a114-a) ? exceeds 1000-v charged device model (c101c) ? latch-up exceeds 250ma per jesd 78, class ii ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) pin assignments applications ? memory chip select decoding ? demultiplexing ? single line peripheral control ? allow simple serial bit streams fr om a microcontroller to control as many peripheral lines as needed. notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com for more information about diodes incor porated?s definitions of hal ogen- and antimony-free, "gre en" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. click here for ordering information, located at the end of datasheet
74hct138 document number: ds35489 rev. 3 - 2 2 of 10 www.diodes.com june 2013 ? diodes incorporated 74hct138 pin descriptions pin number pin name description 1 a0 address input 0 2 a1 address input 1 3 a2 address input 2 4 e 1 enable input 1 (active low) 5 e 2 enable input 2 (active low) 6 e3 enable input 3 (active high) 7 y7 output 7 (active low) 8 gnd ground 9 y6 output 6 (active low) 10 y5 output 5 (active low) 11 y4 output 4 (active low) 12 y3 output 3 (active low) 13 y2 output 2 (active low) 14 y1 output 1 (active low) 15 y0 output o (active low) 16 v cc supply voltage function table diagram control input output e 1 e 2 e3 a2 a1 a0 y 7 y 6 y 5 y 4 y 3 y 2 y 1 y 0 h x x x x x h h h h h h h h x h x ? ? ? ? ? ? ? ? ? ? ? x x l ? ? ? ? ? ? ? ? ? ? ? l l h ? ? ? ? ? ? ? ? ? ? ? ? ? ? l l l h h h h h h h l ? ? ? l l h h h h h h h l h ? ? ? l h l h h h h h l h h ? ? ? l h h h h h h l h h h ? ? ? h l l h h h l h h h h ? ? ? h l h h h l h h h h h ? ? ? h h l h l h h h h h h ? ? ? h h h l h h h h h h h
74hct138 document number: ds35489 rev. 3 - 2 3 of 10 www.diodes.com june 2013 ? diodes incorporated 74hct138 logic diagram
74hct138 document number: ds35489 rev. 3 - 2 4 of 10 www.diodes.com june 2013 ? diodes incorporated 74hct138 absolute maximum ratings (note 4) (@t a = +25c, unless otherwise specified.) symbol description rating unit esd hbm human body model esd protection 2 kv esd cdm charged device model esd protection 1 kv esd mm machine model esd protection 200 v v cc supply voltage range -0.5 to 7.0 v v i input voltage range -0.5 to 7.0 v v o voltage applied to output in high or low state -0.3 to v cc v i ik input clamp current v i < -0.5v -20 ma i ik input clamp current v i > v cc + 0.5v 20 ma i ok output clamp current v o < -0.5v -20 ma i ok output clamp current v o > v cc + 0.5v 20 ma i o continuous output current +/- 25 ma i cc continuous current through v cc 50 ma i gnd continuous current through gnd -50 ma t j operating junction temperature -40 to 150 c t stg storage temperature -65 to 150 c p tot total power dissipation 500 mw note: 4. stresses beyond the absolute maximum may result in imm ediate failure or reduced reliabili ty. these are stress values a nd device operation should be within recommend values. recommended operating conditions (note 5) (@t a = +25c, unless otherwise specified.) symbol parameter conditions min max unit v cc supply voltage ? 4.5 5.5 v v i input voltage ? 0 vcc v v o output voltage active mode 0 v cc v ? t/ ? v input transition rise or fall rate v cc = 4.5v ? 100 ns/v t a operating free-air temperature ? -40 125 c note: 5. unused inputs should be held at v cc or ground.
74hct138 document number: ds35489 rev. 3 - 2 5 of 10 www.diodes.com june 2013 ? diodes incorporated 74hct138 electrical characteristics (@t a = +25c, unless otherwise specified.) symbol parameter test conditions vcc t a = 25c -40c to 85c -40c to 125c unit min typ max min max min max v ih high-level input voltage ? 4.5v to 5.5v 2.0 1.6 ? 2.0 ? 2.0 ? v v il low-level input voltage ? 4.5v to 5.5v ? 1.2 0.8 ? 0.8 ? 0.8 v v oh high level output voltage i oh = -20 a 4.5v 4.4 4.5 ? 4.4 ? 4.4 ? v i oh = -4 ma 4.5v 3.98 4.32 ? 3.85 ? 3.7 ? v ol low-level output voltage i ol = 20 a 4.5v ? 0 0.1 ? 0.1 ? 0.1 v i ol = 4 ma 4.5v ? 0.15 0.26 ? 0.33 ? 0.4 i i input current v i =gnd to 5.5 v 5.5v ? ? 0.1 ? 1 ? 1 a i cc supply current v i = gnd or v cc i o =0 5.5v ? ? 8.0 ? 80 ? 160 a ? i cc additional supply current test per pin v i = vcc -2.1 v other v i = vcc or gnd i o =0 pins an 4.5v to 5.5v ? 150 540 ? 675 ? 735 a pin e n ? 125 450 ? 563 ? 613 pin e3 ? 100 360 ? 450 ? 490 a c i input capacitance v i = v cc or gnd 5.5v ? 4 10 ? 10 ? 10 pf switching characteristics symbol / parameter pins test conditions vcc t a =25c -40c to 85c -40c to 125c unit min typ. max min max min max t plh, t plh propagation delay an to y n figure 2 4.5v ? 20 35 ? 35 ? 45 ns 5.0v ? 17 ? ? ? ? ? e3 to y n figure 2 4.5v ? 18 40 ? 40 ? 45 5.0v ? 19 ? ? ? ? ? e n to y n figure 2 4.5v ? 19 40 ? 40 ? 45 5.0v ? 19 ? ? ? ? ? t tlh, t thl transition time y n figure 2 4.5 v ? 7 15 ? 15 ? 110 ns
74hct138 document number: ds35489 rev. 3 - 2 6 of 10 www.diodes.com june 2013 ? diodes incorporated 74hct138 operating characteristics (@t a = +25c, unless otherwise specified.) parameter test conditions v cc = 5v unit typ c pd power dissipation capacitance f = 1 mhz all outputs switching-no load 21 pf parameter measurement information v cc inputs v m c l v i t r /t f 4.5v 3 v 6ns v cc /2 50pf 5.0v 3 v 6ns v cc /2 15pf used for 5v typical test voltage waveform pulse duration voltage waveform propagation delay times inverting and non inverting outputs notes: a . includes test lead and test apparatus capacitance. b. all pulses are supplied at pulse repetition rate 10 mhz c. inputs are measured separately one transition per measurement d. t plh and t phl are the same as t pd figure 1. load circuit and voltage waveforms
74hct138 document number: ds35489 rev. 3 - 2 7 of 10 www.diodes.com june 2013 ? diodes incorporated 74hct138 ordering information device package code packaging (note 6) 7? tape and reel(note 7) quantity part number suffix 74HCT138S16-13 s16 so-16 2500/tape & reel -13 74hct138t16-13 t16 tssop-16 2500/tape & reel -13 notes: 6. pad layout as shown on diodes inc. s uggested pad layout document ap02001, wh ich can be found on our website at http://www.diodes.c om/datasheets/ap02001.pdf . http://www.diodes.com /datasheets/ap02001.pdf. 7. the taping orientation is located on our website at http://www.diodes.com /datasheets/ap02007.pdf marking information (1) so-16, tssop-16 part number package 74hct138s16 so-16 74hct138t16 tssop-16
74hct138 document number: ds35489 rev. 3 - 2 8 of 10 www.diodes.com june 2013 ? diodes incorporated 74hct138 package outline dimensions (all dimensions in mm.) please see ap02002 at http://www.diodes.com/ datasheets/ap02002.pdf for latest version. package type: so-16 package type: tssop-16 so-16 dim min max a 1.40 1.75 a1 0.10 0.25 a2 1.30 1.50 b 0.33 0.51 c 0.19 0.25 d 9.80 10.00 e 3.80 4.00 e 1.27 typ h 5.80 6.20 l 0.38 1.27 ? 0 ? 8 ? ? all dimensions in mm tssop-16 dim min max typ a - 1.08 - a1 0.05 0.15 - a2 0.80 0.93 - b 0.19 0.30 - c 0.09 0.20 - d 4.90 5.10 - e 6.40 bsc e1 4.30 4.50 - e 0.65 bsc l 0.45 0.75 - l1 1.00 ref l2 0.25 bsc r 0.09 - - r1 0.09 - - x - - 1.350 y - - 1.050 0 8 - 1 5 15 - 2 0 - - all dimensions in mm d e h l a2 b e a1 a c detail ?a? detail ?a? gauge plane ? pin 1 e b e e/2 e1 a2 a d a1 x y see detail 'a' seating plane gauge plane r l l1 l2 ?0.760depth0.0500.02 r1 ? ? ? ? x) ?? ? c detail 'a'
74hct138 document number: ds35489 rev. 3 - 2 9 of 10 www.diodes.com june 2013 ? diodes incorporated 74hct138 suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. package type: so-16 package type: tssop-16 dimensions value (in mm) c 1.270 x 0.670 x1 9.560 y 1.450 y1 6.400 dimensions value (in mm) c 0.650 x 0.350 x1 4.900 y 1.400 y1 6.800 x1 x c y y1 pin 1 x1 y (16x) y1 x (16x) 1 c
74hct138 document number: ds35489 rev. 3 - 2 10 of 10 www.diodes.com june 2013 ? diodes incorporated 74hct138 important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product described herein. diodes incor porated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes inco rporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose pr oducts are r epresented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchas ed through unauthoriz ed sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall i ndemnify and hold diodes incorporated and its representatives harmless against a ll claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into mu ltiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when pro perly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arising out of the use of diodes incorporated products in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of 74HCT138S16-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X