Part Number Hot Search : 
74AVC C9S12 FRX05 S8430 B8806 SMDA24 GT60N32 FR100
Product Description
Full Text Search
 

To Download 1A1119 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  .280" (7.11mm) .102" (2.6mm) .155" (3.94mm) .255" (6.5mm) .410" (10.4mm) .060" (1.5mm) .150" (3.81mm) .320" (8.13mm) .245" (6.2mm) .226" (5.74mm) .321" (8.15mm) .280" (7.11mm) .102" (2.6mm) .155" (3.94mm) .255" (6.5mm) .410" (10.4mm) .060" (1.5mm) .150" (3.81mm) .320" (8.13mm) .245" (6.2mm) .226" (5.79mm) .321" (8.20mm) pcb fuse clips for atc/atm blade, 5mm, 1 / 4 ?& 13 / 32 ? diameter fuses 1axxxx series catalog clip number mat.* finish 1a1907-02 cart. brass none bright dipped 1a1907-03 becu** bright tin 1a1907-05 becu** silver 1a1907-06 cart. brass bright tin 1a1907 series*** with end stops & straight leads dimensional data .245" (6.2mm) .280" (7.1mm) .280" (7.1mm) .155" (3.94mm) .410" (10.4mm) .140" (3.6mm) .060" (1.5mm) .320" (8.13mm) .102" dia. (2.6mm) .255" (6.5mm) catalog clip number mat.* finish 1a3398-07 cart. brass bright tin 1a3398 series*** without end stops & straight leads dimensional data .280" (7.1mm) .280" (7.1mm) .155" (3.94mm) .410" (10.4mm) .140" (3.6mm) .060" (1.5mm) .320" (8.13mm) .102" dia. (2.6mm) .255" (6.5mm) *spg. br. - spring bronze; becu - beryllium copper; cart. brass - cartridge brass **beryllium copper recommended for currents higher than 15 amps. catalog clip number mat.* finish 1a4534-01 becu** bright tin 1a4534-06 cart. brass bright tin 1a4534 series*** with end stops & angled out leads dimensional data catalog clip number mat.* finish 1a4533-01 becu** bright tin 1a4533-06 cart. brass bright tin 1a4533 series*** without end stops & angled out leads dimensional data ***for rohs compliant version add ?-r? option code suffix to part number. for 1 / 4 ? diameter fuses .250" (6.35mm) .410" (10.4mm) .080" (2.03mm) .155" (3.9mm) .290" (7.4mm) .360" (9.14mm) .312" (7.9mm) .132" (3.4mm) .187" (4.8mm) .320" (8.13mm) catalog clip number mat.* finish 1A1119-04 becu** bright tin 1A1119-05 becu** silver 1A1119-10 cart. brass bright tin 1A1119 series*** with end stops and angled in leads dimensional data .250" (6.35mm) .420" (10.7mm) .080" (2.03mm) .155" (3.9mm) .290" (7.4mm) .360" (9.14mm) .132" (3.4mm) .187" (4.8mm) .320" (8.13mm) .312" (7.9mm) catalog clip number mat.* finish 1a1120-02 cart. brass bright dip 1a1120-05 becu** silver 1a1120-06 becu** bright tin 1a1120-09 cart. brass bright tin 1a1120 series*** without end stops and angled in leads dimensional data 0811 sb-bu11753 page 1 of 4 data sheet 2131
catalog clip number mat.* finish 1a3399-10 spg. br. bright tin 1a3399-01 becu** silver 1a3399-04 becu** bright tin high profile catalog clip number mat.* finish 1a5018-10 spg. br. bright tin 1a5018-7 spg. br. silver .115" (2.9mm) .062" (1.6mm) .254" (6.5mm) .237" (6.0mm) .125" (3.2mm) .225" (6.5mm) .125" (3.2mm) .060" (1.5mm) .188" (4.8mm) .030" (1.6mm) catalog clip number mat.* finish 1a5601 cart. brass bright tin 1a5601 series (0 to 7 amps) dimensional data .250" (6.35mm) .060" (1.5mm) .246" (6.3mm) .344" + .015" (8.73mm + 0.38mm) .266" (6.75mm) .344" + .015" (8.73mm + 0.38mm) .141" + .015" (3.58mm + 0.38mm) .022" + .002" (0.56mm + 0.05mm) .032" + .002" (.81mm + .05mm) catalog clip number mat. finish 1a5602 cart. brass bright tin 1a5602 series (0 to 7 amps) dimensional data .216" (5.48mm) legs to fit in .052" (1.3mm) dia. holes on center .219" (5.57mm) .047" (1.19mm) .093" (2.36mm) .500" (12.70mm) .250" (6.35mm) .140" (3.56mm) .180" (4.57mm) .230" (5.84mm) .440" (11.2mm) .140" (3.7mm) .047" (1.2mm) .180" (4.6mm) 1a3399 and 1a5018 series*** with straight leads dimensional data for 5mm diameter fuses for 13 / 32 ? diameter fuses 1a3400 series*** with end stops & straight leads dimensional data 0.21 8 " (5.54mm) 0.710" (1 8 .0 3 mm) 0.0 8 0" (2.0 3 mm) 0.470" (11.94mm) 0.142" di a . ( 3 .61mm) 0.050" (1.27mm) 0.4 3 7" (11.1mm) 0.470" (11.94mm) 0. 38 0" (9.65mm) ***for rohs compliant version add ?-r? option code suffix to part number. specifications 5mm pcb mount fuseclips current rating: 15a voltage rating: 500vac pcb terminals: solder lug 0811 sb-bu11753 page 2 of 4 data sheet 2131 pcb fuse clips for atc/atm blade, 5mm, 1 / 4 ?& 13 / 32 ? diameter fuses 1axxxx series *spg. br. - spring bronze; becu - beryllium copper; cart. brass - cartridge brass. **beryllium copper recommended for currents higher than 15 amps. specifications : catalog clip amp number material finish rating 1a3400-09 spring bronze bright tin 20a max. 1a3400-10 beryllium copper silver 30a max. 1a3400-12 spring brass bright tin 15a max. 1a3400-09 & 1a3400-10 1a3400-12
catalog clip number mat.* finish 1a5600 cart. satin brass finish tin atc fuses (0 to 20 amps) 1a5600 series dimensional data atm fuses 1a5778 series dimensional data 1a5779 series 1a5780 series dimensional data .150" (3.81mm) .330" (8.38mm) .295" (7.49mm) .200" (5.08mm) .053" (1.35mm) .090" .010" (2.29mm) .090" (2.29mm) mounting layout for 2 clips .012 .30 material: brass, nickel plated, thick 1.90 .075 .156 3.96 .440 11.18 4.98 .196 .125 3.18 1.57 .062 .062 1.57 2.18 .086 3.66 .144 (typ-4) 1.65?}.05 .065?}.002 dia. hole .144 3.66 .176 4.47 3.66 .144 specifications . . . . . . . . . . . . . . . . . . . . . . . . . mounting layout ul rated 94v-0 brass, nickel plated glass filled nylon, 500v ac 15 amps 145? 292? to -50? -58? temperature rating voltage rating current rating fuseclips base material base fuseclips 14.68 .578 4.75 .187 1.45 .057 3.18 .125 1.24 .049 .340 8.64 .100 2.54 .062 1.57 3.66 .144 (typ-4) 1.65?}.05 .065?}.002 dia. hole .144 3.66 .176 4.47 3.66 .144 292? -58? specifications . . . . . . . . . . . . . . . . . . . . . . . . . mounting layout ul rated 94v-0 brass, nickel plated glass filled nylon, 500v ac 15 amps 145? to -50? temperature rating voltage rating current rating fuseclips base material 19.30 .760 3.18 .125 5.08 .200 base fuseclips 4.45 .175 6.35 .250 .271 6.88 .437 11.10 .050 1.27 (typ-4) 2.54?}.05 .100?}.002 dia. hole .200 5.08 .160 4.06 *spg. br. - spring bronze; becu - beryllium copper; cart. brass - cartridge brass ***for rohs compliant version add ?-r? option code suffix to part number. 0811 sb-bu11753 page 3 of 4 data sheet 2131 pcb fuse clips for atc/atm blade, 5mm, 1 / 4 ?& 13 / 32 ? diameter fuses 1axxxx series
dimensions aatcatm catalog 7 / 8 ?1? 1 1 / 4 ?1 3 / 8 ?1 1 / 2 ? b c board number (22.2mm) (25.4mm) (31.8mm) (34.93mm) (38.10mm) 20mm ?? tabs (4 holes) thickness 1a5778- ?????? ? 0.464? 0.144? 0.065?0.002? 0.062? (11.79) (3.66) (1.650.05) (1.57) 1a5779- ?????? ? 0.464? 0.144? 0.065?.002? 0.062? (11.79) (3.66) (1.65.05) (1.57) 1a5780- ?????? 0.560 ? 0.200? 0.100?0.002? 0.062? (14.22) (5.08) (2.540.05) (1.57) 1a3398- 1.00? 1.125? 1.375? ? ? ? ? ? 0.295?-0.305? 0.067?-.070? 0.093? 1a1907- (25.40) (28.58) (34.920) (7.49- 7.75) (1.7 0-1.78) (2.36) 1A1119- 1.00? 1.125? 1.375? ? ? ? ? ? 0.295?-0.305? 0.093?0.002? 0.062?to 0.125? (25.40) (28.58) (34.92) (7.49-7.75) (2.360.05) (1.57to3.18) 1a1120- 1.00? 1.125? 1.375? ? ? ? ? ? 0.295?-0.305? 0.093?0.002? 0.062?to 0.125? (25.40) (28.58) (34.920) (7.49-7.75) (2.360.05) (1.57 to 3.18) 1a3399- ????? 0.875? ? ? 0.200? 0.067?-.070? 093? (22.23) (5.08) (1.70-1.78) (2.36) 1a3400- ? ? ? 1.50? 1.625?? ? ? 0.405? 0.091?-.095? 0.125? (38.10) (41.28) (10.29) (2.31-2.41) (3.18) 1a4533- 1.00? 1.125? 1.375? ? ? ? ? ? 0.300? 0.067?-.070? 0.062? (25.40) (28.58) (34.920) (7.62) (1.70-1.78) (1.57) 1a4534- 1.00? 1.125? 1.375? ? ? ? ? ? 0.300? 0.067?-.070? 0.062? (25.40) (28.58) (34.920) (7.62) (1.70-1.78) (1.57) 1a5018- ????? 0.820?0.015? ? ? 0.180? 0.053?-.002? 0.093? (20.800.38) (4.6) (1.35-0.05) (2.36) 1a5600- ?????? ?? 0.200? 0.052?0.003? 0.125?max. (5.08) (1.320.077) (3.18) 1a5601- ????? 0.820?0.015? ? ? 0.266? 0.067?0.003? 0.062? (20.800.38) (6.76) (1.700.074) (1.57) 1a5602- ?????? ?? 0.220? 0.125?max. (5.588) (3.175) *spg. br. - spring bronze; becu - beryllium copper; cart. brass - cartridge brass **beryllium copper recommended for currents higher than 15 amps. footprint dimensional data a b b c fuse clip catalog numbers ? 2011 cooper bussmann www.cooperbussmann.com 0811 sb-bu11753 page 4 of 4 data sheet 2131 the only controlled copy of this data sheet is the electronic read-only version located on the cooper bussmann network drive. al l other copies of this document are by definition uncon- trolled. this bulletin is intended to clearly present comprehensive product data and provide technical information that will hel p the end user with design applications. cooper bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. cooper bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. once a product has been selected, it should be tested by the user in all possible applications. pcb fuse clips for atc/atm blade, 5mm, 1 / 4 ?& 13 / 32 ? diameter fuses 1axxxx series


▲Up To Search▲   

 
Price & Availability of 1A1119

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X