Part Number Hot Search : 
B3925 49RV5 5KP30 0402C 13001 KSC1815O GP30G SFP840
Product Description
Full Text Search
 

To Download 135-202FAG-J01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  home about us industries products & applications news & events contact & support extranets speed, position & current thermal pressure, force & flow relays switches & equipment health potentiometers & resistors safety products vehicle controls & monitoring test & measurement heaters humidity sensors
temperature sensors thermal cutoffs thermistors & probes > chip series standard ntc thermistors > disc thermistors > e-i matched bead thermistors > surface mounted, end- banded ntc thermistors > glass encapsulated chip thermistors > glass probes > icl inrush current limiter thermistors > iso-curve glass bead and glass probe thermistors > linear thermistor network (ltn) > posi-chip series ptc thermistors > resistance- temperature conversion tables thermostats products & applications contact us request free literature glass encapsulated chip thermistors honeywell glass encapsulated chip thermistors are a high quality line of low-cost, hermetically sealed, glass-encapsulated units that evolved from the highly successful and field-proven honeywell standard chip series. added to the feature of "true low cost' is "delivery from stock" in high volume. they are designed to cover the full temperature range of -60 c to 300 c. the uniform dimensions are ideally suited for automated assembly. this rugged sensor is designed for any application which demands reliability at a low cost. the tinned copper-clad steel leads are both solderable and weldable. the leads may be formed/cut for radial lead applications. glass encapsulated chip thermistors are available to our customers bulk packaged or on tape and reel. features low cost rugged do-35 glass encapsulation high temp. capability (300 c) delivery from stock ideal for highly automated assembly also available on tape and reel d.c. 2.5mw/c in still air min. t.c. 4 s in still air max. electrical characteristics resistance at 25 c (ohm) r-t curve catalog listing (d) tolerance at 25 c 1,000 10a 135-102dag-j01 10 % 2,000 10 135-202FAG-J01 10 % 3,000 10 135-302fag-j01 10 % 5,000 10 135-502faf-j01 5 % 5,000 10 135-502fag-j01 10 % 10,000 10 135-103faf-j01 5 % 10,000 10 135-103fag-j01 10 % 10,000 16 135-103laf-j01 5 % 20,000 16 135-203lag-j01 10 % 30,000 16 135-303kag-j01 10 % 50,000 16 135-503laf-j01 5 % 50,000 16 135-303lag-j01 10 % 100,000 16 135-104laf-j01 5 % 100,000 16 135-104lag-j01 10 % 200,000 1 135-204qag-j01 10 % 500,000 1 135-504qag-j01 10 % search the sensing and control interactive catalog. search for product and support information. advanced search
1 m 1 135-105qag-j01 10 % also offered in 1 %, 2 % and 3 % tolerances. interchangeable, r-t curve matched: these glass encapsulated chip thermistor units are specifically designed to offer interchangeability over the standard temperature range of 0 c to 100 c. electrical characteristics ( 1 c from 0 c to 100 c) resistance at 25 c (ohm) r-t curve catalog listing (d) 10,000 16 135-103lfw-j01 20,000 16 135-203lfw-j01 30,000 16 135-303lfw-j01 50,000 16 135-503lfw-j01 100,000 16 135-104lfw-j01 (d) = distributor item


▲Up To Search▲   

 
Price & Availability of 135-202FAG-J01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X