Part Number Hot Search : 
2SC3912 P2AF3 630NM 74AVC DT74ALV 3151V BC169B GE220K
Product Description
Full Text Search
 

To Download XS2N12PC410D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product datasheet characteristics XS2N12PC410D inductive sensor xs2 m12 - l53mm - brass - sn4mm - 12..24vdc - m12 ? main range of product osisense xs series name general purpose sensor type inductive proximity sensor product specific application - sensor name xs2 sensor design cylindrical m12 size 53 mm body type fixed detector flush mounting acceptance non flush mountable material metal type of output signal discrete wiring technique 4 - wire [sn] nominal sensing distance 4 mm discrete output function 1 no + 1 nc output circuit type dc discrete output type pnp electrical connection 4 pins m12 male connector [us] rated supply voltage 12...24 v dc with reverse polarity protection switching capacity in ma <= 200 ma with overload and short - circuit protection ip degree of protection ip67 conforming to iec 60529 complementary iso thread m12 x 1 detection face frontal front material pps enclosure material nickel plated brass operating zone 0...3.2 mm differential travel 1...15% of sr status led 1 led yellow for output state supply voltage limits 10...36 v dc switching frequency <= 5000 hz voltage drop <= 2 v at closed state current consumption 0...10 ma at no - load delay first up <= 5 ms delay response <= 0.1 ms delay recovery <= 0.1 ms marking ce threaded length 29 mm height 18 mm length 53 mm product weight 0.02 kg environment the?information?provided?in?this?documentation?contains?general?descriptions?and/or?technical?characteristics?of?the?performance?of?the?products?contained?herein. this?documentation?is?not?intended?as?a?substitute?for?and?is?not?to?be?used?for?determining?suitability?or?reliability?of?these?products?for?specific?user?applications. it?is?the?duty?of?any?such?user?or?integrator?to?perform?the?appropriate?and?complete?risk?analysis,?evaluation?and?testing?of?the?products?with?respect?to?the?relevant?specific?application?or?use?thereof. neither?schneider?electric?industries?sas?nor?any?of?its?affiliates?or?subsidiaries?shall?be?responsible?or?liable?for?misuse?of?the?information?contained?herein. 1 / 2 free datasheet http:///
product certifications csa ul ambient air temperature for operation - 25...70 c ambient air temperature for storage - 40...85 c vibration resistance 25 gn amplitude = +/ - 2 mm (f = 10...55 hz) conforming to iec 60068 - 2 - 6 shock resistance 50 gn for 11 ms conforming to iec 60068 - 2 - 27 offer sustainability sustainable offer status green premium product rohs compliant - since 0808 - schneider electric declaration of conformity reach reference not containing svhc above the threshold product environmental profile available product end of life instructions available contractual warranty period 18 months 2 / 2


▲Up To Search▲   

 
Price & Availability of XS2N12PC410D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X