Part Number Hot Search : 
1418THHP SMCJ5 PHP6N60E 1418THHP 1418THHP CEM3320 SY58040U SMA24
Product Description
Full Text Search
 

To Download UDZS3V6B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet semiconductor http://www.yeashin.com 1 rev.02 20120305 h udzsxxb series 200mw sod-323 surface mount small outline flat lead plastic package zener voltage regulators absolute maximum ratings t a = 25c unless otherwise noted symbol parameter value units p d power dissipation 200 mw t stg storage temperature range -65 to +150 c t opr operating temperature range -65 to +150 c these ratings are limiting values above which the serviceability of the diode may be impaired. specification features: ? zener voltage range selection, 2.0v to 36v ? flat lead sod-323 small outline plastic package ? surface device type mounting ? moisture sensitivity level 1 ? clip bonding construction, good thermal capability ? pb free version and rohs compliant ? matte tin(sn) lead finish with nickel(ni) underplate ? band indicates cathode electrical characteristics t a = 25c unless otherwise noted v z @ i zt (volts) device type device marking min max i zt (ma) z zt @ i zt ( ? ) max i zk (ma) z zk @ i zk ( ? ) max i r @ v r ( a) max v r (volts) udzs2v0b d+ 2.02 2.20 5 100 0.5 1000 120 0.5 udzs2v2b d - 2.22 2.41 5 100 0.5 1000 120 0.7 udzs2v4b d= 2.43 2.63 5 100 0.5 1000 120 1 udzs2v7b d 2.69 2.91 5 110 0.5 1000 100 1 udzs3v0b d> 3.01 3.22 5 120 0.5 1000 50 1 udzs3v3b d< 3.32 3.53 5 120 0.5 1000 20 1 UDZS3V6B d0 3.60 3.85 5 90 1 600 4.5 1 udzs3v9b d1 3.89 4.16 5 90 1 600 2.7 1 udzs4v3b d2 4.17 4.43 5 90 1 600 2.7 1 udzs4v7b d3 4.55 4.75 5 80 1 500 2.7 2 udzs5v1b d4 4.98 5.20 5 60 1 500 1.8 2 udzs5v6b d5 5.49 5.73 5 40 1 300 0.9 2 udzs6v2b d6 6.06 6.33 5 40 1 150 2.7 4 udzs6v8b d7 6.65 6.93 5 30 1 75 1.8 4 udzs7v5b d8 7.28 7.60 5 30 1 75 0.9 5 udzs8v2b d9 8.02 8.36 5 30 1 75 0.63 5 udzs9v1b da 8.85 9.23 5 30 1 90 0.45 6 udzs10vb db 9.77 10.21 5 20 1 150 0.18 7 udzs11vb dc 10.76 11.22 5 20 1 150 0.09 8 udzs12vb de 11.74 12.24 5 20 1 150 0.09 8 udzs13vb df 12.91 13.49 5 40 1 160 0.09 8 udzs15vb dg 14.34 14.98 5 40 1 190 0.045 10.5 udzs16vb dh 15.85 16.51 5 40 1 190 0.045 11.2 udzs18vb dj 17.56 18.35 5 50 1 220 0.045 12.6 udzs20vb dk 19.52 20.39 5 60 1 220 0.045 14.0 electrical symbol cathode anode sod-323 flat lead
http://www.yeashin.com 2 rev.02 20120305 udzsxxb series electrical characteristics t a = 25c unless otherwise noted v z @ i zt (volts) device type device marking min max i zt (ma) z zt @ i zt ( ? ) max i zk (ma) z zk @ i zk ( ? ) max i r @ v r ( a) max v r (volts) udzs22vb dl 21.54 22.47 5 80 1 240 0.045 15.4 udzs24vb dm 23.72 24.78 5 80 1 240 0.045 16.8 udzs27vb dn 26.19 27.53 5 100 0.5 300 0.045 18.9 udzs30vb dp 29.19 30.69 5 100 0.5 300 0.045 21.0 udzs33vb dr 32.15 33.79 5 100 0.5 310 0.045 23.0 udzs36vb ds 35.07 36.87 5 100 0.5 330 0.045 25.2 notes: 1. the zener voltage ( v z ) is tested under pulse condition of 40ms. 2. for detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighte r voltage tolerances, contact your n earest yeashin representative. 3. the zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current ( i zt or i zk ) is superimposed to i zt or i zk. sod-323 package outline note: the above package outline is similar to jeita sc-90.
http://www.yeashin.com 3 rev.02 20120305 udzsxxb series device characteristics z electrical characteristic curves (ta=25 c) fig.1 zener voltage characteristics 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 0 10n 100n 1 10 100 1 10 100 5 10152025303540 5.6 5.1 3.6 3.9 4.3 4.7 zener current : i z ( a) zener voltage : v z ( v) 300 200 100 0 050 25 100 150 power dissipation : pd (mw) ambient temperature : ta ( c) fig.2 derating curve fig.3 zener voltage-temp. coefficient characteristics ? 0.08 ? 0.06 ? 0.04 ? 0.02 0.00 0.02 0.04 0.06 0.08 0.10 iz=5ma iz=500 a 210 20 30 zener voltage : vz (v) temp. coefficient characteristics (% / c) z makeup of the part number ? please follow the part number designation when the order is placed. ? fill in from the left, leaving any extra boxes empty on the right. ? please refer packing specification about packing form.


▲Up To Search▲   

 
Price & Availability of UDZS3V6B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X