Part Number Hot Search : 
SDM150 MC14081B 74HCT14D ADA102 250BZX SD526 L7113GT DFLZ18
Product Description
Full Text Search
 

To Download TYPES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  icte5 thru icte18c, 1n6373 thru 1n6386 www.vishay.com vishay general semiconductor revision: 18-sep-12 1 document number: 88356 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 t rans z orb ? transient voltage suppressors devices for bi-direction applications for bi-directional TYPES, us e c suffix (e.g. icte18c). electrical characteristics apply in both directions. features ? glass passivated chip junction ? available in uni-directional and bi-directional ? 1500 w peak pulse power capability with a 10/1000 s waveform, repetitive rate (duty cycle): 0.01 % ? excellent clamping capability ? very fast response time ? low incremental surge resistance ? solder dip 275 c max. 10 s, per jesd 22-b106 ? aec-q101 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 typical applications use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ics, mosfet, signal lines of sensor units for consumer, computer, industrial, and telecommunication. mechanical data case: molded epoxy body over passivated junction molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs compliant and commercial grade base p/nhe3 - rohs compliant and aec-q101 qualified terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 201 class 1a whisker test, he3 suffix meets jesd 201 class 2 whisker test polarity: for uni-directional TYPES the color band denotes cathode end, no marking on bi-directional TYPES notes (1) non-repetitive current pulse, per fig. 3 and derated above t a = 25 c per fig. 2 (2) 8.3 ms single half sine -wave, duty cycle = 4 pulses per minute maximum primary characteristics v wm 5.0 v to 18 v v br (uni-directional) 6.0 v to 21.2 v v br (bi-directional) 9.2 v to 21.2 v p ppm 1500 w p d 6.5 w i fsm 200 a t j max. 175 c polarity uni-directional, bi-directional package 1.5ke case style 1.5ke maximum ratings (t a = 25 c unless otherwise noted) parameter symbol limit unit peak pulse power di ssipation with a 10 /1000 s waveform (1) (fig. 1) p ppm 1500 w peak pulse current with a 10/1000 s waveform (1) (fig. 3) i ppm see next table a power dissipation on infinite heatsink at t l = 75 c (fig. 8) p d 6.5 w peak forward surge current 8.3 ms single half sine-wave uni-directional only (2) i fsm 200 a maximum instantaneous forward voltag e at 100 a for uni-directional only v f 3.5 v operating junction and storage temperature range t j , t stg - 55 to + 175 c
icte5 thru icte18c, 1n6373 thru 1n6386 www.vishay.com vishay general semiconductor revision: 18-sep-12 2 document number: 88356 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) ?c? suffix indicates bi-directional (2) icte5 and 1n6373 are not av ailable as bi-directional (3) clamping factor: 1.33 at full rated power; 1.20 at 50 % ra ted power; clamping factor: the ratio of the actual v c (clamping voltage) to the v br (breakdown voltage) as m easured on a specific device note (1) aec-q101 qualified electrical characteristics (jedec registered data) (t a = 25 c unless otherwise noted) jedec type number general semiconductor part number stand-off voltage v wm (v) minimum breakdown voltage at 1.0 ma v br (v) maximum reverse leakage at v wm i d (a) maximum clamping voltage at i pp = 1.0 a v c (v) maximum clamping voltage at i pp = 10 a v c (v) maximum peak pulse current i pp (a) uni-directional TYPES 1n6373 (2) icte5 (2) 5.0 6.0 300 7.1 7.5 160 1n6374 icte8 8.0 9.4 25.0 11.3 11.5 100 1n6375 icte10 10.0 11.7 2.0 13.7 14.1 90 1n6376 icte12 12.0 14.1 2.0 16.1 16.5 70 1n6377 icte15 15.0 17.6 2.0 20.1 20.6 60 1n6378 icte18 18.0 21.2 2.0 24.2 25.2 50 bi-directional TYPES 1n6382 icte8c 8.0 9.4 50 11.4 11.6 100 1n6383 icte10c 10.0 11.7 2.0 14.1 14.5 90 1n6384 icte12c 12.0 14.1 2.0 16.7 17.1 70 1n6385 icte15c 15.0 17.6 2.0 20.8 21.4 60 1n6386 icte18c 18.0 21.2 2.0 24.8 25.5 50 ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode icte5-e3/54 0.968 54 1400 13" di ameter paper tape and reel icte5he3/54 (1) 0.968 54 1400 13" diameter paper tape and reel
icte5 thru icte18c, 1n6373 thru 1n6386 www.vishay.com vishay general semiconductor revision: 18-sep-12 3 document number: 88356 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - peak pulse power rating curve fig. 2 - pulse power or current vs. initial junction temperature fig. 3 - pulse waveform fig. 4 - typical junction capac itance uni-directional fig. 5 - typical junction capacitance fig. 6 - maximum non-repetitive forward surge current uni-directional only t d - p u lse w idth (s) p ppm - peak p u lse po w er (k w ) 1.0 s 10 s 100 s 1.0 ms 10 ms 0.1 s 0.1 1 10 100 n on-repetiti v e p u lse w a v eform sho w n in fig. 3 t a = 25 c 100 75 50 25 0 0 25 50 75 100 125 150 175 200 peak p u lse p o w er (p pp ) or c u rrent (i pp ) derating in percentage, % t j - initial temperat u re (c) 0 50 100 150 t r = 10 s peak v al u e i ppm half v al u e - i ppm i pp 2 t d 10/1000 s w a v eform as defined b y r.e.a. 0 1.0 2.0 3.0 4.0 t - time (ms) i ppm - peak p u lse c u rrent, % i rsm t j = 25 c p u lse w idth (t d ) is defined as the point w here the peak c u rrent decays to 50 % of i ppm v br - breakdo w n v oltage ( v ) c j - j u nction capacitance (pf) 100 1000 10 000 100 000 10 1.0 100 200 meas u red at zero bias meas u red at stand-off v oltage v w m t j = 25 c f = 1.0 mhz v sig = 50 m v p-p v br - breakdo w n v oltage ( v ) c j - j u nction capacitance (pf) 100 1000 10 000 100 000 10 1.0 100 200 bi-directional type meas u red at zero bias meas u red at stand-off v oltage v w m n on-repetiti v e p u lse w a v eform sho w n in fig. 3 t a = 25 c nu m b er of cycles at 60 hz i fsm - peak for w ard s u rge c u rrent (a) 1 5 10 50 100 10 50 100 200 t j = t j max. 8.3 ms single half sine- w a v e
icte5 thru icte18c, 1n6373 thru 1n6386 www.vishay.com vishay general semiconductor revision: 18-sep-12 4 document number: 88356 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 7 - typical characteristics clamping voltage fig. 8 - power derating curve package outline dimensions in inches (millimeters) v c - clamping v oltage ( v ) i pp - peak p u lse c u rrent (a) 10 50 1 10 8 61214161820222426 28 uni-directional only t a = 25 c icte5 icte8 icte10 icte12 icte18 icte15 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 25 50 75 100 125 150 175 200 p d - po w er dissipation ( w ) t l - lead temperat u re (c) l = 0.375" (9.5 mm) lead lengths 1.0 (25.4) min. 1.0 (25.4) min. 0.375 (9.5) 0.285 (7.2) 0.210 (5.3) 0.190 (4.8) dia. 0.042 (1.07) 0.038 (0.96) dia. case s tyle 1.5ke
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of TYPES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X