Part Number Hot Search : 
100R2 TA7060 AUK11Y48 25FR10M NSLC420 4BC30K LN61C NTE3044
Product Description
Full Text Search
 

To Download TP5ETAJP0IV50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  w w w . a d c . c o m ? + 1 - 9 5 2 - 9 3 8 - 8 0 8 0 ? 1 - 8 0 0 - 3 6 6 - 3 8 9 1 spec sheet truenet ? category 5e specialty patch cords impedance matched for use in truenet? structured cabling systems; these specialty patch cords exceed all performance requirements for category 5e. the plug is designed with integrated strain relievers that prevent the cable from moving at the termination point when the cable is flexed, safeguarding circuit integrity and guaranteeing maximum performance. the strain relievers also ensure that proper bend radii are maintained throughout the network. these cords are available in plenum or riser versions to meet all requirements within the lan and data center environment. the specialty cable assemblies are available in plug to plug or jack to plug configuration for ease of installation in a data center or a zone cabling application. features: ? exceeds tia/eia category 5e requirements ? cable assemblies are available in riser or plenum solid horizontal cable versions ? durable design to be in operation beyond 20-year product warranty ? impedance matched patch cord for maximum throughput ? flexible strain relief boot maintains proper bend radius to ensure peak performance ? plug to jack cable assemblies utilizes adcs k610 5e jack and lsa-plus 45 degree angle idc design ? up to 28 percent smaller outer diameter than other patch cords ? ul 1863 listed and category 5e performance verified
web site: www.adc.com from north america, call toll free: 1-800-366-3891 ? outside of north america: +1-952-938-8080 fax: +1-952-917-3237 ? for a listing of adcs global sales office locations, please refer to our web site. adc telecommunications, inc., p.o. box 1101, minneapolis, minnesota usa 55440-1101 specifications published here are current as of the date of publication of this document. because we are continuously improving our products, adc reserves the right to change specifications without prior notice. at any time, you may verify product specifications by contacting our headquarters office in minneapolis. adc telecommunications, inc. views its patent portfolio as an important corporate asset and vigorously enforces its patents. products or features contained herein may be covered by one or more u.s. or foreign patents. an equal opportunity employer 104640ae 5/07 original ? 2007 adc telecommunications, inc. all rights reserved spec seet specifications operating temperature range: -10o to 60 oc (14o to 140 of) rj45 plug interface according to: iec 60603-7 transmission performance and reliability: tia/eia 568-b.2-1 category 5e iso 11801 class d standard number of plug insertion cycles: 750 (iec/en 60603-7) conductor: 24 awg nominal outer diameter: 4.57mm (.180) plenum and 4.7mm (.185) riser safety rating: ul 1863 flammability rating: ul 94 v-0 note: see truenet category 5e plenum and riser data sheets for additional detail for cable specifications. description ordering number patch cords r45 plug to rj45 plug c5e utp rj45 plug to rj45 568a plug riser patch cord tp5etar0xxyy c5e utp rj45 plug to rj45 568b plug riser patch cord tp5etar-xxyy c5e utp rj45 plug to rj45 568a plug plenum patch cord tp5etap0xxyy c5e utp rj45 plug to rj45 568b plug plenum patch cord tp5etap-xxyy o r d e r i n g i n f o r m a t i o n description ordering number patch cords r45 plug to rj45 jack c5e utp rj45 plug to rj45 jack 568a riser patch tp5etaj0xxyy c5e utp rj45 plug to rj45 jack 568b riser patch tp5etaj-xxyy c5e utp rj45 plug to rj45 jack 568a plenum patch cord tp5etajp0xxyy c5e utp rj45 plug to rj45 jack 568b plenum patch cord tp5etajp-xxyy o r d e r i n g i n f o r m a t i o n sub xx for color: bl=blue, bk=black, gy=gray, rd=red, gn=green, yl=yellow, wt=white sub yy for length: 04= 4 feet, 07= 7 feet, 10=10 feet, 15=15 feet, 25=25 feet, 50=50 feet call adc for additional colors and lengths sub xx for color: bl=blue, bk=black, gy=gray, gn=green, iv=ivory, rd=red, yl=yellow, wt=white, or=orange, vt= violet sub yy for length: 07= 7 feet, 15=15 feet, 25=25 feet, 30= 30 feet, 35= 35 feet 50=50 feet call adc for additional lengths plenum cable assemblies use blue cable and riser cable assemblies use white cable. only the k610 jack color will change .


▲Up To Search▲   

 
Price & Availability of TP5ETAJP0IV50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X