Part Number Hot Search : 
BA6144 BA6197FP TLE4290G 2180Q1 253PN COM4215A 24064 SR220
Product Description
Full Text Search
 

To Download SR280 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sr220 thru sr2200 schottky barrier rectifier reverse voltage - 20 to 200 volts forward current - 2.0 ampere case : jedec do-15 molded plastic body terminals : plated axial leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any weight features mechanical data maximum ratings and electrical characteristics note: 1.measured at 1mhz and applied reverse voltage of 4.0v d.c. 2.thermal resistance from junction to ambient at 0.375 ? (9.5mm)lead length,p.c.b. mounted ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. the plastic package carries underwriters laboratory flammability classification 94v-0 metal silicon junction,majority carrier conduction low power loss,high efficiency high forward surge current capability high temperature soldering guaranteed: 250 c/10 seconds,0.375 ? (9.5mm) lead length, 5 lbs. (2.3kg) tension 20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 80 56 80 sr 220 volts volts volts symbols units amp amps volts v rrm v rms v dc i (av) i fsm v f 2.0 60.0 0.70 operating junction temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 0.375 ? (9.5mm) lead length(see fig.1) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 2.0a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c typical junction capacitance (note 1) i r 0.5 r q ja c j t j t stg 50.0 80 pf c ma typical thermal resistance (note 2) c/w sr 230 sr 250 sr 240 sr 260 sr 280 sr 270 sr 290 100 70 100 sr 2a0 70 49 70 90 63 90 storage temperature range c -65 to +150 -65 to +125 -65 to +150 10.0 0.55 0.85 220 5.0 150 105 100 sr 2150 200 140 200 sr 2200 0.95 0.2 2.0 mdd electronic dimensions in inches and (millimeters) do-201ad 0.220(5.6) 0.197(5.0) dia. dia. 1.0 (25.4) min. 0.375 (9.50) 0.285(7.20) 1.0 (25.4) min. 0.052 (1.3) 0.048 (1.2) mdd catalog number :0.04 ounce, 1.10 grams
ratings and characteristic curves sr220 thru sr2200 2.0 1.6 1.2 0.8 0.4 0 0 25 50 75 100 125 150 175 60 48 36 24 12 0 0.01 0.1 1 10 100 100 10 1 0.1 t,pulse duration,sec. fig. 6-typical transient thermal impedance number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified current, amperes peak forward surge current, amperes single phase half wave 60hz resistive or inductive load 1 10 100 8.3ms single half sine-wave (jedec method) 0 20 40 60 80 100 100 10 1 0.1 0.01 0.001 tj=25 c tj=100 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, millamperes transient thermal impedance, c/w ambient temperature, c sr270-sr2200 sr220-sr260 tj=75 c 0.1 1.0 10 100 reverse voltage,volts fig. 5-typical junction capacitance junction capacitance, pf t j =25 c 10 100 1000 2000 sr250-sr2200 sr220-sr240 0.2 0.4 0.6 0.8 1.0 1.1 fig. 3-typical instantaneous forward characteristics instantaneous forward current,amperes instantaneous forward voltage, volts 0.01 0.1 1 20 10 t j =25 c pulse width=300 m s 1%duty cycle sr250-sr260 sr220-sr240 sr270-sr2150 sr2200 mdd electronic


▲Up To Search▲   

 
Price & Availability of SR280

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X