Part Number Hot Search : 
YD1028 SI9718CY B2412 BR2506 C3875 3N130 79L12 74VCX16
Product Description
Full Text Search
 

To Download SPS-821 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  you want - we ca n 2.1 multimedia speaker system operation manual www.sven.f SPS-821 http://www..net/ datasheet pdf - http://www..net/
operation manual eng s p s - 8 21 http://www..net/ datasheet pdf - http://www..net/
you want - we ca n 2 2.1 multimedia speaker system 1. description the device is designed for playing music, sounding movies, videogames, etc. you can use it with a computer, tv, mp3 player and other audio devices. 2. safety precautions ? to avoid electric shock, do not open the mss and do not perform repairs by yourself. ? do not allow the circuit of wires (including the grounded ones) between the speakers, on the power amplifier or the ground, for it causes damage to the power amplifier output stage. ? do not put foreign objects inside the holes of the mss. make sure that needles, hair pins, coins, insects etc. do not get inside. ? protect the mss from high humidity, water and dust. do not locate it in areas with high level of humidity and dust. ? protect the mss from heating: do not locate it near a heat source or expose to direct sunlight. ? do not use gasoline, alcohol or other solvents when cleaning, since they may damage the paint-coated surface of the mss. clean it with dry soft cloth only. ? if the mss does not operate, unplug it and address your dealer. caution! high voltage inside! to avoid the risk of electric shock do not open and touch elements inside. 3. package contents ? subwoofer 1 pc ? satellites 2 pcs ? 2rca to mini-jack stereo signal cable 1 pc ? operation manual 1 pc ? warranty card 1pc 4. special features ? easy connection to various audio devices ? controls on the front panel ? master volume control ? independent subwoofer volume control ? treble level control 5. front control panel a power: power led b bass: subwoofer volume control knob c treble: treble level control knob d volume: master volume control knob fig.1. front panel eng http://www..net/ datasheet pdf - http://www..net/
3 6. rear panel e audio input: audio device connection input f audio output: satellite output g on/of: power switch h power cord 7. locating ? place the satellites symmetrically to the listeners at least one meter away. place the mss far away from tv sets, as picture distortion in supersensitive monitors and tv sets is possible. ? its recommended that the subwoofer be placed on the table. 8. installation and operation guide SPS-821 multimedia speaker system can be connected to virtually any audio source: dvd/cd player, pc, laptop, etc. (see connection diagram, fig. 3). warning! all components should be switched off before connection. ? connect the built-in audio cables to the audio out - put jacks on the subwoofer rear panel (see fig. 2). note that the rca jack on the right speaker should be connected to the red terminal of the subwoofer (audio output r) and the rca jack of the left speaker to the white terminal of the subwoofer (audio output l). ? insert the rca jacks of the 2rca to mini-jack stereo signal cable (included) into r and l connectors e of the subwoofer audio input and plug the mini-jack of the cable into the ? 3.5 mm line out port of your pc sound card or an audio output of your mp3 player (see connection diagram, fig. 3). note. to connect the mss to a cd/dvd-player or tv, use the 2rca to 3.5 mm mini-jack stereo signal cable (included) with a mini-jack to 2rca adapter (not included) or a 2rca to 2rca stereo signal cable (not included), as shown in fig. 2. ? plug the power cord h on the rear panel of the subwoofer into a mains outlet. ? set the master volume level to its minimum , turn volume d counterclockwise until it stops. ? turn on power supply with the power switch g ( on position) . the power led a will illuminate. ? turn on your audio source. ? adjust the master volume with the volume d knob. by turning the knob clockwise, you increase the volume level, and by turning it counterclockwise, you reduce it. fig. 2. rear panel operation manual eng s p s - 8 21 http://www..net/ datasheet pdf - http://www..net/
you want - we ca n 2.1 multimedia speaker system 4 ? adjust the subwoofer and treble levels, with bass b and treble c knobs respectively . by turning the knob clockwise, you increase the volume level, while by turning it counterclockwise, you reduce it. notes: ? if you dont use the mss for a long time, mind to switch off the system with power switch on the subwoofer rear panel and unplug the power cord. ? use the soundcard line-out port to improve sound quality. fig. 3. connection diagram 2rca to mini-jack signal cable 2rca t 2rca signal cable or player power cord pc cd dv d eng http://www..net/ datasheet pdf - http://www..net/
5 10. technical specifications notes: ? technical specifications given in this table are supplemental information and cannot give occasion to claims. ? technical specifications are subject to change without notice due to the improvement of sven production. parameter, measurement unit output power, w (rms) subwoofer satellites speaker dimensions, mm subwoofer satellites supply voltage, v/hz frequency range, hz subwoofer satellites speaker dimensions, mm subwoofer satellites weight, kg value 40 (20 + 2 10) 20 2 10 = 125 full range = 75 ~220/50 40 C 200 200 C 20 000 150 240 250 95 133 90 4.35 cause the mms isnt connected to the mains outlet. power switch is of. volume level is set at minimum value. improperly connected audio source. volume level is set at minimum value. large amplitude of the input signal. solution check the connection. turn on the switch. adjust the volume control knob. connect audio sources correctly. adjust the volume control knob. turn down the source volume and mss volume. problem the mms doesnt turn on. no sound. there is too quiet sound of speakers. distortion of sound. if none of the above methods can solve the problem, please seek professional advice at your nearest service center. never attempt to repair the product yourself. 9. troubleshooting operation manual eng s p s - 8 21 http://www..net/ datasheet pdf - http://www..net/
you want - we ca n ????: SPS-821 ??? ?: ????????, 111024, , . ???, . ???????, . 65, . 1. ??????? ??????? ?: ?-?, 105082, . ???, . ??? ????, . 75, . 5. ??? ???????? ???????? ?? ??????? ??? ?? ? ?? www.sven.f ??????? : 12 ??. ???: 5 ??. ??????? ???? ??? ????????? ??????, 48310, ??????, ??, ???????, 15. ????? ???. ????: SPS-821 ?????/??? ???: ??? ???, 08400, ???? ???, . ????-???????, ?. ??? ??, 31. ???????, ???? ?????? ???? ????? ?? ??. ??????? ???????. ?? ???????? ???????? ??? ???????? ??? ?? ? ??? www.sven.f ???????? ??: 12 ?. ???: 5 ?. ?? ???????/?? ?????? ????. ?????? ??? ? ??. ?????? ? ??. ??????? ? ???? ??? ???????? ????, 48310, ?????, ??, ????????, 15. ????? ???. ????? ?? ???: greenwave industrial group ltd, unit 2509, 25/f, 113 argyle street, mongkok, kowloon, hong kong. produced under the control of oy sven scandinavia ltd. 15, kotolahdentie, kotka, finland, 48310. made in china. ? registered trademark of oy sven scandinavia ltd. finland. SPS-821 2.1 multimedia speaker system http://www..net/ datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of SPS-821

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X