Part Number Hot Search : 
MP161 SCL5458 SMCJ11 SMCJ11 MC163 SB190S 402ML SN54LS15
Product Description
Full Text Search
 

To Download Q6006LH456 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  61 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 6 amp sensitive, standard & alternistor (high commutation) triacs lxx06xx & qxx06xx & qxx06xhx series lxx06xx & qxx06xx & qxx06xhx series description 6 amp bi-directional solid state switch series is designed for ac switching and phase control applications such as motor speed and temperature modulation controls, lighting controls, and static switching relays. sensitive type devices guarantee gate control in quadrants i & iv needed for digital control circuitry. standard type devices normally operate in quadrants i & iii triggered from ac line. alternistor type devices only operate in quadrants i, ii, & iii and are used in circuits requiring high dv/dt capability. features & benefts ? rohs compliant ? glass C passivated junctions ? voltage capability up to 1000 v ? surge capability up to 85 a ? electrically isolated l - package is ul recognized for 2500vrms ? solid-state switching eliminates arcing or contact bounce that create voltage transients ? no contacts to wear out from reaction of switching events ? restricted (or limited) rfi generation, depending on activation point of sine wave ? requires only a small gate activation pulse in each half-cycle main features symbol value unit i t(rms) 6 a v drm /v rrm 400 to 1000 v i gt (q1) 5 to 50 ma schematic symbol mt2 mt1 g agency approval agency agency file number ? l package: e71639 absolute maximum ratings sensitive triac (4 quadrants) symbol parameter value unit i t(rms) rms on-state current (full sine wave) lxx06ly t c = 80c 6 a lxx06vy / lxx06dy/ lxx06ry t c = 85c i tsm non repetitive surge peak on-state current (full cycle, t j initial = 25c) f = 50 hz t = 20 ms 50 a f = 60 hz t = 16.7 ms 60 i 2 t i 2 t value for fusing t p = 8.3 ms 15 a 2 s di/dt critical rate of rise of on-state current i g = 50ma with 0.1s rise time f = 120 hz t j = 110c 70 a/s i gtm peak gate trigger current t p 10 s t j = 110c 1. 6 a p g(av) average gate power dissipation t j = 110c 0.4 w t stg storage temperature range -40 to 150 c t j operating junction temperature range -40 to 110 c note: xx = voltage, y = sensitivity applications excellent for ac switching and phase control applications such as heating, lighting, and motor speed controls. typical applications are ac solid-state switches, light dimmers, power tools, home/brown goods and white goods appliances. alternistor triacs (no snubber required) are used in applications with extremely inductive loads requiring highest commutation performance. internally constructed isolated packages are offered for ease of heat sinking with highest isolation voltage. ?
62 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 6 amp sensitive, standard & alternistor (high commutation) triacs lxx06xx & qxx06xx & qxx06xhx series absolute maximum ratings standard triac symbol parameter value unit i t(rms) rms on-state current (full sine wave) qxx06ry / qxx06ny t c = 95c 6 a qxx06ly t c = 90c i tsm non repetitive surge peak on-state current (full cycle, t j initial = 25c) f = 50 hz t = 20 ms 65 a f = 60 hz t = 16.7 ms 80 i 2 t i 2 t value for fusing t p = 8.3 ms 26.5 a 2 s di/dt critical rate of rise of on-state current i g = 200ma with 0.1s rise time f = 120 hz t j = 125c 70 a/s i gtm peak gate trigger current t p 10 s; i gt i gtm t j = 125c 1. 6 a p g(av) average gate power dissipation t j = 125c 0.5 w t stg storage temperature range -40 to 150 c t j operating junction temperature range -40 to 125 c note: xx = voltage, y = sensitivity absolute maximum ratings alternistor triac (3 quadrants) symbol parameter value unit i t(rms) rms on-state current (full sine wave) qxx06lhy t c = 95c 6 a qxx06rhy / qxx06nhy qxx06vhy / qxx06dhy t c = 100c i tsm non repetitive surge peak on-state current (full cycle, t j initial = 25c) f = 50 hz t = 20 ms qxx06vhy qxx06dhy 55 a qxx06lhy qxx06rhy qxx06nhy 80 f = 60 hz t = 16.7 ms qxx06vhy qxx06dhy 65 qxx06lhy qxx06rhy qxx06nhy 85 i 2 t i 2 t value for fusing t p = 8.3 ms qxx06vhy qxx06dhy 1 7. 5 a 2 s qxx06lhy qxx06rhy qxx06nhy 30 di/dt critical rate of rise of on-state current f = 120 hz t j = 125c 70 a/s i gtm peak gate trigger current t p 10 s; i gt i gtm t j = 125c 1. 6 a p g(av) average gate power dissipation t j = 125c 0.5 w t stg storage temperature range -40 to 150 c t j operating junction temperature range -40 to 125 c note: xx = voltage, y = sensitivity
63 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 6 amp sensitive, standard & alternistor (high commutation) triacs lxx06xx & qxx06xx & qxx06xhx series electrical characteristics (t j = 25c, unless otherwise specifed) sensitive triac (4 quadrants) symbol test conditions quadrant value unit lxx06x5 lxx06x6 lxx06x8 i gt v d = 12v r l = 60 i C ii C iii iv max. 5 5 5 10 10 20 ma v gt all max. 1. 3 v v gd v d = v drm r l = 3.3 k t j = 110c all min. 0.2 v i h i t = 100ma max. 10 10 20 ma dv/dt v d = v drm gate open t j = 100c 400v typ. 30 30 40 v/s 600v 20 20 30 (dv/dt)c (di/dt)c = 3.2 a/ms t j = 110c typ. 1 2 2 v/s t gt i g = 2 x i gt pw = 15s i t = 8.5 a(pk) typ. 3.0 3.0 3.2 s symbol test conditions quadrant value unit qxx06x4 qxx06x5 i gt v d = 12v r l = 60 i C ii C iii iv max. typ. 25 50 50 75 ma v gt i C ii C iii max. 1. 3 v v gd v d = v drm r l = 3.3 k t j = 125c all min. 0.2 v i h i t = 200ma max. 50 50 ma dv/dt v d = v drm gate open t j = 125c 400v min. 120 v/s 600v 100 800v 85 v d = v drm gate open t j = 100c 1000v 100 (dv/dt)c (di/dt)c = 3.2 a/ms t j = 125c typ. 4 4 v/s t gt i g = 2 x i gt pw = 15s i t = 8.5 a(pk) typ. 3.0 3.0 s electrical characteristics (t j = 25c, unless otherwise specifed) alternistor triac (3 quadrants) symbol test conditions quadrant value unit qxx06xh3 qxx06xh4 i gt v d = 12v r l = 60 i C ii C iii max. 10 35 ma v gt i C ii C iii max. 1. 3 v v gd v d = v drm r l = 3.3 k t j = 125c i C ii C iii min. 0.2 v i h i t = 100ma max. 15 35 ma dv/dt v d = v drm gate open t j = 125c qxx06vhy / qxx06dhy min. 400v 75 400 v/s 600v 50 300 800v 200 qxx06lhy / qxx06rhy / qxx06nhy 400v 75 450 600v 50 350 800v 250 v d = v drm gate open t j = 100c all 1000v 150 (dv/dt)c (di/dt)c = 3.2 a/ms t j = 125c min. 20 25 v/s t gt i g = 2 x i gt pw = 15s i t = 8.5 a(pk) typ. 4.0 4.0 s note: xx = voltage, x = package, y = sensitivity electrical characteristics (t j = 25c, unless otherwise specifed) standard triac
64 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 6 amp sensitive, standard & alternistor (high commutation) triacs lxx06xx & qxx06xx & qxx06xhx series static characteristics symbol test conditions value unit v tm i tm = 11.3a t p = 380 s max. 1.60 v i drm / i rrm v drm = v rrm lxx06xy t j = 25c 400 - 600v max. 20 a t j = 110c 400 - 600v 0.5 ma qxx06xy t j = 25c 400 - 1000v 50 a t j = 125c 400 - 800v 2 ma t j = 100c 1000v 3 qxx06xhy t j = 25c 400 - 800v 10 a 1000v 20 t j = 125c 400 - 800v 3 ma t j = 100c 1000v 2 thermal resistances symbol parameter value unit r (j-c) junction to case (ac) l/qxx06ryy / l/qxx06nyy 1. 8 c/w l/qxx06lyy 3.3 l/qxx06vyy / l/qxx06dyy 3.2 r (j-a) junction to ambient l/qxx06ryy 45 c/w l/qxx06lyy 50 l/qxx06vyy 70 note: xx = voltage, x = package, y = sensitivity, yy = type & sensitivity figure 1: defnition of quadrants figure 2: normalized dc gate trigger current for all quadrants vs. junction temperature junction temperature (t j )- c -65 -40 -1 51 03 56 08 51 10 12 5 4.0 3.0 2.0 1. 0 0.0 ratio of i gt i gt (t j = 25c) note: alternistors will not operate in qiv mt2 positive (p ositi ve half cycle) mt2 ne ga tive (neg ati ve half cycle) no te: alternistor s will not operate in qiv mt1 mt2 + i gt ref qii mt1 i gt ga te mt2 ref mt1 mt2 ref mt1 mt2 ref qi qiv qiii all polarities are referenced to mt1 ( - ) i gt ga te (+) i gt - i gt ga te ( - ) i gt ga te (+) + -
65 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 6 amp sensitive, standard & alternistor (high commutation) triacs lxx06xx & qxx06xx & qxx06xhx series figure 3: normalized dc holding current vs. junction temperature figure 4: normalized dc gate trigger voltage for all quadrants vs. junction temperature junction t emper at ur e (t j )- c -65 -40 -1 51 03 56 08 51 10 12 5 4.0 3.0 2.0 1. 0 0.0 ratio of i h i h (t j = 25c) junction temperature (t j )- oc ratio of v gt v gt (t j = 25c) 110 125 85 60 35 10 -40 -40 -65 2.0 0.0 0.5 1.0 1.5 figure 7: maximum allowable case temperature vs. on-state current (standard triac) figure 8: maximum allowable case temperature vs. on-state current (alternistor triac) rms on-stat e cur r ent (i t(rms) ) - amps 7 6 5 4 3 2 1 0 13 0 12 0 11 0 10 0 90 80 70 60 maximum allowable case te mper at ur e (t c ) - c qxx06rhy qxx06nhy qxx06vhy qxx06dhy qxx06lhy current wa veform: sinusoidal lo ad: resistiv e or inductiv e conduction angle: 360 ca se tempera ture: measur ed as sho wn on dimensional drawings rms on-stat e cur r ent (i t(rms) ) - amps 02468 10 12 14 16 0 2 4 6 8 10 12 14 16 18 av er ag e on-stat e po w er dissipation (p d(a v) ) - wa tt s current wa veform: sinusoidal lo ad: resistiv e or inductiv e conduction angle: 360 figure 5: power dissipation (typical) vs. rms on-state current figure 6: maximum allowable case temperature vs. on-state current (sensitive triac) rms on-stat e cur r ent (i t(rms) ) - amps 7 6 5 4 3 2 1 0 12 0 11 0 10 0 90 80 70 60 maximum allowable case t emper at ur e (t c ) - c lxx06vy lxx06dy lxx06ry lxx06l y current wa veform: sinusoidal lo ad: resistiv e or inductiv e conduction angle: 360 ca se tempera ture: measur ed as sho wn on dimensional drawings rms on-stat e cur r ent (i t(rms) ) - amps 7 6 5 4 3 2 1 0 13 0 12 0 11 0 10 0 90 80 70 60 maximum allowable case te mper at ur e (t c ) - c qxx06l y current wa veform: sinusoidal lo ad: resistiv e or inductiv e conduction angle: 360 ca se tempera ture: measur ed as show n on dimensional dr a wings qxx06ry qxx06ny
66 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 6 amp sensitive, standard & alternistor (high commutation) triacs lxx06xx & qxx06xx & qxx06xhx series figure 9: maximum allowable ambient temperature vs. on-state current (sensitive / standard triac) figure 10: maximum allowable ambient temperature vs. on-state current (alternistor triac) rms on-stat e cur r ent [i t(rms) ] - amps 12 0 10 0 80 60 40 20 maximum allowable ambient t emper at ur e (t a ) - c 2.0 1. 8 1. 6 1. 4 1. 2 1. 0 0.8 0.6 0.4 0.2 0.0 current wa veform: sinusoidal lo ad: resistiv e or inductiv e conduction angle: 360 ca se tempera ture: measur ed as sho wn on dimensional drawing q xx06lhy q xx06rhy q xx06nhy qxx06vhy rms on-stat e cur r ent (i t(rms) ) - amps 12 0 10 0 80 60 40 20 maximum allowable ambient t emper at ur e (t a ) - c 2.0 1. 8 1. 6 1. 4 1. 2 1. 0 0.8 0.6 0.4 0.2 0.0 qxx06l y qxx06ry qxx06ny lxx06l y lxx06ry l/qxx06vy current wa veform: sinusoidal lo ad: resistiv e or inductiv e conduction angle: 360 free air ra ting ? no hea tsink figure 11: on-state current vs. on-state voltage (typical) 1. 6 1. 5 1. 4 1. 3 1. 2 1. 1 1. 0 0.9 0.8 0.7 20 18 16 14 12 10 8 6 4 2 0 t c = 25c p ostitiv e or neg ativ e instantaneous on-stat e v oltag e (v t ) - v olts p ostitiv e or neg ativ e instantaneous on-stat e cur r ent (i t ) - amps
67 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 6 amp sensitive, standard & alternistor (high commutation) triacs lxx06xx & qxx06xx & qxx06xhx series sur ge cur r ent dur ation- f ull cy cles 1 p eak sur ge (non-repetitiv e) on-stat e cur r ent (i tsm ) - amps 11 01 00 10 00 10 10 0 qxx06l y qxx06ry qxx06ny lxx06l y lxx06ry lxx06vy lxx06dy figure 12: surge peak on-state current vs. number of cycles (sensitive / standard triac) supply frequency: 60 hz sinusoidal load: resistive rms on-state current: [i t(rms) ]: maximum rated value at specifed case temperature notes: 1. gate control may be lost during and immediately following surge current interval. 2. overload may not be repeated until junction temperature has returned to steady-state rated value. sur ge cur r ent dur ation- f ull cy cles 1 pe ak surg e (non-repetitiv e) on-stat e cur r ent (i tsm ) - amps 11 01 00 10 00 10 10 0 qxx06lhy qxx06rhy qxx06nhy qxx06vhy qxx06dhy figure 13: surge peak on-state current vs. number of cycles (alternistor triac) supply frequency: 60 hz sinusoidal load: resistive rms on-state current: [i t(rms) ]: maximum rated value at specifed case temperature notes: 1. gate control may be lost during and immediately following surge current interval. 2. overload may not be repeated until junction temperature has returned to steady-state rated value. note: xx = voltage, x = package, y = sensitivity, yy = type & sensitivity
68 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 6 amp sensitive, standard & alternistor (high commutation) triacs lxx06xx & qxx06xx & qxx06xhx series soldering parameters refow condition pb C free assembly pre heat - temperature min (t s(min) ) 150c - temperature max (t s(max) ) 200c - time (min to max) (t s ) 60 C 180 secs average ramp up rate (liquidus temp) (t l ) to peak 5c/second max t s(max) to t l - ramp-up rate 5c/second max refow - temperature (t l ) (liquidus) 217c - temperature (t l ) 60 C 150 seconds peak temperature (t p ) 260 +0/-5 c time within 5c of actual peak temperature (t p ) 20 C 40 seconds ramp-down rate 5c/second max time 25c to peak temperature (t p ) 8 minutes max. do not exceed 280c physical specifcations environmental specifcations test specifcations and conditions ac blocking (v drm ) mil-std-750, m-1040, cond a applied peak ac voltage @ 125c for 1008 hours temperature cycling mil-std-750, m-1051, 100 cycles; -40c to +150c; 15-min dwell-time temperature/ humidity eia / jedec, jesd22-a101 1008 hours; 320v - dc: 85c; 85% rel humidity high temp storage mil-std-750, m-1031, 1008 hours; 150c low-temp storage 1008 hours; -40c thermal shock mil-std-750, m-1056 10 cycles; 0c to 100c; 5-min dwell- time at each temperature; 10 sec (max) transfer time between temperature autoclave eia / jedec, jesd22-a102 168 hours (121c at 2 atms) and 100% r/h resistance to solder heat mil-std-750 method 2031 solderability ansi/j-std-002, category 3, test a lead bend mil-std-750, m-2036 cond e terminal finish 100% matte tin-plated body material ul recognized epoxy meeting fammability classifcation 94v-0 terminal material copper alloy design considerations careful selection of the correct device for the applications operating parameters and environment will go a long way toward extending the operating life of the thyristor. good design practice should limit the maximum continuous current through the main terminals to 75% of the device rating. other ways to ensure long life for a power discrete semiconductor are proper heat sinking and selection of voltage ratings for worst case conditions. overheating, overvoltage (including dv/dt), and surge currents are the main killers of semiconductors. correct mounting, soldering, and forming of the leads also help protect against component damage. ti me te mperature t p t l t s(max) t s(min) 25 t p t l t s time to peak temperature preheat p r e h eat ramp-up ramp-up ramp-down r am p - do
69 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 6 amp sensitive, standard & alternistor (high commutation) triacs lxx06xx & qxx06xx & qxx06xhx series dimensions to-220ab (r-package) non-isolated mounting tab common with center lead dimension inches millimeters min max min max a 0.380 0.420 9.65 10.67 b 0.105 0.115 2.67 2.92 c 0.230 0.250 5.84 6.35 d 0.590 0.620 14.99 15.75 e 0.142 0.147 3.61 3.73 f 0.110 0.130 2.79 3.30 g 0.540 0.575 13.72 14.61 h 0.025 0.035 0.64 0.89 j 0.195 0.205 4.95 5.21 k 0.095 0.105 2.41 2.67 l 0.060 0.075 1.52 1.91 m 0.085 0.095 2.16 2.41 n 0.018 0.024 0.46 0.61 o 0.178 0.188 4.52 4.78 p 0.045 0.060 1. 14 1.52 r 0.038 0.048 0.97 1.22 dimensions to-220ab (l-package) isolated mounting tab dimension inches millimeters min max min max a 0.380 0.420 9.65 10.67 b 0.105 0.115 2.67 2.92 c 0.230 0.250 5.84 6.35 d 0.590 0.620 14.99 15.75 e 0.142 0.147 3.61 3.73 f 0.110 0.130 2.79 3.30 g 0.540 0.575 13.72 14.61 h 0.025 0.035 0.64 0.89 j 0.195 0.205 4.95 5.21 k 0.095 0.105 2.41 2.67 l 0.060 0.075 1.52 1.91 m 0.085 0.095 2.16 2.41 n 0.018 0.024 0.46 0.61 o 0.178 0.188 4.52 4.78 p 0.045 0.060 1. 14 1.52 r 0.038 0.048 0.97 1.22 k j a h g b f ? e c d l r t c mea suring poin t area (ref .) 0.1 7 in 2 mt2 o p n m mt1 ga te .320 8.1 3 .526 1 3.36 .27 6 7. 01 k j a h g b f ? e c d l r t c mea suring poin t mt2 mt2 o p n m mt1 .27 6 7. 01 .526 1 3.36 .320 8.1 3 ga te area (ref .) 0.1 7 in 2 no tch in ga te lead to id. non-isola ted ta b note: maximum torque to be applied to mounting tab is 8 in-lbs, (0.904 nm). note: maximum torque to be applied to mounting tab is 8 in-lbs, (0.904 nm).
70 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 6 amp sensitive, standard & alternistor (high commutation) triacs lxx06xx & qxx06xx & qxx06xhx series dimensions to-263ab (n-package) d 2 -pak surface mount dimensions to-251aa (v-package) v-pak through hole dimension inches millimeters min typ max min typ max a 0.040 0.044 0.050 1.02 1. 11 1.27 b 0.235 0.242 0.245 5.97 6.15 6.22 c 0.350 0.361 0.375 8.89 9.18 9.53 d 0.205 0.208 0.213 5.21 5.29 5.41 e 0.255 0.262 0.265 6.48 6.66 6.73 f 0.027 0.031 0.033 0.69 0.80 0.84 g 0.087 0.090 0.093 2.21 2.28 2.36 h 0.085 0.092 0.095 2.16 2.34 2.41 i 0.176 0.180 0.184 4.47 4.57 4.67 j 0.018 0.020 0.023 0.46 0.51 0.58 k 0.038 0.040 0.044 0.97 1. 01 1. 12 l 0.018 0.020 0.023 0.46 0.52 0.58 p 0.042 0.047 0.052 1.06 1.20 1.32 q 0.034 0.039 0.044 0.86 1. 0 0 1. 11 r 0.034 0.039 0.044 0.86 1. 0 0 1. 11 s 0.074 0.079 0.084 1.86 2.00 2.11 dimension inches millimeters min max min max a 0.360 0.370 9.14 9.40 b 0.380 0.420 9.65 10.67 c 0.178 0.188 4.52 4.78 d 0.025 0.035 0.64 0.89 e 0.045 0.060 1. 14 1.52 f 0.060 0.075 1.52 1.91 g 0.095 0.105 2.41 2.67 h 0.092 0.102 2.34 2.59 j 0.018 0.024 0.46 0.61 k 0.090 0.110 2.29 2.79 s 0.590 0.625 14.99 15.88 v 0.035 0.045 0.89 1. 14 u 0.002 0.010 0.05 0.25 w 0.040 0.070 1.02 1.78 g b a w v s mt1 mt2 t c mea suring poin t c e k h j u .320 8.1 3 .27 6 7. 01 .331 8.41 ga te .460 11 .68 .665 1 6.89 .260 6.60 .1 50 3.81 .080 2.03 .085 2.1 6 .055 1 .40 .350 8.89 .27 6 7. 01 .27 6 7. 01 area: 0.1 1 in 2 d f area: 0.040 in 2 t c mea suring poin t ga te g i e d a b c f j h k l 5.28 .208 5.34 .21 0 mt2 mt1 mt2 p q r s
71 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 6 amp sensitive, standard & alternistor (high commutation) triacs lxx06xx & qxx06xx & qxx06xhx series dimensions to-252aa (d-package) d-pak surface mount dimension inches millimeters min ty p max min ty p max a 0.040 0.043 0.050 1.02 1.09 1.27 b 0.235 0.243 0.245 5.97 6.16 6.22 c 0.106 0.108 0.113 2.69 2.74 2.87 d 0.205 0.208 0.213 5.21 5.29 5.41 e 0.255 0.262 0.265 6.48 6.65 6.73 f 0.027 0.031 0.033 0.69 0.80 0.84 g 0.087 0.090 0.093 2.21 2.28 2.36 h 0.085 0.092 0.095 2.16 2.33 2.41 i 0.176 0.179 0.184 4.47 4.55 4.67 j 0.018 0.020 0.023 0.46 0.51 0.58 k 0.038 0.040 0.044 0.97 1.02 1. 12 l 0.018 0.020 0.023 0.46 0.51 0.58 m 0.000 0.000 0.004 0.00 0.00 0.10 n 0.021 0.026 0.027 0.53 0.67 0.69 o 0 0 5 0 0 5 p 0.042 0.047 0.052 1.06 1.20 1.32 q 0.034 0.039 0.044 0.86 1. 0 0 1. 11 m o n h j l k .1 18 3 .063 1 .60 .071 1 .80 .264 6.71 .264 6.71 .1 81 4.60 ga te mt2 mt1 mt2 t c mea suring poin t g i d e a b c f 5.28 .208 5.34 .21 0 : 0.040 in 2 area p q
72 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 6 amp sensitive, standard & alternistor (high commutation) triacs lxx06xx & qxx06xx & qxx06xhx series product selector packing options part number voltage gate sensitivity quadrants type package 400v 600v 800v 1000v i - ii - iii iv lxx06l5 x x 5 ma 5 ma sensitive triac to-220l lxx06d5 x x 5 ma 5 ma sensitive triac to-252 d-pak lxx06r5 x x 5ma 5ma sensitive triac to-220r lxx06v5 x x 5 ma 5 ma sensitive triac to-251 v-pak lxx06l6 x x 5 ma 10 ma sensitive triac to-220l lxx06d6 x x 5 ma 10 ma sensitive triac to-252 d-pak lxx06r6 x x 5ma 10ma sensitive triac to-220r lxx06v6 x x 5 ma 10 ma sensitive triac to-251 v-pak lxx06l8 x x 10 ma 20 ma sensitive triac to-220l lxx06d8 x x 10 ma 20 ma sensitive triac to-252 d-pak lxx06r8 x x 10ma 20ma sensitive triac to-220r lxx06v8 x x 10 ma 20 ma sensitive triac to-251 v-pak qxx06vh3 x x 10 ma alternistor triac to-251 v-pak qxx06dh3 x x 10 ma alternistor triac to-252 d-pak qxx06l4 x 25 ma standard triac to-220l qxx06r4 x 25 ma standard triac to-220r qxx06n4 x 25 ma standard triac to-263 d2-pak qxx06rh3 x x 10ma alternistor triac to-220r qxx06lh4 x x x x 35 ma alternistor triac to-220l qxx06rh4 x x x x 35 ma alternistor triac to-220r qxx06vh4 x x x x 35 ma alternistor triac to-251 v-pak qxx06dh4 x x x x 35 ma alternistor triac to-252 d-pak qxx06nh4 x x x x 35 ma alternistor triac to-263 d2-pak qxx06l5 x x x 50 ma standard triac to-220l qxx06r5 x x x 50 ma standard triac to-220r qxx06n5 x x x 50 ma standard triac to-263 d2-pak part number marking weight packing mode base quantity lxx06l/ry lxx06l/ry 2.2 g bulk 500 lxx06l/rytp lxx06l/ry 2.2 g tube pack 500 (50 per tube) lxx06dytp lxx06dy 0.3 g tube 750 (75 per tube) lxx06dyrp lxx06dy 0.3 g embossed carrier 2500 lxx06vytp lxx06vy 0.4 g tube 750 (75 per tube) qxx06l/ryy qxx06l/ryy 2.2 g bulk 500 qxx06l/ryytp qxx06l/ryy 2.2 g tube pack 500 (50 per tube) qxx06nyytp qxx06nyy 1.6 g tube 500 (50 per tube) qxx06nyyrp qxx06nyy 1.6 g embossed carrier 500 qxx06dyytp qxx06dyy 0.3 g tube 750 (75 per tube) qxx06dyyrp qxx06dyy 0.3 g embossed carrier 2500 qxx06vyytp qxx06vyy 0.4 g tube 750 (75 per tube) note: xx = voltage; yy = sensitivity
73 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 6 amp sensitive, standard & alternistor (high commutation) triacs lxx06xx & qxx06xx & qxx06xhx series 0.512 (13.0) arbor hole dia. dc xxxxxx xxxxxx dc xxxxxx dc xxxxxx xx xx xx gate mt1 mt2 0.63 (16.0) 0.157 (4.0) 0.64 (16.3) 12.99 (330.0) 0.524 (13.3) 0.315 (8.0) 0.059 dia (1.5) * * cov er tape direc tion of f eed dimensions are in inches (and millimeters). gate mt1 mt2 0.512 (13.0) arbor hole dia. 0.945 (24.0) 0.63 (16.0) 1.01 (25.7) 12.99 (330.0) 0.827 (21.0) 0.157 (4.0) direc tion of f eed dimensions are in inches (and millimeters). * * cov er tape 0.059 dia (1.5) to-252 embossed carrier reel pack (rp) specifcations meets all eia-481-2 standards to-263 embossed carrier reel pack (rp) specifcations meets all eia-481-2 standards
74 revised: june 24, 2011 04:57 pm ?2011 littelfuse, inc teccor ? brand thyristors specifcations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 6 amp sensitive, standard & alternistor (high commutation) triacs lxx06xx & qxx06xx & qxx06xhx series part numbering system part marking system current 06: 6a sensitivity & type sensitive triac: 3 : 3 ma (qi, ii, iii, iv) 5 : 5 ma (qi, ii, iii, iv) 6 : 5 ma (qi, ii, iii) 10 ma (qiv) 8 : 10 ma (qi, ii, iii) 20 ma (qiv) standard triac: 4 : 25 ma (qi, ii, iii) 5 : 50 ma (qi, ii, iii) alternistor triac: h3 : 10 ma (qi, ii, iii) h4 : 35 ma (qi, ii, iii) package type l : to-220 isolated r : to-220 non-isolated n : to-263 (d 2 pak) v : to-251 (vpak) d : to-252 (dpak) voltage rating 40 : 400v 60 : 600v 80 : 800v k0 : 1000v lead form dimensions xx : lead form option q 60 06 l h4 56 device type l : sensitive triac q : triac or alternistor ? ? ? ? my m y q6006r 5 l6006v 5 ymldd to-252aa ?( d package ) to-251aa ?( v package ) ?


▲Up To Search▲   

 
Price & Availability of Q6006LH456

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X