Part Number Hot Search : 
IRF644S DE1747 V16L25JI WM2631ID GW20N60 12018 2SA123 TA0979A
Product Description
Full Text Search
 

To Download PEF3394E-V22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  never stop thinking. product brief vinetic enhanced next generation analog telephony solutions peb/pef 33xx infineon?s vinetic family of analog voice access ics includes two, four and eight-channel codecs that are optimized for customer premises equipment (cpe) as well as central office (co) access network applications. f e a t u r i n g f o u r levels of integrated dsp performance, the vinetic offers system providers a wide range of flexible solutions from pure tdm functionality, up to full blown voip or voatm packet and voice processing engines. w i t h t h i s comprehensive set of specially designed packet based voice transmission features, the vinetic provides the dsp power required for each specific application. t o g e t h e r with infineon?s extended family of slic devices, each system can be tailored with an optimum combination of devices. applications residential gateways, voip routers, atas integrated access devices (iad) cable modems, emtas, smtas access network, dlc, central office, wll, ftth, dslams pbx, voip-pbx voice over packet features atm aal2 and rtp packetization including fixed and adaptive jitter buffer up to 200 ms for optimum voice quality integrated voice compression supports g.728, g.723.1, g.729 a/b/e, g.726 adpcm (32, 16, 24, 40 kbit/s) and g.711, ilbc royalty free vocoder in preparation patent indemnification for vocoder algorithms available t.38 fax relay support including v.17/v.21/v.27ter/v.29 line echo cancellation (lec) supports near and far-end-echo with up to a 128 ms tail, and exceeds g.165 / g.168 / g.168-2000 / g.168-2002 dsp power according to system port density encapsulated voice processing takes care of all real-time-critical tasks within vinetic advanced integrated test and diagnostic functions (aitdf) support line testing and quality of service (qos) www.infineon.com/vinetic wireline communications codec/slic features fully programmable 2, 4, and 8-channel codec with voice processing dsp hw and sw compatible specification according to itu-t q.552, g.712, lssgr uses infineon?s well-known slic family ac and dc characteristic country independent programmable enhanced power management integrated dtmf receiver integrated caller-id generator and detector (fsk and dtmf) internal programmable balanced ringing up to 85 v rms and 50 v rms unbalanced ringing support of external ringing metering pulse up to 2.5 v rms at 200 ? (12 / 16 khz) documentation and development tools evaluation board easy334 + vinetic tool cd-rom easy5120ps-ata voip router reference design easy50510 adsl cpe reference design wildpass - wireless voip reference design cost efficient calculation soft-ware (vineticos) data sheets, system and soft-ware user?s guides and application notes
published by infineon technologies ag product brief how to reach us: http://www.infineon.com published by infineon technologies ag st.-martin-strasse 53 81669 mnchen ? infineon technologies ag 2004. all rights reserved. template: pb_w_tmplt.fm/2 attention please! the information herein is given to describe certain components and shall not be considered as a guarantee of characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non-in fringement, regarding circuits, descriptions and charts stated herein. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office. warnings due to technical requirements co mponents may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life- support devices or systems with the express written approval of infineon technologies, if a failur e of such components can reason- ably be expected to cause the failur e of that life-support device or system, or to affect the safety or effectiveness of that device or sys- tem. life support devices or syst ems are intended to be implanted in the human body, or to suppor t and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. ordering no. b115-h7964-g2-x-7600 printed in germany ps 11042. nb t/r slic-dc t/r slic-dc slic-dc slic-dc t/r t/r vinetic-4vip/ -4m/-2cpe dsp vinetic flash sdram adm5120 parallel/ serial interface mini-pci wlan 10/100 bt 4 ethernet 4 x 100 bt 100 bt 2 to 4 pots lines 1 2 3 a b c d e f j k l 5 4 g h i m n o 6 7 p r s 8 t u v w x y 9 o p e r 0 # * ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 1 2 3 a b c d e f j k l 5 4 g h i m n o 6 7 p r s 8 t u v w x y 9 o p e r 0 # * ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 1 2 3 a b c d e f j k l 5 4 g h i m n o 6 7 p r s 8 t u v w x y 9 o p e r 0 # * ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 1 2 3 a b c d e f j k l 5 4 g h i m n o 6 7 p r s 8 t u v w x y 9 o p e r 0 # * ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? voip router and ata application example for one hardware for all ?voice over packet? applications vinetic family ? overview chip set 1) 1) for more members of the vinetic family co ntact infineon sales for more details on vi netic. vinetic devices offer pin- and sw- compatible versions vinetic-4 vip vinetic-2 cpe vinetic-0 vinetic-4 m vinetic-4 c vinetic-4 s sales codes: p-lbga-176-3 p/pg-lqfp-176-2 p/pg-lbga-144-1 peb 3324 e peb 3324 hl peb 3324 el 2) 2) version 2.1 and higher only peb 3332 el peb 3320 e peb 3320 hl pef 3314 e pef 3314 hl pef 3314 el 2) pef 3394 e pef 3394 hl pef 3394 el 2) pef 3304 e pef 3304 hl pef 3304 el 2) analog channels 4 2 0 4 4 4 supported slics slic-p (peb 4266), slic-e (peb 4265), sl ic-e2 (peb 4265-2), slic-s (peb 4264), slic-s2 (peb 4264-2), tslic-e (peb 4365), tslic-s (peb 4364), slic-lcp (peb 4262), slic-dc (pef 4268) echo cancellation (g.165 / g.168) up to 128 ms up to 16 ms up to 128 ms up to 16 ms up to 16 ms no adpcm (g.726) yes yes yes yes yes no complex voice codecs (g.723, g.729, g.728) 3) 3) patent indemnification available from infineon yes yes yes no no no fax relay t.38 yes yes yes no no no ilbc (royalty free vocoder) in preparation in preparation in preparation no no no dtmf receiver, caller-id rcv and send, tones yes yes yes yes yes no aal2 / rtp packetization / jitter buffer yes yes 4) 4) rtp only supported yes yes no no simultaneous vocoders 4 4 4 4 n/a n/a external ram required no no no no no no integrated code ram for firmware download yes no yes no no no line testing aitdf yes gr-909 yes yes yes yes


▲Up To Search▲   

 
Price & Availability of PEF3394E-V22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X