Part Number Hot Search : 
48000 DS3045W RG12232B RGP10J CDBC5100 LVC32 DS18B20Z WFF15N60
Product Description
Full Text Search
 

To Download P4KE110C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet semiconductor http://www.yeashin.com 1 rev.02 20120403 p4ke series glass passivated junction transi e nt vol t age sup p ressor 400 watt p e ak pow er 1.0 watt steady state voltage- 6.8 to 5 40 volts fe a t ures ?e plasti c p a ckage has und e rw riters l aboratory flammability classi fica tion 94v -o ?e glass pa ssiv a ted chi p jun c tion in do -41 pa ckage ?e 6 0 0 w surge cap ability at 1ms ?e ex cellent clampi ng capabili ty ?e l o w zener imped ance ?e f a st re spon se ti m e : ty pically less t h an 1 . 0 p s from 0 v o lts to b v m i n ?e ty pical ir l e ss th an 1a abov e 10v ?e high tempera t ure sol dering guaran te ed: 260c/10 se co nds/.375 ",(9.5mm) l ead length / 5lb s ., (2.3 kg ) te nsio n high tempera t ure sol dering : 260 ?e o c / 10 se cond s at te r m inals pb free produ ct a t av ailable : 99% s n abov e meet rohs ?e env ironment su bst a nce dire ctiv e reque st m e c h an i c al d a t a ?e ca se : jedec d o -41 molde d pl asti c ?e termina l s: ax ial leads, solder able pe r mil- std-202, me thod 208 ?e polari ty : color b a nd deno ted ca thod e ex cept bipolar ?e m o u n ting po si tio n : a n y ?e w e i ght: 0.012 ou nce, 0 . 34 gram devices fo r bipo l a r a p p l ic a t i o ns for bidire ctional use c or ca suffix for ty pes electri c al char acteri sti c s ap ply in bo th direction s . m a xim u m r a ti ng s a n d electric a l ch a r a c teristi c s rating a t 25cambi ent tempera t ure unl ess o t herw i se spe c i f ied. re sistiv e or in ductiv e load, 60hz. for capaci t iv e load dera t e curr ent by 20%. ra t i n g sy m b ol va lu e uni ts peak po w e r diss ipation at t a =25c, tp=1ms (note 1) ppk minimum 400 wa tt s stead y state po w e r d i ssipat i on at t l =75clead lengths .375",(9 . 5 mm) (note 2) pd 1.0 wa tt s peak for w a rd surge current , 8 . 3m s single half s i ne- w av e super i mposed on rated load(jeced m e thod) (note 3) if sm 40 amps oper ati ng and sto r age tempe r atur e range tj , tstg -55 to +150 c notes: 1. non- repe titiv e cu rrent pul se, per fig. 3 a nd de rate d ab o v e ta=25c per fi g. 2 . 2. moun ted on cop per lea f area of 1 . 5 7 in2 (40mm2). 3. 8 . 3m s single hal f sin e -w a v e, duty cy cle= 4 pul se s per m i nute s max i mum. .034 (.86) .028 (.71) .205 (5.2) .16 0 (4. 1 ) .107 (2.7) .080 (2.0) dia. dia. do-41 unit:inch (mm) 1.0 (25.4) min. 1.0 (25.4) min.
http://www.yeashin.com 2 rev.02 20120403 p4ke series breakdow nvolta ge test current rev e rse leakag e max . clamp voltage peak pulse current rev e rs e stand-o f f voltage vbr@ t r@ v r w m part number vr w m m i n . max . t uni b i vc@ i p p i p p u n i b i v v v m a a a v a package 4 0 0 w tran si en t voltag e su pp reso r p 4 k e 6 . 8 p 4 k e 6 . 8 c 5 . 5 6 . 1 2 7 . 4 8 1 0 1 0 0 0 . 0 2 0 0 0 . 0 1 0 . 8 3 7 . 0 do-4 1 p 4 k e 6 . 8 a p 4 k e 6 . 8 c a 5 . 8 6. 4 5 7 . 1 4 1 0 1 0 0 0 . 0 2 0 0 0 . 0 1 0 . 5 3 8 . 1 do-4 1 p 4 k e 7 . 5 p 4 k e 7 . 5 c 6 . 1 6. 7 5 8 . 2 5 1 0 5 0 0 0 1 0 0 0 . 0 1 1 . 7 3 4 . 2 do-4 1 p 4 k e 7 . 5 a p 4 k e 7 . 5 c a 6 . 4 7 . 1 3 7 . 8 8 1 0 5 0 0 . 0 1 0 0 0 . 0 1 1 . 3 3 5 . 4 do-4 1 p 4 k e 8 . 2 p 4 k e 8 . 2 c 6 . 6 7 . 3 8 9 . 0 2 1 0 2 0 0 . 0 4 0 0 . 0 1 2 . 5 3 2 . 0 do-4 1 p 4 k e 8 . 2 a p 4 k e 8 . 2 c a 7 . 0 7. 7 9 8 . 6 1 1 0 2 0 0 . 0 4 0 0 . 0 1 2 . 1 3 3 . 1 do-4 1 p 4 k e 9 . 1 p 4 k e 9 . 1 c 7 . 4 8 . 1 9 1 0 . 0 0 1 5 0 . 0 1 0 0 . 0 1 3 . 8 2 9 . 0 do-4 1 p 4 k e 9 . 1 a p 4 k e 9 . 1 c a 7 . 8 8. 6 5 9 . 5 5 1 5 0 . 0 1 0 0 . 0 1 3 . 4 2 9 . 9 do-4 1 p 4 k e 1 0 p 4 k e 1 0 c 8 . 1 9 . 0 0 1 1 . 0 0 1 1 0 . 0 2 0 . 0 1 5 . 0 2 6 . 7 do-4 1 p 4 k e 1 0 a p 4 k e 1 0 c a 8 . 6 9 . 5 0 1 0 . 5 0 1 1 0 . 0 2 0 . 0 1 4 . 5 2 7 . 6 do-4 1 p 4 k e 1 1 p 4 k e 1 1 c 8 . 9 9 . 9 0 1 2 . 1 0 1 5 . 0 1 0 . 0 1 6 . 2 2 4 . 7 do-4 1 p 4 k e 1 1 a p 4 k e 1 1 c a 9 . 4 1 0 . 5 0 1 1 . 6 0 1 5 . 0 1 0 . 0 1 5 . 6 2 5 . 6 do-4 1 p 4 k e 1 2 p 4 k e 1 2 c 9 . 7 1 0 . 8 0 1 3 . 2 0 1 5 . 0 1 0 . 0 1 7 . 3 2 3 . 1 do-4 1 p 4 k e 1 2 a p 4 k e 1 2 c a 1 0 . 2 1 1 . 4 0 1 2 . 6 0 1 5 . 0 5 . 0 1 6 . 7 2 4 . 0 do-4 1 p 4 k e 1 3 p 4 k e 1 3 c 1 0 . 5 1 1 . 7 0 1 4 . 3 0 1 5 . 0 5 . 0 1 9 . 0 2 1 . 1 do-4 1 p 4 k e 1 3 a p 4 k e 1 3 c a 1 1 . 1 12. 4 0 1 3 . 7 0 1 5 . 0 5 . 0 1 8 . 2 2 2 . 0 do-4 1 p 4 k e 1 5 p 4 k e 1 5 c 1 2 . 1 1 3 . 5 0 1 6 . 5 0 1 5 . 0 5 . 0 2 2 . 0 1 8 . 2 do-4 1 p 4 k e 1 5 a p 4 k e 1 5 c a 1 2 . 8 1 4 . 3 0 1 5 . 8 0 1 5 . 0 5 . 0 2 1 . 2 1 8 . 9 do-4 1 p 4 k e 1 6 p 4 k e 1 6 c 1 2 . 9 1 4 . 4 0 1 7 . 6 0 1 5 . 0 5 . 0 2 3 . 5 1 7 . 0 do-4 1 p 4 k e 1 6 a p 4 k e 1 6 c a 1 3 . 6 1 5 . 2 0 1 6 . 8 0 1 5 . 0 5 . 0 2 2 . 5 1 7 . 8 do-4 1 p 4 k e 1 8 p 4 k e 1 8 c 1 4 . 5 1 6 . 2 0 1 9 . 8 0 1 5 . 0 5 . 0 2 6 . 5 1 5 . 1 do-4 1 p 4 k e 1 8 a p 4 k e 1 8 c a 1 5 . 3 1 7 . 1 0 1 8 . 9 0 1 5 . 0 5 . 0 2 5 . 2 1 5 . 9 do-4 1 p 4 k e 2 0 p 4 k e 2 0 c 1 6 . 2 1 8 . 0 0 2 2 . 0 0 1 5 . 0 5 . 0 2 9 . 1 1 3 . 7 do-4 1 p 4 k e 2 0 a p 4 k e 2 0 c a 1 7 . 1 1 9 . 0 0 2 1 . 0 0 1 5 . 0 5 . 0 2 7 . 7 1 4 . 4 do-4 1 p 4 k e 2 2 p 4 k e 2 2 c 1 7 . 8 1 9 . 8 0 2 4 . 2 0 1 5 . 0 5 . 0 3 1 . 9 1 2 . 5 do-4 1 p 4 k e 2 2 a p 4 k e 2 2 c a 1 8 . 8 2 0 . 9 0 2 3 . 1 0 1 5 . 0 5 . 0 3 0 . 6 1 3 . 1 do-4 1 p 4 k e 2 4 p 4 k e 2 4 c 1 9 . 4 2 1 . 6 0 2 6 . 4 0 1 5 . 0 5 . 0 3 4 . 7 1 1 . 5 do-4 1 p 4 k e 2 4 a p 4 k e 2 4 c a 2 0 . 5 2 2 . 8 0 2 5 . 2 0 1 5 . 0 5 . 0 3 3 . 2 1 2 . 0 do-4 1 p 4 k e 2 7 p 4 k e 2 7 c 2 1 . 8 2 4 . 3 0 2 9 . 7 0 1 5 . 0 5 . 0 3 9 . 1 1 0 . 2 do-4 1 p 4 k e 2 7 a p 4 k e 2 7 c a 2 3 . 1 2 5 . 7 0 2 8 . 4 0 1 5 . 0 5 . 0 3 7 . 5 1 0 . 7 do-4 1 p 4 k e 3 0 p 4 k e 3 0 c 2 4 . 3 2 7 . 0 0 3 3 . 0 0 1 5 . 0 5 . 0 4 3 . 5 9 . 2 do-4 1 p 4 k e 3 0 a p 4 k e 3 0 c a 2 5 . 6 2 8 . 5 0 3 1 . 5 0 1 5 . 0 5 . 0 4 1 . 4 9 . 7 do-4 1 p 4 k e 3 3 p 4 k e 3 3 c 2 6 . 8 2 9 . 7 0 3 6 . 3 0 1 5 . 0 5 . 0 4 7 . 7 8 . 4 do-4 1 p 4 k e 3 3 a p 4 k e 3 3 c a 2 8 . 2 3 1 . 4 0 3 4 . 7 0 1 5 . 0 5 . 0 4 5 . 7 8 . 8 do-4 1 p 4 k e 3 6 p 4 k e 3 6 c 2 9 . 1 3 2 . 4 0 3 9 . 6 0 1 5 . 0 5 . 0 5 2 . 0 7 . 7 do-4 1 p 4 k e 3 6 a p 4 k e 3 6 c a 3 0 . 8 3 4 . 2 0 3 7 . 8 0 1 5 . 0 5 . 0 4 9 . 9 8 . 0 do-4 1 p 4 k e 3 9 p 4 k e 3 9 c 3 1 . 6 3 5 . 1 0 4 2 . 9 0 1 5 . 0 5 . 0 5 6 . 4 7 . 1 do-4 1 p 4 k e 3 9 a p 4 k e 3 9 c a 3 3 . 3 3 7 . 1 0 4 1 . 0 0 1 5 . 0 5 . 0 5 3 . 9 7 . 4 do-4 1 p 4 k e 4 3 p 4 k e 4 3 c 3 4 . 8 3 8 . 7 0 4 7 . 3 0 1 5 . 0 5 . 0 6 1 . 9 6 . 5 do-4 1 p 4 k e 4 3 a p 4 k e 4 3 c a 3 6 . 8 4 0 . 9 0 4 5 . 2 0 1 5 . 0 5 . 0 5 9 . 3 6 . 7 do-4 1 p 4 k e 4 7 p 4 k e 4 7 c 3 8 . 1 4 2 . 3 0 5 1 . 7 0 1 5 . 0 5 . 0 6 7 . 8 5 . 9 do-4 1 p 4 k e 4 7 a p 4 k e 4 7 c a 4 0 2 4 4 . 7 0 4 9 . 4 0 1 5 . 0 5 . 0 6 4 . 8 6 . 2 do-4 1 p 4 k e 5 1 p 4 k e 5 1 c 4 1 . 3 4 5 . 9 0 5 6 . 1 0 1 5 . 0 5 . 0 7 3 . 5 5 . 4 do-4 1 p 4 k e 5 1 a p 4 k e 5 1 c a 4 3 . 6 4 8 . 5 0 5 3 . 6 0 1 5 . 0 5 . 0 7 0 . 1 5 . 7 do-4 1
http://www.yeashin.com 3 rev.02 20120403 p4ke series breakdow nvolta ge test current rev e rse leakag e max . clamp voltage peak pulse current rev e rs e stand-o f f voltage vbr@ t r@ v r w m part number vr w m m i n . max . t uni b i vc@ i p p i p p u n i b i v v v m a a a v a package 4 0 0 w tran si en t voltag e su pp reso r p 4 k e 5 6 p 4 k e 5 6 c 4 5 . 4 5 0 . 4 0 6 1 . 6 0 1 5 . 0 5 . 0 8 0 . 5 5 . 0 do-4 1 p 4 k e 5 6 a p 4 k e 5 6 c a 4 7 . 8 5 3 . 2 0 5 8 . 8 0 1 5 . 0 5 . 0 7 7 . 0 5 . 2 do-4 1 p 4 k e 6 2 p 4 k e 6 2 c 5 0 . 2 5 5 . 8 0 6 8 . 2 0 1 5 . 0 5 . 0 8 9 . 0 4 . 5 do-4 1 p 4 k e 6 2 a p 4 k e 6 2 c a 5 3 . 0 5 8 . 9 0 6 5 . 1 0 1 5 . 0 5 . 0 8 5 . 0 4 . 7 do-4 1 p 4 k e 6 8 p 4 k e 6 8 c 5 5 . 1 6 1 . 2 0 7 4 . 8 0 1 5 . 0 5 . 0 9 8 . 0 4 . 1 do-4 1 p 4 k e 6 8 a p 4 k e 6 8 c a 5 8 . 1 6 4 . 4 0 7 1 . 4 0 1 5 . 0 5 . 0 9 2 . 0 4 . 3 do-4 1 p 4 k e 7 5 p 4 k e 7 5 c 6 0 . 7 6 7 . 5 0 8 2 . 5 0 1 5 . 0 5 . 0 1 0 8 . 0 3 . 7 do-4 1 p 4 k e 7 5 a p 4 k e 7 5 c a 6 4 . 1 7 1 . 3 0 7 8 . 8 0 1 5 . 0 5 . 0 1 0 3 . 0 3 . 9 do-4 1 p 4 k e 8 2 p 4 k e 8 2 c 6 6 . 4 7 3 . 8 0 9 0 . 2 0 1 5 . 0 5 . 0 1 1 8 . 0 3 . 4 do-4 1 p 4 k e 8 2 a p 4 k e 8 2 c a 7 0 . 1 7 7 . 9 0 8 6 . 1 0 1 5 . 0 5 . 0 1 1 3 . 0 3 . 5 do-4 1 p 4 k e 9 1 p 4 k e 9 1 c 7 3 . 7 8 1 . 9 0 1 0 0 . 0 0 1 5 . 0 5 . 0 1 3 1 . 0 3 . 1 do-4 1 p 4 k e 9 1 a p 4 k e 9 1 c a 7 7 . 8 8 6 . 5 0 9 5 . 5 0 1 5 . 0 5 . 0 1 2 5 . 0 3 . 2 do-4 1 p 4 k e 1 0 0 p 4 k e 1 0 0 c 8 1 . 0 9 0 . 0 0 1 1 0 . 0 0 1 5 . 0 5 . 0 1 4 4 . 0 2 . 8 do-4 1 p 4 k e 1 0 0 a p 4 k e 1 0 0 c a 8 5 . 5 9 5 . 0 0 1 0 5 . 0 0 1 5 . 0 5 . 0 1 3 7 . 0 2 . 9 do-4 1 p 4 k e 1 1 0 p 4 k e 1 1 0 c 8 9 . 2 9 9 . 0 0 1 2 1 . 0 0 1 5 . 0 5 . 0 1 5 8 . 0 2 . 5 do-4 1 p 4 k e 1 1 0 a p 4 k e 1 1 0 c a 9 4 . 0 1 0 5 . 0 0 1 1 6 . 0 0 1 5 . 0 5 . 0 1 5 2 . 0 2 . 6 do-4 1 p 4 k e 1 2 0 p 4 k e 1 2 0 c 9 7 . 2 1 0 8 . 0 0 1 3 2 . 0 0 1 5 . 0 5 . 0 1 7 3 . 0 2 . 3 do-4 1 p 4 k e 1 2 0 a p 4 k e 1 2 0 c a 1 0 2 . 0 1 14. 0 0 1 2 6 . 0 0 1 5 . 0 5 . 0 1 6 5 . 0 2 . 4 do-4 1 p 4 k e 1 3 0 p 4 k e 1 3 0 c 1 0 5 . 0 1 1 7 . 0 0 1 4 3 . 0 0 1 5 . 0 5 . 0 1 8 7 . 0 2 . 1 do-4 1 p 4 k e 1 3 0 a p 4 k e 1 3 0 c a 1 1 1 . 0 124. 0 0 1 3 7 . 0 0 1 5 . 0 5 . 0 1 7 9 . 0 2 . 2 do-4 1 p 4 k e 1 5 0 p 4 k e 1 5 0 c 1 2 1 . 0 1 3 5 . 0 0 1 6 5 . 0 0 1 5 . 0 5 . 0 2 1 5 . 0 1 . 9 do-4 1 p 4 k e 1 5 0 a p 4 k e 1 5 0 c a 1 2 8 . 0 1 4 3 . 0 0 1 5 8 . 0 0 1 5 . 0 5 . 0 2 0 7 . 0 1 . 9 do-4 1 p 4 k e 1 6 0 p 4 k e 1 6 0 c 1 3 0 . 0 1 4 4 . 0 0 1 7 6 . 0 0 1 5 . 0 5 . 0 2 3 0 . 0 1 . 7 do-4 1 p 4 k e 1 6 0 a p 4 k e 1 6 0 c a 1 3 6 . 0 1 5 2 . 0 0 1 6 8 . 0 0 1 5 . 0 5 . 0 2 1 9 . 0 1 . 8 do-4 1 p 4 k e 1 7 0 p 4 k e 1 7 0 c 1 3 8 . 0 1 5 3 . 0 0 1 8 7 . 0 0 1 5 . 0 5 . 0 2 4 4 . 0 1 . 6 do-4 1 p 4 k e 1 7 0 a p 4 k e 1 7 0 c a 1 4 5 . 0 1 6 2 . 0 0 1 7 9 . 0 0 1 5 . 0 5 . 0 2 3 4 . 0 1 . 7 do-4 1 p 4 k e 1 8 0 p 4 k e 1 8 0 c 1 4 6 . 0 1 6 2 . 0 0 1 9 8 . 0 0 1 5 . 0 5 . 0 2 5 8 . 0 1 . 6 do-4 1 p 4 k e 1 8 0 a p 4 k e 1 8 0 c a 1 5 4 . 0 1 7 1 . 0 0 1 8 9 . 0 0 1 5 . 0 5 . 0 2 4 6 . 0 1 . 6 do-4 1 p 4 k e 2 0 0 p 4 k e 2 0 0 c 1 6 2 . 0 1 8 0 . 0 0 2 2 0 . 0 0 1 5 . 0 5 . 0 2 8 7 . 0 1 . 4 do-4 1 p 4 k e 2 0 0 a p 4 k e 2 0 0 c a 1 7 1 . 0 1 9 0 . 0 0 2 1 0 . 0 0 1 5 . 0 5 . 0 2 7 4 . 0 1 . 5 do-4 1 p 4 k e 2 2 0 p 4 k e 2 2 0 c 1 7 5 . 0 1 9 8 . 0 0 2 4 2 . 0 0 1 5 . 0 5 . 0 3 4 4 . 0 1 . 2 do-4 1 p 4 k e 2 2 0 a p 4 k e 2 2 0 c a 1 8 5 . 0 2 0 9 . 0 0 2 3 1 . 0 0 1 5 . 0 5 . 0 3 2 8 . 0 1 . 2 do-4 1 p 4 k e 2 5 0 p 4 k e 2 5 0 c 2 0 2 . 0 2 2 5 . 0 0 2 7 5 . 0 0 1 5 . 0 5 . 0 3 6 0 . 0 1 . 1 do-4 1 p 4 k e 2 5 0 a p 4 k e 2 5 0 c a 2 1 4 . 0 2 3 7 . 0 0 5 6 3 . 0 0 1 5 . 0 5 . 0 3 4 4 . 0 1 . 2 do-4 1 p 4 k e 3 0 0 p 4 k e 3 0 0 c 2 4 3 . 0 2 7 0 . 0 0 3 3 0 . 0 0 1 5 . 0 5 . 0 4 3 0 . 0 0 . 9 do-4 1 p 4 k e 3 0 0 a p 4 k e 3 0 0 c a 2 5 6 . 0 2 8 5 . 0 0 3 1 5 . 0 0 1 5 . 0 5 . 0 4 1 4 . 0 1 . 0 do-4 1 p 4 k e 3 5 0 p 4 k e 3 5 0 c 2 8 4 . 0 3 1 5 . 0 0 3 8 5 . 0 0 1 5 . 0 5 . 0 5 0 4 . 0 0 . 8 do-4 1 p 4 k e 3 5 0 a p 4 k e 3 5 0 c a 3 0 0 . 0 3 3 3 . 0 0 3 6 8 . 0 0 1 5 . 0 5 . 0 4 8 2 . 0 0 . 8 do-4 1 p 4 k e 4 0 0 p 4 k e 4 0 0 c 3 2 4 . 0 3 6 0 . 0 0 4 4 0 . 0 0 1 5 . 0 5 . 0 5 7 4 . 0 0 . 7 do-4 1 p 4 k e 4 0 0 a p 4 k e 4 0 0 c a 3 4 2 . 0 3 8 0 . 0 0 4 2 0 . 0 0 1 5 . 0 5 . 0 5 4 8 . 0 0 . 7 do-4 1 p 4 k e 4 4 0 p 4 k e 4 4 0 c 3 5 6 . 0 3 9 6 . 0 0 4 8 4 . 0 0 1 5 . 0 5 . 0 6 3 1 . 0 0 . 6 do-4 1 p 4 k e 4 4 0 a p 4 k e 4 4 0 c a 3 7 6 . 0 4 1 8 . 0 0 4 6 2 . 0 0 1 5 . 0 5 . 0 6 0 2 . 0 0 . 7 do-4 1 p 4 k e 4 8 0 p 4 k e 4 8 0 c 3 8 9 . 0 4 3 2 . 0 0 5 2 8 . 0 0 1 5 . 0 5 . 0 6 8 6 . 0 0 . 6 do-4 1 p 4 k e 4 8 0 a p 4 k e 4 8 0 c a 4 0 8 . 0 4 5 6 . 0 0 5 0 4 . 0 0 1 5 . 0 5 . 0 6 5 8 . 0 0 . 6 do-4 1 p 4 k e 5 1 0 p 4 k e 5 1 0 c 4 1 3 . 0 4 5 9 . 0 0 5 6 1 . 0 0 1 5 . 0 5 . 0 7 2 9 . 0 0 . 6 do-4 1 p 4 k e 5 1 0 a p 4 k e 5 1 0 c a 4 3 4 . 0 4 8 5 . 0 0 5 3 5 . 0 0 1 5 . 0 5 . 0 6 9 8 . 0 0 . 6 do-4 1 p 4 k e 5 4 0 p 4 k e 5 4 0 c 4 3 7 . 0 4 8 6 . 0 0 5 9 4 . 0 0 1 5 . 0 5 . 0 7 7 2 . 0 0 . 5 do-4 1 p 4 k e 5 4 0 a p 4 k e 5 4 0 c a 4 5 9 . 0 5 1 3 . 0 0 5 6 7 . 0 0 1 5 . 0 5 . 0 7 4 0 . 0 0 . 5 do-4 1
http://www.yeashin.com 4 rev.02 20120403 p4ke series device characteristics 100 10 1.0 0.1 0.1us 1.0ms 10ms td sec ,pulse width, figure 1-peak pulse power rating versus pulse time curve p , peak pulse power, kw ppm peak pulse power (p ) or current(i ) derating in percentage% pp pp 100 75 50 25 0 125 150 175 200 25 50 75 100 0 1.0us 10us 100us non-repetitve pulse wavefom shown in flgure3 ta=25 c ta , ambient temperatuer, c figure2-pulse derating curve i , peak pulse current-% ppm t, time,ms figure 3-pulse waveform 01.02.0 3.0 4.0 0 50 100 150 ta=25 c pulsewidth(td)isdefined as the point where the peak current decays to 50% of ipp tf=10 u sec 10/1000 u sec waveform as defined bye r.e.a. peak value ippm half value-ipp 2 e-kt 1.0 2.0 10 20 100 200 100 1,000 10,000 10 5 v( ), breakdown voltage, volts br fig.4-typical junction capacitance unidirectional tj=25 c f=1.0mhz vsig=50mvp-p measured at zero bias measured at stand-off voltahe(v ) mw pm(av)steady state power dissipation, watts t , lead temperature, c l fig.5-steady state power derating curve =375"(9.5mm) 40mm 40mm 1mm cu (1.58" 1.58" 0.40") + + + + 125 150 175 200 25 50 75 100 0 1.00 0.75 0.50 0.25 0 1 2 4 6 810 20 40 60 80100 0 10 20 30 40 50 number of cycles at 60 hz fig.6-maximum non-repetiteve peak forward surge current unidirectional tj=tj max 8.3ms single half since-wave jedec method i , peak forward surge current amperes fsm td cj,capacitance,pf


▲Up To Search▲   

 
Price & Availability of P4KE110C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X