Part Number Hot Search : 
212FW 38860 EGP30B CF739 C7510IU IN74HC1 TAC97 L4808CX
Product Description
Full Text Search
 

To Download MJE4353 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors mje4350/4351/4352/4353 description with to-3pn package respectively complement to type mje4340/4341/4342/4343 dc current gain h fe =8(min)@i c =16a applications for use in high power audio amplifier and switching regulator circuits pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(t c =25 ) symbol parameter conditions value unit mje4350 -100 mje4351 -120 mje4352 -140 v cbo collector-base voltage MJE4353 open emitter -160 v mje4350 -100 mje4351 -120 mje4352 -140 v ceo collector-emitter voltage MJE4353 open base -160 v v ebo emitter-base voltage open collector -7 v i c collector current -16 a i cm collector current-peak -20 a i b base current -5 a p c collector power dissipation t c =25 125 w t j junction temperature 150  t stg storage temperature -65~150  thermal characteristics symbol parameter max unit r th j-c thermal resistance junction to case 1.0 /w fig.1 simplified outline (to-3pn) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors mje4350/4351/4352/4353 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit mje4350 -100 mje4351 -120 mje4352 -140 v ceo(sus) collector-emitter sustaining voltage MJE4353 i c =-100ma ;i b =0 -160 v v ce (sat) -1 collector-emitter saturation voltage i c =-8a ;i b =-0.8a -2.0 v v ce (sat) -2 collector-emitter saturation voltage i c =-16a; i b =-2.0a -3.5 v v be (sat) base-emitter saturation voltage i c =-16a; i b =-2.0a -3.9 v v be base-emitter on voltage i c =-16a ; v ce =-4v -3.9 v mje4350 v ce =-50v; i b =0 mje4351 v ce =-60v; i b =0 mje4352 v ce =-70v; i b =0 i ceo collector cut-off current MJE4353 v ce =-80v; i b =0 -0.75 ma i cex collector cut-off current v ce =ratedv cbo ; v be =-1.5v t c =150 -1.0 -5.0 ma i cbo collector cut-off current v cb =ratedv cb ; i e =0 -0.75 ma i ebo emitter cut-off current v eb =-7v; i c =0 -1.0 ma h fe-1 dc current gain i c =-8a ; v ce =-2v 15 h fe-2 dc current gain i c =-16a ; v ce =-4v 8 c ob output capacitance i e =0 ; v cb =-10v;f=0.1mhz 800 pf f t transition frequency i c =-1a ; v ce =-20v;f=0.5mhz 1.0 mhz
savantic semiconductor product specification 3 silicon pnp power transistors mje4350/4351/4352/4353 package outline fig.2 outline dimensions (unindicated tolerance:0.1mm)


▲Up To Search▲   

 
Price & Availability of MJE4353

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X