Part Number Hot Search : 
1N4758 DZ12V SA8803 UP6018 X222M SK210 ADM800L 50N06
Product Description
Full Text Search
 

To Download IXTA180N10T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2008 ixys corporation, all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 175 c 100 v v dgr t j = 25 c to 175 c, r gs = 1m 100 v v gsm transient 30 v i d25 t c = 25 c 180 a i lrms lead current limit, rms 75 a i dm t c = 25 c, pulse width limited by t jm 450 a i ar t c = 25 c25 a e as t c = 25 c 750 mj p d t c = 25 c 480 w t j -55 ... +175 c t jm 175 c t stg -55 ... +175 c t l 1.6mm (0.062in.) from case for 10s 300 c t sold plastic body for 10 seconds 260 c m d mounting torque (to-220) 1.13/10 nm/lb.in weight to-263 2.5 g to-220 3.0 g trenchmv tm power mosfet n-channel enhancement mode avalanche rated IXTA180N10T ixtp180n10t v dss = 100v i d25 = 180a r ds(on) 6.4m to-263 (ixta) to-220 (ixtp) g = gate d = drain s = source tab = drain (tab) symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 250 a 100 v v gs(th) v ds = v gs , i d = 250 a 2.5 4.5 v i gss v gs = 20v, v ds = 0v 100 na i dss v ds = v dss 5 a v gs = 0v t j = 150 c 100 a r ds(on) v gs = 10v, i d = 25a, notes 1, 2 5.7 6.4 m features z ultra-low on resistance z unclamped inductive switching (uis) rated z low package inductance - easy to drive and to protect z 175 c operating temperature advantages z easy to mount z space savings z high power density applications z automotive - motor drives - 42v power bus - abs systems z dc/dc converters and off-line ups z primary switch for 24v and 48v systems z distributed power architechtures and vrms z electronic valve train systems z high current switching applications z high voltage synchronous recifier d g ds99651a(3/08) s g s (tab)
ixys reserves the right to change limits, test conditions, and dimensions. IXTA180N10T ixtp180n10t symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 10v, i d = 60a, note 1 70 110 s c iss 6900 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 923 pf c rss 162 pf t d(on) 33 ns t r 54 ns t d(off) 42 ns t f 31 ns q g(on) 151 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 25a 39 nc q gd 45 nc r thjc 0.31 c/w r thch to-220 0.50 c/w source-drain diode symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. i s v gs = 0v 180 a i sm repetitive, pulse width limited by t jm 450 a v sd i f = 25a, v gs = 0v, note 1 0.95 v t rr 72 ns i rm 5.1 a q rm 0.18 c ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 to-263 (ixta) outline pins: 1 - gate 2 - drain 3 - source 4, tab - drain pins: 1 - gate 2 - drain 3 - source 4, tab - drain to-220 (ixtp) outline notes: 1. pulse test, t 300 s, duty cycle, d 2%. 2. on through-hole packages, r ds(on) kelvin test contact location must be 5mm or less from the package body. resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 25a r g = 3.3 (external) i f = 90a, v gs = 0v -di/dt = 100a/ s v r = 0.5 ? v dss dim. millimeter inches min. max. min. max. a 4.06 4.83 .160 .190 a1 2.03 2.79 .080 .110 b 0.51 0.99 .020 .039 b2 1.14 1.40 .045 .055 c 0.46 0.74 .018 .029 c2 1.14 1.40 .045 .055 d 8.64 9.65 .340 .380 d1 7.11 8.13 .280 .320 e 9.65 10.29 .380 .405 e1 6.86 8.13 .270 .320 e 2.54 bsc .100 bsc l 14.61 15.88 .575 .625 l1 2.29 2.79 .090 .110 l2 1.02 1.40 .040 .055 l3 1.27 1.78 .050 .070 l4 0 0.38 0 .015 r 0.46 0.74 .018 .029
? 2008 ixys corporation, all rights reserved IXTA180N10T ixtp180n10t fig. 1. output characteristics @ 25oc 0 20 40 60 80 100 120 140 160 180 0.0 0.2 0.4 0.6 0.8 1.0 1.2 v ds - volts i d - amperes v gs = 10v 9v 8v 7v 6v fig. 2. extended output characteristics @ 25oc 0 25 50 75 100 125 150 175 200 225 250 275 300 01234567 v ds - volts i d - amperes v gs = 10v 9v 8v 7v 6v fig. 3. output characteristics @ 150oc 0 20 40 60 80 100 120 140 160 180 0.00.40.81.21.62.02.42.8 v ds - volts i d - amperes v gs = 10v 9v 8v 5v 7v 6v fig. 4. r ds(on) normalized to i d = 90a value vs. junction temperature 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 -50 -25 0 25 50 75 100 125 150 175 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 180a i d = 90a fig. 5. r ds(on) normalized to i d = 90a value vs. drain current 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 0 50 100 150 200 250 300 i d - amperes r ds(on) - normalized v gs = 10v 15v - - - - t j = 175oc t j = 25oc fig. 6. drain current vs. case temperature 0 10 20 30 40 50 60 70 80 90 -50 -25 0 25 50 75 100 125 150 175 t c - degrees centigrade i d - amperes external lead current limit
ixys reserves the right to change limits, test conditions, and dimensions. IXTA180N10T ixtp180n10t fig. 7. input admittance 0 25 50 75 100 125 150 175 200 225 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 v gs - volts i d - amperes t j = 150oc 25oc - 40oc fig. 8. transconductance 0 15 30 45 60 75 90 105 120 135 150 0 25 50 75 100 125 150 175 200 225 250 i d - amperes g f s - siemens t j = - 40oc 25oc 150oc fig. 9. forward voltage drop of intrinsic diode 0 25 50 75 100 125 150 175 200 225 250 275 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 v sd - volts i s - amperes t j = 150oc t j = 25oc fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 20 40 60 80 100 120 140 160 q g - nanocoulombs v gs - volts v ds = 50v i d = 25a i g = 10ma fig. 11. capacitance 100 1,000 10,000 100,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads f = 1 mhz c iss c rss c oss fig. 12. forward-bias safe operating area 0.1 1.0 10.0 100.0 1,000.0 1 10 100 v ds - volts i d - amperes t j = 175oc t c = 25oc single pulse 25s 1ms 100s 10ms dc, 100ms r ds( on ) limit
? 2008 ixys corporation, all rights reserved IXTA180N10T ixtp180n10t fig. 14. resistive turn-on rise time vs. drain current 10 15 20 25 30 35 40 45 50 55 60 65 70 24 26 28 30 32 34 36 38 40 42 44 46 48 50 i d - amperes t r - nanoseconds r g = 3.3 v gs = 10v v ds = 50v t j = 125oc t j = 25oc fig. 15. resistive turn-on switching times vs. gate resistance 0 20 40 60 80 100 120 140 160 180 4 6 8 101214161820 r g - ohms t r - nanoseconds 30 35 40 45 50 55 60 65 70 75 t d(on) - nanoseconds t r t d(on) - - - - t j = 125oc, v gs = 10v v ds = 50v i d = 50a i d = 25a fig. 16. resistive turn-off switching times vs. junction temperature 30 31 32 33 34 35 36 37 38 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t f - nanoseconds 40 43 46 49 52 55 58 61 64 t d(off) - nanoseconds t f t d(off) - - - - r g = 3.3 , v gs = 10v v ds = 50v 25a < i d < 50a i d = 25a, 50a fig. 17. resistive turn-off switching times vs. drain current 30 31 32 33 34 35 36 37 38 25 30 35 40 45 50 i d - amperes t f - nanoseconds 40 43 46 49 52 55 58 61 64 t d(off) - nanoseconds t f t d(off) - - - - r g = 3.3 , v gs = 10v v ds = 50v t j = 125oc t j = 25oc fig. 13. resistive turn-on rise time vs. junction temperature 10 15 20 25 30 35 40 45 50 55 60 65 70 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t r - nanoseconds r g = 3.3 v gs = 10v v ds = 50v i d = 50a i d = 25a fig. 18. resistive turn-off switching times vs. gate resistance 20 40 60 80 100 120 140 160 2 4 6 8 10 12 14 16 18 20 r g - ohms t f - nanoseconds 40 70 100 130 160 190 220 250 t d(off) - nanoseconds t f t d(off) - - - - t j = 125oc, v gs = 10v v ds = 50v i d = 25a, 50a 25a < i d < 50a
ixys reserves the right to change limits, test conditions, and dimensions. IXTA180N10T ixtp180n10t ixys ref: t_180n10t(61) 2-02-07-b fig. 19. maximum transient thermal impedance 0.01 0.10 1.00 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w


▲Up To Search▲   

 
Price & Availability of IXTA180N10T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X