Part Number Hot Search : 
TSH82IPT 2SC3032 74ACT541 TC74LC L14N1 L14N1 U10A3CIC HCTS21MS
Product Description
Full Text Search
 

To Download ITR39000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r3.1 sept. 15, 2004 doc. 1318 page 1 of 7 www.iterrac.com ITR39000 37-40 ghz 0.8 watt power amplifier mmic iterra communications 2400 geng road, ste. 100, palo alto, ca 94303 phone (650) 424-1937 fax(650) 424-1938 this is a production data sheet. se e ?product status definitions? on web site or catalog for product development status. the ITR39000 is a high efficiency power amplifier desig ned for use in point to point radio, point to multi-point communications, lmds and other millim eter wave applications. the ITR39000 is a 3- stage gaas mmic amplifie r utilizing an advanced 0.15 m gate length power phemt process and can be used in conjunction with other driver or power amplifiers to achieve the required total power output. description absolute ratings electrical characteristics (at 25c) 50 system, v d =+5 v, quiescent current (i dq ) = 700 ma ? 24 db small signal gain (typ.) ? 29 dbm saturated power out (typ.) ? circuit contains individual source vias ? chip size 4.28 mm x 2.90 mm x 50 m features parameter symbol value unit positive dc voltage (+5 v typical) v d + 6 volts negative dc voltage v g -2 volts simultaneous (vd - vg) v dg + 8 volts positive dc current i d 1092 ma rf input power (from 50 source) p in 20 dbm operating base plate temperature t c -30 to +85 c storage temperature range t stg -55 to +125 c thermal resistance r jc 17 c/w (channel to backside) parameter min typ max unit frequency range 37 40 ghz gate supply voltage (v g ) 1 -0.15 v gain small signal pin=0 dbm 20 24 db gain variation vs. frequency +/-1 db power output at p1 db compression 28 dbm power output saturated (pin=+14.5 dbm) 27.5 29 dbm drain current at pin=0 dbm 700 ma parameter min typ max unit drain current at p1db compression 730 ma drain current at psat (pin=+13 dbm) 750 ma power added efficiency (pae) at p1db 17 % oip3 (17 dbm/tone) (10 mhz tone sep.) 36 dbm input return loss (pin=0 dbm) 8 db output return loss (pin=0 dbm) 7 db note: 1. typical range of the negat ive gate voltage is -0.5 to 0.0v to set a typical i dq of 700 ma.
r3.1 sept. 15, 2004 doc. 1318 page 2 of 7 www.iterrac.com ITR39000 37-40 ghz 0.8 watt power amplifier mmic iterra communications 2400 geng road, ste. 100, palo alto, ca 94303 phone (650) 424-1937 fax(650) 424-1938 this is a production data sheet. se e ?product status definitions? on web site or catalog for product development status. ground (back of chip) figure 1 functional block diagram application information rf in rf out drain supply (v da & v db ) gate supply (v ga & v gb ) mmic chip figure 2 chip layout and bond pad locations (chip size=4.28 mm x 2.90 mm x 50 m. back of chip is rf and dc ground) caution: this is an esd sensitive device chip carrier material should be selected to have gaas compatible thermal coefficient of expansion and high thermal conductivity such as copper moly bdenum or copper tungsten. the chip carrier should be machined, finished flat, plated with gold over nickel and should be capable of withstanding 325c for 15 minutes. die attachment for power devices should utilize gold/tin (80/20) eutectic alloy solder and should avoid hydrogen environment for phemt devices. note that the backside of t he chip is gold plated and is used as rf and dc ground. these gaas devices should be handled with care a nd stored in dry nitrogen environment to prevent contamination of bonding surfaces . these are esd sensitive devices and should be handled with appropriate precaution including the use of wrist-grounding straps. all die attach and wire/ribbon bond equipment must be well grounded to prev ent static discharges through the device. recommended wire bonding uses 3 mils wide and 0.5 mil thick gold ribbon with lengths as short as practical allowing for appropriate stress relief. the rf input and output bonds should be typically 12 mils long corresponding to a typical 2 mil gap between the chip and the substrate material. 1.475 2.598 2.490 1.295 1.655 0.0 0.202 4.141 0.0 4.280 0.102 0.352 0.370 2.580 4.002 dimensions in mm
r3.1 sept. 15, 2004 doc. 1318 page 3 of 7 www.iterrac.com ITR39000 37-40 ghz 0.8 watt power amplifier mmic iterra communications 2400 geng road, ste. 100, palo alto, ca 94303 phone (650) 424-1937 fax(650) 424-1938 this is a production data sheet. se e ?product status definitions? on web site or catalog for product development status. figure 3 recommended application schematic circuit diagram drain supply (v d = +5v) (connect to both v da & v db ) gate supply (v g ) (v ga and/or v gb ) 100 pf 10,000 pf l l bond wire l?s bond wire l?s rf in rf out ground (back of chip) mmic chip 100 pf 10,000 pf l l v da (positive ) 100 pf 100 pf 100 pf 100 pf 10,000 pf 10,000 pf 10,000 pf 10,000 pf v ga (negative ) v gb (negative ) v db (positive ) rf input rf output 5mil thick alumina 50-ohm 5 mil thick alumina 50-ohm 2 mil gap l< 0.015? (4 plcs) die-attach 80au/20sn figure 4 recommended assembly and bonding diagram note: use 0.003? x 0.0005? gold ribbon for bonding. rf input and out put bonds should be less than 0.015? long with stress relief. vd should be biased from 1 supply on both sides as shown. v g can be biased from either or both sides from 1 supply.
r3.1 sept. 15, 2004 doc. 1318 page 4 of 7 www.iterrac.com ITR39000 37-40 ghz 0.8 watt power amplifier mmic iterra communications 2400 geng road, ste. 100, palo alto, ca 94303 phone (650) 424-1937 fax(650) 424-1938 this is a production data sheet. se e ?product status definitions? on web site or catalog for product development status. caution: loss of gate voltage (v g ) while drain voltage (v d ) is present may damage the amplifier chip. the following sequence of steps must be fo llowed to properly test the amplifier: recommended procedure for biasing and operation step 1: turn off rf input power. step 2: connect the dc supply grounds to the ground of the chip carrier. slowly apply negative gate bias supply voltage of -1.5 v to v g . step 3: slowly apply positive drain bias supply voltage of +5 v to v d . step 4: adjust gate bias voltage to set the quiescent current of i dq =700 ma. note: an example of an auto bias sequencing circuit to apply negativ e gate voltage and positive drain voltage for the above procedure is shown below. step 5: after the bias condition is established, the rf input signal may now be applied at the appropriate frequency band. step 6: follow turn-off sequence of: (i) turn off rf input power. (ii) turn down and off drain voltage (v d ). (iii) turn down and off gate bias voltage (v g ). application information auto-bias circuit mmic_+v da or v db mmic_-v ga or v db
r3.1 sept. 15, 2004 doc. 1318 page 5 of 7 www.iterrac.com ITR39000 37-40 ghz 0.8 watt power amplifier mmic iterra communications 2400 geng road, ste. 100, palo alto, ca 94303 phone (650) 424-1937 fax(650) 424-1938 this is a production data sheet. se e ?product status definitions? on web site or catalog for product development status. performance data ITR39000 gain vs. frequency v d =5v, i d =700ma 22.0 22.5 23.0 23.5 24.0 24.5 25.0 36.5 37.0 37.5 38.0 38.5 39.0 39.5 40.0 40.5 frequency (ghz) gain (db) ITR39000 saturated pout vs. frequency v d =5v, i d =700ma 28.0 28.5 29.0 29.5 30.0 36.5 37.0 37.5 38.0 38.5 39.0 39.5 40.0 40.5 frequency (ghz) pout (dbm)
r3.1 sept. 15, 2004 doc. 1318 page 6 of 7 www.iterrac.com ITR39000 37-40 ghz 0.8 watt power amplifier mmic iterra communications 2400 geng road, ste. 100, palo alto, ca 94303 phone (650) 424-1937 fax(650) 424-1938 this is a production data sheet. se e ?product status definitions? on web site or catalog for product development status. bias conditions: v d =5v l dq =700ma f=37 ghz output power, power added efficiency, gain and compression 30 25 20 15 10 5 20 15 10 5 0 -5 -20 -15 - 10 -5 0 5 10 15 20 pout max: 27.98 dbm gain pout pae comp pin (dbm) gain & comp (db), pae (%) pout (dbm) x x x x x performance data rmpa39000 s-parameters vs. frequency vd=5v idq=700ma -30 -20 -10 0 10 20 30 20 25 30 35 40 45 50 frequency (ghz) sij (db) s11 s21 s22 ITR39000 s-parameters vs. frequency v d =5v i dq =700ma
r3.1 sept. 15, 2004 doc. 1318 page 7 of 7 www.iterrac.com ITR39000 37-40 ghz 0.8 watt power amplifier mmic iterra communications 2400 geng road, ste. 100, palo alto, ca 94303 phone (650) 424-1937 fax(650) 424-1938 this is a production data sheet. se e ?product status definitions? on web site or catalog for product development status. performance data rmpa39000 oip3 vs. output power/tone vd=5v, idq=700ma, tone sep 10 mhz 32 33 34 35 36 37 38 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 pout/tone (dbm) oip3 (dbm) 37 ghz 38 ghz 39 ghz 40 ghz ITR39000 oip3 vs. output power/tone v d =5v, i dq = 700ma, tone sep 10 mhz


▲Up To Search▲   

 
Price & Availability of ITR39000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X