Part Number Hot Search : 
BR5010 NDH8521C ABT162 02R15S1 C2500 FN4084 3362X204 12060
Product Description
Full Text Search
 

To Download IRLML6401TRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameter typ. max. units r ja maximum junction-to-ambient  75 100  
hexfet   power mosfet thermal resistance v dss = -12v r ds(on) = 0.05 ? parameter max. units v ds drain- source voltage -12 v i d @ t a = 25c continuous drain current, v gs @ -4.5v -4.3 i d @ t a = 70c continuous drain current, v gs @ -4.5v -3.4 a i dm pulsed drain current  -34 p d @t a = 25c power dissipation 1.3 p d @t a = 70c power dissipation 0.8 linear derating factor 0.01 w/c e as single pulse avalanche energy  33 mj v gs gate-to-source voltage 8.0 v t j, t stg junction and storage temperature range -55 to + 150 c 
     these p-channel mosfets from international rectifier utilize advanced processing techniques to achieve extremely low on- resistance per silicon area. this benefit, combined with the fast switching speed and ruggedized device design that hexfet ? power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in battery and load management. a thermally enhanced large pad leadframe has been incorporated into the standard sot-23 package to produce a hexfet power mosfet with the industry's smallest footprint. this package, dubbed the micro3 ? , is ideal for applications where printed circuit board space is at a premium. the low profile (<1.1mm) of the micro3 allows it to fit easily into extremely thin application environments such as portable electronics and pcmcia cards. the thermal resistance and power dissipation are the best available.    micro3 ?       ultra low on-resistance  p-channel mosfet  sot-23 footprint  low profile (<1.1mm)  available in tape and reel  fast switching  1.8v gate rated  lead-free  halogen-free product specification sales@twtysemi.com 1 of 2 http://www.twtysemi.com 4008-318-123
parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) ??? ??? showing the i sm pulsed source current integral reverse (body diode)  ??? ??? p-n junction diode. v sd diode forward voltage ??? ??? -1.2 v t j = 25c, i s = -1.3a, v gs = 0v  t rr reverse recovery time ??? 22 33 ns t j = 25c, i f = -1.3a q rr reverse recoverycharge ??? 8.0 12 nc di/dt = -100a/s     repetitive rating; pulse width limited by max. junction temperature.   pulse width 300s; duty cycle 2%. source-drain ratings and characteristics -1.3 -34  s d g  
        ! "       starting t j = 25c, l = 3.5mh r g = 25 ? , i as = -4.3a. parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage -12 ??? ??? v v gs = 0v, i d = -250a ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? -0.007 ??? v/c reference to 25c, i d = -1ma ??? ??? 0.050 v gs = -4.5v, i d = -4.3a   r ds(on) static drain-to-source on-resistance ### ??? 0.085 v gs = -2.5v, i d = -2.5a  ### ??? 0.125 v gs = -1.8v, i d = -2.0a  v gs(th) gate threshold voltage -0.40 -0.55 -0.95 v v ds = v gs , i d = -250a g fs forward transconductance 8.6 ??? ??? s v ds = -10v, i d = -4.3a ??? ??? -1.0 v ds = -12v, v gs = 0v ??? ??? -25 v ds = -9.6v, v gs = 0v, t j = 55c gate-to-source forward leakage ??? ??? -100 v gs = -8.0v gate-to-source reverse leakage ??? ??? 100 v gs = 8.0v q g total gate charge ??? 10 15 i d = -4.3a q gs gate-to-source charge ??? 1.4 2.1 nc v ds = -10v q gd gate-to-drain ("miller") charge ??? 2.6 3.9 v gs = -5.0v  t d(on) turn-on delay time ??? 11 ??? v dd = -6.0v t r rise time ??? 32 ??? i d = -1.0a t d(off) turn-off delay time ??? 250 ??? r d = 6.0 ? t f fall time ??? 210 ??? r g = 89 ?   c iss input capacitance ??? 830 ??? v gs = 0v c oss output capacitance ??? 180 ??? pf v ds = -10v c rss reverse transfer capacitance ??? 125 ??? ? = 1.0mhz electrical characteristics @ t j = 25c (unless otherwise specified) $  a ? i dss drain-to-source leakage current na ns 
product specification sales@twtysemi.com 2 of 2 http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of IRLML6401TRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X