Part Number Hot Search : 
5630D7 LT1232 12030 K525CSEM ST5870 MR100 KE200 GRM18
Product Description
Full Text Search
 

To Download IRLML6302TRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
    
        ? 
  
    
      !   "    # $ % &       '   (
) (  % 
 %  !    !!     !   *% +,  % -%
)     ! %  # $ 
    (  
    %    $ 
   ' .    
  (         ,&/0 -!     *% +, %   $1 
   '   -!) ((  + 0)  
     %       (       '   % 
 23'3 
 + 0 % 
 $   # $            (     *4+4. ' 
 
 
                  ! "#$%$&&'  ()*    +        
      
           
           !   "     
 #  $  %& '()* +     ,-*  ( . /  !0! 1!2*03!0!        4*!-( %$2(  5/    
   

 2  67%%4*%8  999 +   
 &  + micro3 tm      www.irf.com 1 

www.irf.com 2  


      
 -* :1!#  (  999 999    
  
 ; ?    ?   :1!#  ( %$ <<* 999 " 999 %  2< *   
/% 999 999    
   
/  999 999 "   
  
+/   
 , == ! (  999 /    
    
 ; (  )#! *!**   999 999 -   
/  
+/ 999 999 /   
/  
 999 999    
/  
  
/ ,-* )#! '1( 999 999 /   
/ , -*20'1( 999 999 /   
/ >   , =( 999  +   
/ >  ,-* =( 999       
 / >  ,?@6 @a =( 999 / /   
 -)(!"   
 b 3 % 999 /+ 999   
/   2 % 999 / 999   
/  
 b<< 3 % 999  999 2  
 ?   )  % 999  999 2  
/ ?, -)(/   $ $** 999 " 999   
  b$ $** 999 + 999 $)   
 /   20 < $** 999  999 c
/6de-)( ? ;      -*'1(  2 
 -*-*b2*     
  !"#   2$0(f$ #!= %!83%7g*%$?-<(//a  i sd /!! ;  
   /    #!= +;f!3*3*  h  -<*%!)28! * parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) showing the i sm pulsed source current integral reverse (body diode)  p-n junction diode. v sd diode forward voltage ??? ??? -1.2 v t j = 25c, i s = -0.61a, v gs = 0v  t rr reverse recovery time ??? 35 53 ns t j = 25c, i f = -0.61a q rr reverse recovery charge ??? 26 39 nc di/dt = -100a/s  $ %


"  s d g 999 999 " 999 999   

www.irf.com 3  

          

         
 0.01 0.1 1 10 0.1 1 10 d ds 20s pulse width t = 25c a -i , drain-to-source current (a) -v , drain-to-source voltage (v) j -1.5v vgs top - 7.5v - 5.0v - 4.0v - 3.5v - 3.0v - 2.5v - 2.0v bottom - 1.5v 0.01 0.1 1 10 0.1 1 10 d ds 20s pulse width t = 150c a -i , drain-to-source current (a) -v , drain-to-source voltage (v) j vgs top - 7.5v - 5.0v - 4.0v - 3.5v - 3.0v - 2.5v - 2.0v bottom - 1.5v -1.5v 0.01 0.1 1 10 1.5 2.0 2.5 3.0 3.5 4.0 4.5 t = 25c t = 150c j j gs d a -i , drain-to-source current (a) -v , gate-to-source voltage (v) v = -10v 20s pulse width ds 0.0 0.5 1.0 1.5 2.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 j t , junction temperature (c) r , drain-to-source on resistance ds(on) (normalized) a i = -0.61a v = -4.5v d gs

www.irf.com 4 
     
    
      !"
  #   $   $  
  0 20 40 60 80 100 120 140 160 180 1 10 100 c, capacitance (pf) a ds -v , drain-to-source voltage (v) v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss 0 2 4 6 8 10 0.0 1.0 2.0 3.0 4.0 g gs a -v , gate-to-source voltage (v) q , total gate charge (nc) i = -0.61a v = -16v for test circuit see figure 9 d ds 0.01 0.1 1 10 0.4 0.6 0.8 1.0 1.2 1.4 t = 25c t = 150c j j v = 0v gs sd sd a -i , reverse drain current (a) -v , source-to-drain voltage (v) 0.1 1 10 1 10 100 operation in this area limited by r ds(on) t = 25c t = 150c single pulse a -i , drain current (a) -v , drain-to-source voltage (v) ds d a j 100s 1ms 10ms

www.irf.com 5 + -  !"
% &  '()
  #* v ds 90% 10% v gs t d(on) t r t d(off) t f       
     +&    1   !"# 0.1 % 2      2  i   ,$  +& q g q gs q gd v g charge  $    
 -. d.u.t. v ds i d i g -3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + -   0.1 1 10 100 1000 0.00001 0.0001 0.001 0.01 0.1 1 10 100 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thja a p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thja 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)

www.irf.com 6  
       p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - -    2    ? !0!* !832  ?   * !833)*@@ ? i 0*i!  

*'3 ! ? '#-3!**  ? ,!   ? '#'1(!**    <%  / 20 3< = jji = 0< = 6% /   j // , - 01 ///   
 <'(*'0 !+00* , - ...  2 3%4%

www.irf.com 7 micro3 (sot-23 / to-236ab) part marking information    !
"#
"$"%
 &'()
     %             

 
            


   
                                            
   ! 
                                         
   
  
    
       

  
     
      
  
  
  
   
   
  
   

    
 

 
             
!   

          
       
   !"            

       
# #        
       $ %      &  "   & "         
# '  
#       $  %  
   
    

 note: for the most current drawing please refer to ir website at http://www.irf.com/package

www.irf.com 8 data and specifications subject to change without notice. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 08/2007  ? 

       %         2.05 ( .080 ) 1.95 ( .077 ) tr feed direction 4.1 ( .161 ) 3.9 ( .154 ) 1.6 ( .062 ) 1.5 ( .060 ) 1.85 ( .072 ) 1.65 ( .065 ) 3.55 ( .139 ) 3.45 ( .136 ) 1.1 ( .043 ) 0.9 ( .036 ) 4.1 ( .161 ) 3.9 ( .154 ) 0.35 ( .013 ) 0.25 ( .010 ) 8.3 ( .326 ) 7.9 ( .312 ) 1.32 ( .051 ) 1.12 ( .045 ) 9.90 ( .390 ) 8.40 ( .331 ) 178.00 ( 7.008 ) max. notes: 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541. note: for the most current drawing please refer to ir website at http://www.irf.com/package


▲Up To Search▲   

 
Price & Availability of IRLML6302TRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X