Part Number Hot Search : 
BS24VDC1 16FB14ER STV8287 AN234 68MHZ MAX3735A A5800 B1027
Product Description
Full Text Search
 

To Download HMC591LP5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  amplifiers - smt 5 5 - 598 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com HMC591LP5 / 591lp5e v02.0107 general description features functional diagram the HMC591LP5 & HMC591LP5e are high dynamic range gaas phemt mmic 2 watt power amplifi ers which operate from 6 to 9.5 ghz. the amplifi er provides 18 db of gain, +33 dbm of saturated power, and 19% pae from a +7.0v supply. this 50 ohm matched amplifi er does not require any external components and the rf i/os are dc blocked for robust operation. for applications which require optimum oip3, idd should be set for 940 ma, to yield +41 dbm oip3. for applications which require optimum out- put p1db, idd should be set for 1340 ma, to yield +33 dbm output p1db. saturated output power: +33 dbm @ 20% pae output ip3: +41 dbm gain: 18 db dc supply: +7.0 v @ 1340 ma 50 ohm matched input/output qfn leadless smt packages, 25 mm 2 electrical specifications, t a = +25 c, vdd = +7v, idd = 1340 ma [1] typical applications the HMC591LP5 / HMC591LP5e is ideal for use as a power amplifi er for: ? point-to-point radios ? point-to-multi-point radios ? test equipment & sensors ? military end-use ? space parameter min. typ. max. min. typ. max. units frequency range 6 - 8 6 - 9.5 ghz gain 16 19 15 18 db gain variation over temperature 0.05 0.05 db/ c input return loss 14 12 db output return loss 12 10 db output power for 1 db compression (p1db) 30 32 30 33 dbm saturated output power (psat) 32.5 33 dbm output third order intercept (ip3) [2] 41 41 dbm supply current (idd) 1340 1340 ma [1] adjust vgg between -2 to 0v to achieve idd= 1340 ma typical. [2] measurement taken at 7v @ 940ma, pin/tone = -15 dbm gaas phemt mmic 2 watt power amplifier, 6.0 - 9.5 ghz
amplifiers - smt 5 5 - 599 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com HMC591LP5 / 591lp5e v02.0107 gaas phemt mmic 2 watt power amplifier, 6.0 - 9.5 ghz input return loss vs. temperature output return loss vs. temperature broadband gain & return loss gain vs. temperature p1db vs. temperature psat vs. temperature -25 -20 -15 -10 -5 0 5 10 15 20 25 456789101112 s21 s11 s22 response (db) frequency (ghz) -25 -20 -15 -10 -5 0 456789101112 +25c +85c -40c return loss (db) frequency (ghz) 26 27 28 29 30 31 32 33 34 35 36 6 6.5 7 7.5 8 8.5 9 9.5 10 +25c +85c -40c psat (dbm) frequency (ghz) 26 27 28 29 30 31 32 33 34 35 36 6 6.5 7 7.5 8 8.5 9 9.5 10 +25c +85c -40c p1db (dbm) frequency (ghz) -25 -20 -15 -10 -5 0 456789101112 +25c +85c -40c return loss (db) frequency (ghz) 8 10 12 14 16 18 20 22 24 26 28 6 6.5 7 7.5 8 8.5 9 9.5 10 +25c +85c -40c gain (db) frequency (ghz)
amplifiers - smt 5 5 - 600 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com v02.0107 gaas phemt mmic 2 watt power amplifier, 6.0 - 9.5 ghz power compression @ 8 ghz, 7v @ 1340 ma output ip3 vs. temperature 7v @ 940 ma, pin/tone = -15 dbm output im3, 7v @ 940 ma output im3, 7v @ 1340 ma 10 20 30 40 50 60 70 80 90 100 -20 -18 -16 -14 -12 -10 -8 -6 -4 -2 0 2 4 6 8 6 ghz 7 ghz 8 ghz 9 ghz 10 ghz im3 (dbc) pin/tone (dbm) 0 5 10 15 20 25 30 35 -14 -12 -10 -8 -6 -4 -2 0 2 4 6 8 10 12 14 16 18 pout gain pae pout(dbm), gain (db), pae(%) input power (dbm) 10 20 30 40 50 60 70 80 90 100 -20 -18 -16 -14 -12 -10 -8 -6 -4 -2 0 2 4 6 8 6 ghz 7 ghz 8 ghz 9 ghz 10 ghz im3 (dbc) pin/tone (dbm) 26 28 30 32 34 36 38 40 42 44 46 6 6.5 7 7.5 8 8.5 9 9.5 10 +25c +85c -40c oip3 (dbm) frequency (ghz) psat vs. current p1db vs. current 26 27 28 29 30 31 32 33 34 35 36 6 6.5 7 7.5 8 8.5 9 9.5 10 940 ma 1140 ma 1340 ma psat (dbm) frequency (ghz) 26 27 28 29 30 31 32 33 34 35 36 6 6.5 7 7.5 8 8.5 9 9.5 10 940 ma 1140 ma 1340 ma p1db (dbm) frequency (ghz) HMC591LP5 / 591lp5e
amplifiers - smt 5 5 - 601 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com v02.0107 gaas phemt mmic 2 watt power amplifier, 6.0 - 9.5 ghz reverse isolation vs. temperature, 7v @ 1340 ma power dissipation -80 -70 -60 -50 -40 -30 -20 -10 0 6 6.5 7 7.5 8 8.5 9 9.5 10 +25c +85c -40c isolation (db) frequency (ghz) gain & power vs. supply voltage @ 8 ghz gain & power vs. supply current @ 8 ghz 16 18 20 22 24 26 28 30 32 34 36 6.5 7 7.5 gain p1db psat gain (db), p1db (dbm), psat(dbm) vdd supply voltage (vdc) 16 18 20 22 24 26 28 30 32 34 36 940 1140 1340 gain p1db psat gain (db), p1db (dbm), psat(dbm) idd supply current (ma) 6 6.5 7 7.5 8 8.5 9 9.5 10 -14 -12 -10 -8 -6 -4 -2 0 2 4 6 8 10 12 14 6 ghz 7 ghz 8 ghz 9 ghz 10 ghz power dissipation (w) input power (dbm) absolute maximum ratings drain bias voltage (vdd) +8 vdc gate bias voltage (vgg) -2.0 to 0 vdc rf input power (rfin)(vdd = +7.0 vdc) +15 dbm channel temperature 175 c continuous pdiss (t= 75 c) (derate 104.3 mw/c above 75 c) 10.43 w thermal resistance (channel to package bottom) 9.59 c/w storage temperature -65 to +150 c operating temperature -40 to +85 c vdd (v) idd (ma) +6.5 1350 +7.0 1340 +7.5 1330 typical supply current vs. vdd note: amplifier will operate over full voltage ranges shown above vgg adjusted to achieve idd = 1340 ma at +7.0v electrostatic sensitive device observe handling precautions HMC591LP5 / 591lp5e
amplifiers - smt 5 5 - 602 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com v02.0107 gaas phemt mmic 2 watt power amplifier, 6.0 - 9.5 ghz notes: 1. leadframe material: copper alloy 2. dimensions are in inches [millimeters] 3. lead spacing tolerance is non-cumulative 4. pad burr length shall be 0.15mm maximum. pad burr height shall be 0.05mm maximum. 5. package warp shall not exceed 0.05mm. 6. all ground leads and ground paddle must be soldered to pcb rf ground. 7. refer to hittite application note for suggested land pattern. part number package body material lead finish msl rating package marking [3] HMC591LP5 low stress injection molded plastic sn/pb solder msl1 [1] h591 xxxx HMC591LP5e rohs-compliant low stress injection molded plastic 100% matte sn msl1 [2] h591 xxxx [1] max peak refl ow temperature of 235 c [2] max peak refl ow temperature of 260 c [3] 4-digit lot number xxxx package information outline drawing HMC591LP5 / 591lp5e
amplifiers - smt 5 5 - 603 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com v02.0107 gaas phemt mmic 2 watt power amplifier, 6.0 - 9.5 ghz pad descriptions pad number function description interface schematic 1, 2, 6 - 8, 10 - 12, 14, 15, 17 - 19, 23, 24, 26, 27, 29 - 31 n/c not connected. 3, 5, 20, 22 gnd package bottom has an exposed metal paddle that must be connected to rf/dc ground. 4rfin this pad is ac coupled and matched to 50 ohms. 9vgg gate control for amplifi er. adjust to achieve idd of 1340 ma. please follow mmic amplifi er biasing procedure application note. external bypass capacitors of 100 pf and 2.2 f are required. 13, 16, 25, 28, 32 vdd 1-5 power supply voltage for the amplifi er. external bypass capacitors of 100 pf and 2.2 f are required. 21 rfout this pad is ac coupled and matched to 50 ohms. HMC591LP5 / 591lp5e
amplifiers - smt 5 5 - 604 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application circuit v02.0107 gaas phemt mmic 2 watt power amplifier, 6.0 - 9.5 ghz component value c1 - c6 100pf c7 - c12 2.2f HMC591LP5 / 591lp5e
amplifiers - smt 5 5 - 605 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com v02.0107 gaas phemt mmic 2 watt power amplifier, 6.0 - 9.5 ghz evaluation pcb the circuit board used in the fi nal application should use rf circuit design techniques. signal lines should have 50 ohm impedance while the package ground leads and package bottom should be connected directly to the ground plane similar to that shown. a suffi cient number of via holes should be used to connect the top and bottom ground planes. the evaluation board should be mounted to an appropriate heat sink. the evaluation circuit board shown is available from hittite upon request. list of materials for evaluation pcb 108190 [1] item description j1 - j2 pcb mount sma connector j3 - j4 dc pin c1 - c6 100pf capacitor, 0402 pkg. c7 - c12 2.2 f capacitor, 1206 pkg u1 HMC591LP5 / HMC591LP5e pcb [2] 109001 evaluation pcb [1] reference this number when ordering complete evaluation pcb [2] circuit board material: rogers 4350 HMC591LP5 / 591lp5e


▲Up To Search▲   

 
Price & Availability of HMC591LP5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X