Part Number Hot Search : 
CV311 RCA34R 2SD880O 2SK1315L 5553CRM W91430N MNR4G FSDM0565
Product Description
Full Text Search
 

To Download HMC591 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  amplifiers - chip 1 1 - 222 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com HMC591 v01.0107 general description features functional diagram the HMC591 is a high dynamic range gaas phemt mmic 2 watt power amplifi er which operates from 6 to 10 ghz. this amplifi er die provides 23 db of gain and +34 dbm of saturated power, at 24% pae from a +7.0v supply. output ip3 is +43 dbm typical. the rf i/os are dc blocked and matched to 50 ohms for ease of integration into multi-chip-modules (mcms). all data is taken with the chip in a 50 ohm test fi xture connected via 0.025mm (1 mil) diameter wire bonds of length 0.31mm (12 mils). for applications which require optimum oip3, idd should be set for 940 ma, to yield +43 dbm oip3. for applications which require optimum output p1db, idd should be set for 1340 ma, to yield +33 dbm output p1db. saturated output power: +34 dbm @ 24% pae output ip3: +43 dbm gain: 23 db dc supply: +7.0 v @ 1340 ma 50 ohm matched input/output 2.47 mm x 2.49 mm x 0.1 mm electrical specifications, t a = +25 c, vdd = +7v, idd = 1340 ma [1] typical applications the HMC591 is ideal for use as a power amplifi er for: ? point-to-point radios ? point-to-multi-point radios ? test equipment & sensors ? military end-use ? space parameter min. typ. max. min. typ. max. units frequency range 6 - 10 6.8 - 9 ghz gain 20 23 20 23 db gain variation over temperature 0.05 0.05 db/ c input return loss 12 14 db output return loss 11 10 db output power for 1 db compression (p1db) 30 33 30.5 33.5 dbm saturated output power (psat) 33.5 34 dbm output third order intercept (ip3) [2] 43 43 dbm supply current (idd) 1340 1340 ma [1] adjust vgg between -2 to 0v to achieve idd= 1340 ma typical. [2] measurement taken at 7v @ 940ma, pin / tone = -15 dbm gaas phemt mmic 2 watt power amplifier, 6.0 - 10.0 ghz
amplifiers - chip 1 1 - 223 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com HMC591 v01.0107 gaas phemt mmic 2 watt power amplifier, 6.0 - 10.0 ghz input return loss vs. temperature output return loss vs. temperature broadband gain & return loss gain vs. temperature p1db vs. temperature psat vs. temperature -25 -20 -15 -10 -5 0 5 10 15 20 25 30 456789101112 s21 s11 s22 response (db) frequency (ghz) -25 -20 -15 -10 -5 0 456789101112 +25c +85c -40c return loss (db) frequency (ghz) 26 27 28 29 30 31 32 33 34 35 36 6 6.5 7 7.5 8 8.5 9 9.5 10 +25c +85c -55c psat (dbm) frequency (ghz) 26 27 28 29 30 31 32 33 34 35 36 6 6.5 7 7.5 8 8.5 9 9.5 10 +25c +85c -55c p1db (dbm) frequency (ghz) -25 -20 -15 -10 -5 0 456789101112 +25c +85c -40c return loss (db) frequency (ghz) 12 14 16 18 20 22 24 26 28 30 32 34 6 6.5 7 7.5 8 8.5 9 9.5 10 +25c +85c -40c gain (db) frequency (ghz)
amplifiers - chip 1 1 - 224 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com v00.0806 HMC591 gaas phemt mmic 2 watt power amplifier, 6.0 - 10.0 ghz power compression @ 8 ghz, 7v @ 1340 ma output ip3 vs. temperature 7v @ 940 ma, pin/tone = -15 dbm output im3, 7v @ 940 ma output im3, 7v @ 1340 ma 10 20 30 40 50 60 70 80 90 -20 -18 -16 -14 -12 -10 -8 -6 -4 -2 0 2 4 6 8 6 ghz 7 ghz 8 ghz 9 ghz 10 ghz im3 (dbc) pin/tone (dbm) 0 5 10 15 20 25 30 35 -14 -12 -10 -8 -6 -4 -2 0 2 4 6 8 10 12 14 16 pout gain pae pout(dbm), gain (db), pae(%) input power (dbm) 10 20 30 40 50 60 70 80 90 -20 -18 -16 -14 -12 -10 -8 -6 -4 -2 0 2 4 6 8 6 ghz 7 ghz 8 ghz 9 ghz 10 ghz im3 (dbc) pin/tone (dbm) 28 30 32 34 36 38 40 42 44 46 48 6 6.5 7 7.5 8 8.5 9 9.5 10 +25c +85c -55c oip3 (dbm) frequency (ghz) psat vs. current p1db vs. current 26 27 28 29 30 31 32 33 34 35 36 6 6.5 7 7.5 8 8.5 9 9.5 10 940 ma 1140 ma 1340 ma psat (dbm) frequency (ghz) 26 27 28 29 30 31 32 33 34 35 36 6 6.5 7 7.5 8 8.5 9 9.5 10 940 ma 1140 ma 1340 ma p1db (dbm) frequency (ghz)
amplifiers - chip 1 1 - 225 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com absolute maximum ratings drain bias voltage (vdd) +8 vdc gate bias voltage (vgg) -2.0 to 0 vdc rf input power (rfin)(vdd = +7.0 vdc) +15 dbm channel temperature 175 c continuous pdiss (t= 85 c) (derate 117.6 mw/c above 85 c) 10.59 w thermal resistance (channel to die bottom) 8.5 c/w storage temperature -65 to +150 c operating temperature -55 to +85 c vdd (v) idd (ma) +6.5 1355 +7.0 1340 +7.5 1325 typical supply current vs. vdd note: amplifier will operate over full voltage ranges shown above vgg adjusted to achieve idd = 1340 ma at +7.0v electrostatic sensitive device observe handling precautions v00.0806 HMC591 gaas phemt mmic 2 watt power amplifier, 6.0 - 10.0 ghz reverse isolation vs. temperature, 7v @ 1340 ma power dissipation -80 -70 -60 -50 -40 -30 -20 -10 0 6 6.5 7 7.5 8 8.5 9 9.5 10 +25c +85c -40c isolation (db) frequency (ghz) gain & power vs. supply current @ 8 ghz gain & power vs. supply voltage @ 8 ghz 18 20 22 24 26 28 30 32 34 36 38 940 1140 1340 gain p1db psat gain (db), p1db (dbm), psat(dbm) idd supply current (ma) 18 20 22 24 26 28 30 32 34 36 38 6.5 7 7.5 gain p1db psat gain (db), p1db (dbm), psat(dbm) vdd supply voltage (v) 5 5.5 6 6.5 7 7.5 8 8.5 9 9.5 10 -14 -12 -10 -8 -6 -4 -2 0 2 4 6 8 10 12 14 6ghz 7ghz 8ghz 9ghz 10ghz power dissipation (w) input power (dbm)
amplifiers - chip 1 1 - 226 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com outline drawing notes: 1. all dimensions are in inches [mm] 2. die thickness is .004 3. typical bond pad is .004 square 4. backside metallization: gold 5. bond pad metallization: gold 6. backside metal is ground. 7. connection not required for unlabeled bond pads. 8. overall die size .002 die packaging information [1] standard alternate gp-1 [2] [1] refer to the packaging information section for die packaging dimensions. [2] for alternate packaging information contact hittite microwave corporation. v00.0806 HMC591 gaas phemt mmic 2 watt power amplifier, 6.0 - 10.0 ghz
amplifiers - chip 1 1 - 227 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com pad descriptions pad number function description interface schematic 1rfin this pad is ac coupled and matched to 50 ohms. 3 - 5, 7, 8 vdd 1-5 power supply voltage for the amplifi er. external bypass capacitors of 100 pf and 0.1 f are required. 6rfout this pad is ac coupled and matched to 50 ohms. 9vgg gate control for amplifi er. adjust to achieve idd of 1340 ma. please follow mmic amplifi er biasing procedure application note. external bypass capacitors of 100 pf and 0.1 f are required. die bottom gnd die bottom must be connected to rf/dc ground. v00.0806 HMC591 gaas phemt mmic 2 watt power amplifier, 6.0 - 10.0 ghz
amplifiers - chip 1 1 - 228 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com assembly diagram v00.0806 HMC591 gaas phemt mmic 2 watt power amplifier, 6.0 - 10.0 ghz
amplifiers - chip 1 1 - 229 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com mounting & bonding techniques for millimeterwave gaas mmics the die should be attached directly to the ground plane eutectically or with conductive epoxy (see hmc general handling, mounting, bonding note). 50 ohm microstrip transmission lines on 0.127mm (5 mil) thick alumina thin fi lm substrates are recommended for bringing rf to and from the chip (figure 1). if 0.254mm (10 mil) thick alumina thin fi lm substrates must be used, the die should be raised 0.150mm (6 mils) so that the surface of the die is coplanar with the surface of the substrate. one way to accom- plish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached to the ground plane (figure 2). microstrip substrates should be located as close to the die as possible in order to minimize bond wire length. typical die-to-substrate spacing is 0.076mm to 0.152 mm (3 to 6 mils). handling precautions follow these precautions to avoid permanent damage. storage: all bare die are placed in either waffl e or gel based esd protec- tive containers, and then sealed in an esd protective bag for shipment. once the sealed esd protective bag has been opened, all die should be stored in a dry nitrogen environment. cleanliness: handle the chips in a clean environment. do not attempt to clean the chip using liquid cleaning systems. static sensitivity: follow esd precautions to protect against > 250v esd strikes. transients: suppress instrument and bias supply transients while bias is applied. use shielded signal and bias cables to minimize inductive pick- up. general handling: handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. the surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fi ngers. mounting the chip is back-metallized and can be die mounted with ausn eutectic preforms or with electrically conductive epoxy. the mounting surface should be clean and fl at. eutectic die attach: a 80/20 gold tin preform is recommended with a work surface temperature of 255 deg. c and a tool temperature of 265 deg. c. when hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 deg. c. do not expose the chip to a temperature greater than 320 deg. c for more than 20 seconds. no more than 3 seconds of scrubbing should be required for attachment. epoxy die attach: apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fi llet is observed around the perimeter of the chip once it is placed into position. cure epoxy per the manufacturers schedule. wire bonding ball or wedge bond with 0.025mm (1 mil) diameter pure gold wire. thermosonic wirebonding with a nominal stage temperature of 150 deg. c and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. use the minimum level of ultrasonic energy to achieve reliable wirebonds. wirebonds should be started on the chip and terminated on the package or substrate. all bonds should be as short as possible <0.31mm (12 mils). 0.102mm (0.004?) thick gaas mmic wire bond rf ground plane 0.127mm (0.005?) thick alumina thin film substrate 0.076mm (0.003?) figure 1. 0.102mm (0.004?) thick gaas mmic wire bond rf ground plane 0.254mm (0.010?) thick alumina thin film substrate 0.076mm (0.003?) figure 2. 0.150mm (0.005?) thick moly tab v00.0806 HMC591 gaas phemt mmic 2 watt power amplifier, 6.0 - 10.0 ghz


▲Up To Search▲   

 
Price & Availability of HMC591

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X