Part Number Hot Search : 
AD8624 TC143Z N4150 CWST872 KB8527 LTC236 CS458S10 ACS110
Product Description
Full Text Search
 

To Download HMC1095LP4E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 functional diagram electrical specifcations, t a = +25c, 75 ohms system, with vdd = +5v & vctl = 0/+5v (unless otherwise noted) the HMC1095LP4E is a broadband 6-bit gaas ic digital attenuator in a low cost leadless smt package. this versatile digital attenuator incorporates off-chip ac ground capacitors for near dc operation, making it suitable for a wide variety of rf and if applications. the dual mode control interface is cmos/ttl compatible, and accepts either a three wire serial input or a 6 bit parallel word. the HMC1095LP4E also features a user selectable power up state and a serial output port for cascading other hittite serial controlled components. the HMC1095LP4E is housed in a rohs compliant 4x4 mm qfn leadless package, and requires no external matching components. parameter frequency (ghz) min. typ. max. units insertion loss dc - 1.2 ghz 0.5 1.3 2 db attenuation range 31.5 db return loss (attin, attout, all atten. states) dc - 1.2 ghz 13 db attenuation accuracy: (referenced to insertion loss) all attenuation states dc - 1.0 ghz (0.20 + 5% of atten. setting) max. db input power for 1 db compression dc - 1.0 ghz 31 dbm input third order intercept point (two-tone input power = 10 dbm each tone) dc - 1.0 ghz 57 dbm switching speed trise, tfall (10 / 90% rf) ron , toff (50% le to 10 / 90% rf) dc - 3 ghz 60 90 ns ns typical applications features general description the HMC1095LP4E is ideal for: ? catv/ satellite set top boxes ? catv modems ? catv infrastructure ? data network equipment 0.5 db lsb steps to 31.5 db power-up state selection high input ip3: +57 dbm low insertion loss: 1.5 db @ 1.0 ghz ttl/cmos compatible, serial, parallel or latched parallel control 0.25 db typical step error single +3v or +5v supply 24 lead 4x4mm smt package: 16mm 2 at tenu a tors - s m t for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com HMC1095LP4E 0.5 db lsb gaas mmic 6-bit 75 ohms digital attenuator, dc - 3 ghz v00.0613


▲Up To Search▲   

 
Price & Availability of HMC1095LP4E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X