Part Number Hot Search : 
2J103 HD66727 BR605 DTA043Z FDS5692Z YG901C2R PCA9675 OB3316
Product Description
Full Text Search
 

To Download HF30ACC575032-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? all specifications are subject to change without notice.  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications. ferrite chip beads for power line acc (std) series type: issue date: hfxxacc2012 [0805 inch]* hfxxacc3216 [1206 inch] hfxxacc3225 [1210 inch] hfxxacc4532 [1812 inch] hfxxacc5750 [2220 inch] hfxxacc6350 * dimensions code jis[eia] december 2010
(1/4) 001-02 / 20101125 / e9413_acc.fm  all specifications are subject to change without notice. chip beads(smd) for power line hf70acc, hf50acc, hf30acc series features  with 4 types rated at 1.5a and 3 types rated at 3a, and with a range of frequency characteristics available for each type, the acc series facilitates selection of the most appropriate part for any given application.  effective emc suppression over a broad band can be achieved simply be inserting this product into the dc power line on the cir- cuit board.  available reflow soldering.  it is a product conforming to rohs directive. product identification (1) material name (2) series name (3) dimension code (4) packaging style t: ?180mm reel taping tl: ?330mm reel taping temperature ranges packaging style and quantities handling and precautions  before soldering, be sure to preheat components. the preheat- ing temperature should be set so that the temperature difference between the solder temperature and product temperature does not exceed 150c.  after mounting components onto the printed circuit board, do not apply stress through board bending or mishandling.  do not expose the inductors to stray magnetic fields.  avoid static electricity discharge during handling.  when hand soldering, apply the soldering iron to the printed cir- cuit board only. temperature of the iron tip should not exceed 350c. soldering time should not exceed 3 seconds. shapes and dimensions/circuit diagram dimensions in mm  dimension without tolerance is reference value. recommended pc board pattern reflow soldering dimensions in mm conformity to rohs directive hf70 acc 201209 - t (1) (2) (3) (4) operating ?40 to +125c storage ?40 to +125c packaging style type quantity taping 201209 2000 pieces/reel 321611 2000 pieces/reel 322513 2000 pieces/reel 453215 1000 pieces/reel 575018 500 pieces/reel 575032 500 pieces/reel 635050 300 pieces/reel ty p e l w t d 201209 2.00.2 1.250.2 0.90.2 0.30.2 321611 3.20.2 1.60.2 1.10.2 0.30.2 322513 3.20.2 2.50.2 1.30.2 0.30.2 453215 4.50.25 3.20.25 1.50.25 0.30.2 575018 5.70.4 5.00.3 1.80.3 0.2 575032 5.70.4 5.00.3 3.20.3 0.2 635050 6.40.4 5.00.3 4.740.3 0.2 ty p e a b c 201209 1.0 1.0 1.0 321611 1.1 2.2 1.4 322513 1.1 2.2 2.3 453215 1.5 3.0 3.0 575018 2.0 4.0 5.8 575032 2.0 4.0 5.8 635050 2.0 4.5 5.8 l w d t terminal electrode ferrite insulation resin no polarity aba c resist land pattern  please contact our sales office when your application are considered the following: the device?s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
(2/4) 001-02 / 20101125 / e9413_acc.fm  all specifications are subject to change without notice. electrical characteristics reco mmended soldering condition reflow soldering typical electrical characteristics z, x, r vs. frequency characteristics hf70acc201209 hf50acc201209 hf30acc201209 hf70acc321611 hf50acc321611 hf30acc321611 hf70acc322513 hf50acc322513 hf30acc322513  test equipment:rf impedance analyzer yhp4191a shape part no. impedance ( ? )[100mhz] dc resistance ( ? )max. rated current (a)max. 201209 hf70acc201209 1025% 0.03 1.5 hf50acc201209 1125% 0.03 1.5 hf30acc201209 725% 0.03 1.5 321611 hf70acc321611 2625% 0.04 1.5 hf50acc321611 3125% 0.04 1.5 hf30acc321611 1925% 0.04 1.5 322513 hf70acc322513 5225% 0.05 1.5 hf50acc322513 6025% 0.05 1.5 hf30acc322513 3125% 0.05 1.5 453215 hf70acc453215 12025% 0.05 1.5 hf50acc453215 12525% 0.05 1.5 hf30acc453215 7025% 0.05 1.5 575018 hf70acc575018 15025% 0.04 3.0 hf50acc575018 18025% 0.04 3.0 hf30acc575018 10025% 0.04 3.0 575032 hf70acc575032 30025% 0.04 3.0 hf50acc575032 40025% 0.04 3.0 hf30acc575032 27025% 0.04 3.0 635050 hf70acc635050 50025% 0.04 3.0 hf50acc635050 60025% 0.04 3.0 hf30acc635050 75025% 0.04 3.0 natural cooling 10s max. preheating 60 to 120s soldering 30 to 60s 230?c 250 to 260?c 180?c 150?c time(s) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? )
(3/4) 001-02 / 20101125 / e9413_acc.fm  all specifications are subject to change without notice. typical electrical characteristics z, x, r vs. frequency characteristics hf70acc453215 hf50acc453215 hf30acc453215 hf70acc575018 hf50acc575018 hf30acc575018 hf70acc575032 hf50acc575032 hf30acc575032 hf70acc635050 hf50acc635050 hf30acc635050  test equipment:rf impedance analyzer yhp4191a r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? ) r x z 1000 frequency ( mhz ) 100 10 1 1 10 100 1000 z, x, r ( ? )
(4/4) 001-02 / 20101125 / e9413_acc.fm  all specifications are subject to change without notice. packaging styles 201209 to 322513 types reel dimensions tape dimensions 453215 to 635050 types reel dimensions tape dimensions ty p e a b c d t 201209 1.40.1 2.250.1 4.00.1 2.00.05 1.25max. 321611 1.750.1 3.450.1 4.00.1 2.00.05 1.4max. 322513 2.60.1 3.450.1 4.00.1 2.00.05 1.6max. 1.0 ?180 2.0 2.0 0.5 ?13 0.2 ?21 0.8 ?60min. 14.4max. dimensions in mm 8.4 +2.0 ?0.0 8.0 0.3 3.5 0.05 b 1.75 0.1 ta 4.0 0.1 c d sprocket hole 1.5 +0.1 ?0.0 dimensions in mm 0.2 to 0.35 cavity 40 to 80 taping 200min. 300min. drawing direction dimensions in mm ty p e a b c d t 453215 3.370.1 4.750.1 8.00.1 2.00.05 1.8max. 575018 5.40.1 6.20.1 8.00.1 2.00.05 2.4max. 575032 5.40.1 6.20.1 8.00.1 2.00.05 3.8max. 635050 5.40.1 6.850.1 8.00.1 2.00.05 5.1max. 1.0 ?180 2.0 2.0 0.5 ?13 0.2 ?21 0.8 ?60min. 17.0 1.4 13.0 0.3 dimensions in mm 12.0 0.3 5.5 0.05 b 1.75 0.1 t a 4.0 0.1 d c sprocket hole 1.5 +0.1 ?0.0 dimensions in mm 0.3 to 0.5 cavity 40 to 80 taping 200min. 300min. drawing direction dimensions in mm


▲Up To Search▲   

 
Price & Availability of HF30ACC575032-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X