Part Number Hot Search : 
1N539 S3P9404 AD5316R STK0105 TLOU113P FL9096 N5217 CM7555
Product Description
Full Text Search
 

To Download HER251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HER251 thru her258 high efficiency rectifiers reverse voltage - 50 to 1000 volts forward current - 2.5 amperes the plastic package carries underwriters laboratory flammability classification 94v-0 high speed switching for high efficiency low reverse leakage high forward surge current capability high temperature soldering guaranteed: 250 c/10 seconds,0.375 ? (9.5mm) lead length, 5 lbs. (2.3kg) tension features mechanical data dimensions in inches and (millimeters) maximum ratings and electrical characteristics 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 volts volts volts symbols units amps amps volts v rrm v rms v dc i (av) i fsm v f 2.5 60.0 1.3 operating junction and storage temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 0.375 ? (9.5mm) lead length at t a =50 c peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 2.5a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c i r 5.0 100.0 r q ja c j t j , t stg 50.0 -65 to +150 pf c a m typical thermal resistance (note 3) c/w typical junction capacitance (note 2) maximum reverse recovery time (note 1) t rr 50 70 ns her 251 her 252 her 253 her 254 her 255 her 256 her 257 1000 700 1000 her 258 300 210 300 ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. 1.0 1.70 note: 1.reverse recovery condition i f =0.5a,i r =1.0a,irr=0.25a 2.measured at 1mhz and applied reverse voltage of 4.0v d.c. 3.thermal resistance from junction to ambient at 0.375 ? (9.5mm)lead length,p.c.b. mounted 30.0 20.0 mdd catalog number mdd electronic r-3 m i n . 1 . 0 ( 25 . 4 ) 0 . 160 ( 4 . 1) 0 . 040 ( 1 . 0) 0 . 042 ( 1 . 1) 0 . 160 ( 4 . 1 ) 0 . 138 ( 3 . 5 ) 0 . 138 ( 3 . 5) m i n . 1 . 0 ( 25 . 4 ) case : jedec r-3 molded plastic body terminals : plated axial leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any weight :0.012 ounce, 0.58 grams
ratings and characteristic curves HER251 thru her258 60 50 40 30 20 10 0.2 0.6 1.0 1.4 1.8 2.0 0.1 1.0 10 100 0.01 0.1 1 10 100 100 10 1 0.1 reverse voltage,volts t,pulse duration,sec. fig. 5-typical junction capacitance fig. 6-typical transient thermal impedance fig. 3-typical instantaneous forward characteristics number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified current, amperes instantaneous forward current,amperes junction capacitance, pf peak forward surge current, amperes instantaneous forward voltage, volts 1 10 100 0.01 0.1 1 20 10 t j =25 c 1 10 100 200 0 20 40 60 80 100 1,000 100 10 1 0.1 0.01 tj=100 c tj=25 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, microamperes transient thermal impedance, c/w ambient temperature, c t j =25 c pulse width=300 m s 1%duty cycle 8.3ms single half sine-wave (jedec method) HER251-her253 her254-her255 her256-her258 HER251-her255 her256-her258 mdd electronic s in g l e p ha s e ha l f w a v e 60hz 100 125 150 75 0 3 25 50 2 .0 1 200 0 175 re s i s t i v e o r i n d u c t i v e load


▲Up To Search▲   

 
Price & Availability of HER251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X