Part Number Hot Search : 
SOD80C RP024V SA121 SFH48 HT46R46E 24L15 MCT6H ADA7555
Product Description
Full Text Search
 

To Download HER251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HER251 - her258 high efficient rectifier diodes prv : 50 - 1000 volts io : 2.5 amperes features : * high current capability * high surge current capability * high reliability * low reverse current * low forward voltage drop * fast switching for high efficiency mechanical data : * case : d2a molded plastic * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil-std-202, method 208 guaranteed * polarity : color band denotes cathode end * mounting position : any * weight : 0.645 gram maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol her 251 her 252 her 253 her 254 her 255 her 256 her 257 her 258 unit maximum recurrent peak reverse voltage v rrm 50 100 200 300 400 600 800 1000 v maximum rms voltage v rms 35 70 140 210 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 300 400 600 800 1000 v maximum average forward current 0.375"(9.5mm) lead length ta = 55 c maximum peak forward surge current, 8.3ms single half sine wave superimposed on rated load (jedec method) maximum peak forward voltage at i f = 2.5 a v f 1.1 1.7 v maximum dc reverse current ta = 25 c i r 10 m a at rated dc blocking voltage ta = 100 c i r(h) 50 m a maximum reverse recovery time ( note 1 ) trr 50 75 ns typical junction capacitance ( note 2 ) c j 50 pf junction temperature range t j - 65 to + 150 c storage temperature range t stg - 65 to + 150 c notes : ( 1 ) reverse recovery test conditions : i f = 0.5 a, i r = 1.0 a, irr = 0.25 a. ( 2 ) measured at 1.0 mhz and applied reverse voltage of 4.0 v dc page 1 of 2 rev. 02 : march 24, 2005 a a rating i f(av) i fsm 100 2.5 d2a 0.040 (1.02) 0.0385 (0.98) 1.00 (25.4) min. 0.161 (4.1) 0.154 (3.9) 0.284 (7.2) 0.268 (6.8) 1.00 (25.4) min. dimensions in inches and ( millimeters ) * pb / rohs free
rating and characteristic curves ( HER251 - her258 ) fig.1 - reverse recovery time characteristic and test circuit diagram + notes : 1. rise time = 7 ns max., input impedance = 1 megaohm, 22 pf. 2. rise time = 10 ns max., source impedance = 50 ohms. 3. all resistors = non-inductive types. fig.2 - derating curve for output fig.3 - maximum non-repetitive peak rectified current forward surge current 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100 ambient temperature, ( c) number of cycles at 60hz fig.4 - typical forward characteristics fig.5 - typical reverse characteristics 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 page 2 of 2 rev. 02 : march 24, 2005 60hz resistive or inductive load 2.0 1.5 1.0 0.5 2.5 100 10 1.0 80 0 100 0 60 40 20 0.1 10 80 0.01 0.01 1.0 0.1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) peak forward surge current, amperes average forward output current, amperes forward current, amperes reverse current, microamperes t j = 25 c t j = 100 c t j = 25 c pulse width = 300 m s 2% duty cycle 8.3 ms single half sine wave ta = 50 c HER251-her255 her256-her258 50 vdc (approx) d.u.t. oscilloscope ( note 1 ) 1 w 50 w 10 w pulse generator ( note 2 ) trr + 0.5 a 0 - 0.25 a - 1.0 a 1 cm set time base for 25-35 ns/cm forward voltage, volts


▲Up To Search▲   

 
Price & Availability of HER251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X