Part Number Hot Search : 
R5F64 2SD82 BAS70XY 53201 BC857C CJ100A 26715QUQ LOK380
Product Description
Full Text Search
 

To Download GBU4005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099 1 GBU4005 thru gbu410 single phase 4.0 amps. glass passi vated bridge rectifiers voltage range 50 to 1000 volts current 4.0 amperes gbu features ideal for printed circuit board reliable low cost construction technique results in inexpensive product high temperature soldering guaranteed: 250 / 10 seconds / 0.375? ( 9.5mm ) lead length at 5 lbs., ( 2.3 kg ) tension ul recognized file number: e347214 mechanical data case: molded plastic lead: solder plated dimensions in inches and (millimeters) polarity: as marked maximum ratings and electrical characteristics rating at 25 ambient temperature unless o therwise specified. single phase, half wave, 60 hz, resistive or inducti ve load. for capacitive load, derate current by 20% gbu 4005 gbu 401 gbu 402 gbu 404 gbu 406 gbu 408 gbu 410 units maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current @t c = 100 i (av) 4.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 150 a maximum instantaneous forward voltage @ 2.0a @ 4.0a v f 1.0 1.1 v maximum dc reverse current @ t a =25 rated dc blocking voltage per leg t a = 125 i r 50 500 a typical thermal resistance (note1) (note2) r ja r jl 20 4.0 /w operating temperature range t j -55 to +150 storage temperature range t stg -55 to +150 note 1. mounted on p.c.b. with 0.50.5?(1212mm) copper pads,0.375?(9.5mm)lead length. 2. mounted on al. plate of 2.03.00.25?al-plate heatsink.
website: www.kingtronics.com email: info@kingtronics.com tel: (852) 8106 7033 fax: (852) 8106 7099 2 GBU4005 thru gbu410 rating and characteristic curves GBU4005 thru gbu410 note: specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of GBU4005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X